Part Number Hot Search : 
HD74LV 0512E EPA1990A HCS41001 2SC4981 25DMB TLGC191P TG25E
Product Description
Full Text Search
 

To Download MTA06N03NJ3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c442j3 issued date : 2009.03.02 revised date : page no. : 1/7 MTA06N03NJ3 cystek product specification n-channel enhancement mode power mosfet bv dss 25v MTA06N03NJ3 i d 80a r ds(on) 6m features ? 100% uis testing, @v d =15v, l=0.1mh, v g =10v, i l =40v, rated v ds =25v n-ch ? simple drive requirement ? repetitive avalanche rated ? fast switching characteristic ? rohs compliant package & halogen-free package symbol outline MTA06N03NJ3 to-252 absolute maximum ratings (t c =25 c, unless otherwise noted) parameter symbol limits unit drain-source voltage v ds 25 gate-source voltage v gs 20 v continuous drain current @ t c =25 c i d 80 continuous drain current @ t c =100c i d 50 pulsed drain current (note 1) i dm 170 avalanche current i as 53 a avalanche energy @ l=0.1mh, i d =53a, r g =25 e as 140 repetitive avalanche energy@ l=0.05mh (note 2) e ar 40 mj total power dissipation @ t c =25 83 total power dissipation @ t c =100 pd 45 w operating junction and storage temp erature range tj, tstg -55~+175 c note : 1. pulse width limited by maximum junction temperature 2. duty cycle 1% g gate g d s d drain s source
cystech electronics corp. spec. no. : c442j3 issued date : 2009.03.02 revised date : page no. : 2/7 MTA06N03NJ3 cystek product specification thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 1.8 c/w thermal resistance, junction-to-ambient, max r th,j-a 75 c/w characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 25 - - v v gs =0v, i d =250 a v gs(th) 1 1.5 3 v v ds = v gs , i d =250 a i gss - - 100 na v gs = 20, v ds =0v - - 1 v ds =20v, v gs =0v i dss - - 25 a v ds =20v, v gs =0v, tj=125 c *i d(on) 80 - - a v ds =10v, v gs =10v - 5.3 6 v gs =10v, i d =30a *r ds(on) - 7.6 9.5 m v gs =5v, i d =24a *g fs - 25 - s v ds =5v, i d =24a dynamic *qg(v gs =10v) - 50.8 - *qg(v gs =5v) - 28.5 - *qgs - 7.3 - *qgd - 15.5 - nc i d =30a, v ds =15v, v gs =10v *t d(on) - 21 - *tr - 15 - *t d(off) - 63 - *t f - 10 - ns v ds =15v, i d =25a, v gs =10v, r gs =2.7 ciss - 3745 - coss - 563 - crss - 375 - pf v gs =0v, v ds =15v, f=1mhz rg - 1.2 - v gs =15mv, v ds =0v, f=1mhz source-drain diode *i s - - 80 *i sm - - 170 a *v sd - - 1.3 v i f =i s , v gs =0v *trr - 32 - ns *qrr - 12 - nc i f =i s , v gs =0, di f /dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2% ordering information device package shipping marking MTA06N03NJ3 to-252 (rohs compliant & halogen-free) 2500 pcs / tape & reel b06n03
cystech electronics corp. spec. no. : c442j3 issued date : 2009.03.02 revised date : page no. : 3/7 MTA06N03NJ3 cystek product specification characteristic curves
cystech electronics corp. spec. no. : c442j3 issued date : 2009.03.02 revised date : page no. : 4/7 MTA06N03NJ3 cystek product specification characteristic curves(cont.)
cystech electronics corp. spec. no. : c442j3 issued date : 2009.03.02 revised date : page no. : 5/7 MTA06N03NJ3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c442j3 issued date : 2009.03.02 revised date : page no. : 6/7 MTA06N03NJ3 cystek product specification recommended wave soldering condition soldering time product peak temperature pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak 10-30 seconds 20-40 seconds temperature(tp) ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c442j3 issued date : 2009.03.02 revised date : page no. : 7/7 MTA06N03NJ3 cystek product specification to-252 dimension *: typical inches marking: b a c e h i j k 3 2 1 d f g l date code device name style: pin 1.gate 2.drain 3.source 3-lead to-252 plastic surface mount package cystek package code: j3 millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.0177 0.0217 0.45 0.55 g 0.0866 0.1102 2.20 2.80 b 0.0650 0.0768 1.65 1.95 h - *0.0906 - *2.30 c 0.0354 0.0591 0.90 1.50 i - 0.0449 - 1.14 d 0.0177 0.0236 0.45 0.60 j - 0.0346 - 0.88 e 0.2441 0.2677 6.20 6.80 k 0.2047 0.2165 5.20 5.50 f 0.2125 0.2283 5.40 5.80 l 0.0551 0.0630 1.40 1.60 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead : kfc; pure tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTA06N03NJ3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X