Part Number Hot Search : 
RB201 GI78LXX 5KE100A LM158 B5551 GI3055S B31N20D CS852
Product Description
Full Text Search
 

To Download MMBD6100W-AUA010001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.0.1-feb.10.2009 surface mount switching diodes voltage 80 volts 200mwatts mechanical case: sot-323 plastic terminals : solderable per mil-std-750,method 2026 approx weight : 0.005 gram marking : t4 data power absolute ratings note: 1. fr-4 board=70 x 60 x 1mm. thermal characteristics retemarap lobmys eulav stinu egatlovesrevermumixam v r 08 v egatlovesreverkaep v rrm 08 v tnerrucdrawrofsuounitnoc i f 2.0 a 0.1=ttatnerrucegrusdrawrofkaepevititeper-non s i fsm 4.0 a retemarap lobmys eulav stinu noitapissidrewop )1( p tot 002 wm tneibmaotnoitcnuj,ecnatsiserlamreht )1( r ja 526 o w/c erutarepmetnoitcnuj t j 051ot55- o c erutarepmetegarots t stg 051ot55- o c mmbd6100w-au data sheet common cathode sot-323 unit: inch (mm) 0.087(2.20) 0.070(1.80) 0.054(1.35) 0.045(1.15) 0.056(1.40) 0.047(1.20) 0.004(0.10)max. 0.004(0.10)min. 0.087(2.20) 0.078(2.00) 0.006(0.15) 0.002(0.05) 0.016(0.40) 0.008(0.20) 0.044(1.10) 0.035(0.90) features ? ? ? ? dual, common cathode configuration very fast reverse recovery ( trr< 2.0ns typical ) low capacitance ( < 2.5pf @ 0v) surface mount package ideally suited for anuomatic insetion acqire quality system certificate : ts16949 ? ? green molding compound as per iec61249 std. . (halogen free) lead free in comply with eu rohs 2002/95/ec directives. ? ? $(&4txdolilhg
page . 2 rev.0.1-feb.10.2009 electrical characteristics (t j =25 o c , unless otherwise noted) retemarap lobmys snoitidnoctset .nim .pyt .xam stinu egatlovnwodkaerbesrever v br i r 001= a 08 - - v tnerrucesrever i r v r v05= ? - 001 an egatlovdrawrof v f i f am1= i f am001= 55.0 58.0 - 7.0 1.1 v ecnaticapaclatot c t v r ,v0 =z hm1=f - - 5.2 fp )1erugif(emityrevoceresrever rrt i f i= r r,am01= l 001= ? - - 0.4 sn
electrical characteristic curves (each diode) rev.0.1-feb.10.2009 fig. 3. forward current vs. forward voltage 0.001 0.010 0.100 1.000 10.000 0 20 40 60 80 t j = 25 c t j = 75 c t j = 150 c 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 t j = 25 c t j = 75 c t j = -25 c t j = 150 c 0 0.5 1 1.5 2 2.5 0 10 20 30 40 50 60 70 80 fig. 2. reverse curren t vs. reverse voltage fig. 4. capacitance vs. reverse voltage page . 3
page . 4 rev.0.1-feb.10.2009 mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7 plastic reel order information 0.026 (0.66) 0.026 (0.65) 0.026 (0.65)
page . 5 part no_pa cking code_version mmbd6100w -au _r1_000a 1 mmbd6100w-au _r2_000a 1 for ex ample : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d mmbd6100w$8 5(9)(%
disclaimer z reproducing and modifying information of the document is prohibited without permission from panjit international inc.. z panjit international inc. reserves the right s to make changes of the content herein the document anytime without notific ation. please refer to our website for the latest document. z panjit international inc. disclaims any and a ll liability arising out of the application or use of any product including damages inci dentally and consequentially occurred. z panjit international inc. does not assume any and all im plied warranties, including warranties of fitness for particular pur pose, non-infringement and merchantability. z applications shown on the herein doc ument are examples of standard use and operation. customers are responsible in co mprehending the suitable use in particular applications. panjit international inc. make s no representation or warranty that such applications will be suitable for the specified us e without further testing or modification. z the products shown herein are not desi gned and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera . customers using or selli ng these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages result ing from such improper use or sale. mmbd6100w-au page . 6


▲Up To Search▲   

 
Price & Availability of MMBD6100W-AUA010001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X