Part Number Hot Search : 
SE2523BU C5024 74HC14DB SA9904B 1A334 1ZB300 9102C G13003
Product Description
Full Text Search
 

To Download MD300A12D3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  md300c18d3 document number: s-m0010 www. apt-semi .com rev.1.0, may.31, 2013 1 module type type v rrm v rsm md300c08d3 md300c12d3 md300c16d3 md300c18d3 md300a08d3 MD300A12D3 md300a16d3 md300a18d3 md300k08d3 md300k12d3 md300k16d3 md300k18d3 800v 1200v 1600v 1800v 900v 1300v 1700v 1900v maximum ratings symbol conditions values units i fav single phase ,half wave 180 conduction tc=85 300 a i fsm t=10ms tvj =45 11000 a i 2 t t=10ms tvj =45 605000 a 2 s v isol a.c.50hz;r.m.s.;1min 3000 v t vj -40 to 150 t stg -40 to 125 mt to terminals(m8) 915% nm ms to heatsink(m6) 515% nm weight module (approximately) 865 g thermal characteristics symbol conditions values units r th(j-c) per diode 0.08 /w r th(c-s) module 0.05 /w electrical characteristics circuit applications y non-controllable rectifiers for ac/ac converters y line rectifiers for transistorized ac motor controllers y field supply for dc motors features y blocking voltage: 800 to 1800v y heat transfer through aluminum oxide ceramic isolated metal baseplate rectifier diode modules v rrm 800 to 1800v i fav 300 a symbol conditions values units min. typ. max. v fm t=25 i f =900a 1.8 v i rd t vj =tvjm v rd =v rrm 15 ma applications y non-controllable rectifiers for ac/ac converters y line rectifiers for transistorized ac motor controllers y field supply for dc motors
md300c18d3 document number: s-m0010 www. apt-semi .com rev.1.0, may.31, 2013 2 performance curves fig3. transient thermal impedance fig4. max non-repetitive forward surge current fi g 1. power dissi p ation fig2.forward current derating curve fig5. forward characteristics 500 a 400 300 200 100 i d 0 0 tc 50 100 150 sin.180 1000 a 750 500 250 i f 0 0 v f 0.5 1.0 1.5 v 2.0 max. typ.
md300c18d3 document number: s-m0010 www. apt-semi .com rev.1.0, may.31, 2013 3 package outline information dimensions in mm case: d3


▲Up To Search▲   

 
Price & Availability of MD300A12D3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X