Part Number Hot Search : 
2B001 OPB846L 2SA1404 S3PDB AD8400 DRC4143T 300B1 S9015M
Product Description
Full Text Search
 

To Download MCSDRH73B-102MHF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inductor page <1> 15/03/11 v1.1 www.element14.com www.farnell.com www.newark.com features: ? ? ferrite based smd inductor with lower core loss. ? inductance range: 1 h to 1,000 h. custom values are welcome. ? high current output chokes, up to 8 amperes with about 30% roll off. ? low profile 3.55 mm maximum height. ? foot print 7.6 7.6 mm maximum. ? ideal for lcd driver, dsc/dvc, notebook pc or high density board design. ? operating temperature range -55c to + 130c. ? t and r quantity: 1,350 pieces, 13 inches reel. dimensions : millimetres mechanical dimensions typ. mcsdrh73b a 7.3 0.3 mm - b 7.3 0.3 mm - c 3.55 mm (max.) d 7 0.3 mm - e 3.9 mm (ref.) f 2 mm ocl (h) 20% dcr ( ? ? ) (typ.) dcr ( ? ? ) (max.) i sat (a) at 25c l at i sat (h) (typ.) i rms (a) at 25c l at i rms (h) (typ.) 1 0.0091 0.0109 8 0.785 6.5 0.89 1.5 0.0125 0.015 6.52 1.186 5.54 1.325 2.2 0.018 0.0216 5.52 1.7 4.6 1.95 3.3 0.023 0.0276 4.4 2.69 4.08 2.84 4.7 0.0297 0.0356 3.78 3.63 3.65 3.8 6.8 0.0415 0.0498 3.12 5.53 3.04 5.66 8.2 0.0525 0.063 2.8 6.5 2.7 6.7 10 0.0656 0.0787 2.5 8.16 2.35 8.48 15 0.08 0.096 2.05 10.3 2.12 9.65 22 0.108 0.13 1.67 15.25 1.83 13.9 33 0.166 0.199 1.35 24.75 1.48 19.75 47 0.231 0.277 1.14 33.2 1.25 27.9 68 0.331 0.397 0.96 48 1.04 41.33 82 0.41 0.492 0.89 55.05 0.94 49.3 100 0.491 0.589 0.79 71 0.86 60.33 150 0.751 0.901 0.65 100.8 0.69 88.9 220 1.05 1.26 0.53 156.3 0.59 126 electrical characteristics of mcsdrh73b series top view bottom view side view suggest pcb layout
inductor page <2> 15/03/11 v1.1 www.element14.com www.farnell.com www.newark.com ocl (h) 20% dcr ( ? ? ) (typ.) dcr ( ? ? ) (max.) i sat (a) at 25c l at i sat (h) (typ.) i rms (a) at 25c l at i rms (h) (typ.) 330 1.59 1.908 0.44 252.7 0.48 219.9 470 2.17 2.604 0.37 320.2 0.41 263.7 680 3.12 3.744 0.31 542.1 0.34 467.3 820 4.01 4.812 0.28 591.3 0.3 515.5 1,000 5.06 6.072 0.25 679.9 0.27 578.4 electrical characteristics of mcsdrh73b series note : 1. ocl (open circuit inductance) and l at i rms and l at i sat and dcr are measured at: 100 khz,0.25 v at 25oc. 2. i sat : dc current that causes inductance to drop by approximately 30% from ocl ; (t a = 25oc). 3. i rms : dc current that causes an approximate temperature rise ( ? t) of 40c ; (t a = 25oc). inductance vs. current


▲Up To Search▲   

 
Price & Availability of MCSDRH73B-102MHF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X