features ?plastic package has underwriters laboratory flammability classification 94v-0 ?dual rectifier construction, positive center tap ?metal silicon junction, majority carrier conduction ?low leakage current, low power loss, high efficiency ?guardring for overvoltage protection ?for use in high frequency inverters, free wheeling, and polarity protection applications mechanical data case: jedec to-220ab, ito-220ab, to-262aa molded plastic body terminals: plated leads, solderable per mil-std-750, method 2026 high temperature soldering guaranteed: 250?/10 seconds, 0.25" (6.35mm) from case (to-220ab, ito-220ab) at terminals (to-236ab) polarity: as marked mounting position: any mounting torque: 10 in-lbs maximum weight: 0.08 oz., 2.24 g mbr30h150ct, MBRF30H150CT & mbrb30h150ct-1 series www.kersemi.com 1 reverse voltage 150v forward current 30a max. junction temperature 175 c 0.405 (10.28) 0.389 (9.88) 0.370 (9.40) 0.354 (9.00) 0.523 (13.28) 0.507 (12.88) 0.425 (10.80) 0.393 (10.00) 0.102 (2.60) 0.087 (2.20) 0.185 (4.70) 0.169 (4.30) 0.055 (1.40) 0.049 (1.25) 0.062 (1.57) 0.054 (1.37) 0.055 (1.40) 0.039 (1.00) 0.488 (12.4) 0.472 (12.00) 12 k 3 pin 0.024 (0.60) 0.018 (0.45) 0.100 (2.54) typ. 0.200 (5.08) typ. 0.028 (0.70) 0.035 (0.90) 0.398 (10.10) 0.382 (9.70) case pin 2 pin 1 pin 3 0.531 (13.48) 0.507 (12.88) 0.024 (0.60) 0.018 (0.45) 0.138 (3.50) 0.122 (3.10) 0.141 (3.58) 0.125 (3.18) 1.29 (3.28) 1.21 (3.08) 0.100 (2.54) typ. 0.200 (5.08) typ. 0.058 (1.47) typ. 0.024 (0.60) 0.039 (1.00) 0.108 (2.74 ) 0.092 (2.34) 0.117 (2.96 ) 0.101 (2.56) 1.164 (29.55) 1.108 (28.15) 0.633 (16.07) 0.601 (15.67) 0.630 (16.00) 0.614 (15.60) dia. 0.370 (9.39) 0.354 (8.99) 0.396 (10.05) 0.372 (9.45) 123 pin case pin 2 pin 1 pin 3 0.408 (10.36) 0.392 (9.96) ito-220ab (MBRF30H150CT) to-220ab (mbr30h150ct) to-262aa (mbrb30h150ct-1) 0.398 (10.10) 0.382 (8.70) 0.523 (13.28) 0.507 (12.88) 0.185 (4.70 ) 0.169 (4.30) 0.024 (0.60) 0.018 (0.45) 0.114 (2.90) 0.106 (2.70) 0.634 (16.10) 0.618 (15.70) 0.055 (1.40) 0.047 (1.20) 0.154 (3.90) 0.138 (3.50) 0.150 (3.80) 0.139 (3.54) 0.118 (3.00) typ. 0.067 (1.70) typ. 0.100 (2.54) typ. 0.331 (8.40) typ. 0.343 (8.70) typ. 0.200 (5.08) typ. 0.056 (1.42) 0.064 (1.62) 0.028 (0.70) 0.035 (0.90) 0.055 (1.40 ) 0.049 (1.25) 0.102 (2.60 ) 0.087 (2.20) 1.161 (29.48) 1.105 (28.08) 0.638 (16.20 ) 0.598 (15.20 ) dia. 0.370 (9.40) 0.354 (9.00) 123 pin case pin 2 pin 1 pin 3 dimensions in inches and (millimeters)
maximum ratings (t c = 25? unless otherwise noted) parameter symbol mbr30h150ct unit maximum repetitive peak reverse voltage v rrm 150 v working peak reverse voltage v rwm 150 v maximum dc blocking voltage v dc 150 v maximum average forward rectified current total device 30 per leg i f(av) 15 a peak forward surge current 8.3ms single half sine-wave superimposed i fsm 260 a on rated load (jedec method) per leg peak repetitive reverse current per leg at t p = 2 s, 1kh z i rrm 1.0 a peak non-repetitive reverse surge energy per leg e rsm 10 mj (8/20 s waveform) non-repetitive avalanche energy per leg at 25 c, i as = 2.0a, l=10mh e as 20 mj voltage rate of change (rated v r ) dv/dt 10,000 v/ s operating junction and storage temperature range t j , t stg 65 to +175 ? rms isolation voltage (mbrf type only) from terminals 4500 (1) to heatsink with t = 1 second, rh 30% v isol 3500 (2) v 1500 (3) electrical characteristics (t c = 25? unless otherwise noted) parameter symbol value unit maximum instantaneous i f = 15a, t c = 25? 0.90 forward voltage per leg at (4) :i f = 15a, t c = 125? 0.75 i f = 30a, t c = 25? v f 0.99 v i f = 30a, t c = 125? 0.86 maximum reverse current per leg t j = 25? 5.0 a at working peak reverse voltage t j = 125? i r 1.0 ma thermal characteristics (t c = 25? unless otherwise noted) parameter symbol mbr mbrf mbrb unit typical thermal resistance per leg r jc 1.7 4.0 1.7 c/w notes: (1) clip mounting (on case), where lead does not overlap heatsink with 0.110?offset (2) clip mounting (on case), where leads do overlap heatsink (3) screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19? (4) pulse test: 300 s pulse width, 1% duty cycle mbr30h150ct, MBRF30H150CT & mbrb30h150ct-1 series www.kersemi.com 2
mbr30h150ct, MBRF30H150CT & mbrb30h150ct-1 series www.kersmei.com 3 0.1 0.3 0.2 0.4 0.6 0.8 1.0 0.5 0.7 0.9 1.1 1.2 100 10 0.1 1 0.1 0.01 1 10 100 1,000 10,000 0.01 1 100 10 10 100 0.1 0.1 1 fig. 3 ?typical instantaneous forward characteristics per leg i r -- instantaneous reverse current ( a) junction capacitance (pf) 1 10 100 100 1000 10000 0.1 10 reverse voltage (v) 10 20 30 50 70 100 40 60 80 90 fig. 4 ?typical reverse characteristics per leg fig. 6 ?typical transient thermal impedance per leg t -- pulse duration (sec.) instantaneous forward voltage (v) percent of rated peak reverse voltage (%) i f -- instantaneous forward current (a) transient thermal impedance ( c/w) 0 5 10 15 20 25 30 35 40 25 50 75 100 125 150 175 average forward current (a) case temperature ( c) 0 280 240 200 160 120 80 40 1 10 100 peak forward surge current (a) number of cycles at 60 h z fig. 5 ?typical junction capacitance per leg fig. 1 ?forward derating curve (total) fig. 2 ?maximum non-repetitive peak forward surge current per leg t j = 175 c t j = 125 c t j = 75 c t j = 25 c mbrf mbr, mbrb t j = 175 c t j = 125 c t j = 75 c t j = 25 c t j = t jmax 8.3ms single half-wave (jedec method) mbrf mbr, mbrb
|