Part Number Hot Search : 
STTH30 A9341 BNBSP DF005 49LV64 LR024 P2501 BUV50
Product Description
Full Text Search
 

To Download LB11867FV-TLM-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 11911 sy/o1007 ms/50907 ms pc 20070228-s00004 no.a0730-1/9 lb11867fv overview lb11867fv is a single-phase bipolar driving motor pre-driver with the variable speed function compatible with external pwm signal. with a few external parts, a highly-efficient and highly-silent variable drive fan motor with low power consumption can be achieved. this product is best suited for driving of the server requiring large air flow and large current and the fan motor of consumer appliances. features ? single-phase full-wave driving pre-driver ? low-saturation drive using external pmos-nmos enables high-efficiency low power-consumption drive. ? variable speed control possible with external pwm input ? separately-excited upper direct pwm (f =30khz) control method ensures highly silent speed control. ? current limiting circuit incorporated ? chopper type current limiting made at startup and during lock. ? reactive current cut circuit incorporated ? reactive current before phase changeover is cut, ensuring highly silent and low power-consumption drive. ? minimum speed setting pin ? minimum speed can be set by setting the resistance. ? soft start setting pin ? lock protection and automatic reset circuits incorporated ? fg (rotation speed detection) output ? thermal shutdown circuit incorporated monolithic digital ic for fan motor variable speed single-phase full-wave pre-drive r orderin g numbe r : ena0730b
lb11867fv no.a0195-2/9 specifications absolute maximum ratings at ta = 25 q c parameter symbol conditions ratings unit v cc pin maximum supply voltage v cc max 18 v outn pin maximum output current ioutn max 20 ma outp pin maximum sink current ioutp max 20 ma out pin output withstand voltage vout max 18 v vth, rmi pins withstand voltage vvth, vrmi max 7v s-s pin withstand voltage v s-s max 7v fg output pin withstand voltage v fg max 19 v fg pin maximum output current i fg max 10 ma 5vreg pin maximum output current i5vreg max 20 ma allowable power dissipation pd max with specified substrate *1 800 mw operating temperature topr *2 -30 to 95 q c storage temperature tstg -55 to 150 q c *1 specified substrate: 114.3mm u 76.1mm u 1.6mm, glass epoxy board. *2 tj max=150c must not be exceeded. recommended operating conditions at ta = 25 q c parameter symbol conditions ratings unit v cc supply voltage v cc 5.5 to 16 v vth, rmi input voltage range vth, rmi 0 to 5 v hall input common-phase input voltage range vicm 0.2 to 3 v electrical characteristics at ta 25 q c, v cc = 12v ratings parameter symbol conditions min typ max unit i cc 1 during drive 5.5 7.5 9.5 ma circuit current i cc 2 during lock protection 5.5 7.5 9.5 ma 5vreg voltage 5vreg i5vreg = 5ma 4.80 4.95 5.10 v current limiting voltage vlim 185 200 215 mv cpwm pin ?h? level voltage v cpwm h 2.8 3.0 3.2 v cpwm pin ?l? level voltage v cpwm l 0.9 1.1 1.3 v cpwm pin charge current i cpwm 1 v cpwm = 0.5v 24 30 36 p a cpwm pin discharge current i cpwm 2 v cpwm = 3.5v 21 27 33 p a cpwm oscillation frequency fpwm c = 220pf 30 khz ct pin ?h? level voltage v ct h 2.8 3.0 3.2 v ct pin ?l? level voltage v ct l 0.9 1.1 1.3 v ct pin charge current i ct 1 v ct = 0.5v 1.6 2.0 2.5 a ct pin discharge current i ct 2 v ct = 3.5v 0.16 0.20 0.25 a ct pin charge/discharge ratio r ct i ct 1/i ct 2 8 10 12 times s-s pin discharge current i s-s v s-s = 1v 0.4 0.5 0.6 p a outn output h-level voltage v o nh i o = 10ma v cc -0.85 v cc -1.00 v outn output l-level voltage v o nl i o = 10ma 0.9 1.00 v outp output l-level voltage v o pl i o = 10ma 0.5 0.65 v hall input sensitivity vhn in + , in - differential voltage (including offset and hysteresis) r 10 r 20 mv fg output l-level voltage v fg l i fg = 5ma 0.15 0.30 v fg pin leakage current i fg l v fg = 19v 20 p a vth/rmi pin bias current ivth/ir mi cpwm = vth/rmi = 2v 0.1 p a
lb11867fv no.a0195-3/9 package dimensions unit : mm (typ) 3178b pin assignment sanyo : ssop16(225mil) 5.2 4.4 6.4 0.22 0.65 (0.33) 18 9 16 0.5 0.15 1.5max 0.1 (1.3) -30 0 30 60 9095 120 352 0 200 400 600 800 1000 pd max -- ta mounted on a specified board: 114.3 1 2 3 4 5 6 7 16 15 14 13 12 11 10 out2p out2n v cc sense rm vth cpwm in + ct s-s 5vreg sgnd out1n out1p top view 8 fg 9 in -
lb11867fv no.a0195-4/9 block diagram truth table (1) drive lock cpwm=h vth, rmi, s-s=l in - in + ct out1p out1n out2p out2n fg mode h l l l off h l out1 o 2 drive l h l off h l l off out2 o 1 drive h l off l off h l l h h off h off l off lock protection (2) speed control ct, s-s=l vth, rmi cpwm in - in + out1p out1n out2p out2n mode h l l l off h out1 o 2 drive l h l h off h l l out2 o 1 drive h l off l off h h l l h off h off l regeneration mode for vth, rmi, and s-s pins, refer to the timing chart. osillaton s-s rmi vth out1n out1p out2n out2p fg 5vreg cpwm sense controller hall in - in + discharge pulse discharge circuit thermal shat down 5vreg v cc ct 0.47 to 1 f sgnd
lb11867fv no.a0195-5/9 application circuit example (12v) *1. power  gnd wiring sgnd is connected to the control circuit power supply system. *2. power stabilization capacitor for the power stabilization ca pacitor on the signal side, use the capacitance of 1 rf rp=1k 4 3 2 1 *3 *2 v cc 5vreg fg in - in + h s-s rmi *4 *11 *6 vth pwm-in cpwm ct cp=220pf 30khz *7 *5 *10 ct=0.47 f sgnd *9 sense *8 2 1 4 3 *1 1 f to /25v 1 f to /25v rfg=10k to 100k 100
lb11867fv no.a0195-6/9 *6. rmi pin minimum speed setting pin. perform pull-up with 5vreg when this pin is not to be used. if the ic power supply is likely to be turned off first when the pin is used with external power supply, be sure to insert the current limiting resistor to prevent inflow of large current. (the same applies to the vth pin.) *7. vth pin speed control pin. connect this pin to gnd when it is not used (at full speed). for the control method, refer to the timing chart. for control with pulse input, insert the current limiting resistor and use the pin with the frequency of 20k to 100khz (20khz to 50khz recommended). *8. sense pin current limiting detection pin. when the pin voltage exceeds 0.2v, the current is limited and the operation enters the lower regeneration mode. connect this pin to gnd when it is not to be used. *9. fg pin rotation speed detection pin. this is an open collector output, which can detect th e rotation speed from the fg output according to the phase changeover. keep this pin open when it is not to be used. *10. ct pin pin to connect the lock detection capacitor. the constant-current charge and discharge circuits incorporated cause locking when the pin voltage becomes 3.0v and unlocking when it is 1.1v. connect the pin to gnd when it is not to be used (locking not necessary). *11. s-s pin pin to connect the soft-start setting capacitor. connect the capacitor between 5vreg and s-s pin. this pin enables setting of the soft start tim e according to the capac ity of the capacitor. see the timing char. connect the pin to gnd when it is not to be used.
lb11867fv no.a0195-7/9 control timing chart (speed control) (1) minimum speed setting (stop) mode the low-speed fan rotation occurs at th e minimum speed set with the rmi pin. when the minimum speed is not set (rmi pin pulled up to 5vreg), the motor stops. (2) low speed ? high speed pmw control is made by comparing the cpwm oscillation voltage (1.1v ? 3.0v) and vth voltage. both upper and lower output trs are turned on when the vth voltage is low. the upper output tr is turned off when the vth voltage is high, regenerating the coil current in the lower tr. therefore, as the vth voltage decreases, the output on-duty increases, causing increase in th e coil current, raising the motor rotation speed. the rotation speed can be monitored with the fg output. (3) full speed mode the full speed mode becomes effective when the vth voltage is 1.1v or less. (set vth = gnd when the speed control is not to be made.) 0v 3.0v 1.1v cpwm f=30khz (cp=220pf) 0% 100% fg onduty vth voltage rmi voltage minimum speed setting rotation (stop mode) low speed high speed pwm control speed variable full speed
lb11867fv no.a0195-8/9 control timing chart (soft start) (1)at vth < rmi voltage (2) at vth > rmi voltage adjust the s-s pin voltage gradient by means of the capacitance of the capacitor between the s-s pin and 5vreg.. recommended capacitor: 0.1 p to 1 p f 0v 3.0v 1.1v cpwm 0% 100% onduty t rmi voltage vth voltage s-s voltage lock protection soft start section vth set speed 0v 3.0v 1.1v cpwm 0% 100% onduty t vth voltage rmi voltage s-s voltage lock protection soft start section rmi set speed
lb11867fv ps no.a0730-9/9 sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probabi lity. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. this catalog provides information as of january, 2011. specifications and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of LB11867FV-TLM-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X