Part Number Hot Search : 
MKW2541 ADM705AN TFS170F R223J UF804F D10NF10 BP60070 01234
Product Description
Full Text Search
 

To Download L1T2-307000000000014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? compact 3737 package ? typical v f of 2.8v and thermal resistance of 3k/w ? hot tested at t j = 85c ? freedom from binning - 3 & 5 sdcm ? exceeds energy star lumen maintenance requirements ? ul-recognized component [e352519] with level 4 enclosure consideration benefts ? high luminance for directional applications ? optimized for extreme efcacy ? excellent color consistency ? proven reliability luxeon tx datasheet ds133 ?2014 philips lumileds lighting company. key applications ? downlights ? high bay & low bay ? indoor area lighting ? lamps ? outdoor luxeon tx extreme efcacy that will transform your next market leading luminaire introduction luxeon tx emitters are illumination grade leds designed to deliver high efcacy with high fux density to enable directional and high-lumen applications. with freedom from binning and extreme performance, luxeon tx emitters ensure system color point accuracy and provide lamp and luminaire designers with the fexibility to optimize for the highest possible efcacy or for low system cost, in vast correlated color temperature (cct) ranges at 70 cri from 3000k to 6500k, at 80 and 85 cri from 2700k to 5000k, and at 90 cri from 2700k to 3000k.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. i table of contents general information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 product nomenclature ......................................................................... 2 average lumen maintenance characteristics ..................................................... 2 environmental compliance ..................................................................... 2 product selection ................................................................................. 3 optical characteristics ............................................................................. 4 electrical characteristics ........................................................................... 5 absolute maximum ratings ..................................................................... 5 mechanical dimensions ........................................................................... 7 solder pad design ................................................................................. 8 typical relative spectral distribution vs. wavelength characteristics .................................. 9 typical relative light output ...................................................................... 11 typical forward current characteristics ............................................................ 12 emitter pocket tape packaging .................................................................... 13 emitter reel packaging ........................................................................... 14 product binning and labeling ..................................................................... 15 luxeon tx 3-step and 5-step macadam ellipse color defnition .................................... 17
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 2 general information product nomenclature luxeon tx emitters are specifed and binned hot under conditions comparable to those found in real-world lighting products. the test conditions for luxeon tx are 700 ma dc with junction temperature at 85c. the base part number designation is explained as follows: l 1 t 2 C x x y y s 0 0 0 0 z z z 0 where: xx designates nominal ansi cct (27 for 2700k, 30 for 3000k) yy designates minimum cri performance (70 for 70 cri, 80 for 80 cri) s designates sdcm (0 for full distribution, 3 for 3-step sdcm, 5 for 5-step sdcm) zzz designates minimum fux level at standard binning current and temperature (210 for 210 lm, etc.) therefore, 80 cri 3-step sdcm products tested and binned at 3000k with a 210 lm minimum fux at binning current and temperature will have the part numbering scheme: l 1 t 2 C 3 0 8 0 3 0 0 0 0 2 1 0 0 the base part numbers referred to in this document in the following format indicate full fux and color distribution: l 1 t 2 C x x y y 0 0 0 0 0 0 0 0 0 average lumen maintenance characteristics luxeon tx products are tested in compliance with lm-80. please visit the lm-80 documentation site at www.philipslumileds.com/support/documentation/lumen-maintenance or contact your local philips lumileds technical solutions manager for tm-21 extrapolations or other support. environmental compliance philips lumileds is committed to providing environmentally friendly products to the solid-state lighting market. luxeon tx complies with the european union directives on the restriction of hazardous substances in electronic equipment, namely the rohs and reach directives. philips lumileds will not intentionally add the following restricted material to the luxeon tx: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (pbb) or polybrominated diphenyl ethers (pbde).
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 3 product selection product selection guide for luxeon tx emitters, junction temperature = 85c table 1. typical performance characteristics base part number nominal ansi cct min cri min luminous flux (lm) typical luminous flux (lm) typical forward voltage (v) typical efcacy (lm/w) 700 ma 700 ma 350 ma 700 ma 1000 ma 350 ma 700 ma 1000 ma 350 ma 700 ma 1000 ma l1t2-3070000000000 3000k 70 230 135 245 327 2.71 2.80 2.86 142 125 114 l1t2-4070000000000 4000k 70 250 147 269 360 2.71 2.80 2.86 155 137 126 l1t2-5070000000000 5000k 70 260 151 275 369 2.71 2.80 2.86 159 140 129 l1t2-5770000000000 5700k 70 260 151 275 369 2.71 2.80 2.86 159 140 129 l1t2-6570000000000 6500k 70 260 151 275 369 2.71 2.80 2.86 159 140 129 l1t2-2780000000000 2700k 80 200 118 216 289 2.71 2.80 2.86 124 110 101 l1t2-3080000000000 3000k 80 210 124 227 304 2.71 2.80 2.86 131 116 106 l1t2-3580000000000 3500k 80 220 130 238 319 2.71 2.80 2.86 137 121 112 l1t2-4080000000000 4000k 80 230 136 247 332 2.71 2.80 2.86 143 126 116 l1t2-5080000000000 5000k 80 230 136 247 332 2.71 2.80 2.86 143 126 116 l1t2-2785000000000 2700k 85 170 102 186 249 2.71 2.80 2.86 108 95 87 l1t2-3085000000000 3000k 85 180 108 197 264 2.71 2.80 2.86 114 101 92 l1t2-3585000000000 3500k 85 190 114 208 279 2.71 2.80 2.86 120 106 98 l1t2-4085000000000 4000k 85 200 120 217 292 2.71 2.80 2.86 127 111 102 l1t2-5085000000000 5000k 85 200 120 217 292 2.71 2.80 2.86 127 111 102 l1t2-2790000000000 2700k 90 160 96 175 234 2.71 2.80 2.86 101 89 82 l1t2-3090000000000 3000k 90 170 103 188 252 2.71 2.80 2.86 109 96 88 notes for table 1: 1. philips lumileds maintains a tolerance of 6.5% on luminous fux and 2 on cri measurements.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 4 optical characteristics luxeon tx at 700 ma, junction temperature = 85c table 2. base part number nominal ansi cct color temperature cct typical total included angle [2] (degrees) u 0.90v typical viewing angle [3] (degrees) 2 u ? typical l1t2-2780000000000 l1t2-2785000000000 l1t2-2790000000000 2700k 2725k 160 120 l1t2-3070000000000 l1t2-3080000000000 l1t2-3085000000000 l1t2-3090000000000 3000k 3045k 160 120 l1t2-3580000000000 l1t2-3585000000000 3500k 3465k 160 120 l1t2-4070000000000 l1t2-4080000000000 l1t2-4085000000000 4000k 3985k 160 120 l1t2-5070000000000 l1t2-5080000000000 l1t2-5085000000000 5000k 5028k 160 120 l1t2-5770000000000 5700k 5665k 160 120 l1t2-6570000000000 6500k 6530k 160 120 1. test current is 700 ma d.c. for all l1t2-xxyy000000000 emitters. 2. total angle at which 90% of total luminous fux is captured. 3. viewing angle is the of axis angle from lamp centerline where the luminous intensity is ? of the peak value.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 5 electrical characteristics electrical characteristics at 700 ma for luxeon tx junction temperature = 85c table 3. nominal ansi cct base part number forward voltage v f [1] (v) typical temperature coefcient of forward voltage [2] (mv/c) d v f / d t j typical thermal resistance junction to thermal pad (c/w) r u j-c minimum maximum 2700k l1t2-2780000000000 l1t2-2785000000000 l1t2-2790000000000 2.5 3.0 -1.6 3 3000k l1t2-3070000000000 l1t2-3080000000000 l1t2-3085000000000 l1t2-3090000000000 2.5 3.0 -1.6 3 3500k l1t2-3580000000000 l1t2-3585000000000 2.5 3.0 -1.6 3 4000k l1t2-4070000000000 l1t2-4080000000000 l1t2-4085000000000 2.5 3.0 -1.6 3 5000k l1t2-5070000000000 l1t2-5080000000000 l1t2-5085000000000 2.5 3.0 -1.6 3 5700k l1t2-5770000000000 2.5 3.0 -1.6 3 6500k l1t2-6570000000000 2.5 3.0 -1.6 3 notes for table 3: 1. philips lumileds maintains a tolerance of 0.06v on forward voltage measurements. 2. measured between t = 25c and t j = 110c at i = 700 ma. absolute maximum ratings table 4. parameter luxeon tx dc forward current [1] [2] 1050 ma 1200 ma peak pulsed forward current [1] [3] 1200 ma 1350 ma led junction temperature [1] 150c 135c esd sensitivity < 8000v human body model (hbm) class 3a per jedec js-001-2012 operating case temperature at 700 ma -40c - 135c storage temperature -40c - 135c soldering temperature jedec 020c 260c allowable refow cycles 3 reverse voltage (vr) [4] [5] luxeon tx leds are not designed to be driven in reverse bias notes for table 4: 1. proper current derating must be observed to maintain junction temperature below the maximum. for additional information on thermal measurement guidelines please refer to application brief ab106. 2. residual periodic variations due to power conversion from alternating current (ac) to direct current (dc), also called ripple, with frequencies 100 hz and amplitude 150 ma are acceptable, assuming the average current throughout each cycle does not exceed the maximum allowable dc forward current at the corresponding maximum junction temperature. 3. pulsed operation with a peak drive current equal to the stated peak pulsed forward current is acceptable if the pulse on-time is 5 ms per cycle and the duty cycle is 50%. 4. transient reverse voltages and surge currents due to electrical switching or supply interruptions are acceptable if these events do not last for more than 10ms, the amplitude of the reverse voltage does not exceed 5v and the reverse current is less than 200a. 5. max 5v reverse for up to 10s is an acceptable beginning of life, one time test condition.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 6 jedec moisture sensitivity table 5. level floor life soak requirements standard time conditions time conditions 1 unlimited [ 30c / 85% rh 168h + 5 / - 0 85c / 85% rh refow soldering characteristics table 6. profle feature lead free assembly average ramp-up rate ( ts max to t p ) 3c / second max preheat temperature min ( ts min ) 150c preheat temperature max ( ts max ) 200c preheat time ( ts min to ts max ) 60 - 180 seconds liquidus temperature ( t l ) 217c time maintained above time ( t l ) 60 - 150 seconds peak / classifcation temperature ( t p ) 260c time within 5c of actual peak temperature ( t p ) 20 - 40 seconds ramp-down rate 6c / second max time 25c to p eak temperature 8 min utes max figure 1. temperature profle for table 6. jedec 020c
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 7 mechanical dimensions notes for figure 2: 1. do not handle the device by the lens. excessive force on the lens may damage the lens itself or the interior of the device. 2. drawings not to scale. 3. all dimensions are in millimeters. 4. the thermal pad is electrically isolated from the anode and cathode contact pads. figure 2.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 8 solder pad design notes for figure 3: 1. all dimensions are in millimeters. 2. the fgure shows the recommended luxeon tx layout on printed circuit board (pcb). 3. for more information on assembly and layout, please refer to application brief 106 (ab106). 4. the .dwg fles are available at www.philipslumileds.com and www.philipslumileds.cn.com . figure 3. solder pad layout. x x
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 9 typical relative spectral distribution vs. wavelength characteristics l1t2-xx70000000000 (70 cri, white) at test current, junction temperature = 85c l1t2-xx80000000000 (80 cri, white) at test current, junction temperature = 85c figure 4. color spectrum of l1t2-xx70000000000. figure 5. color spectrum of l1t2-xx80000000000.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 10 typical relative spectral distribution vs. wavelength characteristics, continued l1t2-xx90000000000 (90 cri, white) at test current, junction temperature = 85c figure 6. color spectrum of l1t2-xx90000000000.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 11 typical relative light output typical relative light output vs. junction temperature for l1t2-xxyy000000000 (white), test current = 700 ma typical relative light output vs . forward current for l1t2-xxyy000000000 (white), junction temperature = 85c figure 8. typical relative luminous fux vs. forward current, l1t2-xxyy000000000. figure 7. typical relative light output vs. junction temperature, l1t2-xxyy000000000.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 12 typical forward current characteristics forward current vs. forward voltage for l1t2-xxyy000000000 (white) junction temperature = 85c figure 9. typical forward current vs. forward voltage, l1t2-xxyy000000000.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 13 emitter pocket tape packaging 1.50 4.000.10 8.000.10 1.750.10 12.00 + - 0.30 0.10 1.000.05 2.000.05 5.500.05 e e l g g j direction of feed -leader- 400mm min of cover tape min 100mm carrier tape with empty pockets sealed with cover tape -loaded pockets- -trailer- 100mm min of empty carrier tape sealed with cover tape f section e-e scale 2 : 1 2.400.10 0.290.02 3.000.10 3.950.10 detail f scale 6 : 1 12 max 8 max h section g-g scale 2 : 1 2.40 3.950.10 detail h scale 6 : 1 figure 10. emitter pocket tape packaging.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 14 emitter reel packaging ds106 luxeon t 20130630 ?2013 philips lumileds lighting compan y . 13 1.37 -device oreintation- non-fiducial corner located as shown 1.53 r0.50 detail j scale 6 : 1 16.8mm outside width 12.4mm inside width 2.52 detail l scale 6 : 1 330.00 reel diameter 13.00mm arbor hole diameter cover tape direction of feed carrier tape tape reel figure 11. emitter reel packaging.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 15 product binning and labeling purpose of product binning in the manufacturing of semiconductor products, there are variations in performance around the average values given in the technical data sheets. for this reason, philips lumileds bins the led components for luminous fux and forward voltage (v f ). color is ofered in a single 3-step or 5-step macadam ellipse color space centered on the ansi cct color bins. for additional information please review the macadam ellipse technical defnition section. decoding product bin labeling luxeon tx emitters are labeled using a four digit alphanumeric cat code following the format below: abcd a b c d flux bin nominal ansi cct sdcm defnition vf min max see fux bin table 1 6500k 3 3-step (80, 85, 90 cri) p 2.50v 2.75v 2 5700k u r 2.75v 3.00v 3 5000k l 5 4000k 5 5-step (70 cri) 6 3500k a 5-step (80, 85, 90 cri) 7 3000k b 8 2700k c d
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 16 product binning and labeling, continued table 7 lists the standard photometric luminous fux bins for luxeon tx emitters (tested and binned at 700 ma and t j = 85c). although several bins are outlined, product availability in a particular bin varies by production run and by product performance. not all bins are available in all colors. table 7. flux bins C white bin code minimum photometric flux (lm) g 160 h 170 j 180 k 190 l 200 m 210 n 220 p 230 q 240 r 250 s 260 t 270 u 280 v 290 w 300
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. 17 luxeon tx 3-step and 5-step macadam ellipse color defnition tested at 700 ma dc and junction temperature = 85c table 8. luxeon tx product characteristics for 3-step macadam ellipse nominal ansi cct color space center point (cx, cy) major axis, a minor axis, b ellipse rotation angle 2700k single 3-step macadam ellipse (0.4578, 0.4101) 0.00810 0.00420 53.7 3000k single 3-step macadam ellipse (0.4338, 0.4030) 0.00834 0.00408 53.2 3500k single 3-step macadam ellipse (0.4073, 0.3917) 0.00927 0.00414 54.0 4000k single 3-step macadam ellipse (0.3818, 0.3797) 0.00939 0.00402 53.7 5000k single 3-step macadam ellipse (0.3447, 0.3553) 0.00822 0.00354 59.6 table 9. luxeon tx product characteristics for 5-step macadam ellipse nominal ansi cct color space center point (cx, cy) major axis, a minor axis, b ellipse rotation angle 2700k single 5-step macadam ellipse (0.4578, 0.4101) 0.01350 0.00700 53.7 3000k single 5-step macadam ellipse (0.4338, 0.4030) 0.01390 0.00680 53.2 3500k single 5-step macadam ellipse (0.4073, 0.3917) 0.01545 0.00690 54.0 4000k single 5-step macadam ellipse (0.3818, 0.3797) 0.01565 0.00670 53.7 5000k single 5-step macadam ellipse (0.3447, 0.3553) 0.01370 0.00590 59.6 5700k single 5-step macadam ellipse (0.3287, 0.3417) 0.01243 0.00533 59.1 6500k single 5-step macadam ellipse (0.3123, 0.3282) 0.01115 0.00475 58.6 note for tables 8 & 9: 1. philips lumileds maintains a tester tolerance of 0.005 on x, y color coordinates.
luxeon tx datasheet ds133 20140224 ?2014 philips lumileds lighting company. all rights reserved. luxeon is a registered trademark of the philips lumileds lighting company in the united states and other countries. www.philipslumileds.com www.philipslumileds.cn.com philips lumileds lighting company shall not be liable for any kind of loss of data or any other damages, direct, indirect or consequential, resulting from the use of the provided information and data. although philips lumileds lighting company has attempted to provide the most accurate information and data, the materials and services information and data are provided as is and philips lumileds lighting company neither warranties, nor guarantees the contents and correctness of the provided information and data. philips lumileds lighting company reserves the right to make changes without notice. you as user agree to this disclaimer and user agreement with the download or use of the provided materials, information and data. who we are philips lumileds focuses on one goal: creating the worlds highest performing leds. the company pioneered the use of solid-state lighting in breakthrough products such as the frst led backlit tv, the frst led fash in camera phones, and the frst led daytime running lights for cars. today we ofer the most comprehensive portfolio of high quality leds and uncompromising service. philips lumileds brings leds qualities of energy efciency, digital control and long life to spotlights, downlights, high bay and low bay lighting, indoor area lighting, architectural and specialty lighting as well as retroft lamps. our products are engineered for optimal light quality and unprecedented efcacy at the lowest overall cost. by ofering leds in chip, packaged and module form, we deliver supply chain fexibility to the inventors of next generation illumination. philips lumileds understands that solid state lighting is not just about energy efciency. it is about elegant design. reinventing form. engineering new materials. pioneering markets and simplifying the supply chain. its about a shared vision. learn more about our comprehensive portfolio of leds at www.philipslumileds.com . roh s compliant no. e352519


▲Up To Search▲   

 
Price & Availability of L1T2-307000000000014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X