Part Number Hot Search : 
G9915 M32C84 395DPA D12N06L 305000 001BDSA5 BLY93C 24D15
Product Description
Full Text Search
 

To Download KAQV213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cosmo electronics corp. document no. 6 9m10003 .1 - 1 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput ? description the kaqv21 3 series is robust, ideal for telecom and ground fault applications. it is a spst normally open switch (1 form a) that replaces electromechanical relays in many applications. it is constructed using a gaalas led for actuation control and an integrated monolithic die for the switch output. the die, fabricated in a high - voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and mosfet switches. ? schematic normally open 1 form a 5,6 4 1 2 6 5 3 4 1 2 ? f eatures 1. normally o pen, s ingle p ole s ingle t hrow 2. control 25 0v ac or dc v oltage 3. switch 20 0ma l oads 4. co ntrols low - level analog signals 5. high sensitivity, low on resistance 6. low - level off - state leakage current 7. high i solation v oltage 8. pb free and rohs compliant 9. age ncy approvals ? ul1577 / cul c22.2 no.1 & ntc no.5, file no. e 169586 ? ul 508 / cul c22.2 no.14 - m91, file n o. e108430 ? vde en60747 - 5 - 2 , file no. 40020973 ? application ? telecommunications (pc, electronic notepad) ? modem ? telephone e quipment ? security e quipment ? sensors ? measuring and t esting equipment ? factory a utomation equipment ? high speed inspection machines
cosmo electronics corp. document no. 6 9m10003 .1 - 2 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput ? outside dimension unit mm 6.50 7.62 0.25 o 13.00 2.54 o 13.00 7.30 3.50 1.20 5.08 3.00 0.40 2.70 0.50 7.30 0.25 10.000.4 1.00 6.50 7.62 0 ~ 10 0.100.1 1.20 2.54 3.50 2.54 KAQV213 KAQV213 h KAQV213a KAQV213 ha KAQV213s tolerance 0.2mm 4.40 6.80 0.15 2.30 0.40 2.54 0.05 6.70 2.35 max 0.50 1. dual-in-line type. 2. surface mount type. 3. small outline for surface mount type. ? device marking c o s m o v 2 1 3 y w w h notes cosmo v21 3 pin forming yww y year code / w week code h high i solation v oltage series only
cosmo electronics corp. document no. 6 9m10003 .1 - 3 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput ? absolute maximum ratings (ta=25 ) item symbol rating unit input continuous f orward c urrent i f 50 ma peak f orward c urrent i fp 1 a reverse v oltage v r 5 v power d issipation p in 100 mw de rate l inearly from 25 - 1.3 mw/ output breakdown v oltage v b 250 v continuous l oad c urrent i l 200 ma power d issipation p out 500 mw isolation v oltage v iso KAQV213s KAQV213 KAQV213h 1500vrms 3750vrms 5000vrms isolation r esistance (vio=500v) r iso R 10 10 total p ower d issipation p t 550 mw derate l inearly from 25 - 2.5 m w/ operating t emperature t opr - 40 to + 8 5 storage t emperature t stg - 40 to + 12 5 junction t emperature t j 100 soldering t emp erature 10 sec ond s t s o t 260 ? electro - optical characteristics (ta=25 ) parameter symbol conditions min. typ . max. unit input forward v oltage v f i f =10ma - 1.2 1.5 v operation i nput c urrent i fon v l =20v, i l =100ma - - 3 .0 ma recovery i nput c urrent i foff v l =20v, i l Q 5 a 0.2 - - ma output breakdown v oltage v b i b =50 a 25 0 - - v off - s tate l eakage c urrent i leak v l = 25 0v , i f =0ma - 0.2 1.0 a i/o c apacitance c i s o v b =0 v , f=1mhz - 6 - pf on r esistance connection a r on i f =10 ma, i l =100ma - 8 16 b - 4 8 c - 2 4 turn - o n t ime t on i f =10ma, v l =20v i l =100ma, t=10ms - 0.3 1. 0 ms turn - o ff t ime t off - 0. 1 1. 5 ms ? turn - on / turn - o ff t ime o n t o u tp u t in p u t o f f t 1 0 % 9 0 %
cosmo electronics corp. document no. 6 9m10003 .1 - 4 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput ? schematic and wiring diagrams schematic output configuration load connection w iring diagrams 1 6 3 2 5 4 1a ac dc a (ac,dc) in v 3 f i 2 1 4 5 6 load i l l v load 4 6 l i l v (ac,dc) dc b (dc) (dc) 3 in v 2 3 i f 1 in v f i 2 1 4 5 4 6 5 6 load l i l v + - load i l l v - + load load 5 4 l i 5 6 i l + - v l (dc) - + l v (dc) dc c (dc) 3 in v f i 2 1 4 5 6 l i load l v - + load 4 5 6 i - + l v l (dc)
cosmo electronics corp. document no. 6 9m10003 .1 - 5 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput fig.1 load c urrent vs. a mbient t emperature fig.2 on r esistance vs. a mbient t emperature load current (ma) 0 50 100 150 200 250 300 350 0 -20 -40 20 40 60 80 100 on resistance () 0 -40 -20 0 20 40 60 80 5 10 15 20 25 ambient temperature ta ( ) ambient temperature ta ( ) fig.3 turn - o n t ime vs . a mbient t emperature fig.4 turn - o ff t ime vs. a mbient t emperature turn - o n t ime (ms) 0 -4 0 -20 0 2 0 4 0 60 80 0 .2 0 .4 0 .6 0 .8 1 .0 turn - o ff t ime (ms) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 ambient temperature ta ( ) ambient temperature ta ( ) fig.5 led o perate c urrent vs. a mbient t emperature fig.6 led t urn - o ff c urrent vs. a mbient t emperature led o perate c urrent (ma) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 2 3 4 5 led t urn - o ff c urrent (ma) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 0 . 5 1 . 0 1 . 5 2 . 0 2 . 5 ambient temperature ta ( ) ambient temperature ta ( )
cosmo electronics corp. document no. 6 9m10003 .1 - 6 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput fig.7 led d ropout v oltage vs. a mbient t emperature fig.8 voltage vs. c urrent c haracteristics of o utput at mosfet portion led d ropout v oltage (v) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 .7 1 .5 1 .3 1 .1 0 .9 1 .9 5 0 m a 3 0 m a 2 0 m a 1 0 m a 5 m a current (ma) ambient temperature ta ( ) voltage (v) fig.9 t urn - o n t ime vs. led f orward c urrent fig.1 0 off - s t ate l eakage c urrent vs. load voltage turn - on t ime (ms) 0 0 .2 0 .4 0 .6 0 .8 1 .0 1 0 2 0 3 0 4 0 5 0 0 6 0 off - s tate l eakage c urrent (a) 2 0 4 0 6 0 8 0 1 0 0 0 1 0 -1 2 1 0 1 0 1 0 -9 -6 -3 led f orward c urrent (ma ) load voltage (v) fig.11 t urn - o ff t ime vs. led f orward c urrent fig.12 o utput c apacitance vs. applied v oltage turn - o ff t ime (ms) 0 0 .1 0 .2 0 .3 0 .4 0 .5 1 0 2 0 3 0 4 0 5 0 0 6 0 o utput c apacitance (pf) 0 1 0 2 0 3 0 4 0 6 0 0 8 0 1 0 2 0 3 0 4 0 5 0 led f orward c urrent (ma) applied v oltage (v)
cosmo electronics corp. document no. 6 9m10003 .1 - 7 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput ? using methods examples of resistance value to control led forward current ( i f =5ma) e r 1 2 6 5 3 4 e r 3.3v app rox. 330 5v approx. 640 12v approx. 1.9k 15v approx. 2.5k 24v approx. 4.1k 1. led forward current must be more than 5ma at e min. 2. led forward current must be less than 50ma at e max. emax. emin. regulate the spike voltag e generated on the inductive load as follows r-c snubber load load 4 3 2 1 5 6 4 3 2 5 1 6
cosmo electronics corp. document no. 6 9m10003 .1 - 8 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput ? recommended soldering conditions (a) infrared reflow soldering ? peak reflow soldering ? time of peak reflow temperature: ? time of temperature higher than 230 ? time to preheat t em perature from 180~190 ? number of reflows ? flux 2 60 or below (package surface temperature) 10 sec 30 - 60 sec 60 - 120 sec two rosin flux containing small amount of chlorine (the f lux with a maximum chlorine content of 0.2 wt% is recommended.) recommended temperature profile of infrared reflow 1 8 0 1 9 0 2 3 0 2 6 0 6 0 - 1 2 0 s e c 3 0 -6 0 s e c t (s ) temperature 1 0 s e c m a x . (b) wave soldering ? temperature ? time ? preheating conditions: ? number of times ? flux 260 or below (molten solder temperature) 10 seconds or less 120 or below (package surface tempera ture) one rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (c) cautions ? fluxes avoid removing the residual flux with f reon - based and chlorine - based cleaning solvent . ? avoid shorting betw een portion of frame and leads.
cosmo electronics corp. document no. 6 9m10003 .1 - 9 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput ? numbering system k aqv213 x ( y ) note KAQV213 = part no. x = lead f orm option ( blank s a h or ha ) y = tape and r eel option ( tl tr ) option description packing quantity a (tl) surface mount type package + tl tape & reel option 1000 units per reel a (tr) surface mount type package + tr tape & reel option 1000 units per reel h a (tl) surface mount type package + tl tape & reel option 1000 units per reel h a (tr) surface mount type package + tl tape & reel op tion 1000 units per reel s (tl) small outline for surface mount type package + tl tape & reel option 2000 units per reel s (tr) small outline for surface mount type package + tr tape & reel option 2000 units per reel ? recommended pad layout for surfa ce mount lead form 8.3 2.54 2.54 1.5 1.9 6 2.54 2.54 0.8 1.2 6-p in sm d 1. s urface m ount type. 2. s m all outline for surface m ount type. 6-pin so p unit mm
cosmo electronics corp. document no. 6 9m10003 .1 - 10 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput ? 6 - pin smd carrier t ape & reel 2.0 4.0 1.75 7.5 0.35 10.46 12.0 7.7 16.00.3 4.25 tl tr direction of feed from reel direction of feed from reel unit mm tolerance 0.2mm
cosmo electronics corp. document no. 6 9m10003 .1 - 11 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput ? 6 - pin sop carrier tape & reel 0.30 7.00 4.00 2.00 12.00 1.75 7.50 16.000.30 1.5 16.4 2.0 direction of feed from reel tl direction of feed from reel tr unit mm tolerance 0.2mm
cosmo electronics corp. document no. 6 9m10003 .1 - 12 - http://www.cosmo - ic.com cosmo k aqv213 s eries 6pin 2 50v n.o type s olid s tat e r elay - mosfet o utput ? application notice the content of datasheet is the guidance for pr oduct use only. cosmo takes no responsibility to the accuracy of the information provided here. for continuously improving all of products, including qua lity, reliability, function...etc., cosmo reserves the right to change the specification, characteristi cs, data, materials, and structure of products without notice. please contact with cosmo to obtain the latest specificati on. it would be required to comply with the absolute maximum ratings listed in the specification. cosmo has no liability and responsi bility to the damage caused by improper use of the products. cosmo products are intended to be designed for use in general electronics application list below: a. personal c omputer b. oa machine c. audio / video d. instrumentation e. electrical a pplicatio n f. measurement equipment g. consumer electronics h. telecommunication cosmo devices shall not be used or related with equipment requiring higher level of quality / reliab ility, or malfunction, or failure which may cause loss of human life, bodily injur y, includes, without limitation: a. medical and other life supporting equipments b. space application c. telecommunication equipment (trunk lines) d. nuclear power control e. equipment used for automotive vehicles, trains, ships...etc. this publication i s the property of cosmo. no part of this publication may be reproduced or copied in any form or any means electronically or mechanically for any purpose, in whole or in part without any written permission expressed fr o m cosmo.


▲Up To Search▲   

 
Price & Availability of KAQV213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X