Part Number Hot Search : 
74HC4 WR200 R4154 LTS547 TL431A FAN1540 MOC3081 KMPC870
Product Description
Full Text Search
 

To Download IXYX100N120C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2013 ixys corporation, all rights reserved ixyk100n120c3 IXYX100N120C3 v ces = 1200v i c110 = 100a v ce(sat) 3.5v t fi(typ) = 110ns ds100404a(03/13) high-speed igbt for 20-50 khz switching features z optimized for low switching losses z square rbsoa z positive thermal coefficient of vce(sat) z avalanche rated z high current handling capability z international standard packages advantages z high power density z low gate drive requirement applications z high frequency power inverters z ups z motor drives z smps z pfc circuits z battery chargers z welding machines z lamp ballasts symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv ces i c = 250 a, v ge = 0v 1200 v v ge(th) i c = 250 a, v ce = v ge 3.0 5.0 v i ces v ce = v ces , v ge = 0v 25 a t j = 150 c 1.25 ma i ges v ce = 0v, v ge = 20v 100 na v ce(sat) i c = i c110 , v ge = 15v, note 1 2.9 3.5 v t j = 150 c 4.1 v symbol test conditions maximum ratings v ces t j = 25c to 175c 1200 v v cgr t j = 25c to 175c, r ge = 1m 1200 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25c (chip capability) 188 a i lrms terminal current limit 160 a i c110 t c = 110c 100 a i cm t c = 25c, 1ms 490 a i a t c = 25c 50 a e as t c = 25c 1.2 j ssoa v ge = 15v, t vj = 150c, r g = 1 i cm = 200 a (rbsoa) clamped inductive load @v ce v ces p c t c = 25c 1150 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l maximum lead temperature for soldering 300 c t sold 1.6 mm (0.062in.) from case for 10s 260 c m d mounting torque (to-264) 1.13/10 nm/lb.in. f c mounting force (plus247) 20..120 /4.5..27 n/lb. weight to-264 10 g plus247 6 g 1200v xpt tm igbts genx3 tm g = gate e = emitter c = collector tab = collector to-264 (ixyk) e g c plus247 (ixyx) g tab tab e c g preliminary technical information
ixys reserves the right to change limits, test conditions, and dimensions. ixyk100n120c3 IXYX100N120C3 ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 notes: 1. pulse test, t 300 s, duty cycle, d 2%. 2. switching times & energy losses may increase for higher v ce (clamp), t j or r g . symbol test conditions characteristic values (t j = 25c unless otherwise specified) min. typ. max. g fs i c = 60a, v ce = 10v, note 1 30 52 s c ie s 6000 pf c oes v ce = 25v, v ge = 0v, f = 1mhz 353 pf c res 130 pf q g(on) 270 nc q ge i c = i c110 , v ge = 15v, v ce = 0.5 ? v ces 50 nc q gc 93 nc t d(on) 32 ns t ri 90 ns e on 6.50 mj t d(off) 123 ns t fi 110 ns e of f 2.90 5.00 mj t d(on) 32 ns t ri 90 ns e on 10.10 mj t d(off) 140 ns t fi 125 ns e off 3.55 mj r thjc 0.13 c/w r thcs 0.15 c/w inductive load, t j = 25c i c = i c110 , v ge = 15v v ce = 0.5 ? v ces , r g = 1 note 2 inductive load, t j = 125c i c = i c110 , v ge = 15v v ce = 0.5 ? v ces , r g = 1 note 2 to-264 outline terminals: 1 = gate 2,4 = collector 3 = emitter terminals: 1 - gate 2 - collector 3 - emitter plus247 tm outline dim. millimeter inches min. max. min. max. a 4.83 5.21 .190 .205 a 1 2.29 2.54 .090 .100 a 2 1.91 2.16 .075 .085 b 1.14 1.40 .045 .055 b 1 1.91 2.13 .075 .084 b 2 2.92 3.12 .115 .123 c 0.61 0.80 .024 .031 d 20.80 21.34 .819 .840 e 15.75 16.13 .620 .635 e 5.45 bsc .215 bsc l 19.81 20.32 .780 .800 l1 3.81 4.32 .150 .170 q 5.59 6.20 .220 0.244 r 4.32 4.83 .170 .190 prelimanary technical information the product presented herein is under development. the technical specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. ixys reserves the right to change limits, test conditions, and dimensions without notice.
? 2013 ixys corporation, all rights reserved ixyk100n120c3 IXYX100N120C3 fig. 1. output characteristics @ t j = 25oc 0 20 40 60 80 100 120 140 160 180 200 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 v ce - volts i c - amperes v ge = 15v 13v 12v 11v 10v 7v 9v 6v 8v fig. 2. extended output characteristics @ t j = 25oc 0 50 100 150 200 250 300 0 5 10 15 20 25 v ce - volts i c - amperes v ge = 15v 13v 12v 10v 8v 11v 9v 7v 6v fig. 3. output characteristics @ t j = 125oc 0 20 40 60 80 100 120 140 160 180 200 012345678 v ce - volts i c - amperes 8v 7v 6v 9v v ge = 15v 13v 12v 11v 10v 5v fig. 4. dependence of v ce(sat) on junction temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade v ce(sat) - normalized v ge = 15v i c = 100a i c = 50a i c = 200a fig. 5. collector-to-emitter voltage vs. gate-to-emitter voltage 1.5 2.5 3.5 4.5 5.5 6.5 7.5 8.5 6789101112131415 v ge - volts v ce - volts i c = 200 a t j = 25oc 100 a 50 a fig. 6. input admittance 0 20 40 60 80 100 120 140 160 180 200 3.54.55.56.57.58.59.5 v ge - volts i c - amperes t j = - 40oc 25oc 125oc
ixys reserves the right to change limits, test conditions, and dimensions. ixyk100n120c3 IXYX100N120C3 fig. 7. transconductance 0 10 20 30 40 50 60 70 80 90 0 20 40 60 80 100 120 140 160 180 200 i c - amperes g f s - siemens t j = - 40oc 25oc 125oc fig. 10. reverse-bias safe operating area 0 20 40 60 80 100 120 140 160 180 200 220 200 300 400 500 600 700 800 900 1000 1100 1200 1300 v ce - volts i c - amperes t j = 150oc r g = 1 ? dv / dt < 10v / ns 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w fig. 11. maximum transient thermal impedance aaaaaa 0.3 fig. 8. gate charge 0 2 4 6 8 10 12 14 16 0 40 80 120 160 200 240 280 q g - nanocoulombs v ge - volts v ce = 600v i c = 100a i g = 10ma fig. 9. capacitance 10 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ce - volts capacitance - picofarads f = 1 mhz c ies c oes c res
? 2013 ixys corporation, all rights reserved ixyk100n120c3 IXYX100N120C3 fig. 12. inductive switching energy loss vs. gate resistance 0 1 2 3 4 5 6 7 8 12345678910 r g - ohms e off - millijoules 0 2 4 6 8 10 12 14 16 e on - millijoules e off e on - - - - t j = 125oc , v ge = 15v v ce = 600v i c = 50a i c = 100a fig. 15. inductive turn-off switching times vs. gate resistance 60 80 100 120 140 160 12345678910 r g - ohms t f i - nanoseconds 0 100 200 300 400 500 t d ( off ) - nanoseconds t f i t d(off) - - - - t j = 125oc, v ge = 15v v ce = 600v i c = 100a i c = 50a fig. 13. inductive switching energy loss vs. collector current 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 50 55 60 65 70 75 80 85 90 95 100 i c - amperes e off - millijoules 0 2 4 6 8 10 12 14 e on - millijoules e off e on - - - - r g = 1 ? , v ge = 15v v ce = 600v t j = 125oc t j = 25oc fig. 14. inductive switching energy loss vs. junction temperature 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 25 50 75 100 125 t j - degrees centigrade e off - millijoules 0 2 4 6 8 10 12 14 e on - millijoules e off e on - - - - r g = 1 ? , v ge = 15v v ce = 600v i c = 50a i c = 100a fig. 16. inductive turn-off switching times vs. collector current 50 70 90 110 130 150 170 50 55 60 65 70 75 80 85 90 95 100 i c - amperes t f i - nanoseconds 100 120 140 160 180 200 220 t d(off) - nanoseconds t f i t d(off) - - - - r g = 1 ? , v ge = 15v v ce = 600v t j = 125oc t j = 25oc fig. 17. inductive turn-off switching times vs. junction temperature 50 70 90 110 130 150 170 25 50 75 100 125 t j - degrees centigrade t f i - nanoseconds 100 120 140 160 180 200 220 t d ( off ) - nanoseconds t f i t d(off) - - - - r g = 1 ? , v ge = 15v v ce = 600v i c = 50a, 100a
ixys reserves the right to change limits, test conditions, and dimensions. ixyk100n120c3 IXYX100N120C3 ixys ref: ixy_100n120c3(9t)10-26-11 fig. 19. inductive turn-on switching times vs. collector current 20 40 60 80 100 120 140 50 55 60 65 70 75 80 85 90 95 100 i c - amperes t r i - nanoseconds 27 28 29 30 31 32 33 t d ( on ) - nanoseconds t r i t d(on) - - - - r g = 1 ? , v ge = 15v v ce = 600v t j = 25oc t j = 125oc fig. 20. inductive turn-on switching times vs. junction temperature 0 20 40 60 80 100 120 140 160 25 50 75 100 125 t j - degrees centigrade t r i - nanoseconds 27 28 29 30 31 32 33 34 35 t d ( on ) - nanoseconds t r i t d(on) - - - - r g = 1 ? , v ge = 15v v ce = 600v i c = 100a i c = 50a fig. 18. inductive turn-on switching times vs. gate resistance 0 40 80 120 160 200 12345678910 r g - ohms t r i - nanoseconds 20 30 40 50 60 70 t d ( on ) - nanoseconds t r i t d(on) - - - - t j = 125oc, v ge = 15v v ce = 600v i c = 50a i c = 100a


▲Up To Search▲   

 
Price & Availability of IXYX100N120C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X