Part Number Hot Search : 
SC604A 1N5352 74LV02DB C5886A SF106 1N5225 1N5225 RF1211C
Product Description
Full Text Search
 

To Download IXTQ102N20T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2013 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 ? c to 175 ? c 200 v v dgr t j = 25 ? c to 175 ? c, r gs = 1m ? 200 v v gsm transient ? 30 v i d25 t c = 25 ? c 102 a i lrms lead current limit, rms 75 a i dm t c = 25 ? c, pulse width limited by t jm 250 a i a t c = 25 ? c5 a e as t c = 25 ? c 1.2 j dv/dt i s ? i dm , v dd ? v dss , t j ? 175c 7 v/ns p d t c = 25 ? c 750 w t j -55 ... +175 ?? c t jm 175 ?? c t stg -55 ... +175 ?? c t l maximum lead temperature for soldering 300 c t sold plastic body for 10s 260 c m d mounting torque 1.13 / 10 nm/lb.in weight to-3p 5.5 g to-247 6.0 g trench tm power mosfets n-channel enhancement mode avalanche rated IXTQ102N20T ixth102n20t v dss = 200v i d25 = 102a r ds(on) ? ? ? ? ? 23m ? ? ? ? ? ds99821a(10/13) features ? ultra-low on resistance ? unclamped inductive switching (uis) rated ? low package inductance - easy to drive and to protect ? 175 ? c operating temperature advantages ? easy to mount ? space savings ? high power density applications ? automotive - motor drives - high side switch - 12v battery - abs systems ? dc/dc converters and off-line ups ? primary- side switch ? high current switching applications symbol test conditions characteristic values (t j = 25 ? c unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 ? a 200 v v gs(th) v ds = v gs , i d = 1ma 2.5 4.5 v i gss v gs = ? 20v, v ds = 0v ?????????????? 200 na i dss v ds = v dss , v gs = 0v 5 ? a t j = 150 ? c 250 ??? a r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 18 23 m ? g = gate d = drain s = source tab = drain to-247 (ixth) g s d (tab) d to-3p (ixtq) d g s d (tab) preliminary technical information
ixys reserves the right to change limits, test conditions, and dimensions. IXTQ102N20T ixth102n20t note: 1. pulse test, t ? 300 ? s, duty cycle, d ?? 2%. ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 symbol test conditions characteristic values (t j = 25 ? c unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 55 92 s c iss 6800 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 722 pf c rss 126 pf t d(on) 19 ns t r 26 ns t d(off) 50 ns t f 25 ns q g(on) 114 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 25a 34 nc q gd 31 nc r thjc 0.20 ??? c/w r thch 0.25 ? c/w source-drain diode symbol test conditions characteristic values t j = 25 ? c unless otherwise specified) min. typ. max. i s v gs = 0v 102 a i sm repetitive, pulse width limited by t jm 330 a v sd i f = 50a, v gs = 0v, note 1 1.2 v t rr 130 ns i f = 50a, v gs = 0v, -di/dt = 100a/ ? s v r = 50v resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 2.5 ? (external) to-3p outline pins: 1 - gate 2 - drain 3 - source 4 - drain dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 e ?? p to-247 outline 1 2 3 terminals: 1 - gate 2 - drain prelimanary technical information the product presented herein is under development. the technical specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. ixys reserves the right to change limits, test conditions, and dimensions without notice.
? 2013 ixys corporation, all rights reserved fig. 1. output characteristics @ 25oc 0 10 20 30 40 50 60 70 80 90 100 110 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 v ds - volts i d - amperes v gs = 10v 8v 7v 6v 5v fig. 2. extended output characteristics @ 25oc 0 20 40 60 80 100 120 140 160 180 200 220 240 0 2 4 6 8 101214161820 v ds - volts i d - amperes v gs = 10v 9v 8v 6v 7v 5v fig. 3. output characteristics @ 150oc 0 10 20 30 40 50 60 70 80 90 100 110 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 v ds - volts i d - amperes v gs = 10v 8v 7v 6v 5v fig. 4. r ds(on) normalized to i d = 51a value vs. junction temperature 0.5 1.0 1.5 2.0 2.5 3.0 3.5 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 102a i d = 51a fig. 5. r ds(on) normalized to i d = 51a value vs. drain current 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 20 40 60 80 100 120 140 160 180 200 i d - amperes r ds(on) - normalized v gs = 10v t j = 175oc t j = 25oc fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 90 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit IXTQ102N20T ixth102n20t
ixys reserves the right to change limits, test conditions, and dimensions. IXTQ102N20T ixth102n20t fig. 7. input admittance 0 20 40 60 80 100 120 140 160 180 3.4 3.8 4.2 4.6 5 5.4 5.8 6.2 6.6 v gs - volts i d - amperes t j = 150oc 25oc - 40oc fig. 8. transconductance 0 20 40 60 80 100 120 140 160 0 20 40 60 80 100 120 140 160 180 200 i d - amperes g f s - siemens t j = - 40oc 25oc 150oc fig. 9. forward voltage drop of intrinsic diode 0 50 100 150 200 250 300 0.40.50.60.70.80.91.01.11.21.3 v sd - volts i s - amperes t j = 150oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 10 20 30 40 50 60 70 80 90 100 110 120 q g - nanocoulombs v gs - volts v ds = 100v i d = 25a i g = 10ma fig. 11. capacitance 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarad s f = 1 mhz c iss c rss c oss fig. 12. maximum transient thermal impedance 0.01 0.10 1.00 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w
? 2013 ixys corporation, all rights reserved ixys ref: t_102n20t(7w)4-13-07-a fig. 14. resistive turn-on rise time vs. drain current 21 22 23 24 25 26 27 50 55 60 65 70 75 80 85 90 95 100 105 i d - amperes t r - nanosecond s r g = 2.5 ? v gs = 15v v ds = 100v t j = 125oc t j = 25oc fig. 15. resistive turn-on switching times vs. gate resistance 20 22 24 26 28 30 32 34 2345678910 r g - ohms t r - nanosecond s 19 20 21 22 23 24 25 26 t d ( o n ) - nanosecond s t r t d(on) - - - - t j = 125oc, v gs = 15v v ds = 100v i d = 102a, 51a fig. 16. resistive turn-off switching times vs. junction temperature 18 19 20 21 22 23 24 25 26 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f - nanoseconds 35 40 45 50 55 60 65 70 75 t d ( o f f ) - nanoseconds t f t d(off) - - - - r g = 2.5 ? , v gs = 15v v ds = 100v i d = 51a i d = 102a fig. 13. resistive turn-on rise time vs. junction temperature 21 22 23 24 25 26 27 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r - nanosecond s r g = 2.5 ? v gs = 15v v ds = 100v i d = 102a i d = 51a fig. 17. resistive turn-off switching times vs. drain current 18 19 20 21 22 23 24 25 26 27 28 50 55 60 65 70 75 80 85 90 95 100 105 i d - amperes t f - nanosecond s 40 43 46 49 52 55 58 61 64 67 70 t d ( o f f ) - nanosecond s t f t d(off) - - - - r g = 2.5 ? , v gs = 15v v ds = 100v t j = 125oc t j = 25oc t j = 125oc t j = 25oc fig. 18. resistive turn-off switching times vs. gate resistance 15 20 25 30 35 40 45 50 55 60 65 70 75 2345678910 r g - ohms t f - nanoseconds 40 50 60 70 80 90 100 110 120 130 140 150 160 t d ( o f f ) - nanoseconds t f t d(off) - - - - t j = 125oc, v gs = 15v v ds = 100v i d = 51a, 102a IXTQ102N20T ixth102n20t


▲Up To Search▲   

 
Price & Availability of IXTQ102N20T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X