Part Number Hot Search : 
ANGAAM OPB870N MT2514W 2SJ661 BU401 12D05 OPB870N SFH610A
Product Description
Full Text Search
 

To Download IRFZ44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  g eneral d escription the IRFZ44 is n-channel mos field effect transistor designed for high current switching applications. rugged e as capability and ultra low r ds(on) is suitable for pwm. features v ds = 6 0v i d = 45 a@ v gs = 10 v r ds(on) < 7.5 m @ v gs = 10 v u ltra l ow on-resistance h igh uis and uis 100% t est application hard switched and high frequency circuits uninterruptible power supply table 1. a bsolute maximum r atings (ta=25 ) symbol parameter value unit v ds drain-source voltage ( v gs= 0v 6 0 v v gs gate-source voltage ( v ds= 0v) 25 v i d (dc) drain current (dc) at tc=25 45 a i d (dc) drain current (dc) at tc=100 40 a i dm (pluse) drain current-continuous@ current-pulsed (note 1 ) 200 a dv/dt peak d iode r ecovery v oltage 30 v /n s p d maximum power dissipation (tc=25 ) 130 w derating f actor 1.9 w/ e as single p ulse a valanche e nergy (note 2 ) 360 mj t j ,t stg operating junction and storage temperature range -55 to 175 note s 1. repetitive rating: pulse width limited by maximum junction temperature 2. e as condition : t j =25 , v dd =33v,v g =10v,i d =48.5a schematic d iagram v dss = 6 0 v i dss = 45 a r ds(on ) = 6.0 m ? to-251 t op v iew g d s ? IRFZ44 pb free plating product IRFZ44 pb 45 ampere typical n-channel trench power mosfets ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 1/2 rev.02 cs 50 n 06 cass semiconductor co., ltd http://www.casssemi.com primary version - 1 - n-channel trench power mosfet g eneral d escription the cs50 n 06 is n-channel mos field effect transistor designed for high current switching applications. rugged e as capability and ultra low r ds(on) is suitable for pwm. features v ds = 6 0v i d = 50 a@ v gs = 10 v r ds(on) < 7.5 m @ v gs = 10 v u ltra l ow on-resistance h igh uis and uis 100% t est application hard switched and high frequency circuits uninterruptible power supply p ackage m arking a nd o rdering i nformation device marking device device package reel size tape width quantity cs50 n 06 50 n 06 t o-220 - - - table 1. a bsolute maximum r atings (ta=25 ) symbol parameter value unit v ds drain-source voltage ( v gs= 0v 6 0 v v gs gate-source voltage ( v ds= 0v) 25 v i d (dc) drain current (dc) at tc=25 50 a i d (dc) drain current (dc) at tc=100 45 a i dm (pluse) drain current-continuous@ current-pulsed (note 1 ) 200 a dv/dt peak d iode r ecovery v oltage 30 v /n s p d maximum power dissipation (tc=25 ) 130 w derating f actor 1.9 w/ e as single p ulse a valanche e nergy (note 2 ) 360 mj t j ,t stg operating junction and storage temperature range -55 to 175 note s 1. repetitive rating: pulse width limited by maximum junction temperature 2. e as condition : t j =25 , v dd =33v,v g =10v,i d =48.5a schematic d iagram v dss = 6 0 v i dss = 50 a r ds(on ) = 6.0 m ? t o-220 t op v iew
table 2. t hermal characteristic symbol parameter value unit r ? jc thermal resistance,junction-to- case 0.6 /w table 3. e lectrical characteristics (ta=25 unless otherwise noted) symbol parameter condition s min typ max unit on/ o ff s tates bv dss drain-source breakdown voltage v gs =0v i d =250 a 60 v i dss zero gate voltage drain current (tc=25 ) v ds = 6 0 v,v gs =0v 1 a i dss zero gate voltage drain current (tc=125 ) v ds = 6 0 v,v gs =0v 1 a i gss gate-body leakage current v gs = 25 v,v ds =0v 100 na v gs(th) gate threshold voltage v ds =v gs ,i d =250 a 2 4 v r ds(on) drain-source on-state resistance v gs = 10 v, i d =4 0 a 6.0 7.5 m dynamic characteristics g fs forward transconductance v ds = 10 v,i d = 40 a 2 7 s c iss input capacitance v ds = 25 v,v gs =0v, f =1.0mhz 3967 p f c oss output capacitance 848 p f c rss reverse transfer capacitance 4 75 p f q g total gate charge v ds = 30 v,i d = 30 a, v gs = 10 v 67 nc q gs gate-source charge 13 nc q gd gate-drain charge 18 nc s witching t imes t d(on) turn-on delay time v dd = 3 0v,i d = 2 a ,r l =15 v gs = 10 v,r g = 2.5 11 ns t r turn-on rise time 13 ns t d(off) turn-off delay time 22 ns t f turn-off fall time 27 ns source- d rain d iode characteristics i sd source- d rain c urrent(body diode) 50 a i sdm pulsed source- d rain c urrent(body diode) 200 a v sd forward o n v oltage (note 1 ) t j =25 ,i sd =40a,v gs =0v 0.8 0.95 v t rr reverse recovery time (note 1 ) t j =25 ,i f =75a di/dt=100a/ s 40 ns q rr reverse recovery charge (note 1 ) 81 nc t on forward turn-on time intrinsic turn-on time is negligible(turn-on is dominated by l s +l d ) note s 1 . pulse test: pulse width 300 s, duty cycle 1.5 % , r g =25 , starting t j =25 ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 2/2 rev.02 70 ? IRFZ44 cs 50 n 06 cass semiconductor co., ltd http://www.casssemi.com primary version - 2 - table 2. t hermal characteristic symbol parameter value unit r ? jc thermal resistance,junction-to- case 0.6 /w table 3. e lectrical characteristics (ta=25 unless otherwise noted) symbol parameter condition s min typ max unit on/ o ff s tates bv dss drain-source breakdown voltage v gs =0v i d =250 a 60 v i dss zero gate voltage drain current (tc=25 ) v ds = 6 0 v,v gs =0v 1 a i dss zero gate voltage drain current (tc=125 ) v ds = 6 0 v,v gs =0v 1 a i gss gate-body leakage current v gs = 25 v,v ds =0v 100 na v gs(th) gate threshold voltage v ds =v gs ,i d =250 a 2 4 v r ds(on) drain-source on-state resistance v gs = 10 v, i d =4 0 a 6.0 7.5 m dynamic characteristics g fs forward transconductance v ds = 10 v,i d = 40 a 2 7 s c iss input capacitance v ds = 25 v,v gs =0v, f =1.0mhz 3967 p f c oss output capacitance 848 p f c rss reverse transfer capacitance 4 75 p f q g total gate charge v ds = 30 v,i d = 30 a, v gs = 10 v 67 nc q gs gate-source charge 13 nc q gd gate-drain charge 18 nc s witching t imes t d(on) turn-on delay time v dd = 3 0v,i d = 2 a ,r l =15 v gs = 10 v,r g = 2.5 11 ns t r turn-on rise time 13 ns t d(off) turn-off delay time 22 ns t f turn-off fall time 27 ns source- d rain d iode characteristics i sd source- d rain c urrent(body diode) 50 a i sdm pulsed source- d rain c urrent(body diode) 200 a v sd forward o n v oltage (note 1 ) t j =25 ,i sd =40a,v gs =0v 0.8 0.95 v t rr reverse recovery time (note 1 ) t j =25 ,i f =75a di/dt=100a/ s 40 ns q rr reverse recovery charge (note 1 ) 81 nc t on forward turn-on time intrinsic turn-on time is negligible(turn-on is dominated by l s +l d ) note s 1 . pulse test: pulse width 300 s, duty cycle 1.5 % , r g =25 , starting t j =25


▲Up To Search▲   

 
Price & Availability of IRFZ44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X