Part Number Hot Search : 
ELT21 L432M5B SC2001 RT1A3906 KRC857U 8AEWE FR107G M3216
Product Description
Full Text Search
 

To Download IRFZ34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 power mosfet IRFZ34, sihfz34 features ? dynamic dv/dt rating ? 175 c operating temperature ? fast switching ? ease of paralleling ? simple drive requirements ? lead (pb)-free available description third generation power mosfet s from vishay provide the designer with the best combi nation of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 w. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry. notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. v dd = 25 v, starting t j = 25 c, l = 259 h, r g = 25 , i as = 30 a (see fig. 12). c. i sd 30 a, di/dt 200 a/s, v dd v ds , t j 175 c. d. 1.6 mm from case. product summary v ds (v) 60 r ds(on) ( )v gs = 10 v 0.050 q g (max.) (nc) 46 q gs (nc) 11 q gd (nc) 22 configuration single n - c hannel m os fet g d s to-220 g d s a v aila b le rohs* compliant ordering information package to-220 lead (pb)-free IRFZ34pbf sihfz34-e3 snpb IRFZ34 sihfz34 absolute maximum ratings t c = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 60 v gate-source voltage v gs 20 continuous drain current v gs at 10 v t c = 25 c i d 30 a t c = 100 c 21 pulsed drain current a i dm 120 linear derating factor 0.59 w/c single pulse avalanche energy b e as 200 mj maximum power dissipation t c = 25 c p d 88 w peak diode recovery dv/dt c dv/dt 4.5 v/ns operating junction and storage temperature range t j , t stg - 55 to + 175 c soldering recommendations (p eak temperature) for 10 s 300 d mounting torque 6-32 or m3 screw 10 lbf in 1.1 n m www.kersemi.com
2 IRFZ34, sihfz34 notes a. repetitive rating; pulse width limited by maximum junction temper ature (see fig. 11). b. pulse width 300 s; duty cycle 2 %. thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient r thja -62 c/w case-to-sink, flat, greased surface r thcs 0.50 - maximum junction-to-case (drain) r thjc -1.7 specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 60 - - v v ds temperature coefficient v ds /t j reference to 25 c, i d = 1 ma - 0.065 - v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 - 4.0 v gate-source leakage i gss v gs = 20 v - - 100 na zero gate voltage drain current i dss v ds = 60 v, v gs = 0 v - - 25 a v ds = 48 v, v gs = 0 v, t j = 150 c - - 250 drain-source on-state resistance r ds(on) v gs = 10 v i d = 18 a b - - 0.050 forward transconductance g fs v ds = 25 v, i d = 18 a 9.3 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 - 1200 - pf output capacitance c oss - 600 - reverse transfer capacitance c rss - 100 - total gate charge q g v gs = 10 v i d = 30 a, v ds = 48 v, see fig. 6 and 13 b --46 nc gate-source charge q gs --11 gate-drain charge q gd -- 22 turn-on delay time t d(on) v dd = 30 v, i d = 30 a, r g = 12 , r d = 1.0 , see fig. 10 b -13- ns rise time t r - 100 - turn-off delay time t d(off) -29- fall time t f -52- internal drain inductance l d between lead, 6 mm (0.25") from package and center of die contact -4.5- nh internal source inductance l s -7.5- drain-source body diode characteristics continuous source-drain diode current i s mosfet symbol showing the integral reverse p - n junction diode --30 a pulsed diode forward current a i sm - - 120 body diode voltage v sd t j = 25 c, i s = 30 a, v gs = 0 v b --1.6v body diode reverse recovery time t rr t j = 25 c, i f = 30 a, di/dt = 100 a/ s - 120 230 ns body diode reverse recovery charge q rr -0.71.4nc forward turn-on time t on intrinsic turn-on time is neglig ible (turn-on is dominated by l s and l d ) d s g s d g www.kersemi.com
3 IRFZ34, sihfz34 fig. 1 - typical output characteristics, t c = 25 c fig. 2 - typical output characteristics, t c = 175 c fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature www.kersemi.com
4 IRFZ34, sihfz34 fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area www.kersemi.com
5 IRFZ34, sihfz34 fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case fig. 12a - unclamped inductive test circui t fig. 12b - unclamped inductive waveforms p u lse w idth 1 s d u ty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f a r g i as 0.01 t p d.u.t. l v ds + - v dd 10 v v ary t p to o b tain re qu ired i as i as v ds v dd v ds t p www.kersemi.com
6 IRFZ34, sihfz34 fig. 12c - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 13b - gate charge test q gs q gd q g v g charge 10 v d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v c u rrent reg u lator c u rrent sampling resistors same type as d.u.t. + - www.kersemi.com
7 IRFZ34, sihfz34 fig. 14 - for n-channel p. w . period di/dt diode reco v ery d v /dt ripple 5 % body diode for w ard drop re-applied v oltage re v erse reco v ery c u rrent body diode for w ard c u rrent v gs = 10 v * v dd i sd dri v er gate dri v e d.u.t. i sd w a v eform d.u.t. v ds w a v eform ind u ctor c u rrent d = p. w . period + - + + + - - - * v gs = 5 v for logic le v el de v ices peak diode recovery dv/dt test circuit r g v dd ? d v /dt controlled b y r g ? dri v er same type as d.u.t. ? i sd controlled b y d u ty factor "d" ? d.u.t. - de v ice u nder test d.u.t. circ u it layo u t considerations ? lo w stray ind u ctance ? gro u nd plane ? lo w leakage ind u ctance c u rrent transformer www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRFZ34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X