Part Number Hot Search : 
MPC9331 166Y06 5932B 4ALVCH 2SC2898 2SC184 N5333 SG2626T
Product Description
Full Text Search
 

To Download IB815 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-3 system cpu intel ? atom? processor d525 (1.80ghz, 1mb l2 cache) system memory 1x ddr3-800 so-dimm, max. 4gb system chipset intel ? 82801hbm i/o controller (ich8m) bios ami watchdog timer 256 levels ssd 1x cfast socket 1x cf type ii cf socket only (IB815f) yes h/w monitor yes expansion slots 1x pci, 1x mini pci-e graphics vga controller intel ? ich8m integrated gma3150 vga memory max. shared memory C 224mb lcd interface supports vga and 24-bit single channel lvds lan controller realtek rtl-8111e pci-e gigabit lan connector 2x rj-45 on board multi i/o i/o chipset nuvoton nct6627ud 1x kb, 1x mouse, 1x lpt, 1x irda 3x rs232, 1x rs-232/422/485, 2x sata ii usb 8 ports via pin-header (usb 2.0) audio intel ? ich8m built-in audio w/ realtek alc662 codec for 5.1 ch others digital i/o(4-in.4-out), ismart +12v dc in or atx (12v only) mechanical and environmental dimensions 203mm x 146mm (8 x 5.75) max. power requirement intel ? atom? d525 1.80gb w/ 4gb ddr3-1333 +12v: 1.652a operating temperature 0c~60c (32f~140f) storage temperature -20c~80c (-4f~176f) relative humidity 10%~90% (non-condensing) ordering i nformation IB815 intel ? atom? processor d525 1.80ghz sc with cpu cooler 5.25" disk-size sbc w/ vga+24-bit single channel lvds, dual gigabit lan,cf, cfast, ismart id815 daughter card w/ 2x gbe rj45 connector ib72 cable kit w/ sata, com, vga, ps/2, usb, audio, power cable, printer cable (for IB815) atx power pci mini pci-e ich8m cpu sata com1~com4 cf socket cfast dc in (+12v) lvds ddr3 so-dimm socket intel ? atom ? -based 8 usb(2.0) 4 com 2 sata ii 2 gbe lan intel ? atom? d525 5.25" disk-size sbc w/ intel ? ich8m chipset IB815 features onboard intel ? atom? processors d525, 1.80ghz 1x ddr3 so-dimm, max. 4gb ismart - for eup/erp power saving, auto-scheduler and power resume supports crt and 24-bit single channel lvds onboard dual pci-e gigabit lan watchdog timer, digital i/o 8x usb 2.0, 4x com, 2x sata ii 1x pci, 1x mini pci-e new new ismart fanless ismart new fanless dimensions for users manual & datasheet download, visit www.ibase.com.tw


▲Up To Search▲   

 
Price & Availability of IB815

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X