Part Number Hot Search : 
16250 103M3 RF600D 100EL1 TA8251AH HSB124 SK372 M41ST
Product Description
Full Text Search
 

To Download HSIB893-BGA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-17 dimensions drawing ib893 intel ? atom? d525 3.5-inch disk size sbc w/ intel ? ich8m chipset 8 usb 4 com 2 sata ii 2 gbe lan features onboard intel ? atom tm d525 dc processor, 1.8ghz 1x ddr3 so-dimm, max. 4gb supports crt and lvds 2x realtek rtl-8111g-cg gigabit lan watchdog timer, digital i/o 8x usb, 4x com, 2x sata ii system cpu intel ? atom tm d525 processor (1.8ghz, 1mb cache) system memory 1x ddr3 so-dimm, max. 4gb (non-ecc) system chipset intel ? 82801hbm i/o controller (ich8m) bios ami watchdog timer 256 levels ssd n/a h/w monitor yes expansion slots 1x mini pci-e graphics vga controller intel ? atom tm d525 processor integrated gma3150 graphics vga memory max. shared memory C 224mb display interface support crt and 24-bit dual channel lvds lan controller 2x realtek rtl-8111g-cg pci-e gigabit lan connector 2x rj-45 on board multi i/o i/o chipset nuvoton nct6627ud 3x rs232 1x rs-232/422/485(jumperless selection), 2x sata ii, 1x kb, 1x mouse usb 2x ports on board pin headers for 6 ports (usb 2.0) audio intel ? ich8m built-in audio controller w/ realtek alc662-vd codec for 5.1ch others digital i/o, +12v dc in mechanical and environmental dimensions 102mm x 147mm (4 x 5.8) max. power requirement intel ? atom? d525 1.80 ghz w/ 1x 2gb ddr3-1333 +5v: 0.23 a +12v: 2.38 a operating temperature 0c~60c (32f~140f) storage temperature -20c~80c (-4f~176f) relative humidity 10%~90% (non-condensing) ordering information ib893 intel ? atom tm d525 1.8ghz processor 3.5-inch disk size sbc w/ vga & lvds (24-bit dual channel), dual pci-e gigabit lan HSIB893-BGA heatsink for ib893 vga rj-45 lvds dc in (12v) sata power sata ii ddr3 so-dimm socket lcd backlight usb com 1 com2 kb/mouse usb 2.0 com3~4 audio mini pci-e 3.5" disk-size sbc remarks: 1. specifcations are subject to change without prior notice. 2. odm/oem is available. 3. for users manual & datasheet download, visit www.ibase.com.tw.


▲Up To Search▲   

 
Price & Availability of HSIB893-BGA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X