Part Number Hot Search : 
B040P105 1N5333 FST10145 APOLYFT8 AT88S 2SA473 R1610 0M832
Product Description
Full Text Search
 

To Download HEI201210A-2R2M-Q8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  molding power inductors ? hei series hei series power inductor takes an important part in the efficiency performance of dc/dc converter, and hei products is designed to take care of both pfm and pwm application performance. therefore, for hei product, the q(rac) value at light load and the rdc value at heavy load are both superior to other competitors. furthermore, the saturated current performance is also great, so it helps to get the ripple current lower and enhance the efficiency result. features applications ? high efficiency ? small sizes in 2.0*1.2*0.8mm ? high saturated current ? high q / low rac ? low rdc ? smart phones ? bluetooth headsets ? tablet pcs ? pnd ? pc peripheral devices ? dsc, camcorders product identification shape and dimensions recommended pattern dimensions in mm type a b c d 201208a 2.00.2 1.250.2 0.8max 0.50.3 201210a 2.00.2 1.250.2 1.0max 0.50.3 201610a 2.00.2 1.600.2 1.0max 0.50.3 252010a 2.50.3 2.000.3 1.0max 0.60.3 252012a 2.50.3 2.000.3 1.2max 0.60.3 322510a 3.20.3 2.500.3 1.0max 0.50.3 322512a 3.20.3 2.500.3 1.2max 0.50.3 dimensions in mm type a b c 201208a 0.8~1.2 2.3~2.9 1.0~1.4 201210a 0.8~1.2 2.3~2.9 1.0~1.4 201610a 0.9 2.0 1.6 252010a 1.2 2.8 2.0 252012a 1.2 2.8 2.0 322510a 1.7 3.2 2.5 322512a 1.7 3.2 2.5
moldin g power inductors ? hei series electrical characteristics inductance tolerance test frequency irms(a) isat(a) rdc(m ) part number (uh) (%) (mhz) max(typ) max(typ) max(typ) hei201208a-r24m-q8 0.24 20 2 4.2(4.8) 4.8(5.4) 25(19) hei201208a-r47m-q8 0.47 20 2 3.0(3.4) 3.2(3.6) 48(40) ? irms dc current (a) that will cause an approximate t of 40 . ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m = 20% ? l : agilent e4991/hp4287a+16197a, 2mhz 0.2v ? rdc : chen hwa502 ? isat : agilent e4980a+hp42841a ? irms : agilent 6641 system dc power supply ? operating temperature range from -40 to 125 . (including self - temperature rise) test instruments e4991a impedance / material analyzer inductance vs. dc current 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 01 234 56 dc current(a) l(uh) r24 r47 tem perature change vs. dc current 0 10 20 30 40 50 60 70 0123456 dc current(a) t( ) r24 r47
moldin g power inductors ? hei series electrical characteristics inductance tolerance test frequency irms(a) isat(a) rdc(m ) part number (uh) (%) (mhz) max(typ) max(typ) max(typ) hei201210a-r24m-q8 0.24 20 2 3.7(4.6) 4.5(5.7) 28(22) hei201210a-r47m-q8 0.47 20 2 3.0(3.7) 3.3(4.2) 42(33) hei201210a-1r0m-q8 1.0 20 2 2.2(2.7) 2.3(2.8) 78(69) hei201210a-1r5m-q8 1.5 20 2 1.8(2.2) 1.9(2.3) 112(94) HEI201210A-2R2M-Q8 2.2 20 2 1.5(1.8) 1.6(2.0) 168(153) ? irms dc current (a) that will cause an approximate t of 40 . ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m = 20% ? l : agilent e4991/hp4287a+16197a, 2mhz 0.2v ? rdc : chen hwa502 ? isat : agilent e4980a+hp42841a ? irms : agilent 6641 system dc power supply ? operating temperature range from -40 to 125 . (including self - temperature rise) test instruments e4991a impedance / material analyzer inductance vs. dc current 0.0 0.4 0.8 1.2 1.6 2.0 2.4 01 23 45 67 dc current(a) l(uh) 2r2 1r0 r47 r24 1r0 1r5 tem perature change vs. dc current 0 10 20 30 40 50 60 70 00.5 11.522.5 33.544.5 55.56 dc current(a) t( ) 2r2 1r0 r24 r47 1r5
moldin g power inductors ? hei series electrical characteristics inductance tolerance test frequency irms(a) isat(a) rdc(m ) part number (uh) (%) (mhz) max(typ) max(typ) max(typ) hei201610a-r24m-q8 0.24 20 2 3.9(4.8) 5.6(7.0) 27(21) hei201610a-r47m-q8 0.47 20 2 3.5(4.2) 3.9(4.8) 42(33) hei201610a-r68m-q8 0.68 20 2 2.7(3.4) 3.2(4.0) 56(43) hei201610a-1r0m-q8 1.0 20 2 2.5(3.1) 2.9(3.6) 65(53) hei201610a-1r5m-q8 1.5 20 2 2.3(2.7) 2.5(2.8) 85(75) hei201610a-2r2m-q8 2.2 20 2 1.8(2.2) 2.4(2.7) 135(112) ? irms dc current (a) that will cause an approximate t of 40 . ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m = 20% ? l : agilent e4991/hp4287a+16197a, 2mhz 0.2v ? rdc : chen hwa502 ? isat : agilent e4980a+hp42841a ? irms : agilent 6641 system dc power supply ? operating temperature range from -40 to 125 . (including self - temperature rise) test instruments e4991a impedance / material analyzer inductance vs. dc current 0.0 0.4 0.8 1.2 1.6 2.0 2.4 01 23 456 78 dc current(a) l(uh) 2r2 1r0 r47 r24 1r5 r68 tem perature change vs. dc current 0 10 20 30 40 50 60 70 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 dc current(a) t( ) 2r2 1r0 r24 r47 1r5 r68
moldin g power inductors ? hei series electrical characteristics inductance tolerance test frequency irms(a) isat(a) rdc(m ) part number (uh) (%) (mhz) max(typ) max(typ) max(typ) hei252010a-r24m-q8 0.24 20 2 5.5(6.5) 8.0(9.5) 18(13) hei252010a-r33m-q8 0.33 20 2 4.8(5.5) 6.5(8.0) 24(18) hei252010a-r47m-q8 0.47 20 2 3.9(4.5) 5.0(6.2) 35(27) hei252010a-r68m-q8 0.68 20 2 3.7(4.2) 4.5(5.6) 40(32) hei252010a-1r0m-q8 1.0 20 2 3.0(3.5) 3.7(4.6) 53(45) hei252010a-1r5m-q8 1.5 20 2 2.4(2.8) 3.1(3.8) 75(68) hei252010a-2r2m-q8 2.2 20 2 2.2(2.5) 2.5(3.0) 97(87) ? irms dc current (a) that will cause an approximate t of 40 . ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m = 20% ? l : agilent e4991/hp4287a+16197a, 2mhz 0.2v ? rdc : chen hwa502 ? isat : agilent e4980a+hp42841a ? irms : agilent 6641 system dc power supply ? operating temperature range from -40 to 125 . (including self - temperature rise) test instruments e4991a impedance / material analyzer inductance vs. dc current 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 012345678910 dc current(a) l(uh) r47 2r2 1r5 1r0 r68 r33 r24 tem perature change vs. dc current 0 10 20 30 40 50 60 70 80 012345678 dc current(a) t( ) 1r5 1r0 r68 r47 r33 r24 2r2
moldin g power inductors ? hei series electrical characteristics inductance tolerance test frequency irms(a) isat(a) rdc(m ) part number (uh) (%) (mhz) max(typ) max(typ) max(typ) hei252012a-r24m-q8 0.24 20 2 6.2(7.3) 9.5(12) 15(11.5) hei252012a-r47m-q8 0.47 20 2 3.8(4.5) 5.6(7.0) 33(28) hei252012a-r68m-q8 0.68 20 2 3.8(4.4) 5.0(6.2) 36(30) hei252012a-1r0m-q8 1.0 20 2 3.6(4.1) 4.4(5.5) 42(35) hei252012a-1r5m-q8 1.5 20 2 2.7(3.1) 3.4(4.2) 65(57) hei252012a-2r2m-q8 2.2 20 2 2.5(2.9) 3.0(3.7) 83(74) ? irms dc current (a) that will cause an approximate t of 40 . ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m = 20% ? l : agilent e4991/hp4287a+16197a, 2mhz 0.2v ? rdc : chen hwa502 ? isat : agilent e4980a+hp42841a ? irms : agilent 6641 system dc power supply ? operating temperature range from -40 to 125 . (including self - temperature rise) test instruments e4991a impedance / material analyzer inductance vs. dc current 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 dc current(a) l(uh) 2r2 1r5 1r0 r68 r47 r24 tem perature change vs. dc current 0 10 20 30 40 50 60 70 012345678910 dc current(a) t( ) 2r2 1r5 1r0 r24 r47 r68
moldin g power inductors ? hei series electrical characteristics inductance tolerance test frequency irms(a) isat(a) rdc(m ) part number (uh) (%) (mhz) max(typ) max(typ) max(typ) hei322510a-r24m-q8 0.24 20 2 6.0(6.8) 9.0(11.5) 16(12) hei322510a-r33m-q8 0.33 20 2 5.8(6.5) 8.0(9.5) 17(12.5) hei322510a-r47m-q8 0.47 20 2 4.5(5.4) 6.0(7.3) 24(19) hei322510a-1r0m-q8 1.0 20 2 3.3(3.7) 4.1(4.7) 46(39) hei322510a-1r5m-q8 1.5 20 2 3.2(3.5) 3.5(4.0) 58(50) hei322510a-2r2m-q8 2.2 20 2 2.5(2.8) 3.0(3.5) 85(73) ? irms dc current (a) that will cause an approximate t of 40 . ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m = 20% ? l : agilent e4991/hp4287a+16197a, 2mhz 0.2v ? rdc : chen hwa502 ? isat : agilent e4980a+hp42841a ? irms : agilent 6641 system dc power supply ? operating temperature range from -40 to 125 . (including self - temperature rise) test instruments e4991a impedance / material analyzer inductance vs. dc current 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 0 1 2 3 4 5 6 7 8 9 10 11 12 13 dc current(a) l(uh) r24 r33 r47 1r0 1r5 2r2 tem perature change vs. dc current 0 10 20 30 40 50 60 70 80 01 23 456 78 910 dc current(a) t( ) r47 r33 r24 1r0 1r5 2r2
moldin g power inductors ? hei series electrical characteristics inductance tolerance test frequency irms(a) isat(a) rdc(m ) part number (uh) (%) (mhz) max(typ) max(typ) max(typ) hei322512a-r47m-q8 0.47 20 2 4.6(5.2) 7.0(8.2) 25(19) hei322512a-1r0m-q8 1.0 20 2 3.7(4.2) 5.7(6.5) 34(27.5) hei322512a-1r5m-q8 1.5 20 2 2.8(3.2) 4.0(4.6) 59(51) hei322512a-2r2m-q8 2.2 20 2 2.7(3.0) 3.5(4.0) 73(64) ? irms dc current (a) that will cause an approximate t of 40 . ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m = 20% ? l : agilent e4991/hp4287a+16197a, 2mhz 0.2v ? rdc : chen hwa502 ? isat : agilent e4980a+hp42841a ? irms : agilent 6641 system dc power supply ? operating temperature range from -40 to 125 . (including self - temperature rise) test instruments e4991a impedance / material analyzer inductance vs. dc current 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0123456789 dc current(a) l(uh) 2r2 1r5 1r0 r47 tem perature change vs. dc current 0 10 20 30 40 50 60 70 80 0123 45678 dc current(a) t( ) 2r2 1r5 1r0 r47
molding power inductors ? hei series packaging specifications tape dimensions tape material reel dimensions dimensions in mm tape dimensions reel dimensions quantity type a b t w p f k a b c d pcs / reel 201208a 1.45 2.25 0.22 8 4 3.5 1.04 178 60 12 1.5 3000 201210a 1.50 2.25 0.22 8 4 3.5 1.15 178 60 12 1.5 3000 201610a 1.80 2.20 0.22 8 4 3.5 1.15 178 60 12 1.5 3000 252010a 2.25 2.80 0.22 8 4 3.5 1.35 178 60 12 1.5 3000 252012a 2.25 2.80 0.22 8 4 3.5 1.35 178 60 12 1.5 3000 322510a 2.80 3.55 0.23 8 4 3.5 1.20 178 60 12 1.5 3000 322512a 2.80 3.50 0.23 8 4 3.5 1.34 178 60 12 1.5 3000


▲Up To Search▲   

 
Price & Availability of HEI201210A-2R2M-Q8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X