|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
data subject to change without notice. isometric drawing not to scale. www.hammondmfg.com part no. HCS-TAP-2448 48.00 in 1219 mm 24.00 in 610 mm 3/4" w x 1" h gasket flute direction item number title 1 1x1 extruded aluminum frame 2 mounting bracket 3 multi-wall polycarbonate panel notes designed for 48" wide aisle extruded aluminum frame multi-wall polycarbonate panel fire rated to can/ul c-s102.2 gasket material fire rated to ul94hf1 includes mounting hardware 1 2 3 1.00 in 25 mm 1/16" x 3/4" gasket this side only 26.00 in 660 mm
|
Price & Availability of HCS-TAP-2448 |