|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
description these diode-transistor opto coup lers use an insulating layer between a led and an integrated photodetector to provide elec trical in su lation between input and out put. separate connections for the photodiode bias and out - put-transistor collector increase the speed up to a hun - dred times that of a conven tional phototransistor coupler by reduc ing the base-collector capacitance. these single channel optocoup lers are available in 8-pin dip , so-8 and widebody package confgurations. the 6n135, hcpl-0500, and hcnw135 are for use in ttl/ cmos, ttl/lsttl or wide bandwidth analog applications. current transfer ratio (ctr) for these devices is 7% mini - mum at i f = 16 ma. the 6n136, hcpl-2502, hcpl-0501, and hcnw136 are designed for high speed ttl/ttl applications. a standard 16 ma ttl sink current through the input led will pro - vide enough output current for 1 ttl load and a 5.6 k ? pull-up resistor. ctr for these devices is 19% minimum at i f = 16 ma. functional diagram a 0.1 f bypass capacitor must be connected between pins 5 and 8. 6n135/6, hcnw135/6 hcpl-2502/0500/0501 single channel, high speed optocouplers data sheet features ? high speed: 1 mb/s ? ttl compatible ? available in 8-pin dip, so-8, widebody packages ? open collector output ? safety approval ul recognized C 3750 v rms for 1 minute (5000 v rms for 1 minute for hcnw and option 020 devices) per ul1577 csa approved iec/en/din en 60747-5-5 approved C v iorm = 567 v peak for so-8 devices C v iorm = 630 v peak for dip 300 mil devices C v iorm = 1414 v peak for dip 400 mil (widebody) devices ? dual channel version available (253x/053x/0534) applications ? high voltage insulation ? video signal isolation ? line receivers ? feedback element in switched mode power supplies ? high speed logic ground isolation C ttl/ttl, ttl/cmos, ttl/lsttl ? replaces pulse transformers ? replaces slow phototransistor isolators ? analog signal ground isolation lead (pb) free rohs 6 fully compliant rohs 6 fully compliant options available; -xxxe denotes a lead-free product 7 1 2 3 4 5 6 8 nc anode cathode nc v cc v b v o gnd truth table (positive logic) led on off v o low high caution: it is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by esd.
2 schematic selection guide minimum cmr 8-pin dip small-outline widebody (300 mil) so-8 (400 mil) current single dual single dual single dv/dt v cm transfer channel channel channel channel channel (v/s) (v) ratio (%) package package* package package* package 1,000 10 7 6n135 hcpl-2530 hcpl-0500 hcpl-0530 hcnw135 19 6n136 hcpl-2531 hcpl-0501 hcpl-0531 hcnw136 15 hcpl-2502 *technical data for these products are on separate avago publications. i f shield 8 6 5 gnd v cc 2 3 v o i cc v f i o anode cathode + - 7 v b i b 3 ordering information 6n135, 6n136, hcpl-2502, hcpl-0500, hcpl-0501 are ul recognized with 3750 v rms for 1 minute per ul1577. hcnw135, hcnw136 are ul recognized with 5000 v rms for 1 minute per ul1577. all these devices are approved under csa component acceptance notice #5, file ca 88324. part number option package surface mount gull wing tape & reel ul 5000 v rms / 1 minute rating iec/en/din en 60747-5-5 quantity rohs compliant non rohs compliant 6n135 6n136 hcpl-2502 -000e no option 300mil dip-8 50 per tube -300e #300 x x 50 per tube -500e #500 x x x 1000 per reel -020e #020 x 50 per tube -320e #320 x x x 50 per tube -520e #520 x x x x 1000 per reel -060e #060 x 50 per tube -360e #360 x x x 50 per tube -560e #560 x x x x 1000 per reel hcpl-0500 hcpl-0501 -000e no option so-8 100 per tube -500e #500 x x x 1500 per reel -060e #060 x 100 per tube -560e #560 x x x x 1500 per reel hcnw135 hcnw136 -000e no option 400 mil widebody dip-8 x x 42 per tube -300e #300 x x x x 42 per tube -500e #500 x x x x x 750 per reel to order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. example 1: hcpl-2502-560e to order product of 300 mil dip gull wing surface mount package in tape and reel packaging with iec/en/din en 60747-5-5 safety approval in rohs compliant. example 2: hcpl-2502 to order product of 300 mil dip package in tube packaging and non rohs compliant. option datasheets are available. contact your avago sales representative or authorized distributor for information. remarks: the notation #xxx is used for existing products, while (new) products launched since 15th july 2001 and rohs compliant option will use -xxxe. 4 1.080 0.320 (0.043 0.013) 2.54 0.25 (0.100 0.010) 0.51 (0.020) min. 0.65 (0.025) max. 4.70 (0.185) max. 2.92 (0.115) min. 5 typ. 0.254 + 0.076 - 0.051 (0.010 + 0.003) - 0.002) 7.62 0.25 (0.300 0.010) 6.35 0.25 (0.250 0.010) 9.65 0.25 (0.380 0.010) 1.78 (0.070) max. 1.19 (0.047) max. a xxxxz yyww date code dimensions in millimeters and (inches). 5 6 7 8 4 3 2 1 option code* ul recognition ur type number *marking code letter for option numbers "l" = option 020 "v" = option 060 option numbers 300 and 500 not marked. note: floating lead protrusion is 0.25 mm (10 mils) max. 3.56 0.13 (0.140 0.005) package outline drawings 8-pin dip package (6n135/6, hcpl-2502) 8-pin dip package with gull wing surface mount option 300 (6n135/6) 0.635 0.25 (0.025 0.010) 12 nom. 9.65 0.25 (0.380 0.010) 0.635 0.130 (0.025 0.005) 7.62 0.25 (0.300 0.010) 5 6 7 8 4 3 2 1 9.65 0.25 (0.380 0.010) 6.350 0.25 (0.250 0.010) 1.016 (0.040) 1.27 (0.050) 10.9 (0.430) 2.0 (0.080) land pattern recommendation 1.080 0.320 (0.043 0.013) 3.56 0.13 (0.140 0.005) 1.780 (0.070) max. 1.19 (0.047) max. 2.54 (0.100) bsc dimensions in millimeters (inches). lead coplanarity = 0.10 mm (0.004 inches). note: floating lead protrusion is 0.25 mm (10 mils) max. 0.254 + 0.076 - 0.051 (0.010 + 0.003) - 0.002) 5 small outline so-8 package (hcpl-0500/1) 8-pin widebody dip package (hcnw135/6) xxx yww 8 7 6 5 4 3 2 1 5.994 0.203 (0.236 0.008) 3.937 0.127 (0.155 0.005) 0.406 0.076 (0.016 0.003) 1.270 (0.050) bsc 5.080 0.127 (0.200 0.005) 3.175 0.127 (0.125 0.005) 1.524 (0.060) 45 x 0.432 (0.017) 0.228 0.025 (0.009 0.001) type number (last 3 digits) date code 0.305 (0.012) min. total package length (inclusive of mold flash) 5.207 0.254 (0.205 0.010) dimensions in millimeters (inches). lead coplanarity = 0.10 mm (0.004 inches) max. 0.203 0.102 (0.008 0.004) 7 pin one 0 ~ 7 * * 7.49 (0.295) 1.9 (0.075) 0.64 (0.025) land pattern recommendation 5 6 7 8 4 3 2 1 11.23 0.15 (0.442 0.006) 1.8 0.15 (0.071 0.006) 5.10 (0.201) max. 1.55 (0.061) max. 2.54 (0.100) typ. dimensions in millimeters (inches). note: floating lead protrusion is 0.25 mm (10 mils) max. 7 typ. 0.254 + 0.076 - 0.0051 (0.010 + 0.003) - 0.002) 11.00 (0.433) 9.00 0.15 (0.354 0.006) max. 10.16 (0.400) typ. a hcnwxxxx yyww date code type number 0.51 (0.021) min. 0.40 (0.016) 0.56 (0.022) 3.10 (0.122) 3.90 (0.154) 6 8-pin widebody dip package with gull wing surface mount option 300 (hcnw135/6) solder refow profle recommended refow condition as per jedec standard, j-std-020 (latest revision). non-halide flux should be used. 1.00 0.15 (0.039 0.006) 7 nom. 12.30 0.30 (0.484 0.012) 0.75 0.25 (0.030 0.010) 11.00 (0.433) 5 6 7 8 4 3 2 1 11.23 0.15 (0.442 0.006) 9.00 0.15 (0.354 0.006) 1.3 (0.051) 13.56 (0.534) 2.29 (0.09) land pattern recommendation 1.80 0.15 (0.071 0.006) 4.00 (0.158) max. 1.55 (0.061) max. 2.54 (0.100) bsc dimensions in millimeters (inches). lead coplanarity = 0.10 mm (0.004 inches). note: floating lead protrusion is 0.25 mm (10 mils) max. 0.254 + 0.076 - 0.0051 (0.010 + 0.003) - 0.002) max. regulatory information the devices contained in this data sheet have been approved by the following organizations: ul recognized under ul 1577, component recognition program, file e55361. csa approved under csa component acceptance notice #5, file ca 88324. iec/en/din en 60747-5-5 (hcnw and option 060/360/560 only) 7 insulation and safety related specifcations 8-pin dip widebody (300 mil) so-8 (400 mil) parameter symbol value value value units conditions minimum external l(101) 7.1 4.9 9.6 mm measured from input terminals air gap (external to output terminals, shortest clearance) distance through air. minimum external l(102) 7.4 4.8 10.0 mm measured from input terminals tracking (external to output terminals, shortest creepage) distance path along body. minimum internal 0.08 0.08 1.0 mm through insulation distance, plastic gap conductor to conductor, usually (internal clearance) the direct distance between the photoemitter and photodetector inside the optocoupler cavity. minimum internal na na 4.0 mm measured from input terminals tracking (internal to output terminals, along creepage) internal cavity. tracking resistance cti 200 200 200 volts din iec 112/vde 0303 part 1 (comparative tracking index) isolation group iiia iiia iiia material group (din vde 0110, 1/89, table 1) option 300 - surface mount classifcation is class a in accordance with cecc 00802. 8 iec/en/din en 60747-5-5 insulation characteristics (option 060 only)* description symbol 8 pin dip so-8 unit installation classifcation per din vde 0110, table 1 for rated mains voltage 150 v rms i C iv i C iv for rated mains voltage 300 v rms i C iv i C iv for rated mains voltage 600 v rms i C iv i C iii climatic classifcation 0/70/21 0/70/21 pollution degree (din vde 0110/39) 2 2 maximum working insulation voltage v iorm 630 567 v peak input to output test voltage, method b* v iorm 1.875 = v pr , 100% production test with t m =1 sec, partial discharge < 5 pc v pr 1181 1063 v peak input to output test voltage, method a* v iorm 1.6 = v pr , type and sample test, t m =10 sec, partial discharge < 5 pc v pr 1008 907 v peak highest allowable overvoltage* (transient overvoltage t ini = 60 sec) v iotm 8000 6000 v peak safety-limiting values C maximum values allowed in the event of a failure case temperature t s 175 150 c input current i s, input 230 150 ma output power p s, output 600 600 mw insulation resistance at t s , v io = 500 v r s 10 9 10 9 ? * refer to the front of the optocoupler section of the current catalog, under product safety regulations section iec/en/din en 60747-5-5, for a detailed description. note: isolation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits in application. iec/en/din en 60747-5-5 insulation characteristics (hcnw135/6 option 060 only)* description symbol characteristic unit installation classifcation per din vde 0110, table 1 for rated mains voltage 150 v rms i C iv for rated mains voltage 300 v rms i C iv for rated mains voltage 600 v rms i C iv for rated mains voltage 1000 v rms i C iii climatic classifcation 0/70/21 pollution degree (din vde 0110/39) 2 maximum working insulation voltage v iorm 1414 v peak input to output test voltage, method b* v iorm 1.875 = v pr , 100% production test with t m =1 sec, partial discharge < 5 pc v pr 2651 v peak input to output test voltage, method a* v iorm 1.6 = v pr , type and sample test, t m =10 sec, partial discharge < 5 pc v pr 2262 v peak highest allowable overvoltage* (transient overvoltage t ini = 60 sec) v iotm 8000 v peak safety-limiting values C maximum values allowed in the event of a failure case temperature t s 150 c input current i s, input 400 ma output power p s, output 700 mw insulation resistance at t s , v io = 500 v r s 10 9 ? * refer to the front of the optocoupler section of the current catalog, under product safety regulations section iec/en/din en 60747-5-5, for a detailed description. note: isolation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits in application. 9 absolute maximum ratings parameter symbol device min. max. units note storage temperature* t s -55 125 c operating temperature* t a 8-pin dip -55 100 c so-8 widebody -55 85 average forward input current* i f(avg) 25 ma 1 peak forward input current* i f(peak) 8-pin dip 2 (50% duty cycle, 1 ms pulse width) so-8 50 ma (50% duty cycle, 1 ms pulse width) widebody 40 peak transient input current* i f(trans) 8-pin dip 1 a (1 s pulse width, 300 pps) so-8 widebody 0.1 reverse led input voltage* (pin 3-2) v r 8-pin dip 5 v so-8 widebody 3 input power dissipation* p in 8-pin dip 45 mw 3 so-8 widebody 40 average output current* (pin 6) i o(avg) 8 ma peak output current* i o(peak) 16 ma emitter-base reverse voltage* (pin 5-7) v ebr 5 v supply voltage (pin 8-5) v cc -0.5 30 v output voltage (pin 6-5) v o -0.5 20 v supply voltage* (pin 8-5) v cc -0.5 15 v output voltage* (pin 6-5) v o -0.5 15 v base current* (pin 7) i b 5 ma output power dissipation* p o 100 mw 4 lead solder temperature* (through-hole parts only) 1.6 mm below seating plane, 10 seconds t ls 8-pin dip 260 c up to seating plane, 10 seconds widebody 260 c refow temperature profle t rp so-8 and option 300 *data has been registered with jedec for the 6n135/6n136. see package outline drawings section 10 electrical specifcations (dc) over recommended temperature (t a = 0c to 70c) unless otherwise specifed. see note 13. parameter symbol device min. typ.** max. units test conditions fig. note current transfer ratio ctr* 6n135 hcpl-0500 hcnw135 7 18 50 % t a = 25c v o = 0.4 v i f = 16 ma, v cc = 4.5 v 1, 2, 4 5, 11 5 19 v o = 0.5 v hcpl-2502 15 22 t a = 25c v o = 0.4 v 15 25 v o = 0.5 v 6n136 hcpl-0501 hcnw136 19 24 50 t a = 25c v o = 0.4 v 15 25 v o = 0.5 v logic low output voltage v ol 6n135 hcpl-0500 hcnw135 0.1 0.4 v t a = 25c i o = 1.1 ma i f = 16 ma, v cc = 4.5 v 0.1 0.5 i o = 0.8 ma 6n136 hcpl-2502 hcpl-0501 hcnw136 0.1 0.4 t a = 25c i o = 3.0 ma 0.1 0.5 i o = 2.4 ma logic high output current i oh * 0.003 0.5 a t a = 25c v o = v cc = 5.5 v i f = 0 ma 7 0.01 1 t a = 25c v o = v cc = 15 v 50 v o = v cc = 15 v logic low supply current i ccl 50 200 a i f = 16 ma, v o = open, v cc = 15 v 13 logic high supply current i cch * 0.02 1 a t a = 25c i f = 0 ma, v o = open, 13 2 v cc = 15 v input forward v f * voltage 8-pin dip 1.5 1.7 v t a = 25c i f = 16 ma 3 so-8 1.8 widebody 1.45 1.68 1.85 t a = 25c i f = 16 ma 1.35 1.95 input reverse breakdown voltage bv r * 8-pin dip 5 v i r = 10 a so-8 widebody 3 i r = 100 a temperature coefcient of forward volt - age ?v f / ?t a 8-pin dip -1.6 mv/c i f = 16 ma so-8 widebody -1.9 input capacitance c in 8-pin dip 60 pf f = 1 mhz, v f = 0 v so-8 widebody 90 transistor dc current gain h fe 8-pin dip 150 v o = 5 v, i o = 3 ma so-8 130 v o = 0.4 v, i b = 20 a widebody 180 v o = 0.4 v, i b = 20 a 160 v o = 5 v, i o = 3 ma *for jedec registered parts. **all typicals at t a = 25c. 11 switching specifcations (ac) over recommended temperature (t a = 0c to 70c), v cc = 5 v, i f = 16 ma unless otherwise specifed. parameter sym. device min. typ.** max. units test conditions fig. note propagation t phl * 6n135 0.2 1.5 s t a = 25c r l = 4.1 k ? 5, 6, 8, 9 hcpl-0500 2.0 11 hcnw135 6n136 0.2 0.8 t a = 25c r l = 1.9 k ? hcpl-2502 hcpl-0501 hcnw136 1.0 propagation t plh * 6n135 1.3 1.5 s t a = 25c r l = 4.1 k ? 5, 6, 8, 9 hcpl-0500 2.0 11 hcnw135 6n136 0.6 0.8 t a = 25c r l = 1.9 k ? hcpl-2502 hcpl-0501 hcnw136 1.0 common mode |cm h | 6n135 1 kv/ s r l = 4.1 k ? i f = 0 ma, t a = 25c, 12 7, 8, hcpl-0500 1 v cm = 10 v p-p 9 hcnw135 c l = 15 pf 6n136 1 r l = 1.9 k ? hcpl-2502 1 hcpl-0501 common mode |cm l | 6n135 1 kv/ s r l = 4.1 k ? i f = 16 ma, t a = 25c, 12 7, 8, hcpl-0500 1 v cm = 10 v p-p 9 hcnw135 c l = 15 pf 6n136 1 r l = 1.9 k ? hcpl-2502 1 hcpl-0501 bandwidth bw 6n135/6 9 mhz see test circuit 8, 10 10 hcpl-2502 hcpl-0500/1 hcnw135/6 11 *for jedec registered parts. **all typicals at t a = 25c. delay time to logic low at output delay time to logic high at output transient im - munity at logic high level output transient im - munity at logic low level output 12 notes: 1. derate linearly above 70c free-air temperature at a rate of 0.8 ma/c (8-pin dip). derate linearly above 85c free-air temperature at a rate of 0.5 ma/c (so-8). 2. derate linearly above 70c free-air temperature at a rate of 1.6 ma/c (8-pin dip). derate linearly above 85c free-air temperature at a rate of 1.0 ma/c (so-8). 3. derate linearly above 70c free-air temperature at a rate of 0.9 mw/c (8-pin dip). derate linearly above 85c free-air temperature at a rate of 1.1 mw/c (so-8). 4. derate linearly above 70c free-air temperature at a rate of 2.0 mw/c (8-pin dip). derate linearly above 85c free-air temperature at a rate of 2.3 mw/c (so-8). 5. current transfer ratio in percent is defned as the ratio of output collector current, i o , to the forward led input current, i f , times 100. 6. device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together. 7. common mode transient immunity in a logic high level is the maximum tolerable (positive) dv cm /dt on the leading edge of the common mode pulse signal, v cm , to assure that the output will remain in a logic high state (i.e., v o > 2.0 v). common mode transient immunity in a logic low level is the maximum tolerable (negative) dv cm /dt on the trailing edge of the common mode pulse signal, v cm , to assure that the output will remain in a logic low state (i.e., v o < 0.8 v). 8. the 1.9 k load represents 1 ttl unit load of 1.6 ma and the 5.6 k pull-up resistor. 9. the 4.1 k load represents 1 lsttl unit load of 0.36 ma and 6.1 k pull-up resistor. 10. the frequency at which the ac output voltage is 3 db below its mid-frequency value. 11. the jedec registration for the 6n136 specifes a minimum ctr of 15%. avago guarantees a minimum ctr of 19%. 12. see option 020 data sheet for more information. 13. use of a 0.1 f bypass capacitor connected between pins 5 and 8 is recommended. 14. in accordance with ul 1577, each optocoupler is proof tested by applying an insulation test voltage 4500 v rms for 1 second (leakage detection current limit, i i-o 5 a). this test is performed before the 100% production test shown in the iec/en/din en 60747-5-5 insulation related characteristics table if applicable. 15. in accordance with ul 1577, each optocoupler is proof tested by applying an insulation test voltage 6000 v rms for 1 second (leakage detection current limit, i i-o 5 a). this test is performed before the 100% production test shown in the iec/en/din en 60747-5-5 insulation related characteristics table if applicable. 16. this rating is equally validated by an equivalent ac proof test. package characteristics over recommended temperature (t a = 0c to 70c) unless otherwise specifed. parameter sym. device min. typ.* max. units test conditions fig. note input-output v iso 8-pin dip 3750 v rms rh < 50%, 6, 14 momentary so-8 t = 1 min., withstand t a = 25c voltage** 8-pin dip 5000 6, 12, (option 020) 15 i i-o 8-pin dip 1 a 45% rh, t = 5 s, 6, 16 v i-o = 3 kvdc, t a = 25c input-output r i-o 8-pin dip 10 12 v i-o = 500 vdc 6 resistance so-8 widebody 10 12 10 13 t a = 25c 10 11 t a = 100c input-output c i-o 8-pin dip 0.6 pf f = 1 mhz 6 capacitance so-8 widebody 0.5 0.6 *all typicals at t a = 25c. **the input-output momentary withstand voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. for the continuous voltage rating refer to the iec/en/din en 60747-5-5 insulation related characteristics table (if applicable), your equipment level safety specifcation or avago application note 1074 entitled optocoupler input-output endurance voltage, publication number 5963-2203e. widebody 5000 6, 15 13 10 5 0 01 0 20 v o - output voltage - v 40 ma 35 ma 30 ma 25 ma 20 ma 15 ma 10 ma i = 5 ma f t = 25 c v = 5.0 v a cc i o e output current - ma 8 pin dip, so-8 12 8 0 01 0 20 v o - output voltage - v 40 ma 35 ma 30 ma 25 ma 20 ma 15 ma 10 ma i = 5 ma f i o e output current e ma 4 16 t = 25 c v = 5.0 v a cc widebody normalized i = 16 ma v = 0.4 v v = 5 v t = 25 c f o cc a 6n135, hcpl-0500 1.5 1.0 0.5 0.1 0 1 10 100 normalized current transfer ratio i f - input current - ma 6n136, hcpl-2502 hcpl-0501 8 pin dip, so-8 f o cc a 0 0 1 10 100 normalized current transfer ratio i f - input current - ma 1.5 0.5 1.0 normalized i = 16 ma v = 0.4 v v = 4.5 v t = 25 c hcnw135/6 widebody v f - forward voltage - volts 100 10 0.1 0.01 1.1 1.2 1.3 1.4 i f - forward current - ma 1.6 1.5 1.0 0.001 1000 i f v f + t = 25 c a - 8 pin dip, so-8 v f - forward voltage - volts 1000 100 10 1.0 0.1 0.01 0.001 1.2 1.3 1.4 1.5 t = 25 c a i f - forward current - ma i f v f + - 1.8 1.7 1.6 widebody figure 2. current transfer ratio vs. input current. figure 3. input current vs. forward voltage. figure 1. dc and pulsed transfer characteristics. 14 figure 6. propagation delay time vs. load resistance. figure 5. propagation delay vs. temperature. figure 4. current transfer ratio vs. temperature. 1.1 1.0 0.9 0.8 0.7 0.6 -60 -20 0 80 normalized current transfer ratio t a - temperature - c f cc a 6n135, hcpl-0500 6n136, hcpl-2502, hcpl-0501 8 pin dip, so-8 -40 20 40 60 100 o normalized i = 16 ma v = 0.4 v v = 5 v t = 25 c 1.1 1.0 0.9 0.8 0.7 0.6 -60 -20 20 60 100 normalized current transfer ratio t a - temperature - c 0.5 80 40 0 -40 0.4 widebody hcnw135/6 f cc a o normalized i = 16 ma v = 0.4 v v = 5 v t = 25 c 2000 1500 1000 500 0 -60 -20 t p - propagation delay - ns t a - temperature - c 8 pin dip, so-8 20 60 100 6n135, hcpl-0500 (r l = 4.1 k ) 6n136, hcpl-0501, hcpl-2502 i f = 16 ma, v cc = 5.0 v t plh t phl 1000 800 600 400 200 0 -60 -20 0 8 0 t a - temperature - c hcnw135 (r l = 4.1 k ) hcnw136 (r l = 1.9 k ) widebody -40 20 40 60 100 i f = 16 ma, v cc = 5.0 v t p - propagation delay - ns t phl t plh (r l = 1.9 k ) 3.0 2.0 1.0 0.1 4 0.6 0.4 3 2 1 0.2 8 7 6 5 9 10 0.8 r l - load resistance - (k ) t plh t phl v = 5.0 v t = 25 c cc i = 10 ma i = 16 ma f t p - propagation delay - s f a 8 pin dip, so-8 r l - t p - propagation delay - s 10.0 6.0 4.0 1.0 0.1 10 40 100 0.6 0.4 4 v = 5.0 v t = 25 c a cc i = 10 ma i = 16 ma f t 2 1 0.2 plh phl t t widebody load resistance - (k ) 15 t a - temperature - c i = 0 v = v = 5.0 v cc o f -50 -25 0 +25 +50 +75 +100 10 +4 10 -2 10 -1 10 0 10 +1 10 +2 10 +3 i oh - logic high output current - na -75 8 pin dip, so-8 i oh - logic high output current - na t a - temperature - c -60 -20 0 20 40 100 10 0 10 +1 10 +2 10 +3 -40 80 60 i = 0 v = v = 15 v cc o f widebody i f i o - small signal current transfer ratio 0 0.10 0.20 0.30 0 i f - quiescent input current - ma 25 16 4 8 12 20 t a = 25 c, r l = 100 ? , v cc = 5 v 8 pin dip, so-8 0 0.10 0.30 0 4 8 12 16 25 0.20 0.40 20 0.50 i f i o - small signal current transfer ratio i f - quiescent input current - ma t a = 25 c, r l = 100 ?, v cc = 5 v widebody output power - p s , input current - i s 0 0 t s - case temperature - c 175 1000 50 400 125 25 75 100 150 600 800 200 100 300 500 700 900 p s (mw) i s (ma) hcnw135/6 output power - p s , input current - i s 0 0 t s - case temperature - c 200 50 400 125 25 75 100 150 175 600 800 200 100 300 500 700 p s (mw) i s (ma) for 8-pin dip i s (ma) for s0-8 8-pin dip/s0-8 figure 9. thermal derating curve, dependence of safety limiting value with case temperature per iec/en/din en 60747-5-5. figure 8. small-signal current transfer ratio vs. quiescent input current. figure 7. logic high output current vs. temperature. v o pulse gen. z = 50 ? t = 5 ns o r i monitor f i f 0.1f l r c l = 1.5 f r m 0 t phl t plh o v i f ol v 1.5 v +5 v 1 2 3 4 8 7 6 5 1.5 v 5 v 10% duty cycle 1/f < 100 s o v 5 v ol v o v 0 v 10% 90% 90% 10% switch at a: i = 0 ma f switch at b: i = 16 ma f cm v t r t f 7 1 2 3 4 5 6 8 v o 0.1 f l r +5 v pulse gen. v cm + - v i f a b ff figure 12. test circuit for transient immunity and typical waveforms figure 11. switching test circuit for product information and a complete list of distributors, please go to our website: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2013 avago technologies. all rights reserved. obsoletes av01-0550en av02-0171en - september 16, 2013 figure 10. frequency response hcnw135/6 hcnw135/6 0.1 1.0 10 100 -20 -15 -10 -5 0 +5 t a = 25 c f - frequency - mhz normalized response - db 6n135/6, hcpl-0500/1, hcpl-2502 7 1 2 3 4 5 6 8 +12 v 0.1 f v ff 47 f 51 ? 2.1 k ? 100 ? 1 k ? 1n4150 22 ? r t q 1 trim for unity gain 1.2 k ? 15 k ? 9.1 k ? 0.1 f 100 ? q 2 q 3 470 ? ? +12 v 0.1 f (1 m ? 12 pf test input) p-p typical linearity = 3% at v = 1 v typical snr = 50db typical r = 375 ? typical v dc = 3.8 v typical i = 9 ma in t o f 12 3 q , q , q : 2n3904 v o 6n135/6, hcpl-0500/1, hcpl-2502 |
Price & Availability of HCNW136-300E |