Part Number Hot Search : 
ALC10 E2409XSR AOTF7N70 BUP203 MIC5253 SMC12 5230B 100118F
Product Description
Full Text Search
 

To Download GBPC1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings & thermal characteristics rating at 25 c ambient temperature unless otherwise specified, resistive or inductive load, 60 hz. for capacitive load derate current by 20%. parameter symbol unit maximum repetitive peak reverse voltage maximum rms bridge input voltage maximum dc blocking voltage maximum average forward rectified output current at t a =55 c peak forward surge current single sine-wave superimposed on rated load (jedec method) rating for fusing ( t<8.3ms) typical thermal resistance per element (1) operating junction and storage temperature range isolation voltage from case to leads vrrm v rms v dc i f(av) i t 2 i fsm r eja t j, t stg 50 100 200 400 800 1000 1200 600 35 70 140 280 420 560 700 840 50 100 200 400 600 800 1000 v v v a a a 2 sec gbpc 1500 gbpc 1501 gbpc 1502 gbpc 1504 gbpc 1506 gbpc 1508 gbpc 1510 mechanical data case: metal case terminals: plated .25" (6.53mm) faston mounting position: any weight: 0.706 ounce, 20 grams (approx) mounting position: bolt down on heat-sink with silicone thermal compound between bridges and mounting surface for maximum heat transfer efficiency 300 2.1 -55 to + 150 15 2500 374 dimensions in millimeters (1mm=0.0394 ") max instantaneous forward voltage drop / leg 7.5a vf 1.0 v max dc reverse current at rated ta=25c ir 10 ua dc blocking voltage per element ta=125c 500 ua features this series is ul listed under the recognized component index, file number e142814 the plastic material used carries underwriters laboratory flammability recognition 94v-0 surge overload ratings to 300 amperes high temperature soldering guaranteed 265 c/10 seconds at 5 lbs (2.3kg) tension universal 4-way terminals, snap-on, wrap-around, solder or p.c. board mounting c/w vac 1200 gbpc 1512 description gbpc-mf 15amps glass passivatied single phase silicon bridge gbpc-pw gbpc-mw gbpc-pf gbpc-s GBPC1500~1512 * * * * * * * * *
rating and characteristic curves GBPC15005 thru gbpc1512 fig. 2 maximum non-repetitive peak forward surge current fig. 3 typical instantaneous forward characteristics fig. 4 typical reverse characteristics at tj=25 c o ( ta=25 unless otherwise noted ) c o peak forward surge current, amperes instantaneous forward current, amperes instantaneous reverse current ,amperes number of cycles at 60hz instantaneous forward voltage, volts percent of rated peak reverse voltage, % 40 100 200 300 400 1 10 100 .01 0.1 1.0 10 100 0.4 0.6 0.8 1.0 1.2 1.4 1.6 .01 0.1 1.0 10 0 20 40 60 80 100 120 140 tj=25 c tj=100 c 8.3ms single half-sine-wave [jedec method] tj=25 c pulse width=300us 2% duty cycle fig. 1 derating curve for output rectified current a ve r a ge fo r wa rd o ut p ut c ur re nt, a mp e r e s 0 5 10 15 50 100 150 0 60hz resistive or inductive load case temperature, c o 15amps glass passivated single phase silicon bridge
notes: 1. corrosion-resistant terminals designed for .250" female quick connect wrap around or solder. 2. a thin film of silicone thermal compound is recommended between bridge and mounting surface for improved thermal conduction. 3. these fci bridges are also available in fast recovery, in positive and negative center tap and in double configurations. consult with fci for your special requirements. ratings at 25 deg. c ambient temperature unless otherwise specified. single phase half wave, 60 hz resistive or inductive load. for capacitive load, derate current by 20%. GBPC1500~1512 15amps glass passivated single phase silicon bridge
GBPC1500~1512 ordering information fci?s kbpc series of bridges can be ordered with options on terminals and case materials. how to specify case material and terminal options: n for metal case, order suffix (1) ?m? n for plastic case, order suffix (1) ?p? n for faston terminals, order suffix (2) ?f? n for wire lead terminals, order suffix (2) ?w? kbpc series examples to order a 25 amp, 400 volt bridge with faston leads and a plastic case: specify - bpc2504pf . . . where ?p? = plastic and ?f? = faston terminals case - metal or molded plastic terminals - plated .25" faston or plated copper wire leads .040" diameter weight - 0.706 ounces, 20 grams mounting position - any with bolt down with silicone thermal compound between bridge and mounting surface for optimum heat transfer mounting torque - 20 inch pound max to order a 35 amp, 800 volt bridge with wire leads and a metal case: specify - bpc3508mw . . . where ?m? = metal and ?w? = wire leads (terminals) to order a 15 amp, 200 volt, ul recognized bridge with wire leads and a plastic case: specify - bpc1502pwu . . . where ?p? = plastic and ?w? = wire leads (terminals) and ?u? = ul recognized note: fast recovery bridges (diodes) are available; please contact fci components. bpc - ?s? series examples to order bridges with the ?in-line? pin configuration, select the current and voltage desired and add ?s? as the suffix, as shown in the following example. t o order a 35 amp, 800 volt bridge with in-line wire leads: specify - bpc3508s . . . where ?s? = in-line wire lead terminals dc out ac in 15amps glass passivated single phase silicon bridge g g g g g


▲Up To Search▲   

 
Price & Availability of GBPC1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X