Part Number Hot Search : 
7401QN X9526 DMA366A2 STK6877 D1426 N5245B 0603CR12 TDA4665
Product Description
Full Text Search
 

To Download G4B-112T1-FD-US-RPAC24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type standard high capacity load resistive (p.f.=1) inductive (p.f.=0.40) resistive (p.f.=1) inductive (p.f.=0.40) (l/r=7ms) (l/r=7ms) rated load 220 vac 15a 220 vac 10a 220 vac 25a 220 vac 20a 24 vdc 15a 24 vdc 7a 24 vdc 25a 24 vdc 15a contact material agcdo aginsn carry current 20a 25a max. operating voltage 250 vac, 125 vdc 250 vac, 125 vdc max. operating current 20 a 25a max. switching capacity 3,300va, 360w 2,200va, 170w 5,500va, 600w min. permissible load 100 ma, 5 vdc n miniature relay ideal for switching motor load, lamp load, heater, etc. n creepage distance of more than 2.03 mm (0.08 in). n upper mounting bracket type for easy wiring and mounting general purpose relay discontinued g4b ordering information note: 1. class "b" insulation available. for information consult your omron representative. 2. high capacity types are also available with #110 connect coil terminals. to order: select the part number from the available types chart and add the desired coil voltage rating, (e.g., g4b-112t-us- dc6 ). type load contact terminal coil terminal contact form part number standard quick connect #250 quick connect #110 spst-no g4b-112t-us spdt g4b-112t-c-us quick connect #187 spst-no g4b-112t1-us spdt g4b-112t1-c-us pc board spst-no g4b-112tp-us spdt g4b-112tp-c-us high capacity pc board spst-no g4b-112tp-fd-us-rp spdt g4b-112tp-fd-c-us-rp quick connect #187 spst-no g4b-112t1-fd-us-rp spdt g4b-112t1-fd-c-us-rp n contact data specifications
2 g4b g4b note: the rated current and coil resistance are measured at a coil temperature of 23 c (73 f) with tolerances of 10% for dc rated current and +15%, -20% for ac rated current, and 15% for rated coil resistance. n coil data ac contact resistance 30 m w max. operate time 20 ms max. release time 20 ms max. operating frequency mechanical 1,800 operations/hour 1,800 operations/hour (under rated load) insulation resistance 100 m w min (at 500 vdc) dielectric strength 2,000 vac 50/60 hz for 1 minute (1,000 vac between non-continuous contacts) vibration mechanical durability 10 to 55 hz, 1.50 mm (0.06 in) double amplitude malfunction durability 10 to 55 hz, 1.50 mm (0.06 in) double amplitude shock mechanical durability approx. 100 g malfunction durability approx. 20 g ambient temperature -10 to 55 c (14 to 131 f) humidity 35% to 85% rh service life mechanical 10 million operations min. (at 18,000 operations/hour) electrical see characteristic data weight approx. 44 g (1.55 oz) n characteristics note: data shown are of initial value. rated rated current coil pick-up dropout maximum power voltage (ma) resistance voltage voltage voltage consumption (v) 50hz 60hz ( w ) % of rated voltage (va,w) 6 254 217 ? 80% max. 30% min. 110% max. approx.1.30 va 12 126.50 108 24 63 54 50 30.50 26 100 15 13 120 12.60 10.80 240 6.30 5.40 dc rated coil pick-up dropout maximum power voltage rated current resistance voltage voltage voltage consumption (v) (ma) ( w ) % of rated voltage (va,w) 6 200 30 80% max. 10% min. 110% max. approx. 1.20 w 12 89 135 24 50 480 48 25 1,920 100 12 8,300 110 9 12,300
3 g4b g4b n characteristic data standard maximum switching capacity electrical service life high capacity maximum switching capacity electrical service life rated operating current (a) rated operating current (a) service life (x10 6 operations) service life (x10 4 operations) load current (a) load current (a) rated operating voltage (v) rated operating voltage (v)
4 g4b g4b dimensions unit: mm (inch) g4b-112t-us g4b-112t-c-us (bottom view) (bottom view) g4b-112t1-us g4b-112t1-c-us (bottom view) (bottom view) g4b-112tp-us g4b-112tp-c-us (bottom view) (bottom view) n relays
5 g4b g4b type contact form coil ratings contact ratings g4b spst-no 6 to 120 vac 15 a, 28 vdc (resistive) spdt 6 to 100 vdc 15 a, 120 vac (inductive) 10a, 240 vac (inductive) 1 hp, 120 vac (hp rating) tv-5 ac tv rating n approvals standard ul (file no. e41643) g4b-112t-us, g4b-112t-c-us g4b-112t1-us, g4b-112t1-c-us terminal layout/ internal connection (bottom view) g4b-112t(-c)-us g4b-112t1(-c)-us mounting holes (bottom view) g4b-112tp(-c)-us mounting holes (bottom view) g4b-112tp-us terminal layout/ internal connection (bottom view) (top view) g4b-112tp-c type contact form coil ratings contact ratings g4b spst-no 6 to 120 vac 25 a, 250 vac (general purpose) sptd 6 to 100 vdc 2 hp, 250 vac high capacity ul (file no. 41643) note: recommended panel thickness is 1.01 to 2.03 mm (0.04 to 0.08 in). type contact form coil ratings contact ratings g4b spst-no 6 to 120 vac 15 a, 28 vdc (resistive) spdt 6 to 120 vdc 10a, 120 vac (inductive) 1/2 hp, 120 vac (hp rating) csa (file no. lr31928) note: 1. the rated values approved by each of the safety standards may be different from the performance characteristics individu ally defined in this catalog. 2. in the interest of product improvement, specifications are subject to change. omron electronics, inc. omron canada, inc. one east commerce drive 885 milner avenue schaumburg, il 60173 scarborough, ontario m1b 5v8 1-800-55-omron 416-286-6465 cat. no. gc rly6 9/97 specifications subject to change without notice. printed in the u.s.a.


▲Up To Search▲   

 
Price & Availability of G4B-112T1-FD-US-RPAC24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X