Part Number Hot Search : 
2SA1474 5AA04 00BZXI AN253 HZ3LL 2SK3161 TC4422CP MAX1416
Product Description
Full Text Search
 

To Download EMHB250ADA101MHA0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount aluminum electrolytic capacitors high heat resistance, 125 c cat. no. e1001k @ esr : less than mvh @ endurance : 2,000 hours at 125 c @ rated voltage range : 10 to 35v @ nominal capacitance range : 47 to 470 mf @ solvent resistant type @rohs compliant ? specifications (20c, 120hz) (at 20c after 2 minutes) (20c, 120hz) (120hz) category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (tane) low temperature characteristics (max. impedance ratio) endurance shelf life items -40 to +125c 10 to 35v dc p20%(m) i=0.01cv where, i : max. leakage current (ma), c : nominal capacitance (mf), v : rated voltage (v) rated voltage(v dc ) tane (max.) rated voltage(v dc ) z(-25c)/z(+20c) z(-40c)/z(+20c) the following specifications shall be satisfied when the capacitors are restored to 20 c after the rated voltage is applied for 2,000 hours at 125c. capacitance change [p30% of the initial value d.f. (tane) [300% of the initial specified value leakage current [the initial specified value esr(-40c , 400khz) ha0 : [ 6 o ja0 : [ 4.5o the following specifications shall be satisfied when the capacitors are restored to 20 c after exposing them for 1,000 hours at 125 c without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change [p30% of the initial value d.f. (tane) [300% of the initial specified value leakage current [the initial specified value characteristics 10v 0.24 10v 3 4 16v 0.20 16v 2 3 25v 0.16 25v 2 3 35v 0.14 35v 2 3 ? part numbering system ? dimensions [mm] ? marking fdp0.5 lp0.5 0.3max. ap0.2 w cp0.2 bp0.2 p size code ha0 ja0 d 8 10 l 10.0 10.0 a 8.3 10.3 b 8.3 10.3 c 9.0 11.0 w 0.7 to 1.1 0.7 to 1.1 p 3.1 4.5 5j 220 c hb ex) 16v220mf rated voltage (v dc ) 10 16 25 35 symbol a c e v @ terminal code : a supplement code size code capacitance tolerance code capacitance code (ex. 47mf:470, 470mf:471) taping code terminal code voltage code (ex. 10v:100, 35v:350) series code category e m h b a a a a d a a a a a a a g m 134 26 7 8 9 1 0 51 2 1 3 11 16 17 18 1514 lower esr mhb mvh ? standard ratings @ rated voltage symbol up grade! please refer to "product code guide (surface mount type)" wv(v dc ) cap( m f) size code esr ( o max/100k to 400khz) rated ripple current (marms/125 c , 100k to 400khz) part no. 20 c -40 c 10 330 ha0 0.3 3.0 240 emhb100ada331mha0g 470 ja0 0.2 2.0 330 emhb100ada471mja0g 16 100 ha0 0.3 3.0 240 emhb160ada101mha0g 220 ha0 0.3 3.0 240 emhb160ada221mha0g 25 100 ha0 0.3 3.0 240 EMHB250ADA101MHA0G 220 ha0 0.3 3.0 240 emhb250ada221mha0g 330 ja0 0.2 2.0 330 emhb250ada331mja0g 35 47 ha0 0.3 3.0 240 emhb350ada470mha0g 100 ha0 0.3 3.0 240 emhb350ada101mha0g 100 ja0 0.2 2.0 330 emhb350ada101mja0g 220 ja0 0.2 2.0 330 emhb350ada221mja0g (1/1)


▲Up To Search▲   

 
Price & Availability of EMHB250ADA101MHA0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X