Part Number Hot Search : 
TK65922 P6KE20 FPF2164 RPM7138 22B15 2SC52 TK65922 TK65922
Product Description
Full Text Search
 

To Download EMB10T2R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  emb10 / umb10n / imb10a pnp -100ma -50v complex digital transistors (bias resistor built-in transistors) l outline l features 1) built-in biasing resistors. 2) two dta123j chips in one package. 3) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit). 4) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing l inner circuit of the input. they also have the advantage of completely eliminating parasitic effects. 5) only the on/off conditions need to be set for operation, making the circuit design easy. 6) lead free/rohs compliant. l application inverter circuit, interface circuit, driver circuit l packaging specifications emt6 umt6 smt6 3,000 b10 umb10n umt6 2021 tr 180 8 smt6 2928 t108 180 8 8,000 b10 8 tape width (mm) basic ordering unit (pcs) marking reel size (mm) emb10 emt6 1616 t2r 180 3,000 b10 imb10a part no. package package size (mm) taping code parameter tr1 and tr2 v cc - 50v i c(max.) - 100ma r 1 2.2k w r 2 47k w emb10 (sc - 107c) imb10a sot - 457 (sc - 74) umb10n sot - 353 (sc - 88) emb10 / umb10n imb10a out (6) (2) in (1) gnd (3) out in (5) gnd (4) out (4) (2) in (3) gnd (1) out in (5) gnd (6) (6) (5) (4) (1) (2) (3) (4) (5) (6) (3) (2) (1) (6) (5) (4) (1) (2) (3) 1/7 2012.06 - rev.d dat asheet www.rohm.com ? 2012 rohm co., ltd. all rights reserved.
emb10 / umb10n / imb10a l absolute maximum ratings (ta = 25c) supply voltage input voltage output current collector current power dissipation junction temperature range of storage temperature l electrical characteristics (ta = 25c) *1 characteristics of built-in transistor *2 each terminal mounted on a reference footprint *3 120mw per element must not be exceeded. *4 200mw per element must not be exceeded. v v i(on) v o = - 0.3v, i o = - 5ma output voltage v o(on) i o / i i = - 5ma / - 0.25ma v - - 0.5 resistance ratio r 2 /r 1 - input current i i v i = - 5v output current i o(off) v cc = - 50v, v i = 0v dc current gain g i v o = - 5v, i o = - 10ma input resistance r 1 - mhz - 250 - transition frequency f t *1 v ce = - 10v, i e = 5ma, f = 100mhz k w 17 21 26 - 1.54 2.2 2.86 80 - - - - - - 0.5 ma - - 0.1 - 0.3 m a - - - 3.6 parameter - - input voltage v i(off) v cc = - 5v, i o = - 100m a symbol conditions - 1.1 - unit min. typ. max. t j 150 c t stg - 55 to + 150 c i c(max.) *1 - 100 ma emb10 / umb10n p d *2 150 (total) *3 mw imb10a 300 (total) *4 mw v in - 12 to + 5 v i o - 100 ma parameter symbol values unit v cc - 50 v 2/7 2012.06 - rev.d www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet
emb10 / umb10n / imb10a l electrical characteristic curves (ta = 25c) fig.1 input voltage vs. output current (on characteristics) input voltage : v i(on) [v] output current : i o [a] fig.2 output current vs. input voltage (off characteristics) output current : i o [a] input voltage : v i(off) [v] fig.3 output current vs. output voltage output current : i o [ma ] output voltage : v o [v] fig.4 dc current gain vs. output current dc current gain : g i output current : i o [a] 0 -20 -40 -60 -80 -100 0 -5 -10 - 250 a 0a - 300 a - 350 a - 400 a - 450a - 500a - 200 a - 100 a - 50 a i i = - 150 a ta=25oc 3/7 2012.06 - rev.d www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet
emb10 / umb10n / imb10a l electrical characteristic curves (ta = 25c) fig.5 output voltage vs. output current output voltage : v o(on) [v] output current : i o [a] 4/7 2012.06 - rev.d www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet
emb10 / umb10n / imb10a l dimensions (unit : mm) dimension in mm/inches emt6 patterm of terminal position areas 5/7 2012.06 - rev.d www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet b d e lp lp e h e l l x s a a c a1 a y s s e1 b2 l1 e min max min max a1 0.00 0.10 0 0.004 a 0.45 0.55 0.018 0.022 b 0.17 0.27 0.007 0.011 c 0.08 0.18 0.003 0.007 d 1.50 1.70 0.059 0.067 e 1.10 1.30 0.043 0.051 e h e 1.50 1.70 0.059 0.067 l 0.10 0.30 0.004 0.012 lp - 0.35 - 0.014 x - 0.10 - 0.004 y - 0.10 - 0.004 min max min max e1 b2 - 0.37 - 0.015 l1 - 0.45 - 0.018 inches 0.50 0.02 dim milimeters milimeters inches 1.25 0.049 dim
emb10 / umb10n / imb10a l dimensions (unit : mm) dimension in mm/inches umt6 patterm of terminal position areas 6/7 2012.06 - rev.d www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet e x s a a e h e d b c q a3 l1 lp y s a1 e1 b2 l1 e a s min max min max a 0.80 1.00 - 0.039 a1 0.00 0.10 0 0.004 a3 b 0.15 0.30 0.006 0.012 c 0.10 0.20 0.004 0.008 d 1.90 2.10 0.075 0.083 e 1.15 1.35 0.045 0.053 e h e 2.00 2.20 0.079 0.087 l1 0.20 0.50 0.008 0.02 lp 0.25 0.55 0.01 0.022 q 0.10 0.30 0.004 0.012 x - 0.10 - 0.004 y - 0.10 - 0.004 min max min max e1 b2 - 0.40 - 0.016 l1 - 0.65 - 0.026 0.25 0.01 dim milimeters inches 1.55 0.06 dim milimeters inches 0.65 0.03
emb10 / umb10n / imb10a l dimensions (unit : mm) dimension in mm/inches smt6 patterm of terminal position areas 7/7 2012.06 - rev.d www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet e e d e h b x s a a c q a3 l1 lp a1 a s y s e1 e l1 b2 min max min max a 1.00 1.30 0.039 0.051 a1 0.00 0.10 0 0.004 a3 b 0.25 0.40 0.01 0.016 c 0.09 0.25 0.004 0.01 d 2.80 3.00 0.11 0.118 e 1.50 1.80 0.059 0.071 e h e 2.60 3.00 0.102 0.118 l1 0.30 0.60 0.012 0.024 lp 0.40 0.70 0.016 0.028 q 0.20 0.30 0.008 0.012 x - 0.20 - 0.008 y - 0.10 - 0.004 min max min max e1 b2 0.60 - 0.024 l1 - 0.90 - 0.035 0.25 0.01 dim milimeters inches 2.10 0.08 dim milimeters inches 0.95 0.04
r1120a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specified herein is subject to change for improvement without notice. the content specified herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specifications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when design ing circuits for mass production. great care was taken in ensuring the accuracy of the information specified in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the produc ts. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specified in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any product, such as derating, redundancy, fire control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specified herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of EMB10T2R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X