Part Number Hot Search : 
UL8797JF ENA0973A CP360 6SVP470M C1454 PT226 PCA9521D AAT2513
Product Description
Full Text Search
 

To Download DTA144VKAT146 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dta144vka pnp -100ma -50v digital transistors (bias resistor built-in transistors) datasheet l l outline parameter value smt3 v cc -50 v i c(max.) -100 ma r 1 47 k r 2 10 k sot-346(sc-59) l l features l l inner circuit 1) built-in biasing resistors 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) complementary npn type: dtc144vka 6) lead free/rohs compliant. l l application switching circuit, inverter circuit, interface circuit, driver circuit l l packaging specifications part no. package package size taping code reel size (mm) tape width (mm) basic ordering unit.(pcs) marking dta144vka smt3 2928 t146 180 8 3000 e56 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 1/5 20121023 - rev. 001
dta144vka datasheet   absolute maximum ratings (t a = 25c) parameter symbol values unit supply voltage v cc -50 v input voltage v in -40 to 15 v output current i o -30 ma collector current i c(max) *1 -100 ma power dissipation p d *2 200 mw/total junction temperature t j 150 range of storage temperature t stg -55 to + 150   electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. input voltage v i(off) v cc = -5 v, i o = -100 a - - -1 v v i(on) v o = -0.3 v, i o = -2 ma -6 - - output voltage v o(on) i o / i i = -10 ma / -0.5 ma - -0.1 -0.3 v input current i i v i = -5 v - - -0.16 ma output current i o(off) v cc = -50 v, v i = 0 v - - -0.5 a dc current gain g i v o = -5 v, i o = -5 ma 33 - - - input resistance r 1 - 32.9 47 61.1 k resistance ratio r 2 /r 1 - 0.17 0.21 0.26 - transition frequency f t *1 v ce = -10 v, i e = 5 ma, f = 100 mhz - 250 - mhz *1 characteristics of built-in transistor *2 each terminal mounted on a reference footprint www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 2/5 20121023 - rev. 001
dta144vka          datasheet   electrical characteristic curves (t a =25c) fig.1 input voltage vs. output current (on characteristics) fig.2 output current vs. input voltage (off characteristics) fig.3 output current vs. output voltage fig.4 dc current gain vs. output current                                               www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 3/5 20121023 - rev. 001
          datasheet   
    
    
 (t a =25c) fig.5 output voltage vs. output current                                               www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 4/5  
 
dta144vka          datasheet   dimensions                                               www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 5/5 20121023 - rev. 001


▲Up To Search▲   

 
Price & Availability of DTA144VKAT146

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X