Part Number Hot Search : 
67401ANL LT553 SM104 NSC5009B PJS6400 TLRO4420 D0Z14GN 74HC273P
Product Description
Full Text Search
 

To Download DFL1508S-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dfl15005s, dfl1501s, d fl1502s, dfl1504s, dfl150 6s, dfl1508s, dfl1510s www.vishay.com vishay general semiconductor revision: 19-aug-13 1 document number: 88874 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 low profile miniature glass passivated single-phase surface mount bridge rectifiers features ? low profile: typical height of 2.5 mm ? ul recognition, file number e54214 ? ideal for automated placement ? high surge current capability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications general purpose use in ac/dc bridge full wave rectification for smps, lighting ballaster, adap ter, battery charger, home appliances, office equipment, and telecommunication applications. mechanical data case: low profile dfs ? molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs-co mpliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 ? e3 suffix meets jesd 201 class 1a whisker test polarity: as marked on body note (1) units mounted on pcb with 0.51" x 0.51" (13 mm x 13 mm) copper pads primary characteristics package low profile dfs i f(av) 1.5 a v rrm 50 v, 100 v, 200 v, 400 v, 600 v, 800 v, 1000 v i fsm 50 a i r 5 a v f at i f = 1.5 a 1.1 v t j max. 150 c diode variations quad ~ ~ + - case style low pro?le dfs ~ ~ + - maximum ratings (t a = 25 c unless otherwise noted) parameter symbol dfl 15005s dfl 1501s dfl 1502s dfl 1504s dfl 1506s dfl 1508s dfl 1510s unit maximum repe titive peak ? reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward output rectified current at t a = 40 c i f(av) (1) 1.5 a peak forward surge current single half sine-wave su perimposed on rated load i fsm 50 a rating for fusing (t < 8.3 ms) i 2 t10a 2 s operating junction and storage temperature range t j , t stg - 55 to + 150 c
dfl15005s, dfl1501s, d fl1502s, dfl1504s, dfl150 6s, dfl1508s, dfl1510s www.vishay.com vishay general semiconductor revision: 19-aug-13 2 document number: 88874 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) measured at 1.0 mhz and applied reverse voltage of 4.0 v note (1) units mounted on pcb with 0.51" x 0.51" (13 mm x 13 mm) copper pads ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve per diode fig. 2 - maximum non-repetitive peak forward surge current per diode electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol dfl 15005s dfl 1501s dfl 1502s dfl 1504s dfl 1506s dfl 1508s dfl 1510s unit max. instantaneous forward voltage drop per diode 1.5 a v f 1.1 v maximum dc reverse current at rated dc blocking voltage per diode t a = 25 c i r 5.0 a t a = 125 c 500 typical junction capacitance per diode c j (1) 16 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol dfl 15005s dfl 1501s dfl 1502s dfl 1504s dfl 1506s dfl 1508s dfl 1510s unit typical thermal resistance r ? ja (1) 40 c/w r ? jl (1) 15 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode dfl1506s-e3/45 0.341 45 50 tube dfl1506s-e3/77 0.341 77 1500 13" di ameter paper tape and reel 20 40 60 80 100 120 140 160 0 0.5 1.0 1.5 2.0 ambient temperature (c) average forwar d current (a) 50 hz re s i s tive or inductive load 1 10 100 0 10 20 30 40 50 60 t j = 150 c s ingle s ine-wave number of cycle s at 50 hz peak forwar d s urge current (a)
dfl15005s, dfl1501s, d fl1502s, dfl1504s, dfl150 6s, dfl1508s, dfl1510s www.vishay.com vishay general semiconductor revision: 19-aug-13 3 document number: 88874 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical forward voltage characteristics per diode fig. 4 - typical reverse characteristics per diode fig. 5 - typical juncti on capacitance per diode ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package outline dimensions in inches (millimeters) 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 1 10 0.5 0.7 0.9 1.1 1.3 in s tantaneou s forward voltage (v) in s tantaneou s forward current (a) t j = 150 c t j = 125 c t j = 25 c t j = 25 c pul s e width = 300 s 1 % duty cycle 10 20 40 60 80 100 0.01 0.1 1 10 100 70 50 30 90 1000 percent of rated peak rever s e voltage (%) in s tantaneou s rever s e leakage current (a) t j = 150 c t j = 125 c t j = 25 c 1 10 100 1 10 100 rever s e voltage (v) junction cap acitance (p f) t j = 25 c f = 1.0 mhz v s ig = 50 mv p-p 0.255 (6.5 ) 0.245 (6.2 ) 0.013 (0.330) 0.009 (0.241) 0.060 (1.524) 0.040 (1.016) 0.404 (10.3) 0.013 (0.330) 0.003 (0.076) 0.047 (1.20) 0.040 (1.02) 0.205 (5.2) 0.195 (5.0) 0.335 (8.51) 0.320 (8.13) 0.094 (2.40) 0.102 (2.60) 45 o 0.386 (9.80) 0.404 max. (10.26 max.) 0.205 (5.2) 0.195 (5.0) 0.047 min. (1.20 min.) 0.060 min. (1.52 min.) case style low profile dfs mounting pad layout
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of DFL1508S-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X