Part Number Hot Search : 
N25F40 1N4798 MP45DT02 AA102 MN74HC00 10DC1 3266P501 3266P501
Product Description
Full Text Search
 

To Download CSC2331NPN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp/npn complementary planar silicon transistors csa931 (pnp) csc2331 (npn) to-237 bce low fre q uenc y am p lifier and medium s p eed switchin g absolute maximum ratings(ta=25deg c unless otherwise specified) description symbol value unit collector -base voltage vcbo 80 v collector -emitter voltage vceo 60 v emitter base voltage vebo 8.0 v collector current ic 700 ma power dissipation pc 1.0 w operating and storage junction tj, tstg -55 to +150 deg c temperature range electrical characteristics (ta=25 deg c unless otherwise specified) description symbol test condition min typ max unit collector -base voltage vcbo ic=100ua, ie=0 80 - - v collector -emitter voltage vceo ic=10ma, ib=0 60 - - v emitter base voltage vebo ie=100ua, ic=0 8.0 - - v collector cut off current icbo vcb=60v, ie=0 - - 100 na emitter cut off current iebo veb=5v, ic=0 - - 100 na dc current gain hfe* ic=50ma,vce=2v 40 - 240 collector emitter saturation voltage vce(sat) * ic=500ma,ib=50ma - - 0.7 v base emitter saturation voltage vbe(sat) * ic=500ma,ib=50ma - - 1.2 v dynamic characteristics collector output capacitance cob pnp vcb=10v, ie=0 - 13 - pf npn f=1mhz - 8.0 - pf transition frequency ft pnp vce=10v,ic=50ma, - 100 - mhz npn 30 - - mhz classification r o y hfe * 40-80 70-140 120-240 *pulse test : pulse width =350us, duty cycle=2% continental device india limited data sheet page 1 of 2 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
disclaimer to-237 plastic package the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these pr oducts are not designed for use in life saving/support appliances or systems. cdil customers selling these pr oducts (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notic e. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 5141 1112 fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com 3 2 1 g 3 2 1 f b d d sec aa a a 321 h a k e dim min. max. all diminsions in mm. a 4.32 5.33 b 4.45 5.20 c 3.18 4.19 d 0.41 0.55 e 0.35 0.50 f ? 5.40 g 1.14 1.40 h ? 2.54 k 12.70 ? l5 deg j 1.14 1.53 ll j c 1. base 2. collector 3. emitter pin configuration to-237 bulk to-237 t&a 1k/polybag 2k/ammo box 240 gm/1k pcs 725 gm/2k pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5.0k 2.0k 17" x 15" x 13.5" 17" x 15" x 13.5" 80.0k 32.0k 26.2 kgs 13.8 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size p ac ki ng d eta il continental device india limited data sheet page 2 of 2


▲Up To Search▲   

 
Price & Availability of CSC2331NPN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X