Part Number Hot Search : 
MC3476P1 29400 FDB86135 C864132 XN6501 CEM9936 AM27C010 FDB86135
Product Description
Full Text Search
 

To Download CSC2271 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon planar epitaxial transistor CSC2271 to-92 plastic package horizontal deflection driver a pp lications. absolute maximum ratings (ta=25oc unless specified otherwise) description symbol value unit collector emitter voltage bv ceo 300 v collector base voltage bv cbo 300 v emitter base voltage bv ebo 6v collector current i c 100 ma peak collector current i cp 300 ma collector power dissipation p c 750 mw operating and storage junction t j , t stg -55 to +150 oc temperature range electrical characteristics (ta=25oc unless specified otherwise) description symbol test condition unit min typ max collector cut off current i cbo v cb =20v, i e = 0 1.0 a emitter cut off current i ebo v eb =6v, i c = 0 1.0 a dc current gain h fe v ce =10v,i c =10ma 40 200 base emitter saturation voltage v be(sat) i c =20ma,i b =2ma 1.0 v collector emitter saturation v ce(sat) i c =20ma,i b =2ma 0.6 v voltage dynamic characteristics transition frequency f t i c =10ma, v ce =30v 50 mhz collector output capacitance c ob i e =0, v cb =10v 7.5 pf f=1mhz h fe classification : c d e 40-80 60-120 100-200 value continental device india limited data sheet page 1 of 3 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
CSC2271 to-92 plastic package to-92 plastic package to-92 transistors on tape and ammo pack to-92 bulk to-92 t&a 1k/polybag 2k/ammo box 200 gm/1k pcs 645 gm/2k pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5k 2k 17" x 15" x 13.5" 17" x 15" x 13.5" 80k 32k 23 kgs 12.5 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail cumulative pitch error 1.0 mm/20 pitch to be measured at bottom of clinch at top of body t1 0.3 - 0.6 body width body height body thickness pitch of component feed hole pitch feed hole centre to component centre distance between outer leads component alignment tape width hold-down tape width hole position hold-down tape position lead wire clinch height component height length of snipped leads feed hole diameter total tape thickness lead - to - lead distancef1, clinch height pull - out force item a1 a t p po p2 f h w wo w1 w2 ho h1 l do t f2 h2 (p) symbol specification 4.0 4.8 3.9 6n min. 12.7 12.7 6.35 5.08 0 18 6 9 0.5 16 4 2.54 nom. 4.8 5.2 4.2 1 23.25 11.0 1.2 3 max. 1 0.3 0.4 +0.6 -0.2 0.5 0.2 +0.7 -0.5 0.2 0.5 0.2 +0.4 -0.1 tol . remarks notes 1. maximum alignment deviation between leads not to be greater than 0.2 mm. 2. maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches. 3. holddown tape not to exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 4. no more than 3 consecutive missing components are permitted. 5. a tape trailer, having at least three feed holes are required after the last component. 6 . s pli c e s s hall n o t interfere with the s pr oc ket feed h o le s . all dimensions in mm unless specified otherwise ammo pack st y le adhesive tape on top side flat side mechanical data t t1 t f1 f2 f p2 po do (p) w2 wo w1 w h1 a a1 p h0 l flat side of transistor and adhesive tape visible 2000 pcs./ammo pack label carrier strip 183 3 3 1 f e e d 4 2 h h pin configuration 1. base 2. collector 3. emitter f f h c 3 2 1 all diminsions in mm. dim min. max. a 4.32 5.33 b 4.45 5.20 c 3.18 4.19 d 0.41 0.55 e 0.35 0.50 f5 deg g 1.14 1.40 h 1.14 1.53 2.082 k l 12.70 1.982 ? b a l solderability ensured dimension with 'l' uncontrolled beyond 'l' k e d aa sec aa g d 3 2 1 1 2 3 continental device india limited data sheet page 2 of 3
notes CSC2271 to-92 plastic package CSC2271_c_d_e rev091001 disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and onthecdilwebsite/cdare believedtobeaccurateandreliable.cdilhowever,doesnotassumeresponsibilityforinaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notic e. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 5141 1112 fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSC2271

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X