Part Number Hot Search : 
PDS760 6800P 92315 WSLT2512 WH1602B MAN6730 PAXCDS40 SM5133
Product Description
Full Text Search
 

To Download CDDFN10-0506N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low capacitance - 0.3 pf esd protection vcc + six i/o data lines rohs compliant* applications usb 3.0 hdmi 1.4 high speed port protection portable electronics absolute maximum ratings, t a = 25 ? (unless otherwise noted) CDDFN10-0506N - tvs/steering diode array *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. parameter symbol rating unit peak pulse current (t p = 8/20 s) i pp 3.5 a peak pulse current (t p = 8/20 s) p pk 40 w operating supply votage (v dd - gnd) v dc 6v dc voltage on any i/o pad v io (gnd -0.5) to (v dd +0.5) v storage temperature t stg -55 to +150 oc operating temperature t opr -40 to +85 oc general information the bourns ? model CDDFN10-0506N device provides esd and eft protection for high speed data ports meeting iec 61000-4-2 (esd) and iec 61000-4-4 (eft) requirements. the transient voltage suppressor array, protecting up to six data lines, offers a working peak voltage of 5.0 v. the dfn-10 package is easy to handle with standard pick and place equipment and their ? at con? guration minimizes roll away. electrical characteristics (@ t a = 25 ? unless otherwise noted) parameter symbol min. typ. max. unit working peak voltage 1 v wm 5.0 v breakdown voltage @ 1 ma 1 v br 6.0 v forward voltage @ 15 ma 2 v f 0.8 1.2 v leakage current @ v wm 1 i l 2.5 a leakage current @ v wm 3 i io 1 a channel capacitance 3 @ 2.5 v, 1 mhz c io 0.25 0.35 pf channel to channel capacitance 4 @ 2.5 v, 1 mhz c cross 0.05 0.07 pf esd protection per iec 61000-4-2 contact discharge air discharge 8 15 kv kv esd dynamic turn-on resistance 5 r dynamic_i/o 0.35 esd dynamic turn-on resistance 6 r dynamic_vdd 0.2 eft protection per iec 61000-4-4 @ 5/50 ns 40 a note 1: pin 2 to pin 9 note 2: pin 9 to pin 2. note 3: pin 1, 4, 5, 6, 7 or 10 to ground. note 4: between i/o 1, 4, 5, 6, 7 or 10. note 5: any i/o pin to ground. note 6: v dd pin to ground. *rohs compliant 10 7 6 5 4 1 2 9
4.024 - 4.176 (0.158 - 0.164) 1.924 - 2.076 (0.076 - 0.082) 0.224 - 0.376 (0.009 - 0.015) 0.200 (0.008) 0.450 - 0.550 (0.018 - 0.022) 0.000 - 0.050 (0.000 - 0.002) 0.152 (0.006) ref. n6 n5 n1 n10 min. 0.150 - 0.250 (0.006 - 0.010) 1.300 - 1.500 (0.051 - 0.059) 0.700 - 0.900 (0.028 - 0.035) speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. CDDFN10-0506N - tvs/steering diode array product dimensions pin out this is a molded dfn10 package with lead free 100 % matte sn on the lead frame. it has a ammability rating of ul 94v-0. recommended footprint how to order cd dfn10 - 05 06 n common diode chip diode package dfn10 = dfn-10 package working peak reverse voltage 05 = 5.0 v rwm (volts) number of lines 06 = 6 data lines suf x n = low capacitance typical part marking CDDFN10-0506N ........................................................................506 dimensions: mm (inches) pin function 1 i/o line 2v cc line 3 n.c. 4 i/o line 5 i/o line 6 i/o line 7 i/o line 8 n.c. 9 ground 10 i/o line 0.600 (0.023) 0.150 - 0.250 (0.006 - 0.010) 0.800 (0.031) typ. typ. 0.400 (0.015) typ. 0.200 (0.008) min. 1.924 - 2.076 (0.076 - 0.082) 1.300 - 1.500 (0.051 - 0.059) 0.700 - 0.900 (0.028 - 0.035) 1 2 3 4 5 10 9 8 7 top view 6
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications CDDFN10-0506N - tvs/steering diode array reference application bourns model CDDFN10-0506N is designed to protect high speed data ports from esd transients. for high speed ports above 5 gb/s such as usb 3.0, differential signalling is used where the need to keep impedance constant is a critical requirement. th e use of a dfn-10 package using a ?eed through?layout provides a minimum impedance change on the high speed data line while the ultra-low capacitance performance of the device limits the signal loss degradation of each channel. 1 2 3 4 5 10 data line data line data line data line data line data line 9 8 n.c. gnd n.c. vdd vdd rail * optional 0.1 f chip cap. to i/o-port connector to i/o-port connector to protected ic to protected ic 7 CDDFN10-0506N layout on usb 3.0 port CDDFN10-0506N using 5 ghz eye diagram 6
3312 - 2 mm smd trimming potentiometer -3 -6 -9 -12 -15 -18 -21 -24 -27 -30 0 1e+8 1e+9 frequency (hz) insertion loss (db) 4.1 ghz: -3 db vdd = 5 v vdd = floated -60 -50 -40 -30 -20 -10 0 1e+8 1e+9 frequency (hz) analog cross talk (db) vdd = 5 v vdd = floated 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 input voltage (v) input capacitance (pf) f = 1 mhz, t = 25 ? vdd = floated vdd = 5 v 0 2 4 6 8 10 12 14 16 18 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 voltage (v) current (a) 0.00 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 input voltage (v) input capacitance (pf) f = 1 mhz, t = 25 ? vdd = floated vdd = 5 v v_pulse 100 ns tlp_i tlp_v + - dut pulse from a transmission line vdd to gnd i/o to gnd CDDFN10-0506N - tvs/steering diode array performance curves insertion loss s21 crosstalk between i/os channel capacitance versus voltage channel to channel capacitance versus voltage typical v/i characteristic speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications.
3312 - 2 mm smd trimming potentiometer speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. CDDFN10-0506N - tvs/steering diode array packaging information ....... ....... ....... ....... ....... ....... ....... ....... pa f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d the product will be dispensed in tape and reel format (see diagram below). devices are packed in accordance with eia standard rs-481-a. dimensions: mm (inches) item symbol dfn-10 carrier width a 2.90 0.10 (0.114 0.004) carrier length b 2.90 0.10 (0.114 0.004) carrier depth c 0.90 0.10 (0.035 0.004) sprocket hole d 1.55 0.05 (0.061 0.002) reel outside diameter d 178 (7.008) reel inner diameter d 1 50.0 (1.969) min. feed hole diameter d 2 13.0 0.20 (0.512 0.008) sprocket hole position e 1.75 0.10 (0.069 0.004) punch hole position f 3.50 0.05 (0.138 0.002) punch hole pitch p 4.00 0.10 (0.157 0.004) sprocket hole pitch p 0 4.00 0.10 (0.157 0.004) embossment center p 1 2.00 0.05 (0.079 0.002) overall tape thickness t 0.20 0.10 (0.008 0.004) tape width w 8.00 0.20 (0.315 0.008) reel width w 1 14.4 (0.567) max. quantity per reel -- 3000 rev. 06/12


▲Up To Search▲   

 
Price & Availability of CDDFN10-0506N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X