Part Number Hot Search : 
GCM155R7 06410 74F194CW PCA82 67YR2K CP107 20392 2SB12
Product Description
Full Text Search
 

To Download CA06COME20-27PB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial connectors ca-com com-7/0300 #1171_ca-com_englisch_250900 18.10.2000, 8:20 uhr 1
all dimensions are in mm subject to changes ca-com 2 contents introduction ........................................... 2 connector design .................................. 2 technical data ........................................ 3 how to order ........................................ 4 contact arrangements. .......................... 5 mounting dimensions ........................... 10 separating and coupling dimensions .... 11 shell styles and dimensions .................. 12 accessories ............................................ 33 contact dimensions .............................. 37 tools ..................................................... 38 product safety information ................... 40 ca-com-b ? bayonet coupling ? mateable with all connectors according to vg95234 and series ca-b respec- tively ? either solder or crimp contacts ? contact arrangements with 1 to 37 contacts ? wire sizes from 0,14 to 2,5 mm 2 ? shells made of aluminum alloy enable to withstand high mechanical strain* ? surface protected by nickel plating ? resilient insulator (polychloroprene) for wide temperature range (?5/125 c) ? resistant against aggressive fluids like fuel, oil, etc. ? environmental by means of an adapter for pg termination, universal endbell and heat shrink boots ? min 500 mating cycles ? waterproof (1 bar, 12 hours) ca-com ? threaded coupling ? mateable with all connectors according to mil-c-5015 and series ca respec- tively ? either solder or crimp contacts ? contact arrangements with 1 to 37 contacts ? wire sizes from 0,14 up to 2,5 mm 2 ? shells made of aluminum alloy enable to withstand high mechanical strain* ? surface protected by nickel plating ? resilient insulator (polychloroprene) for wide temperature range (?5/125 c) ? resistant against aggressive fluids like fuel, oil, etc. ? environmental by means of an adapter for pg termination, universal endbell and heat shrink boots ? min 500 mating cycles ? spray-waterproof ip67 introduction itt industries, cannon connectors series ca-com and ca-com-b are derivations of connectors according to mil-c-5015 or vg95234. they were developed especially for industrial applications. connectors of both ca-com series are interchangeable with the corresponding types as per mil- c-5015 and vg95234, as they offer the same mounting dimensions and contact arrangements. the ca-com and ca-com-b connector series offer ? wall mounting receptacles ? cable connecting plugs ? box mounting receptacles ? straight plugs ? plugs 90 wall mounting receptacles and cable connecting plugs (straight and 90 ) are available with ? endbell with cable clamp ? endbell for flex tubes ? adapter combined for pg terminations acc. to din 46320 ? adapter for heat shrink boots furthermore cannon also provides the appropriate accessories like ? protective metal caps ? sash chains ? cable clamps ? cable bushings ? sealing gaskets note: * receptacle size 14s and barrels size 18 + 20 are made of zinc dicast material. #1171_ca-com_englisch_250900 18.10.2000, 8:20 uhr 2
3 ca-com electrical data rated current 20 c ambient temperature contact size rated current awg / metric a max 1 ) 15s 22 15 22 25 41 100 74 1 ) this applies only to the max. rated current for one contact. if several contacts in one contact arrangement are loaded with higher current the specific heat and the ambient temperature may not exceed +125 c. rated current vs. ambient temperature contact resistance (millivolt test) contact size contact resistance metric m ? max 15s 6 15 6 25 3 100 1 insulation resistance > 1000 m ? air and creepage paths mm (min) voltage class instr. a d air path mm 0,7 1,1 2,8 creepage path mm 0,7 1,1 2,8 operating voltage and connector usage when the connectors in this catalogue are used for voltages greater than 50 volts and have touchable conductive shell parts they must be used in accordance with the safety regulations din vde part 410; iec 60364- 4-41. this regulation basically dictates that the power source should be turned off before any mating and unmating of the connector, this regulation does not provide for protection against electrical shock when mating and unmating the connec- tors in the live condition. mechanical data max operating temperature acc. to din iec 68, part 1 55/125 c mating cycles min 500 min separating force per contact contact size separating force metric n 15s 1,0 15 1,0 25 1,5 100 3,0 contact retention test force to be applied in mating direction contact size test force metric n 15s 35 15 35 25 55 100 80 coupling torque the allowable coupling torque has to be tested under harnessed conditions shell allowable coupling torque size closing and opening opening (n max) (n min) ca-com ca-com-b ca-com, ca-com-b 10sl 3,0 2,6 0,15 12s 2,8 2,8 0,23 14s 5,9 3,0 0,35 16s/16 7,0 3,5 0,46 18 8,0 4,0 0,58 20 9,0 4,5 0,7 22 10,6 5,0 0,8 24 12,9 6,0 0,8 28 16,7 7,0 0,92 32 18,1 8,5 1,02 36 23,9 10,0 1,05 materials shell aluminum alloy, zinc dicast nickel plated contacts copper alloy, silver plated insulator polychloroprene #1171_ca-com_englisch_250900 18.10.2000, 8:20 uhr 3
all dimensions are in mm subject to changes ca-com 4 series ca - cannon designation shell style 00 - wall mount receptacle 01 - cable connecting plug 02 - box mount receptacle 20 - box mount receptacle for rear wall mounting (bayonett coupling only) 06 - plug, straight 08 - plug 90 class com-e - endbell with cable clamp 1 ) com-f - endbell for flex tube com-pg - adapter for pg termination, environmental com-l - pcb solder termination com-in - universal endbell shell size 10sl, 12s, 14s, 16, 16s, 18, 20, 22, 24, 28, 32*, 36* (* = upon request) contact arrangement see pages 6 8 contact type p - pin contact s - socket contact alternate insert position insert insulator position see page 9 coupling b - bayonet coupling - without designation: threaded coupling modification 01 - metric crimp contacts 03 - adapter for heat shrink boots and metric crimp contacts (only for bayonet coupling by shell style 01 + 06 class -e) 06 - adapter for heat shrink boots and solder contacts (only for bayonet coupling by shell style 01 + 06 class -e) 44 - with end ring and grommet (for class e and f only) 48 - f-endbell with o-ring dn - adapter for heat shrink boots and solder contacts (mod. for threaded coupling) f0 - without contacts (to be ordered separately) 1 ) except shell style 02 / 20 how to order ca 06 com-e 18-1 p w xx ca 06 com-e 18-1 p w - b - xx #1171_ca-com_englisch_250900 18.10.2000, 8:20 uhr 4
5 ca-com shell size contact number of contact size wire size service rating arrangement contacts metric mm 2 nach iec 10sl 10sl-3 3 15s 0,75 1,5 a 10sl-4 2 15s 0,75 1,5 a 12s 12sa10 4 15s 0,75 1,5 a 14s 14s-2 4 15s 0,75 1,5 inst. 14s-5 5 15s 0,75 1,5 inst. 14s-6 6 15s 0,75 1,5 inst. 14sa7 7 15s 0,75 1,5 inst. 16 16-10 3 25 2,0 3,0 a 16s 16s-1 7 15s 0,75 1,5 a 18 18-1 10 15 0,75 1,5 a (b, c, f, g) inst. (all others) 18-8 7 + 1 15 + 25 1 1,5 + 2,5 a 18-10 4 25 2,0 3,0 a 18-11 5 25 2,0 3,0 a 18-12 6 15 0,75 1,5 a 20 20-15 7 25 2,0 3,0 a 20-17 1 15 0,75 1,5 a 5 25 2,0 3,0 a 20-19 3 100 10 a 20-27 14 15 0,75 1,5 a 20-29 17 15 0,75 1,5 a 22 22-14 19 15 0,75 1,5 a 22-19 14 15 0,75 1,5 a 22-23 8 25 2,0 3,0 d (h) 24 24-28 24 15 0,75 1,5 inst. 28 28-15 35 15 0,75 1,5 a additional contact arrangements (per mil-c-5015 and vg95234) upon request. wire selection contact size wire sizes for crimp and solder contacts metric metric conductor mm 2 ? mm 2 15s 0,75 1,5 1,6 3,3 15 0,75 1,5 1,6 3,3 25 2,0 3,0 2,9 4,3 100 10,0 4,2 6,5 stripping lengths of wires strip wires carefully. do not damage conductors and insulation. for solder connections, wires have to be pretinned. do not twist conductors used in crimp contacts, otherwise no perfect crimp connection will be achieved. do not touch conductors before crimping. film of grease or lubricants on the strands will cause poor crimp quality. stripping length for contacts sizes 15s, 15 and 25 is 6,2 mm. on pages 6 8 the contact arrangements are shown by shell sizes. the table below gives an overview on the number of contacts, recommended contact and wire sizes and the service rating class. other contact arrangements acc. to mil-c-5015 and vg 95234 upon request. contact arrangements #1171_ca-com_englisch_250900 18.10.2000, 8:20 uhr 5
all dimensions are in mm subject to changes ca-com 6 contact arrangements no. of contact service insulator position insulator weight (g) contacts arrangement rating w x y z including contacts contact size metric pin socket 3 10sl-3 a - ---69 15s 2 10sl-4 a - ---46 15s 4 12sa10 a - ---68 15s 4 14s-2 inst. - 120 240 - 7 11 15s 5 14s-5 inst. - 110 - - 9 13 15s 6 14s-6 inst. - - - - 11 15 15s 7 14sa7 inst. - - - - 10 15 15s 7 16s-1 a - - - - 14 19 15s 3 16-10 a 90 180 270 - 17 24 25 #1171_ca-com_englisch_250900 18.10.2000, 8:20 uhr 6
7 ca-com contact arrangements no. of contact service insulator position insulator weight (g) contacts arrangement rating w x y z including contacts contact size metric pin socket 10 18-1 a 70 145 - 290 24 37 15 (b, c, f, g) 8 18-8 a 70 - - 290 18 30 115 725 4 18-10 a - 120 240 - 13 22 25 5 18-11 a - 170 265 - 31 40 25 6 18-12 a 80 - - 280 15 25 15 7 20-15 a 80 -. - 280 27 46 25 6 20-17 a 90 180 270 - 20 33 115 525 3 20-19 a 90 180 270 - 33 46 100 14 20-27 a 35 110 250 325 26 42 15 #1171_ca-com_englisch_250900 18.10.2000, 8:20 uhr 7
all dimensions are in mm subject to changes ca-com 8 contact arrangements no. of contact service insulator positions insulator weight (g) contacts arrangement rating w x y z including contacts contact size metric pin socket 17 20-29 a 80 - - 280 29 47 15 19 22-14 a 80 - - 280 30 50 15 14 22-19 a 80 110 250 280 28 47 15 8 22-23 d(h) 35 - 250 - 34 54 25 a (all others) 24 24-28 inst. 80 110 250 280 40 65 15 35 28-15 a 80 110 250 280 54 90 15 37 28-21 a 80 110 250 280 58 93 15 #1171_ca-com_englisch_250900 18.10.2000, 8:20 uhr 8
9 ca-com contact w x y z arrangement 10sl-3 - - - - 10sl-4 - - - - 12sa10 - - - - 14s-2 - 120 240 - 14s-5 - 110 - - 14s-6 - - - - 14sa7 - - - - 16s-1 - - - - 16-10 90 180 270 - 18-1 70 145 - 290 18-8 70 - - 290 18-10 - 120 240 - 18-11 - 170 265 - 18-12 80 - - 280 20-15 80 - - 280 20-17 90 180 270 - 20-19 90 180 270 - 20-27 35 110 250 325 20-29 80 - - 280 22-14 80 - - 280 22-19 80 110 250 280 22-23 35 - 250 - 24-28 80 110 250 280 28-15 80 110 250 280 28-21 80 110 250 280 alternate insert positions alternate insert positions are available to prevent cross-plugging of adjacent con- nectors. the standard position is without designation. all other insert positions are designated w, x, y and z. see table below. view on mating face of pin insert #1171_ca-com_englisch_250900 18.10.2000, 8:20 uhr 9
all dimensions are in mm subject to changes ca-com 10 shell ca-com threaded ca-com-bayonet size d h 12 d h 13 e-0,15 d h 12 d h 13 ca00... ca02... ca00... ca02... ca20... ca20... 10sl 16,0 16,4 3,4 18,2 18,5 16,4 3,4 12s 19,1 16,4 3,4 20,6 21,7 16,4 3,4 14s 22,3 19,7 3,4 23,0 24,9 19,7 3,4 16s/16 25,5 22,9 3,4 24,6 27,7 22,9 3,4 18 28,7 26,1 3,4 27,0 31,1 26,1 3,4 20 31,8 29,5 3,4 29,4 34,5 29,5 3,4 22 35,0 32,7 3,4 31,8 37,8 32,7 3,4 24 38,2 36,0 3,9 34,9 41,3 36,0 3,9 28 44,5 42,0 3,9 39,7 47,1 42,0 3,9 32 50,9 48,3 4,6 44,5 53,8 48,3 4,6 36 57,2 53,1 4,6 49,2 60,0 53,1 4,6 mounting dimensions mounting holes for connectors styles ca00com/ca00com-b, ca02com/ ca02com-b and ca20com-b #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 10
11 ca-com shell a b c d e f h size min min min min min min max 10sl 70 70 65 80 70 65 3,5 12s 70 75 65 80 75 70 3,5 14s 70 75 65 80 75 80 3,5 16s 70 90 65 80 65 80 3,5 16 80 100 70 100 90 100 3,5 18 80 100 70 110 95 110 3,5 20 80 100 70 110 95 110 3,5 22 80 100 70 110 95 110 3,5 24 110 120 90 120 105 120 5,0 28 110 120 90 120 105 120 5,0 32 110 180 90 120 115 120 6,0 36 110 190 100 130 120 130 6,0 separating and coupling dimensions ca06com-e ca06com-e-b ca02com-e ca02com-e-b ca06com-e-dn ca06com-e-b-03/-06 ca06com-f ca06com-f-b ca02com-e ca02com-e-b ca06com-pg ca06com-pg-b ca08com-e ca08com-e-b ca06com-e-dn ca06com-e-b ca02com-e ca20com-e ca02com-e-b ca20com-e-b #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 11
all dimensions are in mm subject to changes ca-com 12 part no. a b c d e f g h i pin insert* thread thread max +0,4 0,3 max 0,1 0,3 +0,2/ 0,1 ca00com-pg10sl-**-p* 5/8-24unef-2a pg9 18 14,2 2,8 52 18,2 25,4 3,1 ca00com-pg12s-**-p* 3/4-20unef-2a pg9 19 14,2 3,2 52 20,6 28,0 3,1 ca00com-pg14s-**-p* 7/8-20unef-2a pg11 22 14,2 3,2 52 23,0 30,0 3,1 ca00com-pg16s-**-p* 1-20unef-2a pg13,5 24 14,2 3,2 54 24,6 32,5 3,1 ca00com-pg16-**-p* 1-20unef-2a pg13,5 24 19,0 3,2 64 24,6 32,5 3,1 ca00com-pg18-**-p* 1-1/8-18unef-2a pg13,5 25 19,0 4,0 69 27,0 35,0 3,1 ca00com-pg20-**-p* 1-1/4-18unef-2a pg16 27 19,0 4,0 70 29,4 38,0 3,1 ca00com-pg22-**-p* 1-3/8-18unef-2a pg16 27 19,0 4,0 73 31,8 41,0 3,1 ca00com-pg24-**-p* 1-1/2-18unef-2a pg16 27 20,6 4,0 74 34,9 44,5 3,7 ca00com-pg28-**-p* 1-3/4-18uns-2a pg21 32 20,6 4,0 74 39,7 50,8 3,7 ca00com-pg32-**-p* 2-18uns-2a pg29 41 22,2 4,0 76 44,5 57,0 4,4 ca00com-pg36-**-p* 2-1/4-16un-2a pg29 41 22,2 4,0 87 49,2 63,5 4,4 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) ca00com-pg with threaded coupling ca00com-pg is a wall mounting receptacle for usage of pg terminations. it mates with plugs ca06com and ca08com. part no. a b c d e f g h j pin insert* 0,15 thread max +0,4 0,2 max 0,1 0,3 ca00com-pg10sl-**-p*-b- 18,2 pg9 18 18,2 2,8 56 18,2 25,4 m4 ca00com-pg12s-**-p*-b- 21,4 pg9 18 18,2 3,2 56 20,6 28,0 m4 ca00com-pg14s-**-p*-b- 24,6 pg11 22 18,2 3,2 56 23,0 30,0 m4 ca00com-pg16s-**-p*-b- 27,4 pg13,5 24 18,2 3,2 58 24,6 32,5 m4 ca00com-pg16-**-p*-b- 27,4 pg13,5 24 21,5 3,2 66 24,6 32,5 m4 ca00com-pg18-**-p*-b- 30,8 pg13,5 25 23,05 4,0 73 27,0 35,0 m4 ca00com-pg20-**-p*-b- 34,2 pg16 27 23,05 4,0 74 29,4 38,0 m4 ca00com-pg22-**-p*-b- 37,4 pg16 27 23,05 4,0 77 31,8 41,0 m4 ca00com-pg24-**-p*-b- 40,9 pg16 27 23,05 4,0 77 34,9 44,5 m4 ca00com-pg28-**-p*-b- 46,7 pg21 32 24,05 4,0 78 39,7 50,8 m5 ca00com-pg32-**-p*-b- 53,4 pg29 41 24,05 4,0 78 44,5 57,0 m5 ca00com-pg36-**-p*-b- 59,6 pg29 41 24,05 4,0 89 49,2 63,5 m5 wall mounting receptacle, class pg ca00com-pg-b with bayonet coupling ca00com-pg-b is a wall mounting receptacle for usage of pg terminations. it mates with plugs ca06com-b and ca08com-b. #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 12
13 ca-com part no. a b 1) cdef gh pin insert* thread +0,4 0,3 max 0,1 0,3 +0,2 / 0,1 ca00com-e10sl-**-p* 5/8-24unef-2a 7,9 14,2 2,8 53 18,2 25,4 3,1 ca00com-e12s-**-p* 3/4-20unef-2a 7,9 14,2 3,2 53 20,6 28,0 3,1 ca00com-e14s-**-p* 7/8-20unef-2a 11,1 14,2 3,2 55 23,0 30,0 3,1 ca00com-e16s-**-p* 1-20unef-2a 14,2 14,2 3,2 56 24,6 32,5 3,1 ca00com-e16-**-p* 1-20unef-2a 14,2 19,0 3,2 66 24,6 32,5 3,1 ca00com-e18-**-p* 1-1/8-18unef-2a 15,8 19,0 4,0 68 27,0 35,0 3,1 ca00com-e20-**-p* 1-1/4-18unef-2a 19,0 19,0 4,0 68 29,4 38,0 3,1 ca00com-e22-**-p* 1-3/8-18unef-2a 19,0 19,0 4,0 68 31,8 41,0 3,1 ca00com-e24-**-p* 1-1/2-18unef-2a 23,7 20,6 4,0 76 34,9 44,5 3,7 ca00com-e28-**-p* 1-3/4-18uns-2a 23,7 20,6 4,0 76 39,7 50,8 3,7 ca00com-e32-**-p* 2-18uns-2a 31,8 22,2 4,0 76 44,5 57,0 4,4 ca00com-e36-**-p* 2-1/4-16un-2a 34,6 22,2 4,0 76 49,2 63,5 4,4 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 1 ) max cable dia ca00com-e with threaded coupling ca00com-e is a wall mounting receptacle with endbell and cable clamp. it mates with plugs ca06com and ca08com. ca00com-e-b with bayonet coupling ca00com-e-b is a wall mounting receptacle with endbell and cable clamp. it mates with plugs ca06com-b and ca08com-b. part no. a b 1) cde f g h pin insert* 0,15 +0,4 +0,4 +0,2 max 0,1 0,3 ca00com-e10sl-**-p*-b- 18,2 7,9 18,2 2,8 57 18,2 25,4 m4 ca00com-e12s-**-p*-b- 21,4 7,9 18,2 3,2 57 20,6 28,0 m4 ca00com-e14s-**-p*-b- 24,6 11,1 18,2 3,2 59 23,0 30,0 m4 ca00com-e16s-**-p*-b- 27,4 14,2 18,2 3,2 60 24,6 32,5 m4 ca00com-e16-**-p*-b- 27,4 14,2 21,5 3,2 68 24,6 32,5 m4 ca00com-e18-**-p*-b- 30,8 15,8 23,05 4,0 72 27,0 35,0 m4 ca00com-e20-**-p*-b- 34,2 19,0 23,05 4,0 72 29,4 38,0 m4 ca00com-e22-**-p*-b- 37,4 19,0 23,05 4,0 72 31,8 41,0 m4 ca00com-e24-**-p*-b- 40,9 23,7 23,05 4,0 78 34,9 44,5 m4 ca00com-e28-**-p*-b- 46,7 23,7 24,05 4,0 79 39,7 50,8 m5 ca00com-e32-**-p*-b- 53,4 31,8 24,05 4,0 78 44,5 57,0 m5 ca00com-e36-**-p*-b- 59,6 34,6 24,05 4,0 78 49,2 63,5 m5 wall mounting receptacle, class e #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 13
all dimensions are in mm subject to changes ca-com 14 part no. a b 1) cdefghik pin insert* 0,15 thread min +0,4 0,2 max 0,1 0,3 ca00com-f10sl-**p*-b- 18,2 8,2 5/8-24unef-2a 9,5 18,2 2,8 50 18,2 25,4 m4 ca00com-f12s-**p*-b- 21,4 8,2 5/8-24unef-2a 9,5 18,2 3,2 50 20,6 28,0 m4 ca00com-f14s-**p*-b- 24,6 11,1 3/4-20unef-2a 9,5 18,2 3,2 50 23,0 30,0 m4 ca00com-f16s-**p*-b- 27,4 14,3 7/8-20unef-2a 9,5 18,2 3,2 50 24,6 32,5 m4 ca00com-f16-**p*-b- 27,4 14,3 7/8-20unef-2a 9,5 21,5 3,2 57 24,6 32,5 m4 ca00com-f18-**p*-b- 30,8 16,7 1-20unef-2a 9,5 23,05 4,0 59 27,0 35,0 m4 ca00com-f20-**p*-b- 34,2 19,8 1-3/16-18unef-2a 9,5 23,05 4,0 59 29,4 38,0 m4 ca00com-f22-**p*-b- 37,4 19,8 1-3/16-18unef-2a 9,5 23,05 4,0 62 31,8 41,0 m4 ca00com-f24-**p*-b- 40,9 25,4 1-7/16-18unef-2a 9,5 23,05 4,0 62 34,9 44,5 m4 ca00com-f28-**p*-b- 46,7 27,0 1-7/16-18unef-2a 9,5 24,05 4,0 64 39,7 50,8 m5 ca00com-f32-**p*-b- 53,4 32,5 1-3/4-18uns-2a 11,0 24,05 4,0 64 44,5 57,0 m5 ca00com-f36-**p*-b- 59,6 35,7 2-18uns-2a 11,8 24,05 4,0 66 49,2 63,5 m5 ca00com-f with threaded coupling ca00com-f is a wall mounting receptacle with endbell for flex tubes. it mates with plugs ca06com and ca08com. part no. a b 1) cdefghik pin insert* thread thread min +0,4 0,3 max 0,1 0,3 +0,2/ 0,1 ca00com-f10sl-**-p* 5/8-24unef-2a 8,2 5/8-24unef-2a 9,5 14,2 2,8 45 18,2 25,4 3,1 ca00com-f12s-**-p* 3/4-20unef-2a 8,2 5/8-24unef-2a 9,5 14,2 3,2 45 20,6 28,0 3,1 ca00com-f14s-**-p* 7/8-20unef-2a 11,1 3/4-20unef-2a 9,5 14,2 3,2 45 23,0 30,0 3,1 ca00com-f16s-**-p* 1-20unef-2a 14,3 7/8-20unef-2a 9,5 14,2 3,2 45 24,6 32,5 3,1 ca00com-f16-**-p* 1-20unef-2a 14,3 7/8-20unef-2a 9,5 19,0 3,2 54 24,6 32,5 3,1 ca00com-f18-**-p* 1-1/8-18unef-2a 16,7 1-20unef-2a 9,5 19,0 4,0 54 27,0 35,0 3,1 ca00com-f20-**-p* 1-1/4-18unef-2a 19,8 1-3/16-18unef-2a 9,5 19,0 4,0 55 29,4 38,0 3,1 ca00com-f22-**-p* 1-3/8-18unef-2a 19,8 1-3/16-18unef-2a 9,5 19,0 4,0 58 31,8 41,0 3,1 ca00com-f24-**-p* 1-1/2-18unef-2a 25,4 1-7/16-18unef-2a 9,5 20,6 4,0 59 34,9 44,5 3,7 ca00com-f28-**-p* 1-3/4-18uns-2a 27,0 1-7/16-18unef-2a 9,5 20,6 4,0 60 39,7 50,8 3,7 ca00com-f32-**-p* 2-18uns-2a 32,5 1-3/4-18uns-2a 11,0 22,2 4,0 62 44,5 57,0 4,4 ca00com-f36-**-p* 2-1/4-16un-2a 35,7 2-18uns-2a 11,8 22,2 4,0 64 49,2 63,5 4,4 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 1 ) max cable dia wall mounting receptacle, class f ca00com-f-b with bayonet coupling ca00com-f-b is a wall mounting receptacle with endbell for flex tubes. it mates with plugs ca06com-b and ca08com-b. #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 14
15 ca-com part no. a b c d 1) ef ghi k l pin insert* 0,15 +0,4 0,3 max 0,2 0,5 max 0,1 0,3 ca00com-e10sl-**-p*-b- 18,2 18,2 2,8 7,7 13,3 15,5 11,7 53 18,2 25,4 m4 ca00com-e12s-**-p*-b- 21,4 18,2 3,2 7,9 13,3 15,5 11,7 53 20,6 28,0 m4 ca00com-e14s-**-p*-b- 24,6 18,2 3,2 10,6 17,0 19,1 11,7 53 23,0 30,0 m4 ca00com-e16s-**-p*-b- 27,4 18,2 3,2 13,5 21,9 23,9 11,7 53 24,6 32,5 m4 ca00com-e16-**-p*-b- 27,4 21,5 3,2 13,5 21,9 23,9 11,5 61 24,6 32,5 m4 ca00com-e18-**-p*-b- 30,8 23,05 4,0 14,6 21,9 23,9 11,5 62 27,0 35,0 m4 ca00com-e20-**-p*-b- 34,2 23,05 4,0 18,7 26,2 29,6 12,7 64 29,4 38,0 m4 ca00com-e22-**-p*-b- 37,4 23,05 4,0 20,8 26,2 29,6 12,7 64 31,8 41,0 m4 ca00com-e24-**-p*-b- 40,9 23,05 4,0 24,6 34,5 37,8 12,7 64 34,9 44,5 m4 ca00com-e28-**-p*-b- 45,7 24,05 4,0 27,0 34,5 37,8 12,7 66 39,7 50,8 m5 ca00com-e32-**-p*-b- 53,4 24,05 4,0 33,3 43,6 47,8 15,2 69 44,5 57,0 m5 ca00com-e36-**-p*-b- 59,6 24,05 4,0 38,5 43,6 47,8 15,2 70 49,2 63,5 m5 part no. a b c d 1) efghi kl pin insert* thread +0,4 0,3 max 0,2 0,5 max 0,1 0,3 +0,2/ 0,1 ca00com-e10sl-**-p*-dn 5/8-24unef-2a 14,2 2,8 7,7 13,3 15,5 11,7 49 18,2 25,4 3,1 ca00com-e12s-**-p*-dn 3/4-20unef-2a 14,2 3,2 7,9 13,3 15,5 11,7 49 20,6 28,0 3,1 ca00com-e14s-**-p*-dn 7/8-20unef-2a 14,2 3,2 10,6 17,0 19,1 11,7 49 23,0 30,0 3,1 ca00com-e16s-**-p*-dn 1-20unef-2a 14,2 3,2 13,5 21,9 23,9 11,7 49 24,6 32,5 3,1 ca00com-e16-**-p*-dn 1-20unef-2a 19,0 3,2 13,5 21,9 23,9 11,5 58 24,6 32,5 3,1 ca00com-e18-**-p*-dn 1-1/8-18unef-2a 19,0 4,0 14,6 21,9 23,9 11,5 58 27,0 35,0 3,1 ca00com-e20-**-p*-dn 1-1/4-18unef-2a 19,0 4,0 14,6 26,2 23,9 12,7 60 27,0 35,0 3,1 ca00com-e22-**-p*-dn 1-3/8-18unef-2a 19,0 4,0 20,8 26,2 29,6 12,7 60 31,8 41,0 3,1 ca00com-e24-**-p*-dn 1-1/2-18unef-2a 20,6 4,0 24,6 34,5 37,8 12,7 63 34,9 44,5 3,7 ca00com-e28-**-p*-dn 1-3/4-18uns-2a 20,6 4,0 27,0 34,5 37,8 12,7 63 39,7 50,8 3,7 ca00com-e32-**-p*-dn 2-18uns-2a 22,2 4,0 33,3 43,6 47,8 15,2 67 44,5 57,0 4,4 ca00com-e36-**-p*-dn 2-1/4-16un-2a 22,2 4,0 38,5 43,6 47,8 15,2 68 49,2 63,5 4,4 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 1 ) max cable dia ca00com-e-dn with threaded coupling ca00com-e-dn is a wall mounting receptacle with endbell (wire sealing) for heat shrink boots. it mates with plugs ca06com and ca08com. wall mounting receptacle, class e ca00com-e-b/-03/-06 with bayonet coupling ca00com-e-b/-03/-06 is a wall mounting receptacle (wire sealing) for heat shrink boots. it mates with plugs ca06com-b and ca08com-b. #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 15
all dimensions are in mm subject to changes ca-com 16 part no. a b c d e f g h pin insert* thread thread max +0,4 0,3 max max max ca01com-pg10sl-**-p* 5/8-24unef-2a pg9 18 14,2 2,8 52 21,8 16,2 ca01com-pg12s-**-p* 3/4-20unef-2a pg9 19 14,2 3,2 52 25,0 19,4 ca01com-pg14s-**-p* 7/8-20unef-2a pg11 22 14,2 3,2 52 28,2 22,5 ca01com-pg16s-**-p* 1-20unef-2a pg13,5 24 14,2 3,2 54 31,4 25,7 ca01com-pg16-**-p* 1-20unef-2a pg13,5 24 19,0 3,2 64 31,4 25,7 ca01com-pg18-**-p* 1-1/8-18unef-2a pg13,5 25 19,0 4,0 69 34,5 28,9 ca01com-pg20-**-p* 1-1/4-18unef-2a pg16 27 19,0 4,0 70 37,7 32,1 ca01com-pg22-**-p* 1-3/8-18unef-2a pg16 27 19,0 4,0 73 40,9 35,2 ca01com-pg24-**-p* 1-1/2-18unef-2a pg16 27 20,6 4,0 74 43,8 38,4 ca01com-pg28-**-p* 1-3/4-18uns-2a pg21 32 20,6 4,0 74 50,4 44,8 ca01com-pg32-**-p* 2-18uns-2a pg29 41 22,2 4,0 76 56,8 51,1 ca01com-pg36-**-p* 2-1/4-16un-2a pg29 41 22,2 4,0 87 63,1 57,5 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) ca01com-pg with threaded coupling ca01com-pg is a cable connecting plug for usage of pg terminations. it mates with plugs ca06com and ca08com. part no. a b c d e f g h pin insert* 0,15 thread max +0,4 0,2 max max 0,2 ca01com-pg10sl-**-p*-b 18,2 pg9 18 18,2 2,8 56 25,2 20,6 ca01com-pg12s-**-p*-b 21,4 pg9 19 18,2 3,2 56 27,8 23,8 ca01com-pg14s-**-p*-b 24,6 pg11 22 18,2 3,2 56 29,8 25,4 ca01com-pg16s-**-p*-b 27,4 pg13,5 24 18,2 3,2 58 32,3 28,6 ca01com-pg16-**-p*-b 27,4 pg13,5 24 18,2 3,2 66 32,3 28,6 ca01com-pg18-**-p*-b 30,8 pg13,5 25 23,05 4,0 73 34,8 31,7 ca01com-pg20-**-p*-b 34,2 pg16 27 23,05 4,0 74 37,8 34,9 ca01com-pg22-**-p*-b 37,4 pg16 27 23,05 4,0 77 41,1 38,1 ca01com-pg24-**-p*-b 40,9 pg16 27 23,05 4,0 77 44,6 41,3 ca01com-pg28-**-p*-b 46,7 pg21 32 24,05 4,0 78 50,9 47,6 ca01com-pg32-**-p*-b 53,4 pg29 41 24,05 4,0 78 57,1 54,0 ca01com-pg36-**-p*-b 59,6 pg29 41 24,05 4,0 89 63,6 60,6 ca01com-pg-b with bayonet coupling ca01com-pg-b is a cable connecting plug for usage of pg terminations. it mates with plugs ca06com-b and ca08com-b. cable connecting plug, class pg #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 16
17 ca-com part no. a b 1) cdef g pin insert* thread +0,4 0,3 max max max ca01com-e10sl-**-p* 5/8-24unef-2a 7,9 14,2 2,8 53 21,8 16,2 ca01com-e12s-**-p* 3/4-20unef-2a 7,9 14,2 3,2 53 25,0 19,4 ca01com-e14s-**-p* 7/8-20unef-2a 11,1 14,2 3,2 55 28,2 22,5 ca01com-e16s-**-p* 1-20unef-2a 14,2 14,2 3,2 56 31,4 25,7 ca01com-e16-**-p* 1-20unef-2a 14,2 19,0 3,2 66 31,4 25,7 ca01com-e18-**-p* 1-1/8-18unef-2a 15,8 19,0 4,0 68 34,5 28,9 ca01com-e20-**-p* 1-1/4-18unef-2a 19,0 19,0 4,0 68 37,3 32,1 ca01com-e22-**-p* 1-3/8-18unef-2a 19,0 19,0 4,0 68 40,9 35,2 ca01com-e24-**-p* 1-1/2-18unef-2a 23,7 20,6 4,0 76 43,8 38,4 ca01com-e28-**-p* 1-3/4-18uns-2a 23,7 20,6 4,0 76 50,4 44,8 ca01com-e32-**-p* 2-18uns-2a 31,8 22,2 4,0 76 56,8 51,1 ca01com-e36-**-p* 2-1/4-16un-2a 34,6 22,2 4,0 76 63,1 57,5 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 1 ) max cable dia ca01com-e with threaded coupling ca01com-e is a cable connecting plug with endbell and cable clamp. it mates with plugs ca06com and ca08com. part no. a b 1) cdef g pin insert* 0,15 +0,4 0,2 max max 0,2 ca01com-e10sl-**-p*-b 18,2 7,9 18,2 2,8 57 25,2 20,6 ca01com-e-12s**-p*-b 21,4 7,9 18,2 3,2 57 27,8 23,8 ca01com-e14s-**-p*-b 24,6 11,1 18,2 3,2 59 29,8 25,4 ca01com-e16s-**-p*-b 27,4 14,2 18,2 3,2 60 32,3 28,6 ca01com-e16-**-p*-b 27,4 14,2 21,5 3,2 68 32,3 28,6 ca01com-e18-**-p*-b 30,8 15,8 23,05 4,0 72 34,8 31,7 ca01com-e20-**-p*-b 34,2 19,0 23,05 4,0 72 37,8 34,9 ca01com-e22**-p*-b 37,4 19,0 23,05 4,0 72 41,1 38,1 ca01com-e24-**-p*-b 40,9 23,7 23,05 4,0 78 44,6 41,3 ca01com-e28-**-p*-b 46,7 23,7 24,05 4,0 79 50,9 47,6 ca01com-e32-**-p*-b 53,4 31,8 24,05 4,0 78 57,1 54,0 ca01com-e36-**-p*-b 59,6 34,6 24,05 4,0 78 63,6 60,6 ca01com-e-b with bayonet coupling ca01com-e-b is a cable connecting plug with endbell and cable clamp. it mates with plugs ca06com-b and ca08com-b. cable connecting plug, class e #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 17
all dimensions are in mm subject to changes ca-com 18 part no. a b c d 1) efghik pin insert* thread 0,3 0,3 max 0,2 0,5 max max max 0,2 ca01com-e10sl-**-p*-dn 5/8-24unef-2a 14,2 2,8 7,7 13,3 15,5 11,7 49 21,8 16,2 ca01com-e12s-**-p*-dn 3/4-20unef-2a 14,2 3,2 7,9 13,3 15,5 11,7 49 25,0 19,4 ca01com-e14s-**-p*-dn 7/8-20unef-2a 14,2 3,2 10,6 17,0 19,1 11,7 49 28,2 22,5 ca01com-e16s-**-p*-dn 1-20unef-2a 14,1 3,2 13,5 21,9 23,9 11,7 49 31,4 25,7 ca01com-e16-**-p*-dn 1-20unef-2a 19,0 3,2 13,5 21,9 23,9 11,5 58 31,4 25,7 ca01com-e18-**-p*-dn 1-1/8-18unef-2a 19,0 4,0 14,6 21,9 23,9 11,5 58 34,5 28,9 ca01com-e20-**-p*-dn 1-1/4-18unef-2a 19,0 4,0 18,7 26,2 29,6 12,7 60 37,7 32,1 ca01com-e22-**-p*-dn 1-3/8-18unef-2a 19,0 4,0 20,8 26,2 29,6 12,7 60 40,9 35,2 ca01com-e24-**-p*-dn 1-1/2-18unef-2a 20,6 4,0 24,6 34,5 37,8 12,7 63 43,8 38,4 ca01com-e28-**-p*-dn 1-3/4-18uns-2a 20,6 4,0 27,0 34,5 37,8 12,7 63 50,4 44,8 ca01com-e32-**-p*-dn 2-18uns-2a 22,2 4,0 33,3 43,6 47,8 15,2 67 56,8 51,1 ca01com-e36-**-p*-dn 2-1/4-16un-2a 22,2 4,0 38,5 43,6 47,8 15,2 68 63,1 57,5 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 1 ) max cable dia ca01com-e-dn with threaded coupling ca01com-e-dn is a cable connecting plug with endbell (wire sealing) for heat shrink boots. it mates with plugs ca06com and ca08com. part no. a b c d 1) efghi k pin insert* 0,15 +0,4 0,3 max 0,2 0,5 max max 0,2 ca01com-e10sl-**-p*-b- 18,2 18,2 2,8 7,7 13,3 15,5 11,7 53 25,2 20,6 ca01com-e12s-**-p*-b- 21,4 18,2 3,2 7,9 13,3 15,5 11,7 53 27,8 23,8 ca01com-e14s-**-p*-b- 24,6 18,2 3,2 10,6 17,0 19,1 11,7 53 29,8 25,4 ca01com-e16s-**-p*-b- 27,4 18,2 3,2 13,5 21,9 23,9 11,7 53 32,3 28,6 ca01com-e16-**-p*-b- 27,4 21,5 3,2 13,5 21,9 23,9 11,5 61 32,3 28,6 ca01com-e18-**-p*-b- 30,8 23,05 4,0 14,6 21,9 23,9 11,5 62 34,8 31,7 ca01com-e20-**-p*-b- 34,2 23,05 4,0 18,7 26,2 29,6 12,7 64 37,8 34,9 ca01com-e22-**-p*-b- 37,4 23,05 4,0 20,8 26,2 29,6 12,7 64 41,1 38,1 ca01com-e24-**-p*-b- 40,9 23,05 4,0 24,6 34,5 37,8 12,7 64 44,6 41,3 ca01com-e28-**-p*-b- 46,7 24,05 4,0 27,0 34,5 37,8 12,7 66 50,9 47,6 ca01com-e32-**-p*-b- 53,4 24,05 4,0 33,3 43,6 47,8 15,2 69 57,1 54,0 ca01com-e36-**-p*-b- 59,6 24,05 4,0 38,5 43,6 47,8 15,2 70 63,6 60,6 cable connecting plug, class e ca01com-e-b/-03/-06 with bayonet coupling ca01com-e-b/-03/-06 is a cable connecting plug with endbell (wire sealing) for heat shrink boots. it mates with plugs ca06com-b and ca08com-b. #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 18
19 ca-com part no. a b 1) cdefghi pin insert* thread thread min +0,4 0,3 max max max ca01com-f10sl-**-p* 5/8-24unef-2a 8,2 5/8-24unef-2a 9,5 14,2 2,8 45 21,8 16,2 ca01com-f12s-**-p* 3/4-20unef-2a 8,2 5/8-24unef-2a 9,5 14,2 3,2 45 25,0 19,4 ca01com-f14s-**-p* 7/8-20unef-2a 11,1 3/4-20unef-2a 9,5 14,2 3,2 45 28,2 22,5 ca01com-f16s-**-p* 1-20unef-2a 14,3 7/8-20unef-2a 9,5 14,2 3,2 45 31,4 25,7 ca01com-f16-**-p* 1-20unef-2a 14,3 7/8-20unef-2a 9,5 14,2 3,2 54 31,4 25,7 ca01com-f18-**-p* 1-1/8-18unef-2a 16,7 1-20unef-2a 9,5 19,0 4,0 54 34,5 28,9 ca01com-f20-**-p* 1-1/4-18unef-2a 19,8 1-3/16-18unef-2a 9,5 19,0 4,0 55 37,7 32,1 ca01com-f22-**-p* 1-3/8-18unef-2a 19,8 1-3/16-18unef-2a 9,5 20,6 4,0 58 40,9 35,2 ca01com-f24-**-p* 1-1/2-18unef-2a 25,4 1-7/16-18unef-2a 9,5 20,6 4,0 59 43,8 38,4 ca01com-f28-**-p* 1-3/4-18uns-2a 27,0 1-7/16-18unef-2a 9,5 20,6 4,0 60 50,4 44,8 ca01com-f32-**-p* 2-18uns-2a 32,5 1-3/4-18uns-2a 11,0 22,2 4,0 62 56,8 51,1 ca01com-f36-**-p* 2-1/4-16un-2a 35,7 2-18uns-2a 11,8 22,2 4,0 64 63,1 57,5 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 1 ) max cable dia ca01com-f with threaded coupling ca01com-f is a cable connecting plug for flex tube. it mates with plugs ca06com and ca08com. part no. a b 1) cdefghi pin insert* 0,15 thread min +0,4 0,2 max max 0,2 ca01com-f10sl-**-p*-b 18,2 8,2 5/8-24unef-2a 9,5 18,2 2,8 50 25,2 20,6 ca01com-f12s-**-p*-b 18,2 8,2 5/8-24unef-2a 9,5 18,2 3,2 50 27,8 23,8 ca01com-f14s-**-p*-b 24,6 11,1 3/4-20unef-2a 9,5 18,2 3,2 50 29,8 25,4 ca01com-f16s-**-p*-b 27,4 14,3 7/8-20unef-2a 9,5 18,2 3,2 50 32,3 28,6 ca01com-f16-**-p*-b 27,4 14,3 7/8-20unef-2a 9,5 21,5 3,2 57 32,3 28,6 ca01com-f18-**-p*-b 30,8 16,7 1-20unef-2a 9,5 23,05 4,0 59 34,8 31,7 ca01com-f20-**-p*-b 34,2 19,8 1-3/16-18unef-2a 9,5 32,05 4,0 59 37,8 34,9 ca01com-f22-**-p*-b 37,4 19,8 1-3/16-18unef-2a 9,5 32,05 4,0 62 41,1 38,1 ca01com-f24-**-p*-b 40,9 25,4 1-7/16-18unef 9,5 23,05 4,0 62 44,6 41,3 ca01com-f28-**-p*-b 46,7 27,0 1-7/16-18unef 9,5 24,05 4,0 64 50,9 47,6 ca01com-f32-**-p*-b 53,4 32,5 1-3/4-18uns-2a 11,0 24,05 4,0 64 57,1 54,0 ca01com-f36-**-p*-b 59,6 35,7 2-18uns-2a 11,8 24,05 4,0 66 63,6 60,6 cable connecting plug, class f ca01com-f-b with bayonet coupling ca01com-f-b is a cable connecting plug for flex tube. it mates with plugs ca06com-b and ca08com-b. #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 19
all dimensions are in mm subject to changes ca-com 20 part no. a b c d e f g h x / contact size pin insert* thread +0,4 0,3 max max 0,1 0,3 +0,2 15 25 100 ca02com-e10sl-**-p* 5/8-24unef-2a 14,2 2,8 25,1 15,9 18,2 25,4 3,1 13,6 - - ca02com-e12s-**-p* 3/4-20unef-2a 14,2 3,2 25,1 15,9 20,6 28,0 3,1 13,2 - - ca02com-e14s-**-p* 7/8-20unef-2a 14,2 3,2 25,1 19,0 23,0 30,0 3,1 13,2 - - ca02com-e16s-**-p* 1-20unef-2a 14,2 3,2 25,1 22,2 24,6 32,5 3,1 13,2 - - ca02com-e16-**-p* 1-20unef-2a 19,0 3,2 34,2 22,2 24,6 32,5 3,1 17,9 17,9 19,5 ca02com-e18-**-p* 1-1/8-18unef-2a 19,0 4,0 34,2 25,4 27,0 35,0 3,1 17,1 17,1 18,7 ca02com-e20-**-p* 1-1/4-18unef-2a 19,0 4,0 34,2 29,0 29,4 38,0 3,1 17,1 17,1 18,7 ca02com-e22-**-p* 1-3/8-18unef-2a 19,0 4,0 34,2 32,2 31,8 41,0 3,1 17,1 17,1 18,7 ca02com-e24-**-p* 1-1/2-18unef-2a 20,6 4,0 34,2 35,3 34,9 44,5 3,7 15,5 15,5 17,1 ca02com-e28-**-p* 1-3/4-18unef-2a 20,6 4,0 34,2 41,2 39,7 50,8 3,7 15,5 15,5 17,1 ca02com-e32-**-p* 2-18uns-2a 22,2 4,0 34,2 47,6 44,5 57,0 4,4 13,9 13,9 15,5 ca02com-e36-**-p* 2-1/4-16un-2a 22,2 4,0 34,2 52,4 49,2 63,5 4,4 13,9 13,9 15,5 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) ca02com-e with threaded coupling ca02com-e is a box mounting receptacle for front panel mounting. it mates with plugs ca06com and ca08com . part no. a b c d e f g h x / contact size pin insert* 0,15 +0,4 0,2 0,3 max 0,1 0,3 h 13 15 25 100 ca02com-e10sl-**-p*-b 18,2 14,2 2,8 24,7 16,2 18,2 25,4 3,2 13,6 - - ca02com-e12s-**-p*-b 21,4 14,2 3,2 24,7 16,2 20,6 28,0 3,2 13,2 - - ca02com-e14s-**-p*-b 24,6 14,2 3,2 24,7 19,2 23,0 30,0 3,2 13,2 - - ca02com-e16s-**-p*-b 27,4 14,2 3,2 24,7 22,4 24,6 32,5 3,2 13,2 - - ca02com-e16-**-p*-b 27,4 19,0 3,2 33,8 22,4 24,6 32,5 3,2 17,9 17,9 19,5 ca02com-e18-**-p*-b 30,8 19,0 4,0 33,8 25,6 27,0 35,0 3,2 17,1 17,1 18,7 ca02com-e20-**-p*-b 34,2 19,0 4.0 33,8 29,0 29,4 38,0 3,2 17,1 17,1 18,7 ca02com-e22-**-p*-b 37,4 19,0 4,0 33,8 32,2 31,8 41,0 3,2 17,1 17,1 18,7 ca02com-e24-**-p*-b 40,9 20,6 4,0 33,8 35,3 34,9 44,5 3,7 15,5 15,5 17,1 ca02com-e28-**-p*-b 46,7 20,6 4,0 33,8 41,4 39,7 50,8 3,7 15,5 15,5 17,1 ca02com-e32-**-p*-b 53,4 22,2 4,0 33,8 47,8 44,5 57,0 4,3 13,9 15,5 15,5 ca02com-e36-**-p*-b 59,6 22,2 4,0 33,8 52,6 49,2 63,5 4,3 13,9 15,5 15,5 box mounting receptacle, class e ca02com-e-b with bayonet coupling ca02com-e-b is a box mounting receptacle for front panel mounting. it mates with plugs ca06com-b and ca08com-b. #1171_ca-com_englisch_250900 18.10.2000, 8:21 uhr 20
21 ca-com part no. a b c d e f g h pin insert* thread +0,4 0,3 max max 0,1 0,3 h 13 std bm29 ca20com-e10sl-**-p* 5/8-24unef-2a 18,2 2,8 25,1 14,5 18,2 25,4 3,2 m4 ca20com-e12s-**-p* 3/4-20unef-2a 18,2 3,2 25,1 16,1 20,6 28,0 3,2 m4 ca20com-e14s-**-p* 7/8-20unef-2a 18,2 3,2 25,1 19,2 23,0 30,0 3,2 m4 ca20com-e16s-**-p* 1-20unef-2a 18,2 3,2 25,1 22,4 24,6 32,5 3,2 m4 ca20com-e16-**-p* 1-20unef-2a 21,5 3,2 34,2 22,4 24,6 32,5 3,2 m4 ca20com-e18-**-p* 1-1/8-18unef-2a 23,05 4,0 34,2 25,6 27,0 35,0 3,2 m4 ca20com-e20-**-p* 1-1/4-18unef-2a 23,05 4,0 34,2 29,0 29,4 38,0 3,2 m4 ca20com-e22-**-p* 1-3/8-18unef-2a 23,05 4,0 34,2 32,2 31,8 41,0 3,2 m4 ca20com-e24-**-p* 1-1/2-18unef-2a 24,05 4,0 34,2 35,3 34,9 44,5 3,7 m5 ca20com-e28-**-p* 1-3/4-18unef-2a 24,05 4,0 34,2 41,4 39,7 50,8 3,7 m5 ca20com-e32-**-p* 2-18uns-2a 24,05 4,0 34,2 47,8 44,5 57,0 4,4 m6 ca20com-e36-**-p* 2-1/4-16un-2a 24,05 4,0 34,2 54,1 49,2 63,5 4,4 m6 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) ca20com-e with threaded coupling ca20com-e is a box mounting receptacle for rear panel mounting. it mates with plugs ca06com and ca08com. part no. a b c d e f g h pin insert* 0,15 +0,4 0,2 0,3 max 0,1 0,3 ca20com-e10sl-**-p*-b 18,2 18,2 2,8 24,7 16,2 18,2 25,4 m4 ca20com-e12s-**-p*-b 21,4 18,2 3,2 24,7 16,2 20,6 28,0 m4 ca20com-e14s-**-p*-b 24,6 18,2 3,2 24,7 19,2 23,0 30,0 m4 ca20com-e16s-**-p*-b 27,4 18,2 3,2 24,7 22,4 24,6 32,5 m4 ca20com-e16-**-p*-b 27,4 21,5 3,2 33,8 22,4 24,6 32,5 m4 ca20com-e18-**-p*-b 30,8 23,05 4,0 33,8 25,6 27,0 35,0 m4 ca20com-e20-**-p*-b 34,2 23,05 4,0 33,8 29,0 29,4 38,0 m4 ca20com-e22-**-p*-b 37,4 23,05 4,0 33,8 32,2 31,8 41,0 m4 ca20com-e24-**-p*-b 40,9 23,05 4,0 33,8 35,3 34,9 44,5 m4 ca20com-e28-**-p*-b 46,7 24,05 4,0 33,8 41,4 39,7 50,8 m5 ca20com-e32-**-p*-b 53,4 24,05 4,0 33,8 47,8 44,5 57,0 m5 ca20com-e36-**-p*-b 59,6 24,05 4,0 33,8 54,1 49,2 63,5 m5 box mounting receptacle, class e ca20com-e-b with bayonet coupling ca20com-e-b is a box mounting receptacle for rear panel mounting. it mates with plugs ca06com-b and ca08com-b. #1171_ca-com_englisch_250900 18.10.2000, 8:22 uhr 21
all dimensions are in mm subject to changes ca-com 22 ca02com-l with threaded coupling ca02com-l is a box mounting receptacle for front panel mounting. it mates with plugs ca06com and ca08com . part no. a b c d e f g h pin insert* thread +0,4 0,3 max max 0,1 0,3 +0,2/ 0,1 ca02com-l10sl-**-p* 5/8-24unef-2a 14,2 2,8 25,1 15,9 18,2 25,4 3,1 ca02com-l12s-**-p* 3/4-20unef-2a 14,2 3,2 25,1 15,9 20,6 28,0 3,1 ca02com-l14s-**-p* 7/8-20unef-2a 14,2 3,2 25,1 19,0 23,0 30,0 3,1 ca02com-l16s-**-p* 1-20unef-2a 14,2 3,2 25,1 22,2 24,6 32,5 3,1 ca02com-l16-**-p* 1-20unef-2a 19,0 3,2 34,2 22,2 24,6 32,5 3,1 ca02com-l18-**-p* 1-1/8-18unef-2a 19,0 4,0 34,2 25,4 27,0 35,0 3,1 ca02com-l20-**-p* 1-1/4-18unef-2a 19,0 4,0 34,2 29,0 29,4 38,0 3,1 ca02com-l22-**-p* 1-3/8-18unef-2a 19,0 4,0 34,2 32,2 31,8 41,0 3,1 ca02com-l24-**-p* 1-1/2-18unef-2a 20,6 4,0 34,2 35,3 34,9 44,5 3,7 ca02com-l28-**-p* 1-3/4-18unef-2a 20,6 4,0 34,2 41,2 39,7 50,8 3,7 ca02com-l32-**-p* 2-18uns-2a 22,2 4,0 34,2 47,6 44,5 57,0 4,4 ca02com-l36-**-p* 2-1/4-16un-2a 22,2 4,0 34,2 52,4 49,2 63,5 4,4 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) part no. a b c d e f g h pin insert* 0,15 +0,4 0,2 0,3 max 0,1 0,3 h 13 ca02com-l10sl-**-p*-b 18,2 14,2 2,8 24,7 16,2 18,2 25,4 3,2 ca02com-l12s-**-p*-b 21,4 14,2 3,2 24,7 16,2 20,6 28,0 3,2 ca02com-l14s-**-p*-b 24,6 14,2 3,2 24,7 19,2 23,0 30,0 3,2 ca02com-l16s-**-p*-b 27,4 14,2 3,2 24,7 22,4 24,6 32,5 3,2 ca02com-l16-**-p*-b 27,4 19,0 3,2 33,8 22,4 24,6 32,5 3,2 ca02com-l18-**-p*-b 30,8 19,0 4,0 33,8 25,6 27,0 35,0 3,2 ca02com-l20-**-p*-b 34,2 19,0 4.0 33,8 29,0 29,4 38,0 3,2 ca02com-l22-**-p*-b 37,4 19,0 4,0 33,8 32,2 31,8 41,0 3,2 ca02com-l24-**-p*-b 40,9 20,6 4,0 33,8 35,3 34,9 44,5 3,7 ca02com-l28-**-p*-b 46,7 20,6 4,0 33,8 41,4 39,7 50,8 3,7 ca02com-l32-**-p*-b 53,4 22,2 4,0 33,8 47,8 44,5 57,0 4,3 ca02com-l36-**-p*-b 59,6 22,2 4,0 33,8 52,6 49,2 63,5 4,3 box mounting receptacle, class l, with pcb termination ca02com-l-b with bayonet coupling ca02com-l-b is a box mounting receptacle for front panel mounting. it mates with plugs ca06com-b and ca08com-b. #1171_ca-com_englisch_250900 18.10.2000, 8:22 uhr 22
23 ca-com ca20com-l with threaded coupling ca20com-l is a box mounting receptacle for rear panel mounting. it mates with plugs ca06com and ca08com. part no. a b c d e f g h pin insert* thread +0,4 0,3 max max 0,1 0,3 h 13 std bm29 ca20com-l10sl-**-p* 5/8-24unef-2a 18,2 2,8 25,1 14,5 18,2 25,4 3,2 m4 ca20com-l12s-**-p* 3/4-20unef-2a 18,2 3,2 25,1 16,1 20,6 28,0 3,2 m4 ca20com-l14s-**-p* 7/8-20unef-2a 18,2 3,2 25,1 19,2 23,0 30,0 3,2 m4 ca20com-l16s-**-p* 1-20unef-2a 18,2 3,2 25,1 22,4 24,6 32,5 3,2 m4 ca20com-l16-**-p* 1-20unef-2a 21,5 3,2 34,2 22,4 24,6 32,5 3,2 m4 ca20com-l18-**-p* 1-1/8-18unef-2a 23,05 4,0 34,2 25,6 27,0 35,0 3,2 m4 ca20com-l20-**-p* 1-1/4-18unef-2a 23,05 4,0 34,2 29,0 29,4 38,0 3,2 m4 ca20com-l22-**-p* 1-3/8-18unef-2a 23,05 4,0 34,2 32,2 31,8 41,0 3,2 m4 ca20com-l24-**-p* 1-1/2-18unef-2a 24,05 4,0 34,2 35,3 34,9 44,5 3,7 m5 ca20com-l28-**-p* 1-3/4-18unef-2a 24,05 4,0 34,2 41,4 39,7 50,8 3,7 m5 ca20com-l32-**-p* 2-18uns-2a 24,05 4,0 34,2 47,8 44,5 57,0 4,4 m6 ca20com-l36-**-p* 2-1/4-16un-2a 24,05 4,0 34,2 54,1 49,2 63,5 4,4 m6 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) part no. a b c d e f g h pin insert* 0,15 +0,4 0,2 0,3 max 0,1 0,3 ca20com-l10sl-**-p*-b 18,2 18,2 2,8 24,7 16,2 18,2 25,4 m4 ca20com-l12s-**-p*-b 21,4 18,2 3,2 24,7 16,2 20,6 28,0 m4 ca20com-l14s-**-p*-b 24,6 18,2 3,2 24,7 19,2 23,0 30,0 m4 ca20com-l16s-**-p*-b 27,4 18,2 3,2 24,7 22,4 24,6 32,5 m4 ca20com-l16-**-p*-b 27,4 21,5 3,2 33,8 22,4 24,6 32,5 m4 ca20com-l18-**-p*-b 30,8 23,05 4,0 33,8 25,6 27,0 35,0 m4 ca20com-l20-**-p*-b 34,2 23,05 4,0 33,8 29,0 29,4 38,0 m4 ca20com-l22-**-p*-b 37,4 23,05 4,0 33,8 32,2 31,8 41,0 m4 ca20com-l24-**-p*-b 40,9 23,05 4,0 33,8 35,3 34,9 44,5 m4 ca20com-l28-**-p*-b 46,7 24,05 4,0 33,8 41,4 39,7 50,8 m5 ca20com-l32-**-p*-b 53,4 24,05 4,0 33,8 47,8 44,5 57,0 m5 ca20com-l36-**-p*-b 59,6 24,05 4,0 33,8 54,1 49,2 63,5 m5 ca20com-l-b with bayonet coupling ca20com-l-b is a box mounting receptacle for rear panel mounting. it mates with plugs ca06com-b and ca08com-b. box mounting receptacle, class l, with pcb termination #1171_ca-com_englisch_250900 18.10.2000, 8:22 uhr 23
all dimensions are in mm subject to changes ca-com 24 ca06com-pg with threaded coupling ca06com-pg is a straight plug for usage of pg terminations. it mates with receptacles ca00com, ca01com and ca02com-e. part no. a b c d e pin insert* max thread thread max max ca06com-pg10sl-**-p* 24,1 5/8-24unef-2b pg9 18 52 ca06com-pg12s-**-p* 25,8 3/4-20unef-2b pg9 19 52 ca06com-pg14s-**-p* 28,8 7/8-20unef-2b pg11 22 52 ca06com-pg16s-**-p* 31,8 1-20unef-2b pg13,5 24 54 ca06com-pg16-**-p* 31,8 1-20unef-2b pg13,5 24 64 ca06com-pg18-**-p* 34,1 1-1/8-18unef-2b pg13,5 25 69 ca06com-pg20-**-p* 37,4 1-1/4-18unef-2b pg16 27 70 ca06com-pg22-**-p* 40,5 1-3/8-18unef-2b pg16 27 73 ca06com-pg24-**-p* 43,8 1-1/2-18unef-2b pg16 27 74 ca06com-pg28-**-p* 50,2 1-3/4-18uns-2b pg21 32 74 ca06com-pg32-**-p* 56,4 2-18uns-2b pg29 41 76 ca06com-pg36-**-p* 62,8 2-1/4-16un-2b pg29 41 87 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) part no. a b c d pin insert* max thread max max ca06com-pg10sl-**-p*-b 22,8 pg9 18 52 ca06com-pg12s-**-p*-b 26,0 pg9 19 52 ca06com-pg14s-**-p*-b 29,2 pg11 22 52 ca06com-pg16s-**-p*-b 32,0 pg13,5 24 54 ca06com-pg16-**-p*-b 32,0 pg13,5 24 64 ca06com-pg18-**-p*-b 36,5 pg13,5 25 69 ca06com-pg20-**-p*-b 39,9 pg16 27 70 ca06com-pg22-**-p*-b 43,1 pg16 27 73 ca06com-pg24-**-p*-b 46,6 pg16 27 74 ca06com-pg28-**-p*-b 53,4 pg21 32 74 ca06com-pg32-**-p*-b 60,1 pg29 41 76 ca06com-pg36-**-p*-b 66,3 pg29 41 87 straight plug, class pg ca06com-pg-b with bayonet coupling ca06com-pg-b is a straight plug for usage of pg terminations. it mates with receptacles ca00com-b, ca01com-b and ca02com-e-b. #1171_ca-com_englisch_250900 18.10.2000, 8:22 uhr 24
25 ca-com part no. a b c 1) d pin insert* max thread max ca06com-e10sl-**-p* 24,1 5/8-24unef-2b 7,9 53 ca06com-e12s-**-p* 25,8 3/4-20unef-2b 7,9 53 ca06com-e14s-**-p* 28,8 7/8-20unef-2b 11,1 55 ca06com-e16s-**-p* 31,8 1-20unef-2b 14,2 56 ca06com-e16-**-p* 31,8 1-20unef-2b 14,2 66 ca06com-e18-**-p* 34,1 1-1/8-18unef-2b 15,8 68 ca06com-e20-**-p* 37,4 1-1/4-18unef-2b 19,0 68 ca06com-e22-**-p* 40,5 1-3/8-18unef-2b 19,0 68 ca06com-e24-**-p* 43,8 1-1/2-18unef-2b 23,7 76 ca06com-e28-**-p* 50,2 1-3/4-18uns-2b 23,7 76 ca06com-e32-**-p* 56,4 2-18uns-2b 31,8 76 ca06com-e36-**-p* 62,8 2-1/4-16un-2b 34,6 76 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 1 ) max cable dia ca06com-e with threaded coupling ca06com-e is a straight plug with endbell and cable clamp. it mates with receptacles ca00com, ca01com and ca02com-e. part no. a b 1) c pin insert* max max ca06com-e10sl-**-p*-b 22,8 7,9 53 ca06com-e12s-**-p*-b 26,0 7,9 53 ca06com-e14s-**-p*-b 29,2 11,1 55 ca06com-e16s-**-p*-b 32,0 14,2 56 ca06com-e16-**-p*-b 32,0 14,2 66 ca06com-e18-**-p*-b 36,5 15,8 68 ca06com-e20-**-p*-b 39,9 19,0 68 ca06com-e22-**-p*-b 43,1 19,0 68 ca06com-e24-**-p*-b 46,6 23,7 76 ca06com-e28-**-p*-b 53,4 23,7 76 ca06com-e32-**-p*-b 60,1 31,8 76 ca06com-e36-**-p*-b 66,3 34,6 76 ca06com-e-b with bayonet coupling ca06com-e-b is a straight plug with endbell and cable clamp. it mates with receptacles ca00com-b, ca01com-b and ca02com-e-b. straight plug, class e #1171_ca-com_englisch_250900 18.10.2000, 8:22 uhr 25
all dimensions are in mm subject to changes ca-com 26 part no. a b c 1) def pin insert* max thread thread min max ca06com-f10sl-**-p* 24,1 5/8-24unef-2b 8,2 5/8-24unef-2a 9,5 45 ca06com-f12s-**-p* 25,8 3/4-20unef-2b 8,2 5/8-24unef-2a 9,5 45 ca06com-f14s-**-p* 28,8 7/8-20unef-2b 11,1 3/4-20unef-2a 9,5 45 ca06com-f16s-**-p* 31,8 1-20unef-2b 14,3 7/8-20unef 9,5 45 ca06com-f16-**-p* 31,8 1-20unef-2b 14,3 7/8-20unef 9,5 54 ca06com-f18-**-p* 34,1 1-1/8-18unef-2b 16,7 1-20unef-2a 9,5 54 ca06com-f20-**-p* 37,4 1-1/4-18unef-2b 19,8 1-3/16-18unef-2a 9,5 55 ca06com-f22-**-p* 40,5 1-3/8-18unef-2b 19,8 1-3/16-18unef-2a 9,5 58 ca06com-f24-**-p* 43,8 1-1/2-18unef-2b 25,4 1-7/16-18unef-2a 9,5 59 ca06com-f28-**-p* 50,2 1-3/4-18uns-2b 27,0 1-7/16-18unef-2a 9,5 60 ca06com-f32-**-p* 56,4 2-18uns-2b 32,5 1-3/4-18uns-2a 11,0 62 ca06com-f36-**-p* 62,8 2-1/4-16un-2b 35,7 2-18uns-2a 11,8 64 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 1 ) max cable dia ca06com-f with threaded coupling ca06com-f is a straight plug with endbell for flex tubes. it mates with receptacles ca00com, ca01com and ca02com-e. part no. a b 1) cde pin insert* max thread min max ca06com-f10sl-**-p*-b 22,8 8,2 5/8-24unef-2a 9,5 45 ca06com-f12s-**-p*-b 26,0 8,2 5/8-24unef-2a 9,5 45 ca06com-f14s-**-p*-b 29,2 11,1 3/4-20unef-2a 9,5 45 ca06com-f16s-**-p*-b 32,0 14,3 7/8-20unef-2a 9,5 45 ca06com-f16-**-p*-b 32,0 14,3 7/8-20unef-2a 9,5 54 ca06com-f18-**-p*-b 36,5 16,7 1-20unef-2a 9,5 54 ca06com-f20-**-p*-b 39,9 19,8 1-3/16-18unef-2a 9,5 55 ca06com-f22-**-p*-b 43,1 19,8 1-3/16-18unef-2a 9,5 58 ca06com-f24-**-p*-b 46,6 25,4 1-7/16-18unef-2a 9,5 59 ca06com-f28-**-p*-b 53,4 27,0 1-7/16-18unef-2a 9,5 60 ca06com-f32-**-p*-b 60,1 32,5 1-3/4-18uns-2a 11,0 62 ca06com-f36-**-p*-b 66,3 35,7 2-18uns-2a 11,8 64 straight plug, class f ca06com-f-b with bayonet coupling ca06com-f-b is a straight plug with endbell for flex tubes. it mates with receptacles ca00com-b, ca01com-b and ca02com-e-b. #1171_ca-com_englisch_250900 18.10.2000, 8:22 uhr 26
27 ca-com part no. a b c 1) def g pin insert* max thread max 0,2 0,5 max ca06com-e10sl-**-p*-dn 24,1 5/8-24unef-2b 7,7 13,3 15,5 11,7 49 ca06com-e12s-**-p*-dn 25,8 3/4-20unef-2b 7,9 13,3 15,5 11,7 49 ca06com-e14s-**-p*-dn 28,8 7/8-20unef-2b 10,6 17,0 19,1 11,7 49 ca06com-e16s-**-p*-dn 31,8 1-20unef-2b 13,5 21,9 23,9 11,7 49 ca06com-e16-**-p*-dn 31,8 1-20unef-2b 13,5 21,9 23,9 11,5 58 ca06com-e18-**-p*-dn 34,1 1-1/8-18unef-2b 14,6 21,9 23,9 11,5 58 ca06com-e20-**-p*-dn 37,4 1-1/4-18unef-2b 18,7 26,2 29,6 12,7 60 ca06com-e22-**-p*-dn 40,5 1-3/8-18unef-2b 20,8 26,2 29,6 12,7 60 ca06com-e24-**-p*-dn 43,8 1-1/2-18unef-2b 24,6 34,5 37,8 12,7 63 ca06com-e28-**-p*-dn 50,2 1-3/4-18uns-2b 27,0 34,5 37,8 12,7 63 ca06com-e32-**-p*-dn 56,4 2-18uns-2b 33,3 43,6 47,8 15,2 67 ca06com-e36-**-p*-dn 62,8 2-1/4-16un-2b 38,5 43,6 47,8 15,2 68 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 1 ) max cable dia ca06com-e-dn with threaded coupling ca06com-e-dn is a straight plug with endbell (wire sealing) for heat shrink boots. it mates with receptacles ca00com, ca01com and ca02com-e. part no. a b 1) cdef pin insert* max max 0,2 0,5 max ca06com-e10sl-**-p*-b- 22,8 7,7 13,3 15,5 11,7 49 ca06com-e12s-**-p*-b- 26,0 7,9 13,3 15,5 11,7 49 ca06com-e14s-**-p*-b- 29,2 10,6 17,0 19,1 11,7 49 ca06com-e16s-**-p*-b- 32,0 13,5 21,9 23,9 11,7 49 ca06com-e16-**-p*-b- 32,0 13,5 21,9 23,9 11,5 58 ca06com-e18-**-p*-b- 36,5 14,6 21,9 23,9 11,5 58 ca06com-e20-**-p*-b- 39,9 18,7 26,2 29,6 12,7 60 ca06com-e22-**-p*-b- 43,1 20,8 26,2 29,6 12,7 60 ca06com-e24-**-p*-b- 46,6 24,6 34,5 37,8 12,7 63 ca06com-e28-**-p*-b- 53,4 27,0 34,5 37,8 12,7 63 ca06com-e32-**-p*-b- 60,1 33,3 43,6 47,8 15,2 67 ca06com-e36-**-p*-b- 66,3 38,5 43,6 47,8 15,2 68 ca06com-e-b/-03/-06 with bayonet coupling ca06com-e-b/-03/-06 is a straight plug with endbell (wire sealing) for heat shrink boots. it mates with receptacles ca00com-b, ca01com-b and ca02com-e-b. straight plug, class e #1171_ca-com_englisch_250900 18.10.2000, 8:22 uhr 27
all dimensions are in mm subject to changes ca-com 28 part no. a b e d pin insert* max max cable sealing area ca06com-in10sl-**-p* 24,1 84 18 d07 = 4,5 7,2 mm ca06com-in14s-**-p* 28,8 85 18 d07 = 4,5 7,2 mm ca06com-in20-**-p* 37,4 92 24 d11 = 7,0 11,2 mm ca06com-in22-**-p* 40,5 96 34 d17 = 14,5 17,5 mm ca06com-in with threaded coupling ca06com-in is a straight plug with universal endbell. it mates with receptacles ca00com, ca01com and ca02com-e. part no. a b e d pin insert* max max cable sealing area ca06com-in10sl-**-p*-b 24,1 84 18 d07 = 4,5 7,2 mm ca06com-in14s-**-p*-b 28,8 85 18 d07 = 4,5 7,2 mm ca06com-in20-**-p*-b 37,4 92 24 d11 = 7,0 11,2 mm ca06com-in22-**-p*-b 40,5 96 34 d17 = 14,5 17,5 mm staright plug, class in ca06com-in-b with bayonet coupling ca06com-in-b is a straight plug with universal endbell. it mates with receptacles ca00com-b, ca01com-b and ca02com-e-b. * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) #1171_ca-com_englisch_250900 18.10.2000, 8:22 uhr 28
29 ca-com part no. a b c 1) def pin insert* max thread max max max ca08com-e10sl-**-p* 24,1 5/8-24unef-2b 7,9 22,7 42 45 ca08com-e12s-**-p* 25,8 3/4-20unef-2b 7,9 22,7 42 45 ca08com-e14s-**-p* 28,8 7/8-20unef-2b 11,1 27,5 42 47 ca08com-e16s-**-p* 31,8 1-20unef 14,2 30,0 45 48 ca08com-e16-**-p* 31,8 1-20unef 14,2 30,0 45 57 ca08com-e18-**-p* 34,1 1-1/8-18unef-2b 15,8 32,2 53 58 ca08com-e20-**-p* 37,4 1-1/4-18unef-2b 19,0 37,5 53 61 ca08com-e22-**-p* 40,5 1-3/8-18unef-2b 19,0 37,5 53 61 ca08com-e24-**-p* 43,8 1-1/2-18unef-2b 23,7 43,3 58 66 ca08com-e28-**-p* 50,2 1-3/4-18uns-2b 23,7 43,3 58 66 ca08com-e32-**-p* 56,4 2-18uns-2b 31,8 51,7 66 72 ca08com-e36-**-p* 62,8 2-1/4-16un-2b 34,6 58,0 69 75 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 1 ) max cable dia ca08com-e with threaded coupling ca08com-e is a 90 plug with cable clamp. it mates with receptacles ca00com, ca01com and ca02com-e. part no. a b 1) cd e pin insert* max max max max ca08com-e10sl-**-p*-b 22,8 7,9 22,7 42 45 ca08com-e12s-**-p*-b 26,0 7,9 22,7 42 45 ca08com-e14s-**-p*-b 29,2 11,1 27,5 42 47 ca08com-e16s-**-p*-b 32,0 14,2 30,0 45 48 ca08com-e16-**-p*-b 32,0 14,2 30,0 45 48 ca08com-e18-**-p*-b 36,5 15,8 33,0 53 58 ca08com-e20-**-p*-b 39,9 19,0 37,5 53 61 ca08com-e22-**-p*-b 43,1 19,0 37,5 53 61 ca08com-e24-**-p*-b 46,6 23,7 43,3 58 66 ca08com-e28-**-p*-b 53,4 23,7 43,3 58 66 ca08com-e32-**-p*-b 60,1 31,8 51,7 66 72 ca08com-e36-**-p*-b 66,3 34,6 58,0 69 75 90 plug, class e ca08com-e-b with bayonet coupling ca08com-e-b is a 90 plug with cable clamp. it mates with receptacles ca00com-b, ca01com-b and ca02com-e-b. #1171_ca-com_englisch_250900 18.10.2000, 8:22 uhr 29
all dimensions are in mm subject to changes ca-com 30 part no. a b c d e f pin insert* max thread thread max max min ca08com-f10sl-**-p* 24,1 5/8-24unef-2b 5/8-24unef-2a 45 22,0 9,4 ca08com-f12sl-**-p* 25,8 3/4-20unef-2b 5/8-24unef-2a 45 22,0 9,4 ca08com-f14s-**-p* 28,8 7/8-20unef-2b 3/4-20unef-2a 47 24,0 9,4 ca08com-f16s-**-p* 31,8 1-20unef-2b 7/8-20unef-2a 48 25,0 9,4 ca08com-f16-**-p* 31,8 1-20unef-2b 7/8-20unef-2a 57 25,0 9,4 ca08com-f18-**-p* 34,1 1-1/8-18unef-2b 1-20unef-2a 58 27,0 9,4 ca08com-f20-**-p* 37,4 1-1/4-18unef-2b 1-3/16-18unef-2a 61 29,0 9,4 ca08com-f22-**-p* 40,5 1-3/8-18unef-2b 1-3/16-18unef-2a 61 30,0 9,4 ca08com-f24-**-p* 43,8 1-1/2-18unef-2b 1-7/16-18unef-2a 66 32,0 9,4 ca08com-f28-**-p* 50,2 1-3/4-18uns-2b 1-7/16-18unef-2a 66 34,0 9,4 ca08com-f32-**-p* 56,4 2-18uns-2b 1-3/4-18uns-2a 72 39,5 11,0 ca08com-f36-**-p* 62,8 2-1/4-16un-2b 2-18uns-2a 75 45,0 12,6 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) ca08com-f with threaded coupling ca08com-f is a 90 plug for flex tubes. it mates with receptacles ca00com, ca01com and ca02com-e. part no. a b c d e pin insert* max thread max max min ca08com-f10sl-**-p*-b 22,8 5/8-24unef-2a 45 22,0 9,4 ca08com-f12s-**-p*-b 26,0 5/8-24unef-2a 45 22,0 9,4 ca08com-f14s-**-p*-b 29,2 3/4-20unef-2a 47 24,0 9,4 ca08com-f16s-**-p*-b 32,0 7/8-20unef-2a 48 25,0 9,4 ca08com-f16-**-p*-b 32,0 7/8-20unef-2a 57 25,0 9,4 ca08com-f18-**-p*-b 36,5 1-20unef-2a 58 27,0 9,4 ca08com-f20-**-p*-b 39,9 1-3/16-18unef-2a 61 29,0 9,4 ca08com-f22-**-p*-b 43,1 1-3/16-18unef-2a 61 30,0 9,4 ca08com-f24-**-p*-b 46,6 1-7/16-18unef-2a 66 32,0 9,4 ca08com-f28-**-p*-b 53,4 1-7/16-18unef-2a 66 34,0 9,4 ca08com-f32-**-p*-b 60,1 1-3/4-18uns-2a 72 39,5 11,0 ca08com-f36-**-p*-b 66,3 2-18uns-2a 75 45,0 12,6 90 plug, class f ca08com-f-b with bayonet coupling ca08com-f-b is a 90 plug for flex tubes. it mates with receptacles ca00com-b, ca01com-b and ca02com-e-b. #1171_ca-com_englisch_250900 18.10.2000, 8:22 uhr 30
31 ca-com part no. a b c d e pin insert* max 0,3 max ca08com-pg10sl-**p*-b 22,8 11,3 57 18,5 pg9 ca08com-pg12s-**p*-b 26,0 14,0 57 18,5 pg9 ca08com-pg14s-**p*-b 29,2 17,1 59 19,5 pg11 ca08com-pg16s-**p*-b 32,0 20,4 63 22,0 pg13,5 ca08com-pg16-**p*-b 32,0 20,4 72 22,0 pg13,5 ca08com-pg18-**p*-b 36,5 23,6 77 26,3 pg16 ca08com-pg20-**p*-b 39,9 26,7 82 29,0 pg21 ca08com-pg22-**p*-b 43,1 29,8 82 29,5 pg21 ca08com-pg with threaded coupling ca08com-pg designates a 90 plug for usage of pg terminations. it mates with receptacles ca01com and ca02com . part no. a b c d e pin insert* max thread max ca08com-pg10sl-**p* 24,1 5/8-24unef-2b 57 18,5 pg9 ca08com-pg12s-**p* 25,8 3/4-20unef-2b 57 18,5 pg9 ca08com-pg14s-**p* 28,8 7/8-20unef-2b 59 19,5 pg11 ca08com-pg16s-**p* 31,8 1-20unef-2b 63 22,0 pg13,5 ca08com-pg16-**p* 31,8 1-20unef-2b 72 22,0 pg13,5 ca08com-pg18-**p* 34,1 1-1/8-18unef-2b 77 26,3 pg16 ca08com-pg20-**p* 37,4 1-1/4-18unef-2b 82 29,0 pg21 ca08com-pg22-**p* 40,5 1-3/8-18unef-2b 82 29,5 pg21 * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) 90 plug, class pg ca08com-pg-b with bayonet coupling ca08com-pg-b designates a 90 plug for usage of pg terminations. it mates with receptacles ca01com-b and ca02com-b . #1171_ca-com_englisch_250900 18.10.2000, 8:23 uhr 31
all dimensions are in mm subject to changes ca-com 32 part no. a b c d e pin insert* max max cable sealing area max ca08com-in10sl-**p*-b-***-d07 24,1 52 78 d07 = 4,5 7,2 mm 18 ca08com-in20-**p*-b-***-d11 37,4 62 86 d11 = 7,0 11,2 24 ca08com-in with threaded coupling ca08com-in is a 90 plug with universal endbell. it mates with receptacles ca00com, ca01com and ca02com-e. part no. a b c d e pin insert* max max cable sealing area max ca08com-in10sl-**p*-***-d07 24,1 52 78 d07 = 4,5 7,2 mm 18 ca08com-in20-**p*-***-d11 37,4 62 86 d11 = 7,0 11,2 24 90 plug, class in ca08com-in-b with bayonet coupling ca08com-in-b is a 90 plug with universal endbell. it mates with receptacles ca00com-b, ca01com-b and ca02com-e-b. * for socket inserts substitute s for p ** add contact arrangement number (see pages 6 8) *** 01 crimp contact #1171_ca-com_englisch_250900 18.10.2000, 8:23 uhr 32
33 ca-com protective caps for receptacles with threaded coupling ca00com, ca02com-e and ca20com part no. shell size a b d l t thread max max max +0,2 ca121003-1601 10sl 5/8-24unef-2b 16,0 20,2 114 3,6 ca121003-1602 12s 3/4-20unef-2b 16,0 23,4 127 3,6 ca121003-1603 14s 7/8-20unef-2b 16,0 26,6 127 3,6 ca121003-1604 16s, 16 1-20unef-2b 16,0 29,8 127 3,6 ca121003-1606 18 1-1/8-18unef-2b 16,0 32,9 127 3,6 ca121003-1607 20 1-1/4-18unef-2b 16,0 36,1 141 3,6 ca121003-1608 22 1-3/8-18unef-2b 16,0 39,4 141 3,6 ca121003-1609 24 1-1/2-18unef-2b 16,0 42,6 154 4,4 ca121003-1610 28 1-3/4-18unef-2b 18,0 48,9 214 4,4 ca121003-1611 32 2-18uns-2b 18,0 55,3 214 4,8 ca121003-1612 36 2-1/4-16un-2b 18,0 61,6 214 4,8 part no. shell size b d l t 0,3 max 0,25 +0,25 ca120003-1701 10 sl 19,5 22,4 107 4,3 ca120003-1702 12s 19,5 25,6 107 4,3 ca120003-1703 14s 19,5 28,8 107 4,3 ca121003-1704 16s 19,5 31,6 107 4,3 ca121003-1705 16 24.5 31,6 120 4,3 ca121003-1706 18 24,5 35,7 120 4,3 ca121003-1707 20 24,5 39,1 134 4,3 ca121003-1708 22 24,5 42,3 134 4,3 ca121003-1709 24 24,5 45,8 134 4,3 ca121003-1710 28 24,5 51,6 176 5,5 ca121003-1711 32 24,5 58,3 176 5,5 ca121003-1712 36 24,5 64,5 176 5,5 accessories protective caps for receptacles with bayonet coupling ca00com-b, ca02com-e-b and ca20com-e-b #1171_ca-com_englisch_250900 18.10.2000, 8:23 uhr 33
all dimensions are in mm subject to changes ca-com 34 protective caps for plugs with threaded coupling ca06com and ca08com part no. shell size a b d l t thread max max max +0,4 ca121004-1601 10sl 5/8-24unef-2a 20,5 16,7 114 4,0 ca121004-1602 12s 3/4-20unef-2a 25,0 19,8 127 4,0 ca121004-1603 14s 7/8-20unef-2a 25,0 23,0 127 4,0 ca121004-1604 16s, 16 1-20unef-2a 25,0 26,2 127 4,0 ca121004-1606 18 1-1/8-18unef-2a 25,0 29,4 127 4,0 ca121004-1607 20 1-1/4-18unef-2a 25,0 32,5 141 4,8 ca121004-1608 22 1-3/8-18unef-2a 25,0 35,7 141 4,8 ca121004-1609 24 1-1/2-18unef-2a 25,0 38,9 154 4,8 ca121004-1610 28 1-3/4-18unef-2a 25,0 45,2 214 4,8 ca121004-1611 32 2-18uns-2a 25,0 51,6 214 5,6 ca121004-1612 36 2-1/4-16un-2a 25,0 57,9 214 5,6 part no. shell size b d l t max max ca +0,5 ca121004-1701 10 sl 29,0 20,7 107 4,3 ca121004-1702 12s 29,0 23,9 120 4,3 ca121004-1703 14s 29,0 27,1 120 4,3 ca121004-1704 16s 29,0 29,9 120 4,3 ca121004-1705 16 37,0 29,9 134 4,3 ca121004-1706 18 37,0 33,3 134 4,3 ca121004-1707 20 37,0 36,7 147 4,7 ca121004-1708 22 37,0 39,9 147 4,7 ca121004-1709 24 37,0 43,4 147 4,7 ca121004-1710 28 37,0 49,2 204 4,7 ca121004-1711 32 37,0 55,9 204 5,5 ca121004-1712 36 37,0 62,1 204 5,5 protective caps for plugs with bayonet coupling ca06com-b and ca08com-b accessories #1171_ca-com_englisch_250900 18.10.2000, 8:23 uhr 34
35 ca-com part no. shell size c l r s max max 0,3 0,3 012-8552-000 10sl,12s 10,0 70,4 6,7 8,1 012-8554-000 14s 12,8 67,4 9,2 11,0 012-0218-000 16s, 16 18,9 63,9 11,2 14,2 012-0219-000 18 22,1 60,6 14,4 15,8 012-0220-000 20, 22 27,0 57,4 16,0 18,9 012-8555-000 24, 28 27,0 57,4 16,7 21,3 012-8556-000 24, 28 33,5 54,4 21,6 23,7 012-8557-000 32 33,5 54,4 21,6 26,6 012-8558-000 32 40,5 51,4 26,9 31,6 012-8558-000 36 40,5 51,4 26,9 31,6 012-0223-000 36 47,0 48,4 31,9 34,8 telescoping bushing the telescoping bushing is used to- gether with above cable clamps ca121051-... it keeps oil, dirt or dust out of the endbell. wrapping or insulating of the wires fed through the clamp is eliminated since they are protected by the bushing. combinations of bushings may be used to reduce cable entry dia- meters for improved sealing. material: polychloroprene part no. shell size a b e l r shell weight thread max max max max g ca121051-325 10sl, 12s 5/8-24unef-2b 10,5 7,9 20,8 22,6 13,2 ca121051-326 14s 3/4-20unef-2b 10,6 11,1 22,4 27,4 18,0 ca121051-327 16s, 16 7/8-20unef-2b 10,5 14,2 24,0 29,8 23,6 ca121051-328 18 1-20unef-2b 10,5 15,8 24,0 32,2 27,3 ca121051-329 20, 22 1-3/16-18unef-2b 10,5 19,0 24,0 37,4 37,2 ca121051-330 24, 28 1-7/16-18unef-2b 10,5 23,7 26,4 43,5 56,3 ca121051-331 32 1-3/4-18uns-2b 12,0 31,8 28,0 51,7 83,9 ca121051-332 36 2-18uns-2b 13,7 34,6 29,6 57,8 109,8 cable clamp without bushing accessories #1171_ca-com_englisch_250900 18.10.2000, 8:23 uhr 35
all dimensions are in mm subject to changes ca-com 36 front panel mounting part no. shell size a b c d 0,1 +0,2 0,3 +0,2 075-8512-000 10sl 15,7 18,2 25,4 4,2 075-8513-000 12s 20,6 18,9 28,0 4,2 075-8514-000 14s 23,0 22,1 30,0 4,2 075-8515-000 16s, 16 24,6 25,3 32,5 4,2 075-8516-000 18 27,0 28,4 35,0 4,2 075-8517-000 20 29,4 31,6 38,0 4,2 075-8518-000 22 31,8 34,8 41,0 4,2 075-8519-000 24 34,9 38,0 44,5 4,2 075-8520-000 28 39,7 44,3 50,8 5,2 075-8521-000 32 44,5 50,7 57,0 5,2 075-8522-000 36 49,2 57,0 63,5 5,2 rear panel mounting part no. shell size a b c d 0,1 +0,2 0,3 +0,2 075-8501-000 10sl 18,2 18,2 25,4 4,2 075-8502-000 12s 20,6 21,4 28,0 4,2 075-8503-000 14s 23,0 24,6 30,0 4,2 075-8504-000 16s, 16 24,6 27,4 32,5 4,2 075-8505-000 18 27,0 30,8 35,0 4,2 075-8506-000 20 29,4 34,2 38,0 4,2 075-8507-000 22 31,8 37,4 41,0 4,2 075-8508-000 24 34,9 40,8 44,5 4,2 075-8509-000 28 39,7 46,7 50,8 5,2 075-8510-000 32 44,5 53,4 57,0 5,2 075-8511-000 36 49,2 59,6 63,5 5,2 gaskets these sealing gaskets made of neoprene are used with receptacles with flange for sealing between the shell and the flange of the re- ceptacle. for ca00com-b for ca02com/ca02com-b/ca00com #1171_ca-com_englisch_250900 18.10.2000, 8:23 uhr 36
37 ca-com contacts standard contacts and contacts with reduced termination size finish: a36 - 5 m silver plated (standard) contact termination size part number d1 d2 d3 d5 d6 l1 l2 size mm 2 with finish +0,05 0,2 0,1 a36 15s 0,75 - 1,5 031-8555-110 3,2 -0,15 1,65 1,75 -0,1 1,75 +0,08 2,75 -0,05 29,1 3,9 0,3 - 0,6 031-8688-110 3,2 -0,15 1,65 1,75 -0,1 1,2 +0,1 2,75 -0,05 29,1 3,9 0,14 - 0,38 031-8555-130 3,2 -0,15 1,65 1,75 -0,1 0,9 +0,05 2,75 -0,05 29,1 3,9 15 0,75 - 1,5 031-8556-110 3,2 -0,15 1,65 1,75 -0,1 1,75 +0,08 2,75 -0,05 37,8 7,9 0,3 - 0,6 031-8639-120 3,2 -0,15 1,65 1,75 -0,1 1,2 +0,1 2,75 -0,05 37,8 7,9 0,14 - 0,38 031-8556-130 3,2 -0,15 1,65 1,75 -0,1 0,9 +0,05 2,75 -0,05 37,8 7,9 25 2,0 - 3,0 031-8557-000 4,8 -0,1 2,45 3,3 -0,1 2,5 +0,1 3,8 -0,1 37,0 7,9 0,75 - 1, 5 031-8557-020 4,8 -0,1 2,45 3,3 -0,1 1,75 +0,08 3,8 -0,1 37,0 7,9 4,0 031-8557-010 4,8 -0,1 2,45 3,3 -0,1 2,8 +0,1 3,8 -0,1 37,0 7,9 0,3 - 0,6 031-8557-040 4,8 -0,1 2,45 3,3 -0,1 1,2 +0,1 3,8 -0,1 37,0 7,9 100 6,0 031-8558-000 6,5 -0,2 3,65 6,25 -0,2 3,5 +0,1 6,8 -0,1 40,1 6,35 10,0 031-8559-000 6,5 -0,2 3,65 6,25 -0,2 4,8 +0,1 6,8 -0,1 40,1 6,35 2,0 - 3,0 031-8519-010 6,5 -0,2 3,65 6,25 -0,2 2,5 +0,05 6,8 -0,1 40,1 6,35 4,0 031-8519-000 6,5 -0,2 3,65 6,25 -0,2 4,55 +0,1 6,8 -0,1 40,1 6,35 socket contacts contact termination size part number d1 d4 d6 d7 l1 l3 size mm 2 with finish 0,05 0,15 0,5 a36 15s 0,75 - 1,5 030-8586-000 1,6 1,75 -0,1 1,75 +0,08 2,75 -0,05 27,4 3,85 0,3 - 0,6 330-8744-000 1,6 1,75 -0,1 1,2 +0,1 2,75 -0,05 27,4 3,85 0,14 - 0,38 030-8586-010 1,6 1,75 -0,1 0,9 +0,05 2,75 -0,05 27,4 3,85 15 0,75 - 1,5 030-8587-000 1,6 1,75 -0,1 1,75 +0,08 2,75 -0,05 31,4 7,9 0,3 - 0,6 330-8659-000 1,6 1,75 -0,1 1,2 +0,1 2,75 -0,05 31,4 7,9 0,14 - 0,38 030-8587-030 1,6 1,75 -0,1 0,9 +0,05 2,75 -0,05 31,4 7,9 25 2,0 - 3,0 030-8588-000 2,4 3,3 -0,15 2,5 +0,1 3,8 -0,1 37,0 7,9 0,75 - 1, 5 030-8588-010 2,4 3,3 -0,15 1,75 +0,08 3,8 -0,1 37,0 7,9 4,0 030-8588-054 2,4 3,3 -0,15 2,8 +0,1 3,8 -0,1 37,0 7,9 100 6,0 030-8589-000 3,6 6,25 -0,15 3,5 +0,1 6,8 -0,1 39,6 6,35 10,0 030-8590-000 3,6 6,25 -0,15 4,8 +0,1 6,8 -0,1 39,6 6,35 2,0 - 3,0 030-8612-010 3,6 6,25 -0,15 2,5 +0,05 6,8 -0,1 39,6 6,35 4,0 030-8612-020 3,6 6,25 -0,15 2,8 +0,1 6,8 -0,1 39,6 6,35 pin contacts size 100 size 15s size 25 #1171_ca-com_englisch_250900 18.10.2000, 8:23 uhr 37
all dimensions are in mm subject to changes ca-com 38 tooling hand crimp tool for pin / socket contacts acc to vg95234 and cannon contacts with reduced termination size contact wire size hand crimp tools order reference crimp locator order reference size mm 2 15 0,3 C 1,5 15s 0,3 C 1,5 m22520-1-01 995-0001-585 th 452 995-0002-052 25 0,3 C 4,0 preumatic crimp tool for pin / socket contacts acc to vg95234 and cannon contacts with reduced termination size contact wire size pneumatic table order reference bench order reference foot order reference crimp order reference size mm 2 crimp tool mount pedal locator 15 0,3 C 1,5 15s 0,3 C 1,5 wa27f-ce 121586-5067 bm-2 121586-5068 wa10 121586-5069 th 452 995-0002-052 25 0,3 C 4,0 hydraulic hand crimp tool for pin / socket contacts acc to vg95234 and cannon contacts with reduced termination size contact wire size hand pump order reference foot pedal order reference high pressure order reference crimp head order reference size mm 2 hose 2 m 4601.00000.330 121586-0027 4601.51000.330 121586-0008 4604.00000.020 121586-0023 4632.00000.601 121586-0031 100 2,0 C 10,0 safety device order reference positioner order reference crimp turrets (upper crimp die) crimp turrets (lower crimp die) incl. order reference order reference bench mounting ct121086-3079 121086-3079 121086-3080 121086-3080 317-8531-000 317-8531-001 crimp contacts connectors of series ca-com and ca-com-b are also available with crimp contacts for awg wire sizes. in order to wire, insert an d extract these contacts the tools mentioned on this page are needed. all tools have to be ordered separately. please ask for our detailed wiring and assembly instructions. note: hydraulic electro pump (hk 12el) upon request. insertion tools / extraction tools insertion tools insertion pliers extraction tools contact size part no. order reference part no. order reference part no. order reference 15 cit 16 121086-3008 cit-f80-16 121086-0097 cet-f80-16 121086-0081 25 cit 12 121086-3007 cit-f80-12 121086-0096 cet-f80-12 121086-0080 100 cit 8 121086-0095 cet-8 121086-0079 #1171_ca-com_englisch_250900 18.10.2000, 8:23 uhr 38
39 ca-com hand crimp tool dimensions (closed, without locator) 220 x 60 x 22 mm weight (without turret) approx. 800 g pneumatic crimp tool pneumatic table crimp tool wa 27f-ce hydraulic hand crimp tool technical data hand pump: length 560 mm width 140 mm hight 120 mm oil contents 900 cm 3 usable oil quality 730 cm 3 output per lift 2,5 cm 3 high pressure hose: length 2 m crimp head: crimp force 120 kn lift (with positioners) 25 mm weight (incl. oil) 13 kg approx. insertion tools / extraction tools insertion tool insertion pliers extraction tool 1 hand pump 2 foot pedal 3 high pressure hose 2 m 4 crimp head 5 safety device incl. bench mounting 6 positioner (to be used with 121086-3079 only) ? ? ? ? #1171_ca-com_englisch_250900 18.10.2000, 8:23 uhr 39
all dimensions are in mm subject to changes ca-com 40 product safety information this note should be read in conjunction with the product data sheet/catalogue. failure to observe the advice in this information sheet and the operating conditions specified in the product data sheet/catalogue could result in hazardous situations. 1. material content and physical form electrical connectors do not usually contain hazardous materials. they contain conducting and non-conduct- ing materials and can be divided into two groups. a) printed circuit types and low cost audio types which employ all plastic insulators and casings. b) rugged, fire barrier and high reliability types with metal casings and either natural rubber, synthetic rubber, plastic or glass insulating materials. contact materials vary with type of connector and also application and are usually manufactured from either copper, copper alloys, nickel, alumel, chromel or steel. in special applications, other alloys may be specified. 2. fire characteristics and electric shock hazard there is no fire hazard when the connector is correctly wired and used within the specified parameters. incorrect wiring or assembly of the connector or careless use of metal tools or con- ductive fluids, or transit damage to any of the component parts may cause electric shock or burns. live circuits must not be broken by sepa- rating mated connectors as this may cause arcing, ionisation and burning. heat dissipation is greater at maximum resistance in a circuit. hot spots may occur when resistance is raised locally by damage, e.g. cracked or deformed contacts, broken strands of wire. local overheating may also result from the use of the incorrect application tools or from poor quality soldering or slack screw ter- minals. overheating may occur if the ratings in the product data sheet/catalogue are exceeded and can cause breakdown of insulation and hence electric shock. if heating is allowed to continue it intensifies by further increasing the local resistance through loss of temper of spring contacts, formation of oxide film on contacts and wires, and leakage currents through carbonisation of insulation and tracking paths. fire can then result in the presence of combustible mate- rials and this may release noxious fumes. overheating may not be visually apparent. burns may result from touching overheated components. itt cannon, a division of itt industries, inc. manufactures the highest quality products available in the marketplace; however these products are intended to be used in accordance with the specifications in this catalog. any use or application that deviates from stated operating specifications is not recommended and may be unsafe. no information and data contained in this catalog shall be construed to create any liability on the part of cannon. any new issue of this catalog shall automaticall y invalidate and supersede any and all previous issues. a limited warranty applies to cannon products. except for obligations assumed by cannon under this warranty, cannon shall not be liable for any loss, damage, cost of repairs, incidental or consequential damages of any kind, whether or not based on express or implied warranty, contract, negligence or strict liability arising in connection with the design, manufacture, sale, use or repair of the products. product availability, prices and delivery dates are exclusively subject to our respective order confirmation form; the same applies to orders based on development samples delivered. this catalog is not to be construed as an offer. it is intended merely as an invitation to make an offer. by this publication, cannon does not assume responsibility or any liability for any patent infringements or othe r rights of third parties which may result from its use. reprinting this catalog is generally permitted, indicating the source. however, cannon's prior consent must be obtained in all cases. cannon is a trademark of itt industries, inc 3. handling care must be taken to avoid damage to any com- ponent parts of electrical connectors during instal- lation and use. although there are normally no sharp edges, care must be taken when handling certain components to avoid injury to fingers. electrical connectors may be damaged in transit to the customers, and damage may result in creation of hazards. products should therefore be examined prior to installation/use and rejected if found to be damaged. 4. disposal incineration of certain materials may release noxious or even toxic fumes. 5. application connectors with exposed contacts should not be selected for use on the current supply side of an electrical circuit, because an electric shock could result from touching exposed contacts on an unmated connector. voltages in excess of 30 v ac or 42.5 v dc are potentially hazardous and care should be taken to ensure that such voltages can not be transmitted in any way to exposed metal parts of the connector body. the connector and wiring should be checked, before making live, to have no damage to metal parts or insulators, no solder blobs, loose strands, con- ducting lubricants, swarf, or any other undesired conducting particles. insulation resistance should be checked to make certain that no low resistance joints or spurious conducting path are existing between contacts and exposed metal parts of the connector body. further the contact resistance of the connectors should be measured within the electrical circuit in order to identify high resistances which result in excessive connector heating. always use the correct application tools as specified in the data sheet/catalogue. do not permit untrained personnel to wire, assemble or tramper with connectors. for operation voltage please see appropriate national regulations. important general information. 1. air and creepage paths/operating voltage the admissible operating voltages depend on the individual applications and the valid national and other applicable safety regulations. for this reason the air and creepage path data are only reference values. observe reduction of air and creepage paths due to pc board and/or harnessing. 2. temperature all information given are temperature limits. the operation temperature depends on the individual application. 3. other important information cannon continuously endeavours to improve their products. therefore, cannon products may deviate from the description, technical data and shape as shown in this catalogue and data sheets. 4. harnessing and assembly instructions if applicable, our special harnessing and/or assem- bly instruction has to be adhered to. this is provid- ed at request. #1171_ca-com_englisch_250900 18.10.2000, 8:23 uhr 40
41 ca-com #1171_ca-com_englisch_250900 18.10.2000, 8:24 uhr 41
?2000 itt industries, cannon. printed in germany. all rights reserved. cannon worldwide facilities austria afrikanergasse 3 1020 vienna fax: (1) 2160948 ph: (1) 2160947 benelux residence leopold gen?vestreet 10 1140 brussels, belgium fax: (02) 7269201 ph: (02) 726 75 94 nl fax: 31.35.691.8796 ph: 31.35.691.6855 china no. 24, 2 block taohuawu new district zhenjiang, jiangsu p.r.c. fax: 86 511 4428616 ph: 86 511 443 3399 denmark park all? 287 a 2605 br?dby fax: 43 43 58 58 ph: 43 45 52 88 finland virkatie 1 1510 vantaa fax:+358 9 70039188 ph: +358 9 70039180 france 2, ave sablons bouillants, b.p. 133 77109 meaux fax: (1) 64 33 16 82 ph: (1) 60 24 51 51 germany postfach 11 20, 71365 weinstadt cannonstrasse 1, 71384 weinstadt fax: (07151) 699217 ph: (07151) 699-0 hong kong unit 901 & 912, west tower shun tak center 168-200 connaught road central fax: (852) 2732-2919 ph: (852) 2732-2720 italy via panzeri 10 20123 milano fax: (02) 8372036 ph: (02) 581801 japan 5362-1, 5-chome, hibarigaoka zama-shi, kanagawa 228 fax: 0462-57-1680 ph: 0462-57-2010 korea 620, changkang bldg. #22, dohwa-dong, mapo-ku seoul fax: (02) 717 7330 ph: (02) 702 7111 spain parque empresarial san fernando edificio italia 1 a planta 28830 madrid fax: (34) 91 656 15 83 ph: (34) 91 656 03 11 sweden norr m?larstrand 64 jaktvarvet 1 11235 stockholm fax: (46) 8 650 0072 ph: (46) 8 650 0071 switzerland herzogenm?hle 18 8304 wallisellen fax: (01) 830-3104 ph: (01) 830-3888, 830-3613 united kingdom jays close, viables estate basingstoke hampshire rg22 4ba fax: (01256) 323356 ph: (01256) 311200 united states 666 e. dyer road santa ana, ca 92705-5612 fax: 714.628.2142 ph: 714.557.4700 internet http://www.ittcannon.com #1171_ca-com_englisch_250900 18.10.2000, 8:24 uhr 42


▲Up To Search▲   

 
Price & Availability of CA06COME20-27PB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X