Part Number Hot Search : 
EG8306 2A710 60H3A2H SCL5604 E220A AN6612S ACTR433T S00DC13
Product Description
Full Text Search
 

To Download BUV47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BUV47, BUV47a npn silicon power transistors  
  1 august 1978 - revised september 2002 specifications are subject to change without notice. rugged triple-diffused planar construction 9 a continuous collector current 1000 volt blocking capability absolute maximum ratings at 25c case temperature (unless otherwise noted) note 1: this value applies for t p 5 ms, duty cycle 2%. rating symbol value unit collector-emitter voltage (v be = -2.5 v) BUV47 BUV47a v cex 850 1000 v collector-emitter voltage (r be = 10 ? ) BUV47 BUV47a v cer 850 1000 v collector-emitter voltage (i b = 0) BUV47 BUV47a v ceo 400 450 v continuous collector current i c 9a peak collector current (see note 1) i cm 15 a continuous base current i b 3a peak base current i bm 6a continuous device dissipation at (or below) 25c case temperature p tot 120 w operating junction temperature range t j -65 to +150 c storage temperature range t stg -65 to +150 c sot-93 package (top view) pin 2 is in electrical contact with the mounting base. mdtraaa b c e 1 2 3
BUV47, BUV47a npn silicon power transistors 2  
  august 1978 - revised september 2002 specifications are subject to change without notice. notes: 2. inductive loop switching measurement. 3. these parameters must be measured using pulse techniques, t p = 300 s, duty cycle 2%. 4. these parameters must be measured using voltage-sensing contacts, separate from the current carrying conta cts. ? voltage and current values shown are nominal; exact values vary slightly with transistor parameters. electrical characteristics at 25c case temperature (unless otherwise noted) parameter test conditions min typ max unit v ceo(sus) collector-emitter sustaining voltage i c = 200 ma l = 25 mh (see note 2) BUV47 BUV47a 400 450 v v (br)ebo base-emitter breakdown voltage i e = 50 ma i c = 0 (see note 3) 7 30 v i ces collector-emitter cut-off current v ce = 850 v v ce = 1000 v v ce = 850 v v ce = 1000 v v be =0 v be =0 v be =0 v be =0 t c = 125c t c = 125c BUV47 BUV47a BUV47 BUV47a 0.15 0.15 1.5 1.5 ma i cer collector-emitter cut-off current v ce = 850 v v ce = 1000 v v ce = 850 v v ce = 1000 v r be =10 ? r be =10 ? r be =10 ? r be =10 ? t c = 125c t c = 125c BUV47 BUV47a BUV47 BUV47a 0.4 0.4 3.0 3.0 ma i ebo emitter cut-off current v eb = 5 v i c =0 1 ma v ce(sat) collector-emitter saturation voltage i b = 1 a i b = 2.5 a i c = 5a i c = 8a (see notes 3 and 4) 1.5 3.0 v v be(sat) base-emitter saturation voltage i b = 1 a i c = 5a (see notes 3 and 4) 1.6 v f t current gain bandwidth product v ce = 10 v i c = 0.5 a f = 1 mhz 8 mhz c ob output capacitance v cb = 20 v i c = 0 f = 0.1 mhz 105 pf thermal characteristics parameter min typ max unit r jc junction to case thermal resistance 1c/w resistive-load-switching characteristics at 25c case temperature parameter test conditions ? min typ max unit t on tu r n o n t i m e i c = 5 a v cc = 150 v i b(on) = 1 a (see figures 1 and 2) i b(off) = -1 a 1.0 s t s storage time 3.0 s t f fall time 0.8 s inductive-load-switching characteristics at 25c case temperature (unless otherwise noted) parameter test conditions ? min typ max unit t sv voltage storage time i c = 5 a t c = 100c i b(on) = 1 a (see figures 3 and 4) v be(off) = -5 v 4.0 s t fi current fall time 0.4 s
BUV47, BUV47a npn silicon power transistors 3  
  august 1978 - revised september 2002 specifications are subject to change without notice. parameter measurement information figure 1. resistive-load switching test circuit figure 2. resistive-load switching waveforms t p f 100 v 1 680 f v 1 v cc = 250 v +25 v bd135 47 ? 100 ? 120 ? 15 ? 82 ? 100 ? bd136 680 f tut t t p = 20 s duty cycle = 1% v 1 = 15 v, source impedance = 50 ? v cc 0% c b 90% 10% a 10% 90% 10% 90% e f d i b i c i b(on) i b(off) 0% di b dt 2 a/ s a - b = t d b - c = t r e - f = t f d - e = t s a - c = t on d - f = t off
BUV47, BUV47a npn silicon power transistors 4  
  august 1978 - revised september 2002 specifications are subject to change without notice. parameter measurement information figure 3. inductive-load switching test circuit figure 4. inductive-load switching waveforms rb (on) v be(off) v clamp = 400 v v cc h 180 33 ? +5v d45h11 by205-400 by205-400 2n2222 by205-400 5x by205-400 by205-400 1 k ? 68 ? 1 k ? 47 ? 2n2904 d44h11 100 ? 270 ? v gen +5v 1 k ? 0.02 f tut 1 pf 33 ? adjust pw to obtain i c for i c < 6 a v cc = 50 v for i c 6 a v cc = 100 v base current a (90%) i b(on) i b collector voltage collector current d (90%) e (10%) f (2%) c b 90% 10% v ce i c(on) a - b = t sv b - c = t rv d - e = t fi e - f = t ti b - e = t xo notes: a. waveforms are monitored on an oscilloscope with the following c haracteristics: t r < 15 ns, r in > 10 ? , c in < 11.5 pf. b. resistors must be noninductive types.
BUV47, BUV47a npn silicon power transistors 5  
  august 1978 - revised september 2002 specifications are subject to change without notice. typical characteristics figure 5. figure 6. figure 7. figure 8. typical dc current gain vs collector current i c - collector current - a 01 10 10 h fe - typical dc current gain 10 10 100 tcp762aa v ce = 5 v t c = 125c t c = 25c t c = -65c collector-emitter saturation voltage vs base current i b - base current - a 0 05 10 15 20 25 v ce(sat) - collector-emitter saturation voltage - v 0 10 20 30 40 50 tcp762ab i c = 8 a i c = 6 a i c = 4 a i c = 2 a t c = 25c collector-emitter saturation voltage vs base current i b - base current - a 0 05 10 15 20 25 v ce(sat) - collector-emitter saturation voltage - v 0 01 02 03 04 05 tcp762ak t c = 100c i c = 8 a i c = 6 a i c = 4 a i c = 2 a collector cut-off current vs case temperature t c - case temperature - c -80 -60 -40 -20 0 20 40 60 80 100 120 140 i ces - collector cut-off current - a 0001 001 01 10 10 tcp762ac BUV47a v ce = 1000 v BUV47 v ce = 850 v
BUV47, BUV47a npn silicon power transistors 6  
  august 1978 - revised september 2002 specifications are subject to change without notice. maximum safe operating regions figure 9. thermal information figure 10. maximum forward-bias safe operating area v ce - collector-emitter voltage - v 10 10 100 1000 i c - collector current - a 001 0.1 10 10 100 sap762aa BUV47 BUV47a t p = 100 s t p = 1 ms t p = 10 ms dc operation thermal response junction to case vs power pulse duration t 1 - power pulse duration -s 10 -5 10 -4 10 -3 10 -2 10 -1 z jc / r jc - normalised transient thermal impedance 0001 001 01 10 tcp762ad t1 t2 duty cycle = t1/t2 read time at end of t1, t j(max) - t c = p d(peak) r jc(max) z jc r jc ( ) 5% 10% 20% 50% 2% 1% 0%


▲Up To Search▲   

 
Price & Availability of BUV47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X