Part Number Hot Search : 
N4148 RT28X MIP3E3 150200 951026 11060 ITM2520 BYM56D
Product Description
Full Text Search
 

To Download B7-0-95MM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  es2000 flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range) adhesive-lined es2000 heat- shrinkable tubing is specifically designed to meet automotive industry requirements for environmental sealing and electrical insulation of automotive wire splices, terminations, and components. es2000 tubing has an outer jacket of radiation-crosslinked, semirigid polyolefin. flame-retardant and mechanically tough, the jacket provides strain relief and abrasion protection of wire splices and mechanically sensitive components. the inner layer of the tubing is a unique hot-melt adhesive, specially formulated to adhere to all major types of automotive wire insulation and to perform well at an extended temperature range. the adhesive forms an effective barrier against automotive fluids and moisture, helping to protect the harness from the effects of corrosion and water wicking. because es2000 tubing has a high shrink ratio, only a few sizes are needed to cover a wide range of splice and component diameters. es2000 tubing dimensions have been engineered to provide low-cost sealing solutions on multiple-wire splices (up to seven wires per side), using standard tyco electronics application equipment. temperature rating full recovery temperature: 135? continuous operating temperature: 40? to 130? specifications* type raychem ul es2000 rt-1112 e85381 *when ordering, always specify latest issue. ? dimensions ( millimeters /inches) inside diameter (including core) recovered wall thickness** d (min.) d (max.) w w1 w2 expanded recovered after minimum minimum minimum part number as supplied heating total wall jacket wall adhesive wall es2000-no.1 5.72 0.225 1.27 0.050 1.20 0.047 0.64 0.025 0.56 0.022 es2000-no.2 7.44 0.293 1.65 0.065 1.52 0.060 0.76 0.030 0.76 0.030 es2000-no.3 10.85 0.427 2.41 0.095 1.91 0.075 0.89 0.035 1.02 0.040 es2000-no.4 17.78 0.700 4.45 0.175 2.41 0.095 1.04 0.041 1.37 0.054 **wall thickness will be less if tubing recovery is restricted during shrinkage. ordering information color black size selection consult manufacturer s recommended size selection guidelines. standard packaging cut pieces. see reverse for information on standard cut lengths. marking tubing will be marked with the number size (for example, es-1, es-2, es-3, or es-4). ordering description specify product name, size, color, and cut length; for example, es2000-no.2-0-50mm (0=black). d w d w2 w1 expanded as supplied fully recovered after heating
tyco electronics corporation 300 constitution drive faraday road 3816 noborito, tama-ku asia pacific headquarters menlo park, ca 94025-1164 dorcan, swindon, sn3 5hh kawasaki, kanagawa 214-8533 26 ang mo kio, industrial park 2 usa united kingdom japan singapore 569507 tel: (800) 926-2425 (us & canada) tel: +44 1793 528171 tel: +81 44 900 5102 tel: +65 4866 151 tel: +1 (650) 361-3860 (all other countries) users should independently evaluate the suitability of the product for their application. for more information about this product visit www.tycoelectronics.com all information, including illustrations, is believed to be reliable. users, however, should independently evaluate the suitabi lity of each product for their application. tyco electronics corporation makes no warranties as to the accuracy or completeness of the information, and disclaims any liability regarding its use. tyco electr onics corporations only obligations are those in the standard terms and conditions of sale for these products and in no case will tyco electronics corporation be liable for any incidental, indirect, or consequential damages arising from the sale, resale, use, or misuse of the product. tyco electronics corporations specifications are subject to change without notice. in addition, tyco electronics corp oration reserves the right to make changes in materials or processing without notification to the buyer which do not affect compliance with any applicable specification. specification values property unit requirement method of test material dimensions mm (inches) see reverse astm d 2671 longitudinal change percent 0 to 10 astm d 2671 tensile strength psi (mpa) 1500 (10.3) minimum astm d 2671 ultimate elongation percent 250 minimum astm d 2671 secant modulus at 2% psi (mpa) 20,000 (137) minimum astm d 2671 (expanded)* heat shock no dripping, flowing or astm d 2671 (4 hours at 225 c/ 437 f ) cracking of outer jacket dynamic cut through pounds (kg) 30 (13.6) minimum astm d3032 volume resistivity ohm-cm 1.0 x 10 12 minimum astm d 2671 flammability self-extinguishing see note below within 30 seconds splice performance current leakage microamps 0.25 maximum see note below room temperature flex test see note below current leakage microamps 0.25 maximum thermal shock see note below current leakage microamps 0.25 maximum low-temperature flexibility see note below dielectric withstand no breakdown 1 minute at 1000 v heat aging see note below current leakage microamps 0.25 maximum fluid immersion see note below current leakage microamps 0.25 maximum swell percent 50 maximum note: consult raychem rt-1112 for specific details about test procedures. *calculate based on wall thickness of jacket only. standard cut lengths part number standard cut length cut length tolerance es2000-no. 1 27 mm, 50 mm, 65 mm 1.5 mm 1220 mm 25.4 mm es2000-no. 2 27 mm, 50 mm, 65 mm 1.5 mm 1220 mm 25.4 mm es2000-no. 3 27 mm, 65 mm, 75 mm 1.5 mm 1220 mm 25.4 mm es2000-no. 4 27 mm, 75 mm, 90 mm 1.5 mm 1220 mm 25.4 mm raychem is a trademark of tyco electronics corporation. ? 1990, 2002 tyco electronics corporation printed in usa 1654044 revised 04/04


▲Up To Search▲   

 
Price & Availability of B7-0-95MM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X