Part Number Hot Search : 
KDZTR30B K3595 SMBJ12C MK12H D3FP310 74HC646N HCT20 2SK2736
Product Description
Full Text Search
 

To Download ASPB05075NM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 subject to change without notice ph (763) 422-2211 ? fx (763) 422-2600 ? hofmanonline.com ? 2010 pentair technical products accessories: hole seals hole seals spec-00182 c spec-00182 c ph (763) 422-2211 fx (763) 422-2600 accessories hole seals hole seals hol-sealers ? hole seals industry standards steel hole seals ul 508a component recognized; type 3r, 4, 12, 13; file no. e61997 csa file no. 42186; type 3r, 4, 12, 13 nema/eemac type 3r, 4, 12, 13 iec 60529, ip66 stainless steel hole seals ul 508a component recognized; type 3r, 4, 4x, 12, 13; file no. e61997 csa file no. 42186; type 3r, 4, 4x, 12, 13 nema/eemac type 3r, 4, 4x, 12, 13 iec 60529, ip66 application seal extra pushbutton holes, conduit openings and knockout openings against dust, dirt, oil and water with hofman hol- sealers ? . seals will cover any size or shape of hole from .19-in. diameter to maximum diameter shown in table. can be used on enclosure walls up to .31-in. (8-mm) thick. features ? available in multiple colors and sizes ? oil-resistant gasket provided specifcations steel models ? 16 gauge galvanized steel backplate ? plated stud (10-32x5/8) and wing nut stainless steel models ? 16 gauge stainless steel backplate ? seal, backplate, stud (10-24x5/8) and wing nut are 300 series stainless steel finish steel seals have polyester powder paint fnish over galvanized front surface. stainless steel seals have polished front surface. bulletin: a80hs
2 subject to change without notice ph (763) 422-2211 ? fx (763) 422-2600 ? hofmanonline.com ? 2010 pentair technical products accessories: hole seals hole seals spec-00182 c standard product ? catalog number material finish/color for maximum hole diameter in./mm hol-sealer diameter in./mm as056m steel ansi 61 gray micro 0.56 14 0.80 20 as056mss stainless steel stainless steel micro 0.56 14 0.80 20 as056cb steel chrysler beige micro 0.56 14 0.80 20 as056mfb steel ford brown micro 0.56 14 0.80 20 as056mlg steel light gray micro 0.56 14 0.80 20 aspbg steel ansi 61 gray 22.5-mm pushbutton holes 0.88 22 1.22 31 aspbgss stainless steel stainless steel 22.5-mm pushbutton holes 0.88 22 1.22 31 as050 steel ansi 61 gray 1/2-in. conduit holes 0.88 22 1.38 35 as050lg steel light gray 1/2-in. conduit holes 0.88 22 1.38 35 as050ss stainless steel stainless steel 1/2-in. conduit holes 0.88 22 1.38 35 as075 steel ansi 61 gray 3/4-in. conduit holes 1.06 27 1.56 40 as075ss stainless steel stainless steel 3/4-in. conduit holes 1.06 27 1.56 40 as075lg steel light gray 3/4-in. conduit holes 1.06 27 1.56 40 aspb steel ansi 61 gray 30.5-mm pushbutton holes 1.25 32 1.75 44 aspbss stainless steel stainless steel 30.5-mm pushbutton holes 1.25 32 1.75 44 aspblg steel light gray 30.5-mm pushbutton holes 1.25 32 1.75 44 as100 steel ansi 61 gray 1-in. conduit holes 1.38 35 1.88 48 as100ss stainless steel stainless steel 1-in. conduit holes 1.38 35 1.88 48 as100lg steel light gray 1-in. conduit holes 1.38 35 1.88 48 as125 steel ansi 61 gray 1 1/4-in. conduit holes 1.69 43 2.19 56 as125ss stainless steel stainless steel 1 1/4-in. conduit holes 1.69 43 2.19 56 as125lg steel light gray 1 1/4-in. conduit holes 1.69 43 2.19 56 as150 steel ansi 61 gray 1 1/2-in. conduit holes 2.00 51 2.50 64 as150ss stainless steel stainless steel 1 1/2-in. conduit holes 2.00 51 2.50 64 as150lg steel light gray 1 1/2-in. conduit holes 2.00 51 2.50 64 as200 steel ansi 61 gray 2-in. conduit holes 2.50 64 3.00 76 as200ss stainless steel stainless steel 2-in. conduit holes 2.50 64 3.00 76 as200lg steel light gray 2-in. conduit holes 2.50 64 3.00 76 as250 steel ansi 61 gray 2 1/2-in. conduit holes 3.00 76 3.50 89 as250ss stainless steel stainless steel 2 1/2-in. conduit 3.00 76 3.50 89 as300 steel ansi 61 gray 3-in. conduit holes 3.62 92 4.12 105 as300ss stainless steel stainless steel 3-in. conduit holes 3.62 92 4.12 105 as350 steel ansi 61 gray 3 1/2-in. conduit holes 4.12 105 4.62 117 as350ss stainless steel stainless steel 3 1/2-in. conduit holes 4.12 105 4.62 117 as400 steel ansi 61 gray 4-in. conduit holes 4.62 117 5.12 130 as400ss stainless steel stainless steel 4-in. conduit holes 4.62 117 5.12 130
3 subject to change without notice ph (763) 422-2211 ? fx (763) 422-2600 ? hofmanonline.com ? 2010 pentair technical products accessories: hole seals hole seals spec-00182 c hol-sealers ? non-metallic hole seals industry standards ul 508a component recognized; type 3r, 4, 4x, 12, 13; file no. e61997 csa file no. 42186: type 3r, 4, 4x, 12, 13 nema/eemac type 3r, 4, 4x, 12, 13 iec 60529, ip66 application designed for use in corrosive environments to seal extra pushbutton holes, conduit openings and knockout openings against dust, dirt, oil and water. these hole seals are suitable for sealing enclosure openings in industries such as petroleum and chemical processing, wastewater processing, pulp and paper, outdoor monitoring and any other industry exposed to harsh environments. innovative 3-in-1 self-centering design ? thread self-centers on one hole size ? nut orientation a self-centers on a second hole size (see nut orientation drawing) ? nut orientation b self-centers on a third hole size features ? innovative 3-in-1 self-centering design reduces inventory requirements; 4 models cover 12 common industry cutouts ranging from 1/2 in. to 4 in. ? non-metallic construction provides superior corrosion resistance for reliability in harsh environments ? uv stabilized; ideal for direct sunlight (avoids fberbloom associated with fberglass) ? chemically resistant to a broad range of chemicals ? durable and impact resistant; resists cracking ? sold in quantities of 2 per catalog number ? cost-efective alternative to stainless steel ? polyester material has a ul 94 rating of 5va ? easy to install; no tools required specifcations ? thread and nut are constructed of non-glass-flled polyester ? oil-resistant gasket finish ral 7035 light-gray textured fnish bulletin: a80hs standard product ? non-metallic hole seals catalog number axbxc in./mm qty. d in./mm e in./mm f in./mm max. hole diameter in./mm outside diameter in./mm torque (in. lbs.) ASPB05075NM 1.56 x 0.85 x 0.12 40 x 22 x 3 2 1.28 32 1.48 38 .47 12 1.28 33 1.56 40 15 aspb100125nm 2.19 x 1.19 x 0.12 56 x 30 x 3 2 1.18 30 2.14 54 .51 13 1.91 49 2.19 56 20 as150200250nm 3.50 x 1.95 x 0.12 89 x 49 x 3 2 .95 24 3.42 87 .51 13 3.14 80 3.50 89 35 as300350400nm 5.12 x 3.55 x 0.12 130 x 90 x 3 2 .81 21 5.05 128 .51 13 4.77 121 5.12 130 50
4 subject to change without notice ph (763) 422-2211 ? fx (763) 422-2600 ? hofmanonline.com ? 2010 pentair technical products accessories: hole seals hole seals spec-00182 c ?hol-sealers ? fit these hole sizes catalog number fits min. hole dia. (inch) min. hole dia. (millimeter) nut orientation ASPB05075NM .5-in. conduit holes .86 22 a 22.5-mm pushbutton holes .88 22 a .75-in. conduit holes 1.09 28 a aspb100125nm 30.5-mm pushbutton holes 1.20 31 a 1-in. conduit holes 1.36 35 b 1.25-in. conduit holes 1.70 43 a as150200250nm 1.5-in. conduit holes 1.95 50 a 2-in. conduit holes 2.38 60 b 2.5-in. conduit holes 2.88 73 a as300350400nm 3-in. conduit holes 3.50 89 a 3.5-in. conduit holes 4.00 102 b 4-in. conduit holes 4.50 114 a


▲Up To Search▲   

 
Price & Availability of ASPB05075NM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X