Part Number Hot Search : 
RU6085H UPD75066 C74AC IK1589KB PUMD6 NJM2801 D102K 000X1
Product Description
Full Text Search
 

To Download ABS10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fe a tures g l ass pas s ivated d ie cons t ruction l o w forwa r d volta g e drop h i gh curr e nt capa b ility h i gh surg e curren t capabi l ity d e signed f or surf a ce moun t applic a tion p l astic m a terial- u l flamm a bility 9 4v-o me c hanic a l data c a se:sopa - 4,mold p lastic t erminal s :plated leads s o lderabl e per m il-std- 2 02,meth o d208 p o larity: a s marke d on case m o unting p osition : any m a rking:t y pe numb er ma x imum rat i ngs a n d e lectr i ca l cha r acter i stics @ ta=25 unl e ss o t herwi s e spe c ified sin g le phas e ,half w a ve,60hz , resisti v e or in d uctive l oad.for capacit i ve load , derate c urrent b y 20%. p a ramete r sym b o l a b s 2 a bs 4 abs 6 abs 8 a b s1 0 unit max i mum rep e titive p eak rev e rse vol t age v rrm 20 0 40 0 60 0 80 0 100 0v max i mum rms voltage v rms 14 0 28 0 42 0 56 0 8 0 0v max i mum dc b locking voltage v dc 20 0 40 0 60 0 80 0 100 0v max i mum ave r age for w ard out p ut rect i fied cu r rent on g lass-ep o sy p.c. b on a luminum substra te i(av) 0.8 1.0 a pea k forwar d surge c urrent 8 .3ms si n gle sin e -wave sup e rimpose d on rat e d load( j edec me t hod) if s m 3 0a max i mum ins t antaneo u s forwa r d volta g e drop p er dio d e @0.4a v f 1.0 v max i mum dc r everse c urrent a t ta=25 rat e d dc bl o cking v o ltage p e r leg t a =125 ir 5.0 500 ua typ i cal the r mal res i stance p er leg (note 1) r j a 80 /w r j l 25 ope r ating j u nction t emperat u re rang e t j -55 to +150 sto r age tem p erature range ts t g -55 to +150 note: 1.d e vice mo u nted p. c .b with 0.47x0. 4 7''(12m m x12mm) c opper p a ds. http://www.trr-jx.com abs2-ABS10 surface mount bridge rectifiers
http://www.trr-jx.com abs2-ABS10 characteristic curves (t a =25 unless otherwise noted) surface mount bridge rectifiers


▲Up To Search▲   

 
Price & Availability of ABS10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X