|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
243 172 ? 0.8 162 ? 0.5 150 ? 0.8 7. 5 ? 0.4 7. 5 ? 0.4 51 ? 0.8 8- 4.5 ? 0.3 10 y +30 300 0 s8m2
' zm2 ??? ?;@ awg22 ul1430 55.5 55.5 4- 4.5 55.5 162 ? 0.5 172 168 147 55.5 9.5 2-r4.25 0 1 152 5.5 0.5 1 172 0.4 0.2 4.3 1. 6 1. 6 55.5 ? 162 71.3 ? 1 71.3 ? 1 147 general specifi cations ~ material ???????? frame: aluminum, impeller: plastics (flammability: ul94v-1) ~ expected life ????? refer to specifi cations (indoor,l10: survival rate: 90% at 60 ? , rated voltage, and continuously run in a free air state) ~ lead wire ??????? red black sensor yellow control brown ~ storage temperature ? 30 ? to 70 ? non-condensing specifi cations the following nos. have pwm controls and pulse sensors. model no. rated voltage operating voltage range pwm duty cycle t | % rated current rated input rated speed max. air flow max. static pressure spl operating temperature expected life note) | v | v | a | w | min -1 | m3/min | cfm | pa | inchh 2 o | db(a) |? | h 9WG5748P5G001 48 40.8 to 55.2 100 2.91 140.0 8,600 15.46 546 1000 4.02 78 10 to 70 40,000/60 ? (70,000/40 ? ) 0 0.21 10.1 2,000 3.59 127 75.1 0.30 40 9wg5748p5h001 100 1.62 78.0 6,500 11.60 410 770 3.09 71 0 0.21 10.1 2,000 3.59 127 75.1 0.30 40 t pwm frequency 25khz note: expected life at 40 ? ambient is just reference value. 17 2 mm dimensions unit : mm splash proof fan 172 mm 150 mm 51 mm mass 860g 51mm thick(sidecut type wg type), 51mm thick(sidecut type we type) 51mm thick(round type we type) san ace 172w dust resistant device with protection against water jets ip 55 wg type inlet side, outlet side rotating direction air flow direction lead wire type sidecut mounting hole options unit : mm for the fi nger guard model: 109-319j, fi x the fi nger guard to four holes as shown in the diagram. finger guards fan hexagonal nuts screws spring washers plain washers finger guards model 109-319j surface treatment nickel-chrome plating silver color inlet side, outlet side reference dimension of mounting holes and vent opening unit : mm ~ available options: e without sensor pulse sensor 244 0 1200 800 400 ? pa dc 48v inch h 2 o cfm m 3 /min 200 1000 600 5101520 iy 0% pwm ??a? 100% 50% 1.0 0 2.0 3.0 4.0 5.0 100 0 200 300 400 500 600 700 dc 48v iy ? pa inch h 2 o cfm m 3 /min 0 15 510 700 2.0 1.0 3.0 0 600 900 800 500 400 300 200 100 0% pwm ??a? 100% 50% 0 100 200 300 400 500 ? 0 1200 800 400 pa pwm ??a? 100 ? inch h 2 o cfm m 3 /min 200 1000 600 5101520 iy 55.2v 40.8v 48v 1.0 0 2.0 3.0 4.0 5.0 100 0 200 300 400 500 600 700 ? pwm ??a? 100 ? iy pa inch h 2 o cfm m 3 /min 2.0 1.0 3.0 0 0 15 510 700 600 900 800 500 400 300 200 100 40.8v/48v/55.2v 0 100 200 300 400 500 0 100 ?y dc48v pwm *t : 25khz pwm ??a???? % s8s min -1 1,000 2,000 3,000 4,000 5,000 6,000 7,000 8,000 9,000 8,600min -1 2,000min -1 0 100 ?y dc48v pwm *t : 25khz pwm ??a???? % s8s min -1 2,000min -1 1,000 2,000 3,000 4,000 5,000 6,000 7,000 8,000 9,000 6,500min -1 9WG5748P5G001 9wg5748p5h001 9WG5748P5G001 9wg5748p5h001 9WG5748P5G001 9wg5748p5h001 172 0.5 ? 1 148 162 62.2 1. 6 1.6 4.3 0.4 3.2 y 0 ? 1 ? 0.2 148 162 172 1.6 1.6 152 4.3 9.5 y 0 ? 1 0.4 ? 0.2 ? 1 0.5 splash proof fan 172mm air flow - static pressure characteristics pwm duty cycle operating voltage range pwm duty - speed characteristics example static pressure static pressure static pressure static pressure air flow air flow air flow air flow pwm duty cycle 100 ? pwm duty cycle 100 ? pwm duty cycle pwm duty cycle rotation speed min -1 rotation speed min -1 pwm duty cycle % pwm duty cycle % voltage 48v dc pwm frequency 25khz voltage 48v dc pwm frequency 25khz inlet side, outlet side outlet side options unit : mm model 109-320 surface treatment nickel-chrome plating silver color finger guards model 109-319e 109-319h surface treatment nickel-chrome plating silver cation electropainting black color for the fi nger guard model: 109-319e, 109-319h, 109-320, fi x the fi nger guard to two holes as shown in the diagram. do not fi x it to any other holes. plain washers finger guards screws spring washers hexagonal nuts fan |
Price & Availability of 9WG5748P5G001 |