engineered to light up your design www.vcclite.com 1.800.522.5546 cml and chicago miniature lamp are registered trademarks of visual communications company, llc. features ? blockmounting design assures height, side-by-side spacing alignment saves assembly costs. ? tri-color rectangular led in one package saves pc board space. ? standoffs prevent flux entrapment. ? large rectangular flat led lens has even light distribution-lens clear diffused ? holding/press-in pins secure block to board while being soldered. ? lights amber when both chips are on. housing: black nylon, ul94v-o refer to mounting hole pattern 5.pdf 6300 series tri-color rectangular led assembly description and features electro-optical characteristics and ratings 4 2.8 2.2 30 r ed/g reen (v ) max. (v ) t yp. c ontinuous f orward c urrent max. (ma) r evers e b reakdown v oltage min. (v ) f orward v oltage e mitted c olo r p art number 6300 d1/ 5 t ypical intens ity (mcd) .6/4.5 15 /20 r ated c u rr ent (ma ) 700 (r )/ 565 (g ) (nm) wavelength p ea k . 070 .73 0 . 300 . 240 . 210 s t andof f was h . 02 0 f lu x . 13 0 t y p . . 10 0 t y p . . 032 .50 0 . 100 . 100 . 05 0 t y p . .10 0 . 100 g r een anod e c o mm on c at hod e r e d anod e le d b i-c olor all dimens ions in inches .
|