Part Number Hot Search : 
A180Z HVC50R 12K32 BA1405P MMA709 MMA709 2405E A6800
Product Description
Full Text Search
 

To Download 50SMCJSERIES14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 february 25,2014-rev.02 5.0smcj series features ? for surface mounted applications in order to optimize board space. ? glass passivated junction ? low inductance ? plastic package has underwriters laboratory flammability classification 94v-o ? high temperature soldering : 260c /10 seconds at terminals ? lead free in compliance with eu rohs 2011/65/eu directive ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: jedec do-214ab,molded plastic over passivated junction. ? terminals: solder plated,solderable per mil-std-750, method 2026 ? polarity: color band denotes cathode end ? standard packaging: 16mm tape (eia-481) ? weight: 0.0082 ounce, 0.232 gram maximum ratings and characteristics rating at 25cambient temperature unless otherwise specified. resistive or inductive load, 60hz. for capacitive load derate current by 20%. notes : 1.non-repetitive current pulse. 2.mounted on a fr4 pcb, single-sided copper, mini pad. 3.a transient suppressor is selected according to the working peak reverse voltage (v rwm ), which should be equal to or greater than the dc or continuous peak operating voltage level. surface mount transient voltage suppressor peak pulse power 5000 watts stand-off voltage 20 to 250 volt 1 2 cathode anode rating symbol value units peak power dissipation (tp=10/1000 ? s waveform) (notes 1) p pp 5000 watts peak pulse current on (tp=10/1000 ? s waveform) (notes 1) i ppm see table amps typical thermal resistance junction to air (notes 2) r ? ja 110 o c / w peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 300 amps operating junction and storage temperature range t j ,t stg -55 to +150 o c 0.128(3.25) 0.108(2.75) 0.280(7.11) 0.260(6.60) 0.103(2.62) 0.079(2.00) 0.050(1.27) 0.030(0.76) 0.320(8.13) 0.305(7.75) 0.008(0.203) 0.002(0.051) 0.012(0.305) 0.006(0.152) 0.245(6.22) 0.220(5.59)
page . 2 february 25,2014-rev.02 5.0smcj series part number reverse stand-off voltage breakdown voltage te s t current reverse leakage max.clamp voltage 10/1000 ? s peak pulse current 10/1000 ? s marking code v rwm (notes 3) v br @ i t i t i r @ v rwm v c @ i pp i pp min. max. v v v ma ? a v a 5.0smcj20a 20 22.2 25.5 1 3 32.4 155 5hev 5.0smcj22a 22 24.4 28 1 3 35.5 141 5hex 5.0smcj24a 24 26.7 30.7 1 3 38.9 129 5hez 5.0smcj26a 26 28.9 33.2 1 3 42.1 119 5hfe 5.0smcj28a 28 31.1 35.8 1 3 45.4 110 5hfg 5.0smcj30a 30 33.3 38.3 1 3 48.4 103 5hfk 5.0smcj33a 33 36.7 42.2 1 3 53.3 93.9 5hfm 5.0smcj36a 36 40 46 1 3 58.1 86.1 5hfp 5.0smcj40a 40 44.4 51.1 1 3 64.5 77.6 5hfr 5.0smcj43a 43 47.8 54.9 1 3 69.4 72.1 5hft 5.0smcj45a 45 50 57.5 1 3 72.7 68.8 5hfv 5.0smcj48a 48 53.3 61.3 1 3 77.4 64.7 5hfx 5.0smcj51a 51 56.7 65.2 1 3 82.4 60.7 5hfz 5.0smcj54a 54 60 69 1 3 87.1 57.5 5hge 5.0smcj58a 58 64.4 74.1 1 3 93.6 53.5 5hgg 5.0smcj60a 60 66.7 76.7 1 3 96.8 51.7 5hgk 5.0smcj64a 64 71.1 81.8 1 3 103 48.6 5hgm 5.0smcj70a 70 77.8 89.5 1 3 113 44.3 5hgp 5.0smcj75a 75 83.3 95.8 1 3 121 41.4 5hgr 5.0smcj78a 78 86.7 99.7 1 3 126 39.7 5hgt 5.0smcj85a 85 94.4 108.2 1 3 137 36.5 5hgv 5.0smcj90a 90 100 115.5 1 3 146 34.3 5hgx 5.0smcj100a 100 111 128 1 3 162 30.9 5hgz 5.0smcj110a 110 122 135 1 3 177 28.8 5hhe 5.0smcj120a 120 133 147 1 3 193 26.4 5hhg 5.0smcj130a 130 144 159 1 3 209 24.4 5hhk 5.0smcj150a 150 167 185 1 3 243 21 5hhm 5.0smcj160a 160 178 197 1 3 259 19.7 5hhp 5.0smcj170a 170 189 209 1 3 275 18.5 5hhr 5.0smcj180a 180 200 221 1 3 292 17.5 5hht 5.0smcj190a 190 211 233 1 3 310 16.5 5hhv 5.0smcj200a 200 222 246 1 3 329.2 15.5 5hhx 5.0smcj210a 210 233 258 1 3 349.5 14.6 5hhz 5.0smcj220a 220 244 270 1 3 371.1 13.7 5hie 5.0smcj250a 250 277 306 1 3 400 12.5 5hig
page . 3 february 25,2014-rev.02 5.0smcj series 0 20 40 60 80 100 02 55 07 5 100 125 150 17 5 pe ak pu ls e po wer (p pp ) or current (i pp ) derating in percentage % t j -i nitial te mp erat ur e (oc) 100 1000 10000 100000 10 100 1000 c j , junction capacitance (pf) v br , reverse breakdown voltage (v) v r =0v 0 50 100 150 200 250 300 350 1 10 100 i fsm - peak forward surge current (a) number of cycles at 60hz
page . 4 february 25,2014-rev.02 5.0smcj series mounting pad layout order information ? packing information t/r - 3k per 13" plastic reel t/r - 0.5k per 7" plastic reel
page . 5 february 25,2014-rev.02 5.0smcj series part no_packing code_version 5.0smcj20a_r1_00001 5.0smcj20a_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 6 february 25,2014-rev.02 5.0smcj series disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of 50SMCJSERIES14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X