Part Number Hot Search : 
K550CSE LB1813M TA6250EV SPU30N03 SMAW250 P1300 1N5931 R7222207
Product Description
Full Text Search
 

To Download 2SK3325 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type ic smd type transistors 2SK3325 features low gate charge: q g = 22 nc typ. (v dd = 400 v, v gs =10v,i d =10a) gate voltage rating: 30 v low on-state resistance r ds(on) =0.85max.(v gs =10v,i d =5.0a) avalanche capability ratings absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 500 v gate to source voltage v gss 30 v drain current(dc) i d(ds) 10 a drain current(pulse) *1 i d(pulse) 40 a total power dissipation (t a =25 ) 1.5 total power dissipation (t c =25 ) 85 channel temperature tch 150 storage temperature t stg -55to+150 single avalanche current *2 i as 10 a single avalanche energy *2 e as 10.7 mj *1. pw 10s,dduty cycle 1%. *2. starting tch = 25 ,v dd = 150 v, r g =25,v gs =20v 0v p t w 1.27 +0.1 -0.1 1.27 +0.1 -0.1 1.27 +0.1 -0.1 5.08 +0.1 -0.1 5.60 0.1max 8.7 +0.2 -0.2 5.28 +0.2 -0.2 2.54 +0.2 -0.2 2.54 15.25 +0.2 -0.2 4.57 +0.2 -0.2 0.4 +0.2 -0.2 2.54 +0.2 -0.2 0.81 +0.1 -0.1 to - 263 unit: mm 1gate 2drain 3 source smd type smd type product specification 4008-318-123 sales@twtysemi.com 1 of 2 http://www.twtysemi.com
smd type ic smd type transistors electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain cut-off current i dss v ds = 500 v, v gs = 0 v 100 a gate leakage current i gss v gs = 30 v, v ds =0v 100 na gate cut-off voltage v gs(off) v ds =10v,i d =1ma 2.5 3.5 v forward transfer admittance y fs v ds =10v,i d = 5.0 a 2.0 4.0 s drain to source on-state resistance r ds(on) v gs =10v,i d = 5.0 a 0.68 0.85 input capacitance c iss 1200 pf output capacitance c oss 190 pf feedback capacitance c rss 10 pf turn-on delay time t d(on) 21 ns rise time t r 11 ns turn-off delay time t d(off) 40 ns fall time t f 9.5 ns total gate charge q g 22 nc gate-source charge q gs 6.5 nc gate-drain charge q gd 7.5 nc diode forward voltage v f(s-d) i f =10a,v gs =0v 1.0 v reverse recovery time t rr 0.5 s reverse recovery charge q rr 2.6 c v ds =10v,v gs =0v,f=1mhz i f =10a,v gs = 0 v, di/dt = 50 a / s v dd = 400 v, v gs =10v,i d =10a v dd = 150 v, i d =5.0a,v gs(on) =10 v,r g =10, r l =60 smd type ic smd type transistors 2SK3325 smd type smd type product specification 4008-318-123 sales@twtysemi.com 2 of 2 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of 2SK3325

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X