Part Number Hot Search : 
PTB20171 E2010S B1420 2SK3398 MD357 NTE3062 AN5372S 2A222J
Product Description
Full Text Search
 

To Download 2SA1235A08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification silicon epitaxial planar transistor 2sa1235a document number: bl/ssstc094 www.galaxycn.com rev.a 1 features z small collector to emitter saturation voltage v ce(sat) =-0.3v max(@i c =-100ma,i b =-10ma). z excellent lineary dc forward current gain. z super mini package for easy mounting. applications z pnp epitaxial type transistor designed for low frequency. sot-23 z voltage amplify application. ordering information type no. marking package code 2sa1235a me/mf/mg sot-23 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage -50 v v ceo collector-emitter voltage -50 v v ebo emitter-base voltage -6 v i c collector current -continuous -200 ma p c collector dissipation 150 mw t j, t stg junction and storage temperature -55~125 pb lead-free
bl galaxy electrical production specification silicon epitaxial planar transistor 2sa1235a document number: bl/ssstc094 www.galaxycn.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =-100 a,i e =0 -50 v collector-emitter breakdown voltage v (br)ceo i c =-0.1ma,i b =0 -50 v emitter-base breakdown voltage v (br)ebo i e =-100 a,i c =0 -6 v collector cut-off current i cbo v cb =-50v,i e =0 -0.1 a emitter cut-off current i ebo v eb =-6v,i c =0 -0.1 a dc current gain h fe v ce =-6v,i c =-1ma v ce =-6v,i c =-0.1ma 150 90 800 collector-emitter saturation voltage v ce(sat) i c =-100ma, i b =-10ma -0.3 v transition frequency f t v ce =-6v, i c =-10ma 200 mhz collector output capacitance c ob v cb =-6v,i e =0,f=1mhz 4 pf noise figure nf v ce =-6v,i e =0.3ma, f=100mhz,r g =10k ? 20 db classification of h fe(1) rank e f g range 150-300 250-500 400-800 marking me mf mg
bl galaxy electrical production specification silicon epitaxial planar transistor 2sa1235a document number: bl/ssstc094 www.galaxycn.com rev.a 3 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm device package shipping 2sa1235a sot-23 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of 2SA1235A08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X