Part Number Hot Search : 
28000 28000 30N1600 NTE1795 T2319 TA115 TL550 AO6704
Product Description
Full Text Search
 

To Download 15KPA90CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  axial lead transient voltage suppressors (tvs) revision september 25, 2013 1 / 5 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. 15kpa series 17 to 280 v 15000w socay electronics co., ltd. www.socay.com the 15kpa series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. uni-directional bi-directional u glass passivated chip junction in p600 package u low leakage u uni and bidirectional unit u excellent clamping capability u 15000w peak power capability at 10 1000 s waveform repetition rate (duty cycle):0.01% u fast response time: typically less than 1.0ps from 0 volts to v br min u typical i r less than 2 a above 40v. u high temperature soldering: 260 c/40 seconds at terminals u typical maximum temperature coefficient v br = 0.1% v br @25 c t u plastic package has underwriters laboratory flammability 94v-0 u matte tin lead C free plated u halogen free and rohs compliant u typical failure mode is short from over-specified voltage or current u whisker test is conducted based on jedec jesd201a per its table 4a and 4c u iec-61000-4-2 esd 15kv(air), 8kv (contact) u esd protection of data lines in accordance with iec 61000-4-2 (iec801-2) u eft protection of data lines in accordance with iec 61000-4-4 (iec801-4) tvs devices are ideal for the protection of i/o interfaces, v cc bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. parameter symbol value unit peak pulse power dissipation with a 10/1000 s waveform (fig.1)(note 1), (note 2) p ppm 15000 watts peak pulse current with a 10/1000 s waveform.(note1,fig.3) i pp see next table amps power dissipation on infinite heat sink at t l =75 c p m(av) 8.0 watt peak forward surge current, 8.3ms single half sine wave (note 3) i fsm 500 amps operating junction and storage temperature range. t j , t stg -55 to +150 c notes: 1. non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2. 2. mounted on 5.0mm x 5.0mm (0.03mm thick) copper pads to each terminal. 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum. 4. v f < 3.5v for v br < 200v and v f < 6.5v for v br > 201v. maximum ratings (t a =25 unl ess otherwise noted) applications functional diagram description features bi-directional uni-direction cathode anode
axial lead transient voltage suppressors (tvs) revision september 25, 2013 2 / 5 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. 15kpa series 17 to 280 v 15000w socay electronics co., ltd. www.socay.com part number breakdown voltage v br (v) @i t uni bi reverse stand-off voltage v rwm (v) min max test current i t (ma) maximum clamping voltage v c @i pp (v) maximum peak pulse current i pp (a) maximum reverse leakage i r @v rwm ( a) 15kpa17a 15kpa17ca 17 18.99 20.79 50 29.3 515.4 5000 15kpa18a 15kpa18ca 18 20.11 22.01 50 30.9 488.7 5000 15kpa20a 15kpa20ca 20 22.34 24.46 20 34.3 440.2 1500 15kpa22a 15kpa22ca 22 24.57 26.91 10 37.1 407.0 500 15kpa24a 15kpa24ca 24 26.81 29.35 5 40.7 371.0 150 15kpa26a 15kpa26ca 26 29.04 31.80 5 44.0 343.2 50 15kpa28a 15kpa28ca 28 31.28 34.24 5 47.5 317.9 25 15kpa30a 15kpa30ca 30 33.51 36.70 5 50.7 297.8 15 15kpa33a 15kpa33ca 33 36.90 40.40 5 54.7 276.1 2 15kpa36a 15kpa36ca 36 40.20 44.00 5 59.8 252.5 2 15kpa40a 15kpa40ca 40 44.70 48.90 5 65.8 229.5 2 15kpa43a 15kpa43ca 43 48.00 52.60 5 69.8 216.3 2 15kpa45a 15kpa45ca 45 50.30 55.00 5 72.8 207.4 2 15kpa48a 15kpa48ca 48 53.60 58.70 5 77.7 194.3 2 15kpa51a 15kpa51ca 51 57.00 62.40 5 82.9 182.1 2 15kpa54a 15kpa54ca 54 60.30 66.00 5 87.7 172.2 2 15kpa58a 15kpa58ca 58 64.80 70.90 5 93.8 161.0 2 15kpa60a 15kpa60ca 60 67.00 73.40 5 97.4 155.0 2 15kpa64a 15kpa64ca 64 71.50 78.30 5 104.2 144.9 2 15kpa70a 15kpa70ca 70 78.20 85.60 5 113.6 132.9 2 15kpa75a 15kpa75ca 75 83.80 91.70 5 122.0 123.8 2 15kpa78a 15kpa78ca 78 87.10 95.40 5 126.1 119.7 2 15kpa85a 15kpa85ca 85 94.90 104.00 5 137.6 109.7 2 15kpa90a 15KPA90CA 90 100.50 110.10 5 145.6 103.7 2 15kpa100a 15kpa100ca 100 111.70 122.30 5 161.3 93.6 2 15kpa110a 15kpa110ca 110 122.90 134.50 5 178.6 84.5 2 15kpa120a 15kpa120ca 120 134.00 146.80 5 192.3 78.5 2 15kpa130a 15kpa130ca 130 145.20 159.00 5 208.3 72.5 2 15kpa150a 15kpa150ca 150 167.60 183.50 5 241.9 62.4 2 15kpa160a 15kpa160ca 160 178.70 195.70 5 258.6 58.4 2 15kpa170a 15kpa170ca 170 189.90 207.90 5 272.7 55.4 2 15kpa180a 15kpa180ca 180 201.10 220.10 5 288.5 52.3 2 15kpa200a 15kpa200ca 200 223.40 244.60 5 319.1 47.3 2 15kpa220a 15kpa220ca 220 245.70 269.10 5 428.6 42.2 2 15kpa240a 15kpa240ca 240 268.10 293.50 5 384.6 39.3 2 15kpa260a 15kpa260ca 260 290.40 318.00 5 416.7 36.2 2 15kpa280a 15kpa280ca 280 312.80 342.40 5 454.5 33.2 2 note: 1. for bi-directional devices having v r of 30 volts and under, the i r limit is double electrical characteristics (t a =25 unless otherwise noted)
axial lead transient voltage suppressors (tvs) revision september 25, 2013 3 / 5 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. 15kpa series 17 to 280 v 15000w socay electronics co., ltd. www.socay.com figure 1 - pe a k pulse power r a ting curve figure 3 - pulse w a veform ratings and characteristic curves ( t a =25 c unless otherwise noted ) figure 4 - typic a l junction c a p a cit a nce figure 5 - steady state power derating curve figure 2 - pulse der a ting curve figure 6 - maximum non - repetitive surge current 150 100 50 0 i ppm - peak pulse current, % i rsm t r =10 sec peak value ippm half value i ppm (i ppm /2) t c 10/1000 sec. waveform as de ? ned by r.e.a 0 1.0 2.0 3.0 4.0 t j =25 c pulse width(td) is de ? ned as the point where the peak current decays to 50% of i ppm t - time (ms) t d - pulse width ( s ) p ppm - peak pulse power (kw) 10 00 0.1 10 0.1 10 100 1000 10 0 5.0 0 25 50 75 100 125 150 175 200 4.0 3.0 2.0 1.0 0.0 t l - lead temperature( c) p m(av) , steady state power dissipation (w ) 6.0 7.0 8.0 0 25 50 75 100 125 150 175 200 100 80 60 40 20 0 t a -ambient temperature( c) peak pulse power (p pp ) or current ( i pp ) derating in percentage % number of cycles at 60hz i fsm - peak forward surge current (a) 1 10 100 350 300 250 200 500 450 400 t j =t j max. 8.3 ms single half sine - wave 1000000 0 50 10 0 150 200 250 300 350 100 1 v br -reverse breakdown voltage (v) c j C junction capacitance (pf) 10000 tj=25 c f=1.0mhz vsig=50mvp-p bi - directional @zero bins un i - directional @zero bins un i - directional @v rwm b i - directional @v rwm
axial lead transient voltage suppressors (tvs) revision september 25, 2013 4 / 5 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. 15kpa series 17 to 280 v 15000w socay electronics co., ltd. www.socay.com temperature cycle jesd22-a104 weight 0.07 ounce, 2.1gram pressure cooker jesd22-a102 case jedec r-6/p600 molded plastic over glass passivated junction high temp. storage jesd22-a103 polarity color band denotes cathode except bipolar htrb jesd22-a108 terminal matte tin-plated leads, solderable per jesd22-b102d thermal shock jesd22-a106 reflow condition lead C free assembly -temperature min (t s(min) ) 150 c -temperature max (t s(max) ) 200 c pre heat - time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to tl - ramp-up rate 3 c/second max - temperature (t l ) (liquidus) 217 c reflow - time (min to max) ( t l ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c time within 5 c of actual peak temperature (t p ) 20 -40 seconds ramp-down rate 6 c/second max time 25 c to peak temperature (t p ) 8 minutes max do not exceed 280 c ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 temperature ramp-up time i - v curve characteristics physical specifications environmental specifications soldering parameters
axial lead transient voltage suppressors (tvs) revision september 25, 2013 5 / 5 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. 15kpa series 17 to 280 v 15000w socay electronics co., ltd. www.socay.com inches millimeters dimensions min max min max a 1.000 - 25.40 - b 0.340 0.360 8.64 9.14 c 0.048 0.052 1.22 1.32 d 0.340 0.360 8.64 9.14 part number component package quantity packaging option 15kpxxxxx r6/p600 200 box 15kp ca 5% v br voltage tolerance bi-directional v r voltage series dimensions part marking packaging packaging dimension s unit: inches (millimeters) part numbering r6/p600 cathode band 2.56 (65.00) 0.40 0.020 (10.16 0.508) 0.25 (6.35) socay logo product type cathode band 15kpxxx


▲Up To Search▲   

 
Price & Availability of 15KPA90CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X