Part Number Hot Search : 
WFN1N60N FT5754 R6200430 2SD1404 MAX14585 9S160 AAT2789 XF001
Product Description
Full Text Search
 

To Download 15KPA90CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transient voltage suppressors 15kpa series speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electronic s circuit prote ct io n system
page:1 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - 1 5kpa series features mechanical characteristics rating symbol value units peak pulse power dissipation by 10x1000s test waveform (fig.1)(note 1) p ppm 15000 watts steady state power dissipation on ini? nite heat sink at tl=75c (fig. 5) p d 8 watts peak forward surge current, 8.3ms single half sine wave unidirectional only (note 2) i fsm 400 amps maximum instantaneous forward voltage at 25a for unidirectional only (note 3) v f 3.5/5.0 v operating junction and storage temperature range. t j , t stg -55c to 175c c typical thermal resistance junction to lead r ujl 8.0 c/w typical thermal resistance junction to ambient r uja 40 c/w notes: 1. non-repetitive current pulse , per fig. 3 and derated above t a = 25 c per fig. 2. 2. measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum. 1. halogen-free 2. rohs compliant 3. typical maximum temperature coef ?cient 4. v br =0.1%xv br @25c x t 5. glass passivated chip junction in p600 package 6. 5000w peak pulse capadility at 10x1000s waveform,repetition rate (duty cycles):0.01% 7. fast response time:typically less than 1.0ps from 0 volts to bv min 8. excellent clamping capability 9. low incremental surge resistance 10. typical ir less than 5a above 12v 11. high temperature soldering guaranteed: 260c/40 seconds / 0.375, \(9.5mm) lead length, 5lbs., (2.3kg)tension 12. plastic package has underwriters laboratory fammability classi?cation 94v-0 tvs devices are ideal for the protection of i/o interfaces,vcc bus and other vulnerable circuits used in telecom, computer , industrial and consumer electronic applications. uni bi uni bi anode cathode applications circuit prote ct io n system
transient voltage suppressors - 1 5kpa series page:2 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electriacl characteristics type number reverse stand- off voltage breakdown voltage @i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v rwm (uni) (bi) v rwm (v) v br min. (v) i t (ma) v c (v) i pp (a) i r (a) 15kpa17a 15kpa17ca 17.0 18.99 50 29.3 515.4 5000 15kpa18a 15kpa18ca 18.0 20.11 50 30.9 488.7 5000 15kpa20a 15kpa20ca 20.0 22.34 20 34.3 440.2 1500 15kpa22a 15kpa22ca 22.0 24.57 10 37.1 407.0 500 15kpa24a 15kpa24ca 24.0 26.81 5 40.7 371.0 150 15kpa26a 15kpa26ca 26.0 29.04 5 44.0 343.2 50 15kpa28a 15kpa28ca 28.0 31.28 5 47.5 317.9 25 15kpa30a 15kpa30ca 30.0 33.51 5 50.7 297.8 15 15kpa33a 15kpa33ca 33.0 36.90 5 54.7 276.1 5 15kpa36a 15kpa36ca 36.0 40.20 5 59.8 252.5 5 15kpa40a 15kpa40ca 40.0 44.70 5 65.8 229.5 5 15kpa43a 15kpa43ca 43.0 48.00 5 69.8 216.3 5 15kpa45a 15kpa45ca 45.0 50.30 5 72.8 207.4 5 15kpa48a 15kpa48ca 48.0 53.60 5 77.7 194.3 5 15kpa51a 15kpa51ca 51.0 57.00 5 82.9 182.1 5 15kpa54a 15kpa54ca 54.0 60.30 5 87.7 172.2 5 15kpa58a 15kpa58ca 58.0 64.80 5 93.8 161.0 5 15kpa60a 15kpa60ca 60.0 67.00 5 97.4 155.0 5 15kpa64a 15kpa64ca 64.0 71.50 5 104.2 144.9 5 15kpa70a 15kpa70ca 70.0 78.20 5 113.6 132.9 5 15kpa75a 15kpa75ca 75.0 83.80 5 122.0 123.8 5 15kpa78a 15kpa78ca 78.0 87.10 5 126.1 119.7 5 15kpa85a 15kpa85ca 85.0 94.90 5 137.6 109.7 5 15kpa90a 15KPA90CA 90.0 100.50 5 145.6 103.7 5 15kpa100a 15kpa100ca 100.0 111.70 5 161.3 93.6 5 15kpa110a 15kpa110ca 110.0 122.90 5 178.6 84.5 5 15kpa120a 15kpa120ca 120.0 134.00 5 192.3 78.5 5 15kpa130a 15kpa130ca 130.0 145.20 5 208.3 72.5 5 15kpa150a 15kpa150ca 150.0 167.60 5 241.9 62.4 5 15kpa160a 15kpa160ca 160.0 178.70 5 258.6 58.4 5 15kpa170a 15kpa170ca 170.0 189.90 5 272.7 55.4 5 15kpa180a 15kpa180ca 180.0 201.10 5 288.5 52.3 5 15kpa200a 15kpa200ca 200.0 223.40 5 319.1 47.3 5 15kpa220a 15kpa220ca 220.0 245.70 5 349.4 43.2 5 15kpa240a 15kpa240ca 240.0 268.10 5 384.6 39.3 5 15kpa260a 15kpa260ca 260.0 290.40 5 416.7 36.2 5 15kpa280a 15kpa280ca 280.0 312.80 5 454.5 33.2 5 circuit prote ct io n system
page:3 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - 1 5kpa series ratings and characteristic curves figure 1 - p eak pulse p owe r rating cur ve figure 2 - pulse der ating cur ve figure 3 - pulse w av ef or m figure 4 - t ypical junction capacitanc e figure 5 - st eady stat e po we r der ating cur ve figure 6 - maximum non-repetiti ve p eak f orwa rd surg e curr ent circuit prote ct io n system
transient voltage suppressors - 1 5kpa series page:4 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. soldering parameters fefow condition lead-free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(min) ) 200c - time (min to max) (t s ) 60-180 secs average ramp up rate (liquidus temp (t l ) to peak 3c/second max t s(max) to t l - ramp-up rate 3c/second max refow - temperature (t l ) (liquidus) 217c - time (min to max) (t s ) 60-150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20-40 seconds ramp-down rate 6c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c physical specifcations weight 0.045oz., 1.2g case jedec do-201 molded plastic body over passivated junction. polarity color band denotes the cathode except bipolar. termina matte tin axial leads, solderable per jesd22-b102d. flow/wave soldering peak temperature : 265c dipping time : 10 seconds soldering : 1 time environmental specifcations temperature cycle jesd22-a104 pressure cooker jesd 22-a102 high temp. storage jesd22-a103 htrb jesd22-a108 thermal shock jesd22-a106 circuit prote ct io n system
page:5 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - 1 5kpa series dimensions storage conditions: 1. storage temperature: -10c~+40c 2. relative humidity:75%rh 3. keep away from corrosive atmosphere and sunlight. period of storage: 1 year warehouse storage conditions of products packaging part number component package quantity packaging option packaging speci?cation 15kpaxxxxx p600 400 tape & reel ela std rs-296e 15kpaxxxxx-b p600 100 bulk concord packing spec dim inches millimeters min max min max 1.000 25.40 0.340 0.360 8.60 9.10 c 0.048 0.052 1.22 1.32 d 0.340 0.360 8.60 9.10 unit:mm part numbering system vo lta ge code (r ef er to the electrical characteristics t able) t ype code: a uni-directional ( 5% vo lt age to lerance) ca b i-directional option code: blank r eel t ape -b bulk pa c kaging series code 15kpa xx xx x x circuit prote ct io n system
page:6 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. ruilongyuan electronics co., ltd. reproducing and modifying information of the document is prohibited without permission from ruilongyuan international inc. ruilongyuan international inc. reserves the rights to make changes of the content herein the document anytime without noti?cation. please refer to our website for the latest document. ruilongyuan international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ruilongyuan international inc. does not assume any and all implied warranties, including warranties of ?tness for particular purpose, non-infringement and merchantability. applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications.ruilongyuan international inc. makes no representation or warranty that such applications will be suitable for the specifed use without further testing or modifcation. the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment,aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fullyindemnify ruilongyuan international inc. for any damages resulting from such improper use or sale. tel: +86-755-8290 8296 fax: +86-755-8290 8002 e-mail: jack@ruilon.com circuit prote ct io n system


▲Up To Search▲   

 
Price & Availability of 15KPA90CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X