Part Number Hot Search : 
2SC3596C 2SK115 153K1 MRF20030 C220V BAS38608 080ASBEW PTS012A0
Product Description
Full Text Search
 

To Download 10150-6000EL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3m interconnect solutions division 6801 river place blvd. austin, tx 78726-9000 for technical, sales or ordering information call 800-225-5373 .050 mini d ribbon (mdr) connectors idc w iremount plug e shielded 101xx-6000ec series 89  idc wiremount shielded i/o plug connector  mdr-digital lcd interface e 20 and 26 position  ieee 1284 interface e 36 position  ribbon type contact e industry preferred  reliable repetitive plugging/unplugging  accepts a wide variety of cable types including round, twisted pai r , twinax, and flat cable  a vailable with a variety of shielded junction shells  positions 14, 20, 26, 36, 40, 68, 80 and 100 ts-0423-07 shee 1 of 3 date modified: february 19, 19 9 9 physical insulation material : glass reinforced polyester (pbt) flammability : ul 94 v -0 color : black contact material : beryllium copper (c172) plating underplate : 8 0 m (2.0 m m) nickel e qq-n-290, class 2 w iping area : 3 0 m (0.76 m m) min gold e mil-g-45204, t ype ii, grade c sh r oud material : steel plating : nickel w i re accommodation : 2 8 a wg stranded, 30 a w g solid marking : 3m logo & part number electrical current rating : 1 a insulation resistance : > 5 10 8 w at 500 vdc w ithstanding v oltage : 500 vrms for 1 minute environmental t emperatu r e rating : 2 0 c to +85 c ul file no. : e68080
3m interconnect solutions division 6801 river place blvd. austin, tx 78726-9000 for technical, sales or ordering information call 800-225-5373 .050 mini d ribbon (mdr) connectors idc wiremount plug e shielded 101xx-6000ec series contact dimensions c on t ac t quantity a b c d 14 .300 [ 7.62 ] .54 [ 13.8 ] .72 [ 18.2 ] .58 [ 14.7 ] 26 .600 [ 15.24 ] .84 [ 21.4 ] 1.02 [ 25.8 ] .88 [ 22.4 ] 50 1.200 [ 30.48 ] 1.44 [ 36.6 ] 1.62 [ 41.1 ] 1.48 [ 37.6 ] 101xx notes: 1. circle (  ) position indicates #1 position in cable, when utilizing 0.025 pitch flat cable. 2. triangle (  ) position indicates #2 position in cable, when utilizing 0.025 pitch flat cable. 15 inch [mm] .005 .1 .01 tolerance unless noted .0 .00 .000 inch [ ] dimensions for reference only .13 [ 3.2 ] .21 [ 5.2 ] .025 [ 0.64 ] .050 [ 1.27 ] last position .126 [ 3.20 ] .26 [ 6.6 ] d .06 [ 1.5 ] .29 [ 7.4 ] .13 [ 3.20 ] .189 [ 4.80 ] position 3 position 2 position 1 .18 [ 4.5 ] c .50 [ 12.7 ] body .08 [ 2.0 ] .26 [ 6.5 ] .29 [ 7.3 ] .30 [ 7.5 ] .36 [ 9.1 ] last position .050 [ 1.27 ] position 1 position 2 position 3 a b d ordering information 101xx-6000ec contact quantity (see table) ts-0423-07 sheet 2 of 3 (see notes) ? ? cover 2 cover 1 body (14, 26 and 50 positions) (see page 3 for other sizes) position cover assembly
3m interconnect solutions division 6801 river place blvd. austin, tx 78726-9000 for technical, sales or ordering information call 800-225-5373 .050 mini d ribbon (mdr) connectors idc wiremount plug e shielded 101xx-6000ec series contact dimensions contact quantity a b c d 20 .450 [ 11.43 ] .69 [ 17.6 ] .87 [ 22.0 ] .73 [ 18.6 ] 36 .850 [ 21.59 ] 1.09 [ 27.8 ] 1.27 [ 32.2 ] 1.13 [ 28.7 ] 40 .950 [ 24.13 ] 1.19 [ 30.3 ] 1.37 [ 34.7 ] 1.23 [ 31.3 ] 68 1.650 [ 41.91 ] 1.89 [ 48.1 ] 2.07 [ 52.5 ] 1.93 [ 49.0 ] 80 1.950 [ 49.53 ] 2.19 [ 54.8 ] 2.37 [ 60.1 ] 2.23 [ 56.7 ] 100 2.450 [ 62.23 ] 2.69 [ 67.5 ] 2.87 [ 72.8 ] 2.73 [ 69.4 ] 101xx 15 inch [mm] .005 .1 .01 tolerance unless noted .0 .00 .000 inch [ ] dimensions for reference only notes: 1. circle (  ) position indicates #1 position in cable, when utilizing 0.025 pitch flat cable. 2. triangle (  ) position indicates #2 position in cable, when utilizing 0.025 pitch flat cable. ordering information 101xx-6000ec .13 [ 3.30 ] .21 [ 5.33 ] .06 [ 1.5 ] d .29 [ 7.4 ] .26 [ 6.6 ] .025 [ 0.64 ] ts-0423-07 sheet 3 of 3 .13 [ 3.20 ] .126 [ 3.20 ] .189 [ 4.80 ] last position .050 [ 1.27 ] position 1 position 3 position 2 .08 [ 2.0 ] .50 [ 12.7 ] body position 1 position 2 position 3 .30 [ 7.5 ] .36 [ 9.1 ] .26 [ 6.5 ] .29 [ 7.3 ] d last position .050 [ 1.27 ] a b contact quantity (see table) (see notes) .18 [ 4.5 ] c ? ? cover 1 cover 2 body (20, 36, 40, 68, 80 and 100 positions) note: 100 pos = a0 position cover assembly


▲Up To Search▲   

 
Price & Availability of 10150-6000EL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X