Part Number Hot Search : 
D4448 0515D BD203 S1005NH SE5562F TN3007 NJM2151A 2SK1671
Product Description
Full Text Search
 

To Download ZM50E10F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micro switch? standard subminiature snap - action z series snap - action switch es 0b description the industry - defining nam e in snap - action switches, honeywell micro switch? standard sub miniature s are designed for repeatability and enhanced product life. the micro switch? z series combine s small size and light weight with ample electrical capacity, low cost , and enhanced life. the micro switch? z series consists of six product families with unique features that can drop right into an application. these reliable and rugged switches offer a variety of actuators, terminations, circuitry c onfigurations, electrical ratings, contact materials, operating characteristics, and sealing allows them to be utilized in numerous potential applications . carefully manufactured and thoroughly inspected , the micro switch? z series standard subminiatures a re a great value for applications requiring sensing presence or absence of an object . featu res ? small size and light weight switches lend themselves to numerous potential applications ? choice of low energy or power - duty electrical ratings allow the swit ch to be specified in more types of applications ? broad range of amp ratings (from 0.1 a to 10.1 a) ? watertight ip67 sealing available on some listings allows the switch to be used where sealing and presence/absence detection is required ? ul/csa, cul, enec, and ce approvals potential applications ? industrial: appliances, communication equipment, computers, electromechanical timers, mechanical cam assemblies (timers), office equipment, electric tools, hvac wall controls, instrumentation, valves, vending m achines ? transportation: automotive, truck, and boat wire harnesses; sub - assemblies for convertible roofs; lock modules for tail - gate/trunk; tank and hood latch detection ? medical: medical and hospital beds, foot pedal controls, and chair lifts ? applications where a pre - wired sealed on/off switch is required
micro switch? standard subminiature snap - action z series specifications series zm (coil internal spring) zm1 (flat internal spring) zv (coil spring) differentiator integral lever, no enec, and an internal coil spring integral lever, enec, and a flat internal spring snap - on lever, enec, and coil spring use use when enec is not required and the lever needs to be better secured to the switch used when added forces of a flat snap spring, enec, and a secured lever are required use when enec and a sna p - on lever are required potential applications alarms, computers, food processors, gas detectors, humidifiers, joysticks, money sorters, water pumps air conditioners, consumer electronics, gas detectors, humidifiers, telephones, time recorders, toys air c onditioners, computers, consumer appliances, gas detectors, joysticks, money sorters, telephones, toys ampere rating 0.1 a, 5 a, 10.1 a 0.1 a, 3 a, 6 a, 10.1 a 0.1 a, 6 a, 10.1 a circuitry spdt, spno spdt, spno, spnc spdt, spno, spnc operating force 0. 18 oz to 8.78 oz 12 gf to 355 gf 0.78 oz to 11.01 oz termination quick connect, solder, pcb quick connect, solder, pcb quick connect, solder, pcb actuator pin plunger, straight, roller, sim. roller, l - shaped pin plunger, straight, roller, sim. roller, l - shaped pin plunger, straight, roller, sim. roller voltage 125 vac, 250 vac, 30 vdc 125 vac, 250 vac 125 vac/125 vdc 6(2) a 250 vac agency approvals ul, ce, csa ul, cul, enec ul, ce, csa , enec agency file info ce: 61058 - 1; ul: e12252; csa: lr212438 ul: e12252; c - ul: e12252 ce: 61058 - 1; ul:12252; c - ul: e12252 operating temperature - 40 c to 120 c [ - 40 f to 248 f] - 40 c to 120 c [ - 40 f to 248 f] - 40 c to 120 c [ - 40 f to 248 f] contacts silver, gold - plated silver, gold - plated brass, silver - tin - indium oxide silver, gold - plated silver, gold - plated brass, silver - tin - indium oxide s ilver, gold - plated silver, silver - tin - indium oxide housing polyamide (nylon) polyamide (nylon) polyamide (nylon) sealing none storage humidity 85 % rh max. at 40 c [104 f] dielectric strength 1000 vac (50 hz to 60 hz) between contacts, between terminals and ground, for one minute 1000 vac (50 hz to 60 hz)/min 100 0 vac (50 hz to 60 hz) between contacts, between terminals and ground, for one minute contact resista nce 300 mohm max. 300 mohm max. 300 mohm max. insulation resistance 100 mohm min. (at 500 vdc/min) 100 mohm min. (at 250 vdc/min) 100 mohm min. (at 500 vdc/min) vibration 10 hz to 55 hz, displacement 0,75 mm (p - p) expected mechanical life 10 million min. 10,000 op erations min. 10 million min. electrical service life min. 1,000,000 operations on resistive load current 0.1 a at 125 vac; 0.1 a at 30 vdc; min. 6,000 operations on resistive load 5 a at 125/250 vac min . 1 0 million @ <10 a; min. 1 million min. @ 10 a min. 1 ,00 0,000 operations @ 0.1 a ; min 10,000 operations on resistive and motor load current 6(2) a 250 vac electrical operating frequency 0.1 a C 120 operations/min other C 10 to 30 operations/min 10 to 30 operations/min 0.1 a C 120 operation s/min; other C 10 to 30 operations/min mechanical operation frequency 120 operations/min. 2 s ensing .ho neywell.co m
snap - action switches series zw (water - tight) zd (water - tight) zx differentiator ip67 rating with lead wires; snap - on lever, coil spring, and enec smaller sized (like the zx), sealed to ip67 (with leadwires only); plunger travel can be restricted, offers side - post quick mounting two - thirds the size of the zm series; unsealed, integral lever, and coil spring use use when a sealed position switch in a small and cost - effecti ve package is required use for automotive applications due to sealing and quick mounting option use when a much smaller unsealed position switch is required potential applications air conditioners, computers, consumer appliances, gas detectors, joysticks, money sorters, telephones, toys automotive (operation systems and engine area interior), air conditioners, communication, electric toothbrushes, toys calculators, computer mouse, cordless phones, electric knife & stapler, tester machines, walkie - talkies ampere rating 0.1 a. 5 a 0.1 a, 3 a 0.1 a. 3 a circuitry spdt, spno, spnc spdt spdt operating force 1.94 oz to 7.16 oz 130 gf to 195 gf 0.53 oz to 5.3 oz termination quick connect, solder, cable bottom exit, cable side exit solder, pcb straight, pcb lef t angle, pcb right angle, pre - wired solder, pcb snap - in, pcb left angle, pcb right angle actuator pin plunger, straight, roller, sim. roller pin plunger, straight, sim. roller pin plunger, straight, roller, special voltage 125 vac, 250 vac 125 vac, 12 vd c 125 vac , 48 vdc agency approvals ul, cul, ce, enec ul, cul, ce, enec ul, ce, csa agency file info ce: 61058 - 1; ul: e12252; c - ul: e12252 ul: e12252; c - ul: e12252 ce: 61058 - 1; ul:12252; csa: lr212438 operating temperature - 40 c to 120 c [ - 40 f t o 248 f] (w/o wires) - 40 c to 105 c [ - 40 f to 221 f] (w/ wires) - 40 c to 120 c [ - 40 f to 248 f] - 40 c to 120 c [ - 40 f to 248 f] contacts silver, gold - plated silver silver, gold - plated silver silver, gold - plated silver housing pbt polyeste r thermoplastic pbt polyester thermoplastic polyamide (nylon) sealing ip67 (with leadwires only) ip67 (with leadwires only) none storage humidity 85 % rh max. at 40 c [104 f] dielectric strength 1000 vac (50 hz to 60 hz) between contacts and 1250 vac (50 hz to 60 hz), between terminals and ground, for one minute 150 vac (50 hz to 60 hz)/minute between contacts, 500 vac (50 hz to 60 hz)/minute between live parts and dead metal parts 1000 vac (50 hz to 60 hz) between contacts, between terminals and groun d, for one minute contact resistance 30 mohm max. 100 mohm max. 100 mohm max. insulation resistance 100 mohm min. (at 500 vdc/min) 100 mohm min. (at 250 vdc/min) 100 mohm min. (at 500 vdc/min) vibration 10 hz to 55 hz, displacement 0,75 mm (p - p) exp ected mechanical life 2 million min. 500,000 min. 1 million min. electrical service life min. 10,000 operations min. 500,000 operations on resistive load current 10 ma; min. 6000 operations on resistive load current 3 a min. 1,000,000 operations on resist ive load current 0.1 a at 48 vdc; min. 10, 000 operations on resistive load current 3 a at 125 vac electrical operating frequency 10 to 30 operations/min 10 ma C 120 operations/min 3 a C 10 to 30 operations/min 0.1 a C 120 operations/min 3 a C 10 to 30 ope rations/min mechanical operation frequency 120 operations/min. honeywell sensing and control 3
micro switch? standard subminiature snap - action z series zm and zm1 standard lever options & dimensions mm/in lever / terminals dimensions lever / terminals dimensions pin plunger/ solder op: 11,4 mm 0,3 mm [0.449 in 0.012 in] dt: 0,2 mm [0 .008 in max.] pin plunger/ quick connect op: 11,4 mm 0,3 mm [0.449 in 0.012 in] dt: 0,2 mm [0.008 in max.] pin plunger/ pcb right op: 11,4 mm 0,3 mm [0.449 in 0.012 in] dt: 0,2 mm [0.008 in max.] pin plunger/pcb op: 11,4 mm 0,3 mm [0.449 in 0.012 in] dt: 0,2 mm [0.008 in max.] simulated roller/quick connect op: 15,1 mm 1,5 mm [0. 591 in 0.0 59 in] dt: 0,9 mm [0.035 in max.] simulated roller/solder op: 15,1 mm 1,5 mm [0. 591 in 0.0 59 in] dt: 0,9 mm [0.035 in max.] 4 s ensing .ho neywell.co m
snap - action switches continued ? zm an d zm1 standard lever options & dimensions mm/in lever / terminals dimensions lever / terminals dimensions roller/solder op: 17,5 mm 0,8 mm [0. 689 in 0.0 32 in] dt: 0,81 mm [0.032 in max.] straight/ solder op: 11,8 mm 0,89 mm [0. 465 in 0.0 35 in] dt: 0,81 mm [0.032 in max.] roller/ quick connect op: 17,5 mm 0,8 mm [0. 689 in 0.0 32 in] dt: 0,81 mm [0.032 in max.] roller/pcb op: 17,5 mm 0,8 mm [0. 689 in 0.0 32 in] dt: 0,81 mm [0.032 in max.] straight/pcb right op: 11,8 mm 0,89 mm [0. 465 in 0.0 35 in] dt: 0,81 mm [0.032 in max.] straight/pcb left op: 11,8 mm 0,89 mm [0. 465 in 0.0 35 in] dt: 0,81 mm [0.032 in max.] straight/ quick connect op: 11,8 mm 0,89 mm [0. 465 in 0.0 35 in] dt: 0,81 mm [0.032 in max.] honeywell sensing and control 5
micro switch? standard subminiature snap - action z series zv standard lever op tions & dimensions mm/in lever / terminals dimensions lever / terminals dimensions pin plunger/ quick connect op: 11,4 mm 0,3 mm [0. 449 in 0.0 12 in] dt: 0,2 mm [0.008 in max.] pin plunger/ solder op: 11,4 mm 0,3 mm [0. 449 in 0.0 12 in] dt: 0,2 mm [0.008 in max.] straight/ solder op: 11,8 mm 1,6 mm [0. 465 in 0. 063 in] dt: 0,81 mm [0. 0 32 in max.] roller/ solder op: 17,5 mm 1,1 mm [0. 689 in 0. 043 in] dt: 0,81 mm [0. 0 32 in max.] straight/ quick connect op: 11,8 mm 1,2 mm [0. 465 in 0. 04 7 in] dt: 0,81 mm [0. 0 32 in max.] roller/ quick connect op: 17,5 mm 1,1 mm [0. 689 in 0. 043 in] dt: 0,81 mm [0. 0 32 in max.] 6 s ensing .ho neywell.co m
snap - action switches zw standard lever options & dimensions mm/in lever /term . dimensions straight/ solder angled op: 8,8 mm 1,2 mm [0. 347 in 0. 047 in] dt: 0,71 mm [0.028 in max.] roller/cable bottom exit op: 14,5 mm 1,1 mm [0. 571 in 0. 043 in] dt: 0,6 mm [0.024 in max.] pin plunger/ solder angled op: 8,4 mm 0,3 mm [0. 331 in 0. 012 in] dt: 0,2 mm [0.008 in max.] roller/quick connec t op: 14,5 mm 1,1 mm [0. 571 in 0. 043 in] dt: 0,6 mm [0.024 in max.] zd standard lever options & dimensions mm/in lever / terminals dimensions pin plunger/ solder terminals op: 3,05 mm 0,2 mm [0. 12 in 0. 008 in] dt: 0,30 mm [0.012 in max.] pin p lunger/pcb straight terminals op: 3,05 mm 0,2 mm [0. 12 in 0. 008 in] dt: 0,30 mm [0.012 in max.] pin plunger/wire leads op: 3,05 mm 0,2 mm [0. 12 in 0. 008 in] dt: 0,30 mm [0.012 in max.] honeywell sensing and control 7
micro switch? standard subminiature snap - action z series zx standard lever options & dimensions mm/in lever / term inals dimensions lever / terminals dimensions pin plunger/ solder op: 7,0 mm 0,3 mm [0. 276 in 0. 012 in] dt: 0,30 mm [0.012 in max.] straight/ solder op: 8,4 mm 0,8 mm [0. 331 in 0. 032 in] dt: 1,3 mm [0.051 in max.] pin plunger/pcb op: 7,0 mm 0 ,3 mm [0. 276 in 0. 012 in] dt: 0,30 mm [0.012 in max.] straight/pcb op: 8,4 mm 0,8 mm [0. 331 in 0. 032 in] dt: 1,3 mm [0.051 in max.] simulated roller/solder op: 11,1 mm 0,8 mm [0. 437 in 0. 032 in] dt: 1,3 mm [0.0 51 in max.] simulated roller/pcb op: 11,1 mm 0,8 mm [0. 437 in 0. 032 in] dt: 1,3 mm [0.051 in max.] 8 s ensing .ho neywell.co m
snap - action switches zm series nomenclature tree zm1 series nomenclature tree honeywell sensing and control 9
micro switch? standard subminiature snap - action z series zv series nomenclature tree zw series nomenclature tree zd series (no wires) nomenclature tree 10 s ensing .ho neywell.co m
snap - action switches zd series (with wires) nomenclature tree zx series nomenclature tree honeywell sensing and control 11
warning personal injury do not use these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. warning misuse of documentat ion ? the information presented in this product sheet is for reference only. do not use this document as a product installation guide. ? complete installa tion, operation, and maintenance information is provided in the instructions supplied with each product. failure to comply with these instructions could result in death or serious injury. 1b warranty/remedy honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. honeywells standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer to your order acknowledgement or consult your local sales office for specific warranty details. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace, at its option, without charge those items it finds defective. the foregoing is buyers sole remedy and is in lieu of all other warranties , expressed or implied, including those of merchantability and fitness for a particular purpose. in no event shall honeywell be liable for consequential, special, or indirect damages. while we provide application assistance personally, through our literatu re and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. specifications may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however , we assume no responsibility for its use. sales and service honeywell serves its customers through a worldwide network of sales offices, representatives and distributors. for application assistance, current specifications, pricing or name of the nearest a uthorized distributor, contact your local sales office or: e - mail : info.sc@honeywell.com internet: sensing.honeywel l.com phone and fax: asia pacific +65 6355 - 2828 +65 6445 - 3033 fax europe +44 (0) 1698 481 481 +44 (0) 1698 481676 fax latin america +1 - 3 05- 805- 8188 +1 - 305- 883- 8257 fax usa/canada +1 - 800- 537- 6945 +1 - 815- 235- 6847 +1 - 815- 235- 6545 fax sensing and control honeywell 1985 douglas drive north golden valley , mn 55422 sensing .honeywell.com 004954 - 2 - en il50 glo printed in usa f ebruary 2014 copyright ? 20 1 4 honeywell international inc. all rights reserved.


▲Up To Search▲   

 
Price & Availability of ZM50E10F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X