unisonic technologies co., ltd UPRTR5V0U4D diode www.unisonic.com.tw 1 of 6 copyright ? 2013 unisonic technologies co., ltd qw-r601-077.b integrated quad ultra-low capacitance esd protection ? description the utc UPRTR5V0U4D is an integrated quad ultra-low capacitance esd protection diode array. it uses utc?s advanced technology to provide customers with low leakage current, 4 ultra-low input capacitance rail-to-rail esd protection diodes and low clamping voltage, etc. the utc UPRTR5V0U4D is suitable for dvi, ethernet and usb2.0, etc. ? features * low clamping voltage * low leakage current (max.=100na) * four ultra-low input capacitance (typical 1pf) ? ordering information ordering number package packing lead free halogen free UPRTR5V0U4Dl-ag6-r UPRTR5V0U4Dg-ag6-r sot-26 tape reel ? marking
UPRTR5V0U4D diode unisonic technologies co., ltd 2 of 6 www.unisonic.com.tw qw-r601-077.b ? pin configuration ? pin description pin no. pin name description 1 i/o terminal of esd 1 2 gnd ground 3 i/o terminal of esd2 4 i/o terminal of esd 3 5 v cc supply voltage 6 i/o terminal of esd 4
UPRTR5V0U4D diode unisonic technologies co., ltd 3 of 6 www.unisonic.com.tw qw-r601-077.b ? absolute maximum ratings parameter symbol ratings unit input voltage v in 0~5.5 v esd voltage (hbm contact) iec 61000-4-2 level 4 contact discharge (note 2, 3) v esd 8 kv mil-std-883 human body model 8 kv ambient temperature t a -55~+150 c junction temperature t j 150 c storage temperature t stg -65~+150 c notes: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. device stressed with ten non-repetitive esd pulses. 3. measured from pin 1, 3, 4 or 6 to pin 2 or 5. ? electrical characteristics (t a =25 c unless otherwise specified.) parameter symbol test conditions min typ max unit input/output to ground capacitance c (i/o-gnd) v (i/o-gnd) =0v, v cc =3.0v, f=1mhz (note 1) 1.0 pf reverse leakage current i lr v r =3.0v (note 1) 100 na breakdown voltage v br i i =1ma 6 9 v supply pin to ground capacitance c sup v (i/o-gnd) =0v, v cc =3.0v, f=1mhz (note 2) 40 pf forward voltage v f 0.7 v notes: 1. measured from pins 1, 3, 4 and 6 to pin 2. 2. measured from pin 5 to pin 2.
UPRTR5V0U4D diode unisonic technologies co., ltd 4 of 6 www.unisonic.com.tw qw-r601-077.b ? typical characteristics hbm +voltage waveform hbm -voltage waveform hbm +voltage waveform hbm -voltage waveform
UPRTR5V0U4D diode unisonic technologies co., ltd 5 of 6 www.unisonic.com.tw qw-r601-077.b ? typical characteristics(cont.) hbm clamped +8kv esd voltage waveform hbm clamped -8kv esd voltage waveform mm clamped +8kv esd voltage waveform mm clamped -8kv esd voltage waveform v z , zener voltage (v) 6 0 typical zener breakdown characteristics 0 12 14 10 4 8 2 5 20 30 15 25 35 10
UPRTR5V0U4D diode unisonic technologies co., ltd 6 of 6 www.unisonic.com.tw qw-r601-077.b ? typical characteristics(cont.) input capacitance(pf) 8 3 -25 25 7 6 5 4 typical variation of c in vs. temp (f=1mhz,vp=3.3v,v in =30mv.v n =0v.1uf) -50 2 1 0 50 75 100 0 0v dc input bias 1.65v dc input bias temperature (c) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
|