page 1 of 7 enclosed power supplies txm series, 15 C320 watt features very compact metal cased power supplies cost optimized design high operating temperature up to 70c low no load power consumption <0.5w up to 75 w units screw terminal block no internal fan up to 150 w models universal input ac input, full range withstand 300 vac surge input for 5 sec. adjustable output voltage 3-year product warranty order code output power max. output voltage output current max. effciency nominal adjustable 115 vac 230 vac txm 015-103 3.3 vdc 3.1-3.6 vdc 4.0 a 70 % 71 % txm 015-105 5 vdc 4.7-5.5 vdc 3.0 a 76 % 78 % txm 015-112 15 watt 12 vdc 11.4-13.2 vdc 1.3 a 80 % 82 % txm 015-115 15 vdc 14.2-16.5 vdc 1.0 a 82 % 83 % txm 015-124 24 vdc 22.8-26.4 vdc 0.7 a 84 % 85 % txm 025-103 3.3 vdc 3.1-3.6 vdc 5.0 a 70 % 71 % txm 025-105 5 vdc 4.7-5.5 vdc 5.0 a 76 % 78 % txm 025-112 25 watt 12 vdc 11.4-13.2 vdc 2.1 a 80 % 82 % txm 025-115 15 vdc 14.2-16.5 vdc 1.6 a 82 % 83 % txm 025-124 24 vdc 22.8-26.4 vdc 1.1 a 84 % 85 % txm 035-105 5 vdc 4.7-5.5 vdc 6.0 a 79 % 80 % txm 035-112 12 vdc 11.4-13.2 vdc 3.0 a 83 % 84 % txm 035-115 35 watt 15 vdc 14.2-16.5 vdc 2.4 a 85 % 86 % txm 035-124 24 vdc 22.8-26.4 vdc 1.5 a 86 % 87 % txm 035-148 48 vdc 45.6-52.8 vdc 0.75 a 87 % 88 % txm 050-105 5 vdc 4.7-5.5 vdc 8.0 a 79 % 80 % txm 050-112 12 vdc 11.4-13.2 vdc 4.2 a 84 % 85 % txm 050-115 50 / 60 watt 15 vdc 14.2-16.5 vdc 3.4 a 85 % 86 % txm 050-124 24 vdc 22.8-26.4 vdc 2.2 a 87 % 88 % txm 050-148 48 vdc 45.6-52.8 vdc 1.1 a 88 % 89 % models with single output the tracopower txm series is a family of encased power supplies designed for a wide range of cost critical applications. with a low profle metal case and screw terminal block connection, they are easy to install in any equipment. there are 40 models with single output voltages from 3.3 vdc to 48 vdc in 9 power ranges from 15 w to 320 w. these power supplies have universal input and comply with european emc standards and the low voltage directive (lvd). http://www.tracopower.com
page 2 of 7 enclosed power supplies txm series 15C320 watt order code output power max. output voltage nom. output current max. effciency nominal adjustable 115 v a c 230 vac 115 v a c 230 vac txm 075-105 5 vdc 4.7-5.5 vdc 12.0 a 79 % 80 % txm 075-112 12 vdc 11.4-13.2 vdc 6.0 a 84 % 85 % txm 075-115 60 / 75 watt 15 vdc 14.2-16.5 vdc 5.0 a 85 % 86 % txm 075-124 24 vdc 22.8-26.4 vdc 3.2 a 86 % 88 % txm 075-148 48 vdc 45.6-52.8 vdc 1.6 a 88 % 89 % txm 100-105 5 vdc 4.5-5.5 vdc 20.0 a 78 % 80 % txm 100-112 12 vdc 10.6-13.6 vdc 8.5 a 84 % 86 % txm 100-115 100 watt 15 vdc 13.5-17.0 vdc 6.7 a 84 % 86 % txm 100-124 24 vdc 21.8-27.4 vdc 4.2 a 84 % 86 % txm 100-148 48 vdc 44.0-52.0 vdc 2.1 a 86 % 87 % txm 150-112 12 vdc 10.6-13.5 vdc 9.6 a 11.2 a 83 % 86 % txm 150-124 150 watt 24 vdc 22.1-26.7 vdc 4.8 a 5.6 a 84 % 86 % txm 150-148 48 vdc 44.0-52.0 vdc 2.4 a 2.8 a 84 % 87 % txm 240-112 12 vdc 11.2-13.4 vdc 16.7 a 77 % 81 % txm 240-124 240 watt 24 vdc 22.0-26.7 vdc 8.4 a 79 % 83 % txm 240-148 48 vdc 45.0-52.9 vdc 4.2 a 80 % 84 % txm 320-112 12 vdc 10.5-13.3 vdc 20.5 a 25 a 78 % 86 % txm 320-124 300 / 320 watt 24 vdc 19.7-26.4 vdc 10.6 a 13 a 79 % 87 % txm 320-136 36 vdc 33.2-38.4 vdc 7.2 a 8.8 a 80 % 87 % txm 320-148 48 vdc 41.5-53.1 vdc 5.5 a 6.7 a 81 % 88 % models with single output * total power must not exceed specified max. output power input specifications input voltage range C nominal 100 C 240 vac C ac range (universal input) 90 C 264 vac C dc range 127 C 370 vdc input voltage frequency 47 C 63 hz input current txm 015/025 models: 0.70 a max. txm 035 models: 1.00 a max. txm 050 models: 1.50 a max. txm 075 models: 2.50 a max. txm 100 models: 1.70 a max. txm 150 models: 2.00 a max. txm 200 models: 3.50 a max. txm 300 models: 4.00 a max. recommended circuit breaker up to 75 watt models: 5 a (characteristic c) or slow blow fuse up to 320 watt models: 10 a output specifications regulation C input variation 0.5 % max. C load variation (10C100%) txm 015, 025, 075: 2 % max. all other models: 1 % max. C minimum load: no minimum load required ripple and noise (20 mhz bandwidth) < 1.0 % of vout nom. typ. output current limitation txm 015: 110 % C 180 % of iout max. txm 200: 105 % C 135 % of iout max. txm 320: 105 % C 140 % of iout max. all other models: 105 % C 150 % of iout max. overload protection mode hiccup / constant power, automatic recovery over voltage protection (only output 1) 105 % C 150 % of vout nom. (depending on model) scheduled for q2/2014 http://www.tracopower.com
page 3 of 7 enclosed power supplies txm series 15C320 watt general specifications temperature ranges C operating txm 100/150/200 C10c to +60c txm 320 C20c to +65c txm 015/025/035/050/075 C25c to +70c C load derating above 40c txm 100/150 or 3.3/5v 2 %/k (1.3 %/k for 3.3/5v) C load derating above 50c all other models 2 %/k (4 %/k for txm 200; 3.3%/k for txm 320) C storage (non operating) C40c to +85c temperature coefficient txm 200 0.05 %/c all other models 0.03%/c humidity (non condensing) 90 % rel. h max. (non condensing) hold-up time 10 ms min. ( 115 v a c ) 20 ms min. (230 vac) isolation voltage (60 sec.) C input/output 3000 vac C input/case 150 0 vac C output/case 500 vac reliability /calculated mtbf (mil-hdbk-217f, at +25c typ., ground benign) >200000 h altitude during operation txm 015 & 025 models: 2000 m max. ( 6667 f t ) approved all other models: 5000 m max. (164 0 0 f t ) approved electromagnetic compatibility C conducted input ri suppression en 55022, class b (emc), emissions C harmonic current emissions iec/en 61000-3-2, C flicker iec/en 61000-3-3 electromagnetic compatibility C electrostatic discharge esd iec/en 61000-4-2 4 kv / 8 kv (emc), immunity C rf field immunity iec/en 61000-4-3 3 v/m C electrical fast transients/burst immunity iec/en 61000-4-4 1 kv C surge iec/en 61000-4-5 1 kv / 2 kv C conducted rf iec/en 61000-4-6 3 v/m C magnetic field iec/en 61000-4-8 3 a/m C voltage dip iec/en 61000-4-11 C light industry env 50204, criteria a safety standards ul 60950-1, iec/en 60950-1 safety approvals C ul/cul www.ul.com -> certifications -> file: e188913 (entry for 100-320w models is pending) C cb report txm 015 models: www.tracopower.com/products/txm015-cb.pdf txm 025 models: www.tracopower.com/products/txm025-cb.pdf txm 035 models: www.tracopower.com/products/txm035-cb.pdf txm 050 models: www.tracopower.com/products/txm050-cb.pdf txm 075 models: www.tracopower.com/products/txm075-cb.pdf txm 100 models: www.tracopower.com/products/txm100-cb.pdf txm 150 models: www.tracopower.com/products/txm150-cb.pdf txm 200 models: www.tracopower.com/products/txm200-cb.pdf txm 320 models: www.tracopower.com/products/txm320-cb.pdf environmental compliance C reach www.tracopower.com/products/txm-reach.pdf all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. pending http://www.tracopower.com
page 4 of 7 case dimensions enclosed power supplies txm series 15C320 watt case for txm 035 max mounting screw penetration: 2.0 mm (0.08) case for txm 015 & txm 025 9 9 1 / / p p / & |