Part Number Hot Search : 
PM3FDXX 00108D M35500B TEVAL Y34NB50F 2SB952 TC4020 A1005
Product Description
Full Text Search
 

To Download TN1215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  september 2011 doc id 7475 rev 7 1/13 13 TN1215, ts1220 tyn612, tyn812, tyn1012 sensitive and standard 12 a scrs features on-state rms current, i t(rms) 12 a repetitive peak off-state voltage, v drm /v rrm 600 to 1000 v triggering gate current, i gt 0.2 to 15 ma description available either in sensitive (ts1220) or standard (TN1215 / tynx12) gate triggering levels, the 12 a scr series is suitable to fit all modes of control, found in applications such as overvoltage crowbar protection, motor control circuits in power tools and kitchen aids, inrush current limiting circuits, capacitive discharge ignition and voltage regulation circuits. available in through-hole or surface-mount packages, they provide an optimized performance in a limited space area. a k g a k g a a k g a a a k g a k g a a a k g ipak TN1215-xxxh ts1220-xxxh to-220ab tynx12rg tynx12trg dpak TN1215-xxxb ts1220-xxxb d 2 pak TN1215-xxxg ts1220-xxxg to-220ab ts1220-xxxt table 1. device summary order code voltage (xxx) v drm /v rrm sensitivity i gt package 600 v 700 v 800 v 1000 v TN1215-xxxb x x 15 ma dpak TN1215-xxxg x x 15 ma d 2 pa k TN1215-xxxh x x 15 ma ipak ts1220-xxxb x x 0.2 ma dpak ts1220-xxxh x 0.2 ma ipak ts1220-xxxt x 0.2 ma to-220ab tynx12rg x x x 15 ma to-220ab tynx12trg x x x 5 ma to-220ab www.st.com
characteristics TN1215, ts1220, tyn612, tyn812, tyn1012 2/13 doc id 7475 rev 7 1 characteristics table 2. absolute ratings (limiting values) symbol parameter value unit TN1215-g tynx12 TN1215-b/-h ts1220-b/-h/t i t(rms) rms on-state current (180 conduction angle) t c = 105 c 12 a i t(av) average on-state current (180 conduction angle) t c = 105 c 8 a i tsm non repetitive surge peak on-state current t p = 8.3 ms t j = 25 c 145 115 a t p = 10 ms 140 110 i 2 ti 2 t value for fusing t p = 10 ms t j = 25 c 98 60 a 2 s di/dt critical rate of rise of on-state current i g = 2 x i gt , t r 100 ns f = 60 hz t j = 125 c 50 a/s i gm peak gate current t p = 20 s t j = 125 c 4 a p g(av) average gate power dissipation t j = 125 c 1 w t stg t j storage junction temperature range operating junction temperature range - 40 to + 150 - 40 to + 125 c v rgm maximum peak reverse gate voltage (for TN1215 and tynx12 only) 5v table 3. sensitive electrical characteristics (t j = 25 c, unless otherwise specified) symbol test conditions ts1220 unit i gt v d = 12 v, r l = 140 max. 200 a v gt max. 0.8 v v gd v d = v drm, r l = 3.3 k , r gk = 220 t j = 125 c min. 0.1 v v rg i rg = 10 a min. 8 v i h i t = 50 ma, r gk = 1 k max. 5 ma i l i g = 1 ma, r gk = 1 k max. 6 ma dv/dt v d = 65 % v drm, r gk = 220 t j = 125 c min. 5 v/s v tm i tm = 24 a, t p = 380 s t j = 25 c max. 1.6 v v t0 threshold voltage t j = 125 c max. 0.85 v r d dynamic resistance t j = 125 c max. 30 m i drm i rrm v drm = v rrm , r gk = 220 t j = 25 c max. 5a t j = 125 c 2 ma
TN1215, ts1220, tyn612, tyn812, tyn1012 characteristics doc id 7475 rev 7 3/13 table 4. standard electrical characteristics (t j = 25 c, unless otherwise specified) symbol test conditions TN1215 tyn unit b / h g x12t x12 i gt v d = 12 v r l = 33 min. 2 0.5 2 ma max. 15 5 15 v gt max. 1.3 v v gd v d = v drm r l = 3.3 k t j = 125 c min. 0.2 v i h i t = 500 ma gate open max. 40 30 15 30 ma i l i g = 1.2 i gt max. 80 60 30 60 ma dv/dt v d = 67 % v drm gate open t j =125 c min. 200 40 200 v/s v tm i tm = 24 a t p = 380 s t j = 25 c max. 1.6 v v t0 threshold voltage t j = 125 c max. 0.85 v r d dynamic resistance t j = 125 c max. 30 m i drm i rrm v drm = v rrm t j = 25 c max. 5a t j = 125 c 2 ma table 5. thermal resistance symbol parameter value unit r th(j-c) junction to case (dc) 1.3 c/w r th(j-a) junction to ambient (dc) s (1) = 0.5 cm 2 dpak 70 c/w s (1) = 1 cm 2 d 2 pa k 4 5 ipak 100 to-220ab 60 1. s = copper surface under tab figure 1. maximum average power dissipation versus average on-state current figure 2. average and dc on-state current versus case temperature 0123456789 0 1 2 3 4 5 6 7 8 9 10 11 12 p(w) i (a) t(av) = 180 360 0 25 50 75 100 125 0 2 4 6 8 10 12 14 i (a) t(av) t (c) case = 180 d.c.
characteristics TN1215, ts1220, tyn612, tyn812, tyn1012 4/13 doc id 7475 rev 7 figure 3. average and d.c. on-state current versus ambient temperature (dpak) figure 4. relative variation of thermal impedance junction to case versus pulse duration 0 25 50 75 100 125 0.0 0.5 1.0 1.5 2.0 2.5 3.0 i (a) t(av) t (c) amb = 180 d.c. dpak 2 dpak device mounted on fr4 with recommended pad layout 1e-3 1e-2 1e-1 1e+0 0.1 0.2 0.5 1.0 k=[z /r th(j-c) th(j-c) ] t (s) p figure 5. relative variation of thermal impedance junction to ambient versus pulse duration (dpak) figure 6. relative variation of gate trigger and holding current versus junction temperature for ts1220 series 1e-2 1e-1 1e+0 1e+1 1e+2 5e+2 0.01 0.10 1.00 k=[z /r th(j-a) th(j-a) ] t (s) p dpak to-220ab / ipak dpak 2 device mounted on fr4 with recommended pad layout -40 -20 0 20 40 60 80 100 120 140 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 t (c) j i,i,i[t] / gthl j i ,i ,i [t =25c] gt h l j i gt i h & i r = 1k l gk figure 7. relative variation of gate trigger and holding current versus junction temperature figure 8. relative variation of holding current versus gate-cathode resistance (typical values) -40 -20 0 20 40 60 80 100 120 140 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 i,i,i[t] / gthl j i ,i ,i [t =25c] gthl j t (c) j i gt i h & i l TN1215 and tynx12 series 1e-2 1e-1 1e+0 1e+1 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 r(k) gk i [r ] / i [ =1k ] hgk h r gk t j = 25c ts1220 series
TN1215, ts1220, tyn612, tyn812, tyn1012 characteristics doc id 7475 rev 7 5/13 figure 9. relative variation of dv/dt immunity versus gate-cathode resistance (typical values) for ts12 series figure 10. relative variation of dv/dt immunity versus gate-cathode capacitance (typical values) for ts12 series 0 200 400 600 800 1000 1200 0.1 1.0 10.0 r(k) gk dv/dt[r ] / dv/dt[ =220 ] gk r gk t j = 125c v = 0.67 x v d drm 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 c (nf) gk dv/dt[c ] / dv/dt[ =220 ] gk r gk t v = 0.67 x v = 125c r = 220 d drm gk j figure 11. surge peak on-state current versus number of cycles figure 12. non-repetitive surge peak on-state current and corresponding values of i2t versus sinusoidal pulse width 1 10 100 1000 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 i (a) tsm number of cycles non repetitive t initial=25c j repetitive t =105c c ts12 tn12 / tyn12 t =10ms p one cycle 0.01 0.10 1.00 10.00 10 100 1000 2000 i (a), i t (a s) tsm 22 t (ms) p i t 2 i tsm t initial = 25c j ts12 ts12 tn12 / tyn12 tn12 / tyn12 di/dt limitation figure 13. on-state characteristics (maximum values) figure 14. thermal resistance junction to ambient versus copper surface under tab (dpak and d 2 pa k ) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 1 10 100 200 i (a) tm v (v) tm t j =max t =25c j v =0.85v r =30m t max.: j t0 d 02468101214161820 0 20 40 60 80 100 s(cm2) r (c/w) th(j-a) dpak dpak 2 epoxy printed circuit board fr4 copper thickness = 35 m
ordering information scheme TN1215, ts1220, tyn612, tyn812, tyn1012 6/13 doc id 7475 rev 7 2 ordering information scheme figure 15. TN1215 series figure 16. ts1220 series figure 17. tynx12 series tn 12 15 - 600 b (-tr) standard scr series sensitivity voltage package packing mode current 12 = 12 a d pak) 15 = 15 ma 600 = 600 v 800 = 800 v b = dpak g = d pak h = ipak blank = tube -tr = tape and reel (dpak and 2 2 ts 12 20 - 600 b (-tr) sensitive scr series sensitivity voltage package packing mode current 12 = 12 a 20 = 200 a 600 = 600 v 700 = 700 v b = dpak h = ipak t = to-220ab blank = tube -tr = tape and reel tyn 6 12 t rg standard scr series packing mode voltage current sensitivity 6 = 600 v 8 = 800 v 10 = 1000 v 12 = 12 a blank = 15 ma t = 5 ma rg = tube
TN1215, ts1220, tyn612, tyn812, tyn1012 package information doc id 7475 rev 7 7/13 3 package information epoxy meets ul94, v0 lead-free packages in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. table 6. to-220ab dimensions (devices tynx12rg and tynx12trg) ref. dimensions millimeters inches min. typ. max. min. typ. max. a 15.20 15.90 0.598 0.625 a1 3.75 0.147 a2 13.00 14.00 0.511 0.551 b 10.00 10.40 0.393 0.409 b1 0.61 0.88 0.024 0.034 b2 1.23 1.32 0.048 0.051 c 4.40 4.60 0.173 0.181 c1 0.49 0.70 0.019 0.027 c2 2.40 2.72 0.094 0.107 e 2.40 2.70 0.094 0.106 f 6.20 6.60 0.244 0.259 ?i 3.75 3.85 0.147 0.151 i4 15.80 16.40 16.80 0.622 0.646 0.661 l 2.65 2.95 0.104 0.116 l2 1.14 1.70 0.044 0.066 l3 1.14 1.70 0.044 0.066 m2.60 0.102 c b2 c2 f ? i l a a1 a2 b e b1 i4 l3 l2 c1 m
package information TN1215, ts1220, tyn612, tyn812, tyn1012 8/13 doc id 7475 rev 7 table 7. to-220ab dimensions (device ts1220-xxxt) ref. dimensions millimeters inches min. max. min. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.066 f2 1.14 1.70 0.044 0.066 g 4.95 5.15 0.194 0.202 g1 2.40 2.70 0.094 0.106 h2 10 10.40 0.393 0.409 l2 16.4 typ. 0.645 typ. l4 13 14 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.20 6.60 0.244 0.259 l9 3.50 3.93 0.137 0.154 m 2.6 typ. 0.102 typ. diam. 3.75 3.85 0.147 0.151 a c d l7 dia l5 l6 l9 l4 f h2 g g1 l2 f2 f1 e m
TN1215, ts1220, tyn612, tyn812, tyn1012 package information doc id 7475 rev 7 9/13 table 8. ipak dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a 2.20 2.40 0.086 0.094 a1 0.90 1.10 0.035 0.043 a3 0.70 1.30 0.027 0.051 b 0.64 0.90 0.025 0.035 b2 5.20 5.40 0.204 0.212 b3 0.95 0.037 b5 0.30 0.035 c 0.45 0.60 0.017 0.023 c2 0.48 0.60 0.019 0.023 d 6 6.20 0.236 0.244 e 6.40 6.60 0.252 0.260 e2.28 0.090 g 4.40 4.60 0.173 0.181 h 16.10 0.634 l 9 9.40 0.354 0.370 l1 0.8 1.20 0.031 0.047 l2 0.80 1 0.031 0.039 v1 10 10 h l l1 g e b5 b v1 d c a1 a3 a c2 b3 l2 e b2
package information TN1215, ts1220, tyn612, tyn812, tyn1012 10/13 doc id 7475 rev 7 figure 18. dpak footprint dimensions (in millimeters) table 9. dpak dimensions ref. dimensions millimeters inches min. max. min. max. a 2.20 2.40 0.086 0.094 a1 0.90 1.10 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.90 0.025 0.035 b2 5.20 5.40 0.204 0.212 c 0.45 0.60 0.017 0.023 c2 0.48 0.60 0.018 0.023 d 6.00 6.20 0.236 0.244 e 6.40 6.60 0.251 0.259 g 4.40 4.60 0.173 0.181 h 9.35 10.10 0.368 0.397 l2 0.80 typ. 0.031 typ. l4 0.60 1.00 0.023 0.039 v2 0 8 0 8 h l4 g b l2 e b2 d a1 r r c a c2 0.60 min. v2 a2 6.7 6.7 3 3 1.6 1.6 2.3 2.3
TN1215, ts1220, tyn612, tyn812, tyn1012 package information doc id 7475 rev 7 11/13 figure 19. d 2 pak footprint dimensions (in millimeters) table 10. d 2 pak dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a 4.30 4.60 0.169 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.70 0.93 0.027 0.037 b2 1.25 1.40 0.048 0.055 c 0.45 0.60 0.017 0.024 c2 1.21 1.36 0.047 0.054 d 8.95 9.35 0.352 0.368 e 10.00 10.28 0.393 0.405 g 4.88 5.28 0.192 0.208 l 15.00 15.85 0.590 0.624 l2 1.27 1.40 0.050 0.055 l3 1.40 1.75 0.055 0.069 r 0.40 0.016 v2 0 8 0 8 g l l3 l2 b b2 e 2mm min. flat zone a c2 d r a2 v2 c a1 16.90 10.30 8.90 3.70 5.08 1.30
ordering information TN1215, ts1220, tyn612, tyn812, tyn1012 12/13 doc id 7475 rev 7 4 ordering information 5 revision history table 11. ordering information order code (1) 1. x (6, 7, 8, 10) depends upon voltage marking (1) package weight base qty delivery mode TN1215-x00b tn12 15x00 dpak 0.3 g 75 tube TN1215-x00b-tr tn12 15x00 dpak 0.3 g 2500 tape and reel TN1215-x00g TN1215x00g d 2 pak 1.5 g 50 tube TN1215-x00g-tr TN1215x00g d 2 pak 1.5 g 1000 tape and reel TN1215-x00h tn12 15x00 ipak 0.3 g 75 tube ts1220-x00b ts12 20x00 dpak 0.3 g 75 tube ts1220-x00b-tr ts12 20x00 dpak 0.3 g 2500 tape and reel ts1220-x00h ts12 20x00 ipak 0.3 g 75 tube ts1220-x00t ts1220600t to-220ab 2.3 g 50 tube tynx12rg tynx12 to-220ab 2.3 g 50 tube tynx12trg tynx12t to-220ab 2.3 g 50 tube table 12. document revision history date revision changes sep-2000 3 last update. 25-mar-2005 4 to-220ab delivery mode changed from bulk to tube. 14-oct-2005 5 changed sensitivity values in ta b l e 1 for tynx12 (30 to 15 ma) and tynx12t ( 15 to 5 ma). added ecopack statement. 08-mar-2007 6 reformatted to current standard. figure 15: TN1215 series product name corrected. figure 16: ts1220 series product name corrected. 12-oct-2009 7 added ts1220-xxxt device.
TN1215, ts1220, tyn612, tyn812, tyn1012 doc id 7475 rev 7 13/13 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of TN1215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X