1 csm_tl-m_ds_e_3_1 compact proximity sensor tl-m as easy to install as a microswitch ? a compact proximity sensor with the feel of a microswitch. be sure to read safety precautions on page 4. ordering information note: models with different frequencies are also available. the model numbers are tl-m @ m @@ 5 (e.g., TL-M2ME15). ratings and specifications appearance sensing distance output specifications model operation mode no nc dc 3-wire, npn voltage output TL-M2ME1 2m tl-m2me2 2m ac 2 wire tl-m2my1 2m --- dc 3-wire, npn voltage output tl-m5me1 2m tl-m5me2 2m ac 2 wire tl-m5my1 2m --- item model TL-M2ME1, tl-m2me2, tl-m2my1 tl-m5me1, tl-m5me2, tl-m5my1 sensing distance 2 mm 10% 5 mm 10% set distance 0 to 1.6 mm 0 to 4 mm differential travel 10% max. of sensing distance detectable object ferrous metal (the sensing distance decreas es with non-ferrous metal. refer to engineering data on page 2.) standard sensing object iron, 15 15 1 mm response frequency e models: 500 hz, y models: 20 hz e models: 250 hz, y models: 20 hz power supply voltage (operating voltage range) e models: 12 to 24 vdc (10 to 30 vdc), ripple (p-p): 20% max. y models: 100 to 220 vac (90 to 250 vac), 50/60 hz current consumption e models: 15 ma max. at 24 vdc (no-load) leakage current y models: 2.5 ma max. at 200 vac control output load current e models: 100 ma max. at 12 vdc, 200 ma max. at 24 vdc y models: 10 to 200 ma residual voltage e models: 1 v max. y models: refer to residual output voltage under engineering data on page 3 . indicators e models: detection indicator (red) y models: operation indicator (red) operation mode (with sens- ing object approaching) e1/y1 models: no e2 models: nc protection circuits e models: reverse polarity pr otection, surge suppressor y models: surge suppressor ambient temperature range operating/storage: ? 25 to 70 c (with no icing or condensation) ambient humidity range operating/storage: 35% to 95% (with no condensation) microswitch type 2 mm 5 mm refer to the timing charts under i/o circuit diagrams on page 3 for details.
tl-m 2 engineering data (typical) item model TL-M2ME1, tl-m2me2, tl-m2my1 tl-m5me1, tl-m5me2, tl-m5my1 temperature influence 10% max. of sensing distance at 23 c in the temperature range of ? 25 to 70 c voltage influence e models: 2.5% max. of sensing distance at rated voltage in the rated voltage 15% range y models: 1% max. of sensing distance at rated voltage in the rated voltage 10% range insulation resistance 50 m ? min. (at 500 vdc) between current-carrying parts and case dielectric strength e models: 500 vac, 50/60 hz for 1 min be tween current-carrying parts and case y models: 2,000 vac, 50/60 hz for 1 min between current-carrying parts and case vibration resistance destruction: 10 to 55 hz, 1.5-mm double amplitude for 2 hours each in x, y, and z directions shock resistance destruction: 500 m/s 2 10 times each in x, y, and z directions degree of protection iec 60529 ip67, in-house standards: oil-resistant connection method pre-wired models (standard cable length: 2 m) weight (packed state) approx. 75 g materials case heat-resistant abs sensing surface accessories instruction manual sensing area leakage current tl-m2 @ /m5 @ tl-m @ my1 influence of sensing object size and material tl-m2me tl-m2my1 tl-m5m x 6 5 4 3 2 1 0 ? 4 ? 6 ? 8 y 8 6 4 2 0 ? 2 tl-m5m standard sensing object iron, 15 15 t = 1 mm tl-m2m standard sensing object iron, 12 12 t = 1 mm distance x (mm) sensing head distance y (mm) 3 2 100 150 90 0 1 6 5 4 a 250 200 power supply voltage (v) protective resistance ac power leakage current (ma) 1.0 0.5 0 2.5 2.0 1.5 50 40 30 20 10 x d d t = 1 mm side length of sensing object: d (mm) stainless steel (sus304) note: does not operate for brass or aluminum. iron distance x (mm) 1.0 0.5 20 10 0 2.5 2.0 1.5 x 50 40 30 d d t = 1 mm side length of sensing object: d (mm) stainless steel (sus304) aluminum iron brass distance x (mm) 2 1 10 0 6 5 4 3 60 50 40 30 20 x d d t = 1 mm side length of sensing object: d (mm) stainless steel (sus304) aluminum iron brass distance x (mm)
tl-m 3 i/o circuit diagrams dc 3-wire models ac 2-wire models residual output voltage tl-m @ my1 at 100 vac tl-m @ my1 at 200 vac operation mode output specifi- cations model timing chart output circuit no npn TL-M2ME1 tl-m5me1 nc tl-m2me2 tl-m5me2 100 vac a 50 v on 100 010 5 200 50 100 150 off load current (ma) residual output voltage residual load voltage load voltage v l (v) 50 010 50 5 off 200 100 150 v a 200 vac on load current (ma) 20 residual output voltage residual load voltage load voltage v l (v) sensing object present none load (between brown and black leads) operate reset output voltage (between black and blue leads) high low detection indicator (red) on off *1. 200 ma max. (load current). *2. when a transistor is connected. 100 ? 4.7 k ? 2.2 ? *2 0 v tr +v *1 load brown black blue output prox- imity sensor main circuit sensing object present none load (between brown and black leads) operate reset output voltage (between black and blue leads) high low detection indicator (red) on off operation mode model timing chart output circuit no tl-m2my1 tl-m5my1 sensing object present none load operate reset operation indicator (red) on off prox- imity sensor main circuit load blue brown
tl-m 4 safety precautions refer to warranty and limitations of liability . this product is not designed or rated for ensuring safety of persons either directly or indirectly. do not use it for such purposes. do not use this product under ambi ent conditions that exceed the ratings. design influence of surrounding metal when installing sensors on metal surfac es or near metal, ensure that the minimum distances given in t he following table are maintained. influence of surrounding metal (unit: mm) mutual interference when installing sensors face-to-face or side-by-side, ensure that the minimum distances given in the following table are maintained. mutual interference (unit: mm) note: values in parentheses apply to sensors operating at different frequencies. mounting the maximum tightening torque th at should be applied to the mounting screws is 0.98 nm. dimensions warning precautions for correct use model distance a b c tl-m2m 12 10 15 tl-m5m 18 25 30 a b c note: for direct mounting, the distance ?c? will equal 0 only in the shaded section of the above left-side section. model distance a b c d tl-m2m 60 (30) 40 (0) 30 (0) 10 (0) tl-m5m 120 (60) 80 (40) 70 (30) 50 (10) a b c d (unit: mm) tolerance class it16 applies to dimensions in this data sheet unless otherwise specified. 10 dia. 23.3 18.7 4 18.7 17.5 28.45 25.4 0.2 11.9 49.2 4.36 4.2 indicator * e models: 4-dia. vinyl-insulated round cable with 3 conductors (conductor cross section: 0.2 mm 2 , insulator diameter: 1.2 mm), standard length: 2 m y models: 4-dia. vinyl-insulated round cable with 2 conductors (conductor cross section: 0.3 mm 2 , insulator diameter: 1.3 mm), standard length: 2 m * e models: detection indicator (red), y models: operation indicator (red) tl-m2m 25.4 0.2 11.9 49.2 18.7 10 24.7 4.2 4.36 10 dia. 23.3 17.5 28.45 indicator * e models: 4-dia. vinyl-insulated round cable with 3 conductors (conductor cross section: 0.2 mm 2 , insulator diameter: 1.2 mm), standard length: 2 m y models: 4-dia. vinyl-insulated round cable with 2 conductors (conductor cross section: 0.3 mm 2 , insulator diameter: 1.3 mm), standard length: 2 m * e models: detection indicator (red), y models: operation indicator (red) tl-m5m
|