Part Number Hot Search : 
L15PF EGL34A 10560 B86612P 625ETT MAX2036 1206L C506BX
Product Description
Full Text Search
 

To Download TEX120112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 3 industrial power supplies tex series, 120 watt features rugged power supplies for harsh outdoor environments die-cast aluminium housing dust, water (incl. salt water), ice and oil resistant enclosure ip67 and nema 4x rated connection via waterproof i/o plug-connectors shock & vibration proof construction operating temp. range C40c to +85c universal input 85 to 264 vac output voltage adjustable dc-ok indicator low ripple and noise worldwide safety approvals class i, zone 2 approval incl. atex certifcation 3-year product warranty these power supplies have been designed particularly for applications in extreme environments. the rugged die-cast aluminium housing is water, ice, oil and dust resistant in compliance with ip67 and nema 4x standards. the metal case works as an effcient heatsink allowing full power operation at up to +60c ambient tem - perature (no fan required). with a shock and vibration proof construction the power supplies can be mounted directly on a machine. an international safety approval package includes cb scheme as well as atex cer - tifcation and iecex test report of conformity for applications in hazardous locations i.e in chemical or food processing industries. the tex series offers a cost effcient solution for de-centralized power systems in industrial automation applications with critical environment conditions. cb scheme ip67 ul 50 8 order code output power (max.) output voltage* (nom.) output current (max.) tex 120-112 96 w 12 vdc 8.0 a tex 120-124 120 w 24 vdc 5.0 a models * adjustable http://www.tracopower.com
page 2 of 3 industrial power supplies tex 120 series 120 watt input specifications input voltage C nominal 100 C 240 vac C ac range 85 C 264 vac C dc range 85 C 375 vdc (power derating tba.) input frequency 47 C 63 hz harmonic limits en 61000-3-2, class a input current at full load (typ.) 1.0 a at 230 vac, 2.0 a at 115 vac recommended circuit breaker (characteristic c or slow blow fuse) 5.0 a output specifications output voltage adjustable range 12 vdc model: 12 C 15 vdc 24 vdc model: 24 C 28 vdc output regulation (10 to 90% load variation) 2.5 % ripple and noise (20mhz bandwidth) <50 mv pk-pk electronic short circuit protection current limitation at 110 % typ. (automatic recovery) output overvoltage protection <40 v hold-up time >20 ms general specifications temperature range C operating C40c to +85c max. C rated for atex certification C40c to +70c max. C storage C40c to +85c max. power derating above 60c 2.0 %/k safety standards C information technology equipment iec/en 60950-1 C control equipment for hazardous location u l fil e e213613 (class i, division 1 & 2, group a, b, c & d, t4) C electrical equip. for potentially explosive atmospheres iec/en 60 079-15 (class i, zone 2, eex na iic t4) C industrial control equipment ul 508, file e210002 C electrical equip. for measurement, control, laboratory iec/en 61010-1, c22.2 61010-1-12, ul 61010-1 3rd C electrical equipment for machines en 60204-3 C electronic equipment for power installation en 5 0178 C safety transformers en 61558-2-8 safety approvals C ul 508 www.tracopower.com/products/tex120-ul508.pdf and certifications C ul hazloc www.tracopower.com/products/tex120-hazloc.pdf C cb test certificate iec 60950-1 www.tracopower.com/products/tex120-cb.pdf C siq certificate en 60950-1, en 60204, en50178 www.tracopower.com/products/tex120-en.pdf C cb test certificate iec 61010-1:2010 (3rd-edition) www.tracopower.com/products/tex120-cb61010.pdf C siq certificate en 61010-1:2010 www.tracopower.com/products/tex120-en61010.pdf C csa certificate ul 61010-1 (3rd-edition) www.tracopower.com/products/tex120-csa61010.pdf C atex, en 60079-15 www.tracopower.com/products/tex120-atex.pdf C iecex test report iec 60079-15 www.tracopower.com/products/tex120-iecex.pdf electromagnetic compatibility (emc), emissions en 61000-6-3 C conducted ri suppression on input en 55022 class b C radiated ri suppression en 55022 class b C harmonic limits en 61000-3-2, class a electromagnetic compatibility (emc), immunity en 61000-6-2 C electrostatic discharge (esd) en 61000-4-2, 8 kv / 15 kv, perf. criteria a C radiated rf field immunity en 61000-4-3, 10 v/m, perf. criteria a C electrical fast transient / burst immunity input en 61000-4-4, 4 kv, perf. criteria a C electrical fast transient / burst immunity output en 61000-4-4, 2 kv, perf. criteria a C surge immunity line C neutral en 61000-4-5, 4 kv, perf. criteria a C surge immunity line C ground en 61000-4-5, 2 kv, perf. criteria a C surge immunity neutral C ground en 61000-4-5, 4 kv, perf. criteria a C surge immunity output en 61000-4-5, 0.5 kv, perf. criteria a C immunity to conducted rf disturbances en 61000-4-6, 10 v, perf. criteria a C mains voltage dips and interruptions en 61000-4-11, 30 % /10 ms, criteria b, en 61000-4-11, 60 % /100 ms, criteria c all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. http://www.tracopower.com
page 3 of 3 industrial power supplies tex 120 series 120 watt rev. october 09. 2013 material: die-cast aluminium weight: 1000 g (35.3 oz) dimensions in [mm], () = inch tolerances: 0.5 mm (0.02) general specifications safety class degree of protection class i case protection ip 67 ( iec 60529), nema 4x rated, ul 50 C degree of protection (ip67) www.tracopower.com/products/tex120-ip.pdf C water intrusion test www.tracopower.com/products/tex120-water.pdf C dust test www.tracopower.com/products/tex120-dust.pdf C icing test www.tracopower.com/products/tex120-icing.pdf C oil exclusion test www.tracopower.com/products/tex120-oil.pdf C salt spray test www.tracopower.com/products/tex120-salt.pdf C gasket aging test www.tracopower.com/products/tex120-aging.pdf C hosedown test www.tracopower.com/products/tex120-hose.pdf humidity up to 100 % rel. h with condensation reliability (calculated mtbf at +40c according iec 61709) >900000h environment C vibration iec 60068-2-6, 3 axis, sine sweep, 10C55hz, 1g, 1 oct/min C shock iec 60068-2-27, 3 axis, 15g half sine, 11ms environmental compliance C reach www.tracopower.com/products/tex-reach.pdf C rohs rohs directive 2011/65/eu altitude 3000 m max. (10000 ft) installation instructions www.tracopower.com/products/tex120-inst.pdf case dimensions 174 (6.85) 164 (6.46) 154 (6.06) 93 (3.66) 83 (3.27) 56 (2.20) input output 4 x ? 4.8 (0.19) 7.0 (0.28) 1 1 1 l 1 - 4 + inputo utpu t 2 n 2 - 5 + 3 - 6 + pe 2 2 3 4 5 6 7 7 case connectors not included in shipment! (units are supplied with sealing connector caps) tex-p11 ac input connector: binder 3-pin female circular plug 99-4222-14-04 tex-p21 dc output connector: binder: 7-pin male circular plug 99-4225-160-07 tex-c11 tex-ip-assy input cable assembly 2m, (wire to pin reference comes with cable) tex-c21 tex-op-assy output cable assembly 2m, (wire to pin reference comes with cable) accessories accessories * * units delivered before mid 2010 are equipped with amphenol sockets see: www.tracopower.com/products/tex120-amphenol.pdf sp ec i?cati ons can be changed wi thout noti ce! make sure you are using the latest documentation, downloadable at www.tracopower. com www .tracopower. com


▲Up To Search▲   

 
Price & Availability of TEX120112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X