Part Number Hot Search : 
Z5225 D1704 NTE15044 2N6071B HD74L 4VHCT0 MAX5913 F06T4
Product Description
Full Text Search
 

To Download STTH1L06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STTH1L06/u/a turbo 2 ultrafast high voltage rectifier the STTH1L06/u/a, which is using st turbo 2 600v technology, is specially suited as boost diode in discontinuous or critical mode power factor corrections. the device is also intended for use as a free wheeling diode in power supplies and other power switching applications. description n ultrafast switching n low reverse recovery current n reduces switching & conduction losses n low thermal resistance features and benefits symbol parameter value unit v rrm repetitive peak reverse voltage 600 v i f(rms) rms forward current do-41 sma / smb 10 7 a i f(av) average forward current tl = 120c d = 0.5 do-41 ti = 135c d = 0.5 sma ti = 145c d = 0.5 smb 1 1 1 a i fsm surge non repetitive forward current tp = 10 ms sinusoidal do-41 tp = 10 ms sinusoidal sma / smb 30 20 a t stg storage temperature range - 65 + 175 c tj maximum operating junction temperature + 175 c absolute ratings (limiting values) i f(av) 1a v rrm 600 v i r (max) 75 a tj (max) 175 c v f (max) 1.05 v trr (max) 80 ns main product characteristics do-41 STTH1L06 smb STTH1L06u sma STTH1L06a product specification 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
STTH1L06/u/a symbol parameter tests conditions min. typ. max. unit i r reverse leakage current v r = 600v tj = 25c 1 m a tj = 150c 10 75 v f forward voltage drop i f = 1 a tj = 25c 1.3 v tj = 150c 0.85 1.05 to evaluate the maximum conduction losses use the following equation : p=0.89xi f(av) + 0.165 i f 2 (rms) static electrical characteristics symbol parameter maximum unit r th (j-l) junction to lead l = 10 mm do-41 45 c/w sma 30 smb 25 r th (j-a) junction to ambient (note 1) l = 10 mm do-41 70 note 1: rth(j-a) is measured with a copper are as=5cm 2 (see fig 12) thermal parameters symbol parameter tests conditions min. typ. max. unit trr reverse recovery time i f =1a di f /dt=-50 a/s v r = 30v tj = 25c 55 80 ns tfr forward recovery time i f =1a di f /dt = 100 a/ m s v fr = 3.5v tj = 25c 50 ns v fp forward recovery voltage if=1a di f /dt = 100 a/ m s tj = 25c 10 v dynamic electrical characteristics product specification 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
STTH1L06/u/a package mechanical data do-41 ca b o / o / d o / d c ref. dimensions millimeters inches min. max. min. max. a 4.07 5.20 0.160 0.205 b 2.04 2.71 0.080 0.107 c 28 1.102 d 0.712 0.863 0.028 0.034 ordering code marking package weight base qty delivery mode STTH1L06 STTH1L06 do-41 0.34 g 2000 ammopack STTH1L06rl STTH1L06 do-41 0.34 g 5000 tape & reel STTH1L06u bl6 smb 0.11 g 2500 tape & reel STTH1L06a hl6 sma 0.068 g 5000 tape & reel n epoxy meets ul 94,v0 n band indicated cathode n bending method: application note an1471 product specification 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of STTH1L06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X