Part Number Hot Search : 
2750060 09071 BYM26B URAF0820 HA124 20D431K HFP35N75 SPD3900
Product Description
Full Text Search
 

To Download STA3350PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t0o085-000 1 STA3350PI pnp silicon transistor pin connection to-220f-3l applications ? power amplifier application ? high current switching application features ? low saturation voltage : v ce(sat) =-0.15v typ. @ i c =-1a, i b =-50ma ? large collector current capacity: i c =-3a ? to-220f-3l dip type package ordering information absolute maximum ratings [ta=25 ] characteristic symbol rating unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -6 v i c -3 a(dc) collector current i cp * -6 a(pulse) collector power dissipation(t c =25 c) p c 10 w junction temperature t j 150 c storage temperature range t stg -55~150 c * : single pulse, tp= 300 ? electrical characteristics [ta=25 ] characteristic symbol test condition min. typ. max. unit collector-emitter breakdown voltage bv ceo i c =-1ma, i b =0 -50 - - v collector cut-off current i cbo v cb =-50v, i e =0 - - -1 a emitter cut-off current i ebo v eb =-6v, i c =0 - - -1 a h fe v ce =-2v, i c =-0.5a * 120 - 240 dc current gain h fe v ce =-2v, i c =-2a * 40 - - collector-emitter saturation voltage v ce(sat) i c =-1a, i b =-0.05a * - - -0.35 v base-emitter saturation voltage v be(sat) i c =-2a, i b =-0.1a * - -0.97 -1.2 v transition frequency f t v ce =-10v, i c =-0.05a - 250 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 28 - pf tu r n - o n t i m e t on - 100 - storage time t stg - 300 - switching time fall time t f - 50 - ns *: pulse test : t p 300s, duty cycle 2% type no. marking package code STA3350PI sta3350 to-220f-3l <
ksd-t0o085-000 2 STA3350PI electrical characteristic curves fig. 1 p c - t a fig. 2 i c - v be fig. 3 i c - v ce fig. 4 h fe - i c fig. 5 v ce ( sat ) - i c fig. 6 v be ( sat ) - i c
ksd-t0o085-000 3 STA3350PI electrical characteristic curves fig. 7 c ob - v cb fig. 8 safe operating area
ksd-t0o085-000 4 STA3350PI outline dimension
ksd-t0o085-000 5 STA3350PI the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of STA3350PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X