Part Number Hot Search : 
AN7116 1N5349 SBT3906 CY7C15 20100 ON0527 V24B12C KE47A
Product Description
Full Text Search
 

To Download SSM6N7002FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ty semiconductor reliability handbook (?handling SSM6N7002FU high speed switching applications analog switch applications ? small package ? low on resistance : r on = 3.3 (max) (@v gs = 4.5 v) : r on = 3.2 (max) (@v gs = 5 v) : r on = 3.0 (max) (@v gs = 10 v) absolute maximum ratings (ta = 25c) (q1, q2 common) characteristics symbol rating unit drain-source voltage v ds 60 v gate-source voltage v gss 20 v dc i d 200 drain current pulse i dp 800 ma drain power dissipation (ta = 25c) p d (note 1) 300 mw channel temperature t ch 150 c storage temperature range t stg ? 55~150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/vol tage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: total rating, mounted on fr4 board (25.4 mm 25.4 mm 1.6 t, cu pad: 0.32mm 2 6) marking equivalent circuit (top view) handling precaution when handling individual devices (which are not yet mount ing on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. unit: mm nc 6 5 4 1 2 3 q1 q2 654 123 0.4 mm 0.8 mm 1.source1 2.gate1 3.drain2 4.source2 5.gate2 6.drain1 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
2007-11-01 2 electrical characteristics (ta = 25c) (q1, q2 common) characteristics symbol test condition min typ max unit gate leakage current i gss v gs = 20 v, v ds = 0 ? ? 10 a drain-source breakdown voltage v (br) dss i d = 0.1 ma, v gs = 0 60 ? ? v drain cut-off current i dss v ds = 60 v, v gs = 0 ? ? 1 a gate threshold voltage v th v ds = 10 v, i d = 0.25 ma 1.0 ? 2.5 v forward transfer admittance ? y fs ? v ds = 10 v, i d = 200 ma 170 ? ? ms i d = 500 ma, v gs = 10 v ? 2.0 3.0 i d = 100 ma, v gs = 5 v ? 2.1 3.2 drain-source on resistance r ds (on) i d = 100 ma, v gs = 4.5 v ? 2.2 3.3 input capacitance c iss ? 17 ? pf reverse transfer capacitance c rss ? 1.4 ? pf output capacitance c oss v ds = 25 v, v gs = 0, f = 1 mhz ? 5.8 ? pf turn-on delay time td (on) ? 2.4 4.0 switching time turn-off delay time td (off) v dd = 30v, i d = 200 ma, v gs = 0 ~ 10v ? 26 40 ns switching time test circuit precaution v th can be expressed as voltage between gate and source when low operating current value is i d =250 a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th . (relationship can be established as follows: v gs (off) < v th < v gs (on) ) please take this into consideration for using the device. v dd = 30 v duty < = 1% v in : t r , t f < 2 ns (z out = 50 ) common source ta = 25c in v dd out 50 r l (c) v out (b) v in (a) test circuit 10v 0 10 s td (on) 90% 10% 0 v 10 v 10% 90% td (off) t r t f v dd v ds ( on ) 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com SSM6N7002FU product specification


▲Up To Search▲   

 
Price & Availability of SSM6N7002FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X