Part Number Hot Search : 
CZT3055 SCL4002B 14D781K TDA6120 Z5SMC15 SBH1540S SI4450 TA8132AN
Product Description
Full Text Search
 

To Download SSM6N09FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM6N09FU high speed switching applications  small package  low drain-source on resistance. : r on = 0.7 ? (max) (@v gs = 1 0 v) : r on = 1 .2 ? (max) (@v gs = 4 v) maximum ratings (ta     25c) (q1, q2 common) characteristics symbol rating unit drain-source voltage v ds 30 v gate-source voltage v gss  20 v dc i d 400 drain current pulse i dp 800 ma drain power dissipation (ta  25c) p d (note1) 300 mw channel temperature t ch 150 c storage temperature range t stg  55~150 c note1: total rating, mounted on fr4 board (25.4 mm  25.4 mm  1.6 t, cu pad: 0.32 mm 2  6) figure 1. handling precaution when handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. unit: mm weight: 6.8 mg (typ.) product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
marking equivalent circuit figure 1: 25.4 mm     25.4 mm     1.6 t, (top view) cu pad: 0.32 mm 2     6 electrical characteristics (ta     25c) (q1, q2 common) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs   16 v, v ds  0    1  a drain-source breakdown voltage v (br) dss i d  1 ma, v gs  0 30   v  drain cut-off current i dss v ds  30 v, v gs  0   1  a gate threshold voltage v th v ds  5 v, i d  0.1 ma 1.1  1.8 v  forward transfer admittance  y fs  v ds  5 v, i d  200 ma (note2) 270   ms i d  200 ma, v gs  10 v (note2)  0.53 0.7 i d  200 ma, v gs  4 v (note2)  0.8 1.2 drain-source on resistance r ds (on) i d  200 ma, v gs  3.3 v (note2)  1.0 1.7  input capacitance c iss v ds  5 v, v gs  0, f  1 mhz  20  pf reverse transfer capacitance c rss v ds  5 v, v gs  0, f  1 mhz  7  pf output capacitance c oss v ds  5 v, v gs  0, f  1 mhz   16  pf turn-on time t on  72  switching time turn-off time t off v dd  5 v, i d  200 ma, v gs  0~4 v  68  ns note2: pulse test switching time test circuit (q1, q2 common) precaution v th can be expressed as voltage between gate and source when low operating current value is i d  1 00  a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th . (relationship can be established as follows: v gs (off)  v th  v gs (on) ) please take this into consideration for using the device. v gs recommended voltage of 4 v or higher to turn on this product. (c) v out (b) v in t on 90% 10% 0 v 4 v 10% 90% t off t r t f v dd v ds ( on ) v dd  5 v duty   1% v in : t r , t f 5 ns (z out  50  ) common source ta  25c v dd out in 4 v 0 10  s 50  r l (a) test circuit d j 6 5 4 1 2 3 q1 q2 6 5 4 1 2 3 0.4 mm 0.8 mm SSM6N09FU product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SSM6N09FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X