Part Number Hot Search : 
ASI10597 T74FS 2SD382 UG1005 IMP1233D ADN2849 BY254GP LBC847C
Product Description
Full Text Search
 

To Download SMAZ15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document ap02001, which can be found on our website at www.twtysemi.com smaz5v1 - smaz39 1.0w surface mount zener diode  1.0w power dissipation  high surge capability  ideally suited for automatic assembly  5.1v - 39v nominal zener voltage range  standard v z tolerance is 5% features maximum ratings @t a = 25c unless otherwise specified  case: sma, molded plastic  plastic material: ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  marking: marking & date code (see page 2)  ordering information: see page 2  polarity: cathode notch or cathode band  weight: 0.064 grams (approx.) mechanical data a b c d g h e j characteristic symbol value unit zener current (see table page 2) i zm pd / v z ma forward voltage @i f = 200ma v f 1.2 v power dissipation @t a = 50c derate above 50c (note 1) p d 1.0 8.0 w mw/c typical thermal resistance - junction to terminal (note 1) r  jt 30 c/w typical thermal resistance - junction to ambient (note 1) r  ja 125 c/w operating and storage temperature range t j ,t stg -65 to +150 c sma dim min max a 2.29 2.92 b 4.00 4.60 c 1.27 1.63 d 0.15 0.31 e 4.80 5.59 g 0.10 0.20 h 0.76 1.52 j 2.01 2.62 all dimensions in mm notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics @t a = 25c unless otherwise noted type number (note 3) marking code zener voltage range (note 2) test current maximum zener impedance maximum reverse current i zm max (note 1) v z @ i zt i zt z zt @ i zt z zk @ i zk i r @ v r nom (v) min (v) max (v) ma  ma a v ma smaz5v1 zhk 5.1 4.84 5.40 100 5.0 500 1.0 2.5 1.0 196 smaz5v6 zhl 5.60 5.32 5.88 100 2.0 250 2.0 5.0 2.0 179 smaz6v2 zhn 6.20 5.89 6.51 100 2.0 200 2.0 5.0 3.0 161 smaz6v8 zho 6.80 6.46 7.14 100 2.0 200 1.0 5.0 4.0 147 smaz7v5 zhq 7.50 7.13 7.88 100 2.0 450 1.0 5.0 5.0 133 smaz8v2 zhr 8.20 7.79 8.61 100 2.0 200 1.0 5.0 6.0 122 smaz9v1 zht 9.10 8.65 9.56 50 4.0 200 1.0 5.0 7.0 110 smaz10 zhu 10.00 9.50 10.50 50 4.0 200 1.0 1.0 7.6 100 smaz12 zhw 12.00 11.40 12.60 50 7.0 150 1.0 1.0 9.1 83 SMAZ15 zhz 15.00 14.25 15.75 50 10 150 1.0 1.0 11.4 67 smaz16 zja 16.00 15.20 16.80 25 15 150 1.0 0.5 12.2 63 smaz18 zjf 18.00 17.10 18.90 25 15 150 1.0 0.5 13.7 56 smaz20 zjg 20.00 19.00 21.00 25 15 180 1.0 0.5 15.2 50 smaz22 zjk 22.00 20.90 23.10 25 15 180 1.0 0.5 16.7 45 smaz24 zjl 24.00 22.80 25.20 25 15 180 1.0 0.5 18.2 42 smaz27 zjn 27.00 25.65 28.35 25 15 200 1.0 0.5 20.5 37 smaz30 zjq 30.00 28.50 31.50 25 15 250 1.0 0.5 22.8 33 smaz33 zjr 33.00 31.35 34.65 25 15 300 1.0 0.5 25.1 30 smaz36 zjs 36.00 34.20 37.80 10 40 350 1.0 0.5 27.4 28 smaz39 zjt 39.00 37.05 40.95 10 40 450 1.0 0.5 29.6 26 notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. 3. zener voltages below 5.1v available upon request. please contact diodes, inc. sales department for more info rmation. 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. *x = device voltage, e.g smaz5v1-13. ordering information device * packaging shipping smazx-13 sma 5000/tape & reel xxx = product type marking code, ex. zhk = smaz5v 1 = manufacturers? code marking yww = date code marking y = last digit of year ex: 2 for 2002 ww=weekcode01to52 yww xxx marking information (note 4) product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SMAZ15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X